Part Number Hot Search : 
CY7C21 EL7114CN SX123110 2SAR553P DR204 T6336A DG411DJ TPAM05S
Product Description
Full Text Search
 

To Download S3P7235 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S3C7238/P7238/C7235/P7235
PRODUCT OVERVIEW
1
OVERVIEW
PRODUCT OVERVIEW
The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsung's newest 4-bit CPU core, SAM47 (Samsung Arrangeable Microcontrollers). With features such as LCD direct drive capability, 8-bit timer/counter, and serial I/O, the S3C7238/C7235 offer an excellent design solution for a wide variety of applications that require LCD functions. Up to 40 pins of the 80-pin QFP package can be dedicated to I/O. Six vectored interrupts provide fast response to internal and external events. In addition, the S3C7238/C7235's advanced CMOS technology provides for low power consumption and a wide operating voltage range.
OTP
The S3C7238/C7235 microcontroller is also available in OTP (One Time Programmable) version, S3P7238/P7235. S3P7238/P7235 microcontroller has an on-chip 8/16-Kbyte one-time-programmable EPROM instead of masked ROM. The S3P7238/P7235 is comparable to S3C7238/C7235, both in function and in pin configuration.
1-1
PRODUCT OVERVIEW
S3C7238/P7238/C7235/P7235
FEATURES
Memory - - - 512 x 4-bit RAM 8 K x 8-bit ROM (S3C7238/P7238) 16 K x 8-bit ROM (S3C7235/P7235) Bit Sequential Carrier - Support 16-bit serial data transfer in arbitrary format
Interrupts - - - Three internal vectored interrupts Three external vectored interrupts Two quasi-interrupts
I/O Pins - - - Input only: 8 pins I/O: 24 pins Output: 8 pins sharing with segment driver outputs
Memory-Mapped I/O Structure - Data memory bank 15
LCD Controller/Driver - - - Maximum 16-digit LCD direct drive capability 32 segment, 4 common pins Display modes: Static, 1/2 duty (1/2 bias), 1/3 duty (1/2 or 1/3 bias), 1/4 duty (1/3 bias)
Two Power-Down Modes - - Idle mode (only CPU clock stops) Stop mode (main or sub system oscillation stops)
8-Bit Basic Timer - - Programmable interval timer Watchdog timer
Oscillation Sources - - - - - Crystal, ceramic, or RC for main system clock Crystal or external oscillator for subsystem clock Main system clock frequency: 4.19 MHz (typical) Subsystem clock frequency: 32.768 kHz CPU clock divider circuit (by 4, 8, or 64)
8-Bit Timer/Counter 0 - - - - Programmable 8-bit timer External event counter Arbitrary clock frequency output Serial I/O interface clock generator
Instruction Execution Times - - 0.95, 1.91, 15.3 s at 4.19 MHz (main) 122 s at 32.768 kHz (subsystem)
Watch Timer - - - Real-time and interval time measurement Four frequency outputs to BUZ pin Clock source generation for LCD
Operating Temperature - - 40 C to 85 C
8-Bit Serial I/O Interface - - - - 8-bit transmit/receive mode 8-bit receive only mode LSB-first or MSB-first transmission selectable Internal or external clock source
Operating Voltage Range - 1.8 V to 5.5 V
Package Type - 80-pin QFP
1-2
S3C7238/P7238/C7235/P7235
PRODUCT OVERVIEW
BLOCK DIAGRAM
Watch-Dog Timer
Basic Timer
Watch Timer
P2.3/BUZ BIAS VLC0-VLC2 LCDCK/P3.0 LCDSY/P3.1 COM0-COM3 SEG0-SEG23 P8.0-P8.7/ SEG24-SEG31 P0.0/INT4 P0.1/SCK P0.2/SO P0.3/SI P1.0/INT0 P1.1/INT1 P1.2/INT2 P1.3/TCL0 P2.0/TCLO0 P2.1 P2.2/CLO P2.3/BUZ P3.0/LCDCK P3.1/LCDSY P3.2 P3.3
INT0, INT1,INT2 P1.3/TCL0 P2.0/TCLO0 8-Bit Timer/ Counter 0
RESET
XIN XTIN
XOUT XTOUT LCD Drive/ Controller
Interrupt Control Block
Clock
Instruction Register
P4.0-P4.3 P5.0-P5.3
I/O Port 3 I/O Port 4
4-Bit Accumulator Internal Interrupts I/O Port 0 Program Counter
P6.0-P6.3/ KS0-KS3 P7.0-P7.3/ KS4-KS7
I/O Port 6 I/O Port 7
Instruction Decoder
Program Status Word
Input Port 1
FLAGS Arithmetic and Logic Unit Stack Pointer
I/O Port 2
P8.0-P8.7/ SEG24-SEG31
I/O Port 8
I/O Port 3
512 x 4-Bit Data Memory
8/16-Kbyte Program Memory
Serial I/O Port
P0.1 P0.2 P0.3 /SCK /SO /SI
Figure 1-1. S3C7238/C7235 Simplified Block Diagram
1-3
PRODUCT OVERVIEW
S3C7238/P7238/C7235/P7235
PIN ASSIGNMENTS
SEG2 SEG1 SEG0 COM0 COM1 COM2 COM3 BIAS VLC0 SDAT / VLC1 SCLK / VLC2 VDD / VDD VSS / VSS Xout Xin TEST / TEST XTin XTout RESET / RESET P0.0/INT4 P0.1/SCK P0.2/SO P0.3/SI P1.0/INT0
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG17 SEG18
S3C7238 S3C7235
(TOP VIEW)
SEG19 SEG20 SEG21 SEG22 SEG23 P8.0/SEG24 P8.1/SEG25 P8.2/SEG26 P8.3/SEG27 P8.4/SEG28 P8.5/SEG29 P8.6/SEG30 P8.7/SEG31 P7.3/KS7 P7.2/KS6 P7.1/KS5 P7.0/KS4 P6.3/KS3 P6.2/KS2 P6.1/KS1 P6.0/KS0 P5.3 P5.2 P5.1
Figure 1-2. S3C7238/C7235 80-QFP Pin Assignment Diagram
1-4
P1.1/INT1 P1.2/INT2 P1.3/TCL0 P2.0/TCLO0 P2.1 P2.2/CLO P2.3/BUZ P3.0/LCDCK P3.1/SCDSY P3.2 P3.3 P4.0 P4.1 P4.2 P4.3 P5.0
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
S3C7238/P7238/C7235/P7235
PRODUCT OVERVIEW
PIN DESCRIPTIONS
Table 1-1. S3C7238/C7235 Pin Descriptions Pin Name P0.0 P0.1 P0.2 P0.3 P1.0 P1.1 P1.2 P1.3 P2.0 P2.1 P2.2 P2.3 P3.0 P3.1 P3.2 P3.3 P4.0- P4.3 P5.0- P5.3 P6.0- P6.3 P7.0- P7.3 Pin Type I I/O I/O I I Description 4-bit input port. 1-bit and 4-bit read and test are possible. 4-bit pull-up resistors are software assignable. 4-bit input port. 1-bit and 4-bit read and test are possible. 4-bit pull-up resistors are software assignable. 4-bit I/O port. 1-bit and 4-bit read/write and test are possible. 4-bit pull-up resistors are software assignable. 4-bit I/O port. 1-bit and 4-bit read/write and test are possible. Each individual pin can be specified as input or output. 4-bit pull-up resistors are software assignable. 4-bit I/O ports. N-channel open-drain output up to 5 V. 1-, 4-, and 8-bit read/write and test are possible. Ports 4 and 5 can be paired to support 8-bit data transfer. 4-bit pull-up resistors are software assignable. 4-bit I/O ports. Port 6 pins are individually software configurable as input or output. 1-bit and 4-bit read/write and test are possible. 4-bit pull-up resistors are software assignable. Ports 6 and 7 can be paired to enable 8-bit data transfer. Output port for 1-bit data (for use as CMOS driver only) LCD segment signal output LCD segment signal output LCD common signal output LCD power supply. Voltage dividing resistors are assignable by mask option LCD power control LCD clock output for display expansion Number 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36-43 Share Pin INT4
SCK
Reset Value Input
Circuit Type A-1 D* D* A-1 A-1
SO SI INT0 INT1 INT2 TCL0 TCLO0 - CLO BUZ LCDCK LCDSY Input
I/O
Input
D
I/O
Input
D
I/O
-
Input
E
I/O
44-51
KS0-KS3 KS4-KS7
Input
D*
P8.0- P8.7 SEG0- SEG23 SEG24- SEG31 COM0- COM3 VLC0-VLC2 BIAS LCDCK
O O O O - - I/O
59-52 3-1, 80-60 59-52 4-7 9-11 8 32
SEG24- SEG31 - P8.0-P8.7 - SCLK SDAT - P3.0
Output Output Output Output - - Input
H-16 H-15 H-16 H-15 - - D
1-5
PRODUCT OVERVIEW
S3C7238/P7238/C7235/P7235
Table 1-1. S3C7238/C7235 Pin Descriptions (Continued) Pin Name LCDSY TCL0 TCLO0 SI SO
SCK
Pin Type I/O I/O I/O I I/O I/O I
Description LCD synchronization clock output for LCD display expansion External clock input for timer/counter 0 Timer/counter 0 clock output Serial interface data input Serial interface data output Serial I/O interface clock signal External interrupts. The triggering edge for INT0 and INT1 is selectable. Only INT0 is synchronized with the system clock. Quasi-interrupt with detection of rising edge signals. External interrupt input with detection of rising or falling edge Quasi-interrupt inputs with falling edge detection. CPU clock output 2, 4, 8 or 16 kHz frequency output for buzzer sound with 4.19 MHz main system clock or 32.768 kHz subsystem clock. Crystal, ceramic or RC oscillator pins for main system clock. (For external clock input, use XIN and input XIN`s reverse phase to XOUT) Crystal oscillator pins for subsystem clock. (For external clock input, use XTIN and input XTIN's reverse phase to XTOUT) Main power supply Ground Reset signal Test signal input (must be connected to VSS)
Number 33 27 28 23 22 21 24 25 26 20 44-51 30 31
Share Pin P3.1 P1.3 P2.0 P0.3 P0.2 P0.1 P1.0 P1.1 P1.2 P0.0 P6.0-P7.3 P2.2 P2.3
Reset Value Input Input Input Input Input Input Input
Circuit Type D A-1 D A-1 D* D* A-1
INT0 INT1 INT2 INT4 KS0-KS7 CLO BUZ
I I I/O I/O I/O
Input Input Input Input Input
A-1 A-1 D* D D
XIN, XOUT XTIN, XTOUT VDD VSS
RESET
-
15,14
-
-
-
-
17,18
-
-
-
- - - -
12 13 19 16
- - - -
- - Input -
- - B -
TEST
NOTES: 1. Pull-up resistors for all I/O ports are automatically disabled if they are configured to output mode. 2. D * Type has a schmitt trigger circuit at input.
1-6
S3C7238/P7238/C7235/P7235
PRODUCT OVERVIEW
PIN CIRCUIT DIAGRAMS
VDD
VDD
P-CHANNEL IN N-CHNNEL
DATA
P-CHANNEL OUT N-CHANNEL
OUTPUT DISABLE
Figure 1-3. Pin Circuit Type A
Figure 1-5. Pin Circuit Type C
VDD VDD PULL-UP RESISTOR P-CHANNEL RESISTOR ENABLE RESISTOR ENABLE DATA IN OUTPUT DISABLE SCHMITT TRIGGER CIRCUIT TYPE A CIRCUIT TYPE C PULL-UP RESISTOR P-CHANNEL
I/O
Figure 1-4. Pin Circuit Type A-1 (P1, P0.0, P0.3)
Figure 1-6. Pin Circuit Type D (P0.1, P0.2, P2, P3, P6, P7)
1-7
PRODUCT OVERVIEW
S3C7238/P7238/C7235/P7235
VDD PNE VDD PULL-UP RESISTOR RESISTOR ENABLE DATA P-CH I/O
VLC1 VDD VLC0
OUTPUT ENABLE
N-CH
LCD SEGMENT/ & PORT 8 DATA OUT
CIRCUIT TYPE A
Figure 1-7. Pin Circuit Type E (P4, P5)
VLC2
VLC0
Figure 1-9. Pin Circuit Type H-16 (P8)
VLC1
LCD SEGMENT/ COMMON DATA
OUT
VDD
VLC2
IN
SCHMITT TRIGGER
Figure 1-8. Pin Circuit Type H-15 (SEG/COM)
Figure 1-10. Pin Circuit Type B (RESET RESET)
1-8
S3C7238/P7238/C7235/P7235
ELECTRICAL DATA
14
OVERVIEW
ELECTRICAL DATA
In this section, information on S3C7238/C7235 electrical characteristics is presented as tables and graphics. The information is arranged in the following order: Standard Electrical Characteristics -- Absolute maximum ratings -- D.C. electrical characteristics -- Main system clock oscillator characteristics -- Subsystem clock oscillator characteristics -- I/O capacitance -- A.C. electrical characteristics -- Operating voltage range Miscellaneous Timing Waveforms -- A.C timing measurement point -- Clock timing measurement at XIN -- Clock timing measurement at XTIN -- TCL timing -- Input timing for RESET -- Input timing for external interrupts -- Serial data transfer timing Stop Mode Characteristics and Timing Waveforms -- RAM data retention supply voltage in stop mode -- Stop mode release timing when initiated by RESET -- Stop mode release timing when initiated by an interrupt request
14-1
ELECTRICAL DATA
S3C7238/P7238/C7235/P7235
Table 14-1. Absolute Maximum Ratings (TA = 25 C) Parameter Supply Voltage Input Voltage Output Voltage Output Current High Symbol VDD VI1 VO I OH I OL All I/O ports - One I/O pin active All I/O ports active Output Current Low One I/O pin active Conditions - Rating - 0.3 to + 6.5 - 0.3 to VDD + 0.3 - 0.3 to VDD + 0.3 - 15 - 35 + 30 (Peak value) + 15 (note) Total value for ports 0, 2, 3, and 5 Total value for ports 4, 6, and 7 Operating Temperature Storage Temperature TA Tstg - - + 100 (Peak value) + 60 (note) + 100 + 60 (note) - 40 to + 85 - 65 to + 150
Duty . C
Units V
mA
NOTE: The values for Output Current Low (IOL) are calculated as Peak Value x
Table 14-2. D.C. Electrical Characteristics (TA = - 40 C to + 85 C, VDD = 1.8 V to 5.5 V) Parameter Input high voltage Symbol VIH1 VIH2 VIH3 Input low voltage VIL1 VIL2 VIL3 Output high voltage VOH1 Conditions All input pins except those specified below for VIH2, VIH3 Ports 0, 1, 6, 7 and RESET XIN, XOUT, XTIN and XTOUT Ports 2, 3, 4 and 5 Ports 0, 1, 6, 7 and RESET XIN, XOUT, XTIN and XTOUT VDD = 4.5 V to 5.5 V Ports 0, 2, 3, 4, 5, 6, 7 and BIAS IOH = - 1 mA VDD = 4.5 V to 5.5 V Port 8 ONLY IOH = - 100 A Min 0.7 VDD 0.8 VDD VDD - 0.1 - - - VDD - 1.0 Typ - - - - - - - Max VDD VDD VDD 0.3 VDD 0.2 VDD 0.1 - V V Units V
VOH2
VDD - 2.0
-
-
14-2
S3C7238/P7238/C7235/P7235
ELECTRICAL DATA
Table 14-2. D.C. Electrical Characteristics (Continued) (TA = - 40 C to + 85 C, VDD = 1.8 V to 5.5 V) Parameter Output low voltage Symbol VOL1 VOL2 Input high leakage current ILIH1 Conditions VDD = 4.5 V to 5.5 V, Ports 0, 2-7 IOL = 15 mA VDD = 4.5 V to 5.5 V, Port 8 only IOL = 100 A VIN = VDD All input pins except those specified below for ILIH2 VIN = VDD XIN, XOUT, XTIN and XTOUT VIN = 0 V All input pins except XIN, XOUT, XTIN and XTOUT VIN = 0 V XIN, XOUT, XTIN and XTOUT VOUT = VDD All output pins VOUT = 0 V All output pins Ports 0-7 VIN = 0 V; VDD = 5 V VDD = 3 V RL2 LCD voltage dividing resistor COM output impedance SEG output impedance COM output voltage deviation SEG output voltage deviation VDC RSEG RLCD VIN = 0 V; VDD = 5 V, RESET VDD = 3 V TA = 25 C 25 50 100 200 50 47 95 220 450 93 - - Min - - - Typ 0.4 - - Max 2 1 3 A Units V
ILIH2 Input low leakage current ILIL1
- -
- -
20 -3
ILIL2 Output high leakage current Output low leakage current Pull-up resistor ILOH1
- 20 3 A
ILOL
-3
RL1
100 200 400 800 140
K
RCOM
VDD = 5 V VDD = 3 V VDD = 5 V VDD = 3 V VDD = 5 V (VLC0 - COMi) Io = 15uA (I = 0-3)
-
3 5 3 5 45
6 15 6 15 90 mV
-
VDS
VDD = 5 V (VLC0-SEGi) Io = 15A (I = 0-31)
-
n 45
n 90
mV
14-3
ELECTRICAL DATA
S3C7238/P7238/C7235/P7235
Table 14-2. D.C. Electrical Characteristics (Concluded) (TA = - 40 C to + 85 C, VDD = 1.8 V to 5.5 V) Parameter VLC0 Output voltage VLC1 Output voltage VLC2 Output voltage Supply Current (1) Symbol VLC0 VLC1 VLC2 IDD1 (2) TA = 25 oC TA = 25 oC TA = 25 oC Main operating: VDD = 5 V 10% CPU = fx/4 SCMOD = 000B crystal oscillator C1 = C2 = 22pF VDD = 3 V 10% Main Idle mode; VDD = 5 V 10% CPU = fx/4 SCMOD = 000B crystal oscillator C1 = C2 = 22pF VDD = 3 V 10% 6.0 MHz 4.19 MHz Conditions Min 0.6 VDD - 0.2 0.4 VDD - 0.2 0.2 VDD - 0.2 - Typ 0.6 VDD 0.4 VDD 0.2 VDD 3.5 2.5 Max 0.6 VDD + 0.2 0.4 VDD + 0.2 0.2 VDD + 0.2 8 5.5 Units V
mA
IDD2 (2)
6.0 MHz 4.19 MHz 6.0 MHz 4.19 MHz
-
1.6 1.2 1.0 0.9
4 3 2.5 2.0
6.0 MHz 4.19 MHz -
IDD3
IDD4
IDD5
IDD6 (3)
Sub operating: VDD = 3 V 10% CPU = fxt/4 SCMOD = 1001B 32 kHz crystal oscillator Sub Idle mode; VDD = 3 V 10% CPU = fxt/4, SCMOD = 1101B 32 kHz crystal oscillator Stop mode; VDD = 5 V 10% CPU = fxt/4, SCMOD = 1101B Stop mode; VDD = 5 V 10% CPU = fx/4, SCMOD = 0100B
0.5 0.4 15
1.0 0.8 30
A
-
6
15
-
0.5
3
NOTES: 1. D.C. electrical values for supply current (IDD1 to IDD6) do not include current drawn through internal pull-up resistors and through LCD voltage dividing resistors. 2. Data includes the power consumption for sub-system clock oscillation. 3. When the system clock mode register, SCMOD, is set to 0100B, the sub-system clock oscillation stops. The main-system clock oscillation stops by the STOP instruction.
14-4
S3C7238/P7238/C7235/P7235
ELECTRICAL DATA
Table 14-3. Main System Clock Oscillator Characteristics (TA = - 40 C + 85 C, VDD = 1.8 V to 5.5 V) Oscillator Ceramic Oscillator Clock Configuration
XIN XOUT
Parameter Oscillation frequency (1)
Test Condition -
Min 0.4
Typ -
Max 6.0
Units MHz
C1
C2
Stabilization time (2)
Stabilization occurs when VDD is equal to the minimum oscillator voltage range. -
-
-
4
ms
Crystal Oscillator
XIN
XOUT
Oscillation frequency (1)
0.4
-
6.0
MHz
C1
C2
Stabilization time (2) External Clock XIN input frequency (1)
VDD = 4.5 V to 5.5 V VDD = 1.8 V to 4.5 V
- - 0.4
- - -
10 30 6.0
ms
XIN
XOUT
-
MHz
XIN input high and low level width (tXH, tXL) RC Oscillator
XIN XOUT R
- VDD = 5 V R = 20 K, VDD = 5 V R = 38 K, VDD = 3 V
83.3 0.4
- - 2.0 1.0
- 2
ns MHz
Frequency (1)
NOTES: 1. Oscillation frequency and XIN input frequency data are for oscillator characteristics only. 2. Stabilization time is the interval required for oscillator stabilization after a power-on occurs, or when stop mode is terminated.
14-5
ELECTRICAL DATA
S3C7238/P7238/C7235/P7235
Table 14-4. Subsystem Clock Oscillator Characteristics (TA = - 40 C + 85 C, VDD = 1.8 V to 5.5 V) Oscillator Crystal Oscillator Clock Configuration
XTIN XTOUT
Parameter Oscillation frequency (1)
Test Condition -
Min 32
Typ 32.768
Max 35
Units kHz
C1
C2
Stabilization time (2) External Clock XTIN input frequency (1)
VDD = 4.5 V to 5.5 V VDD = 1.8 V to 4.5 V
- - 32
1.0 - -
2 10 100
s
XTIN XTOUT
-
kHz
XTIN input high and low level width (tXTL, tXTH)
-
5
-
15
s
NOTES: 1. Oscillation frequency and XTIN input frequency data are for oscillator characteristics only. 2. Stabilization time is the interval required for oscillating stabilization after a power-on occurs.
Table 14-5. Input/Output Capacitance (TA = 25 C, VDD = 0 V ) Parameter Input capacitance Output capacitance I/O capacitance Symbol CIN COUT CIO Condition f = 1 MHz; Unmeasured pins are returned to VSS Min - - - Typ - - - Max 15 15 15 Units pF pF pF
14-6
S3C7238/P7238/C7235/P7235
ELECTRICAL DATA
Table 14-6. A.C. Electrical Characteristics (TA = - 40 C to + 85 C, VDD = 1.8 V to 5.5 V) Parameter Instruction cycle time (1) TCL0 input frequency TCL0 input high, low width
SCK cycle time
Symbol tCY
Conditions VDD = 2.7 V to 5.5 V VDD = 1.8 V to 4.5 V With subsystem clock (fxt)
Min 0.67 0.95 114 0 0.48 1.8 800 650 3200 3800 400 tKCY/2 - 50 1600 tKCY/2 - 150 100 150 400 400 -
Typ - - 122 - - -
Max 64 64 125 1.5 1 - -
Units s
f TI0
VDD = 2.7 V to 5.5 V VDD = 1.8 V to 5.5V
MHz MHz s ns
tTIH0, tTIL0 VDD = 2.7 V to 5.5 V VDD = 1.8 V to 5.5 V tKCY VDD = 2.7 V to 5.5 V External SCK source Internal SCK source VDD = 1.8 V to 5.5 V External SCK source
SCK high, low
tKH, tKL
width
Internal SCK source VDD = 1.8 V to 5.5 V External SCK source Internal SCK source VDD = 1.8 V to 5.5 V External SCK source Internal SCK source
-
-
ns
SI setup time to
SCK high
tSIK tKSI tKSO
External SCK source Internal SCK source External SCK source Internal SCK source VDD = 2.7 V to 5.5 V External SCK source Internal SCK source VDD = 1.8 V to 5.5 V External SCK source Internal SCK source
- - -
- - 300 250 1000 1000
ns ns ns
SI hold time to
SCK high
Output delay for SCK to SO
Interrupt input high, low width
RESET Input Low
tINTH, tINTL tRSL
INT0 INT1, INT2, INT4, KS0-KS7 Input
(2)
-
-
s
10 10 - - s
Width
NOTES: 1. Unless otherwise specified, Instruction Cycle Time condition values assume a main system clock (fx) source. 2. Minimum value for INT0 is based on a clock of 2tCY or 128/fx as assigned by the IMOD0 register setting.
14-7
ELECTRICAL DATA
S3C7238/P7238/C7235/P7235
CPU Clock 1.5 MHz 1.0475 MHz 1.00 MHz 750 kHz 500 kHz 250 kHz
Main OSC. Frequency 6 MHz 4.19 MHz 3 MHz
15.6 kHz
1
1.8
3
4
5
6
7
Supply Voltage (V) CPU CLOCK = 1/n x oscillator frequency (n = 4, 8, 64)
Figure 14-1. Standard Operating Voltage Range
Table 14-7. RAM Data Retention Supply Voltage in Stop Mode (TA = - 40 C to + 85 C) Parameter Data retention supply voltage Data retention supply current Release signal set time Oscillator stabilization wait time (1) Symbol VDDDR IDDDR tSREL tWAIT Conditions Normal operation VDDDR = 1.8 V Normal operation Released by RESET Released by interrupt Min 1.8 - 0 - - Typ - 0.1 - 2 /fx
(2)
17
Max 6.5 10 - - -
Unit V A s ms
NOTES: 1. During oscillator stabilization wait time, all CPU operations must be stopped to avoid instability during oscillator start-up. 2. Use the basic timer mode register (BMOD) interval timer to delay execution of CPU instructions during the wait time.
14-8
S3C7238/P7238/C7235/P7235
ELECTRICAL DATA
TIMING WAVEFORMS
INTERNAL RESET STOP MODE DATA RETENTION MODE IDLE MODE OPERATING MODE
VDD VDDDR
RESET EXECUTION OF STOP INSTRUCTION
t WAIT tSREL Figure 14-2. Stop Mode Release Timing When Initiated By RESET
IDLE MODE STOP MODE DATA RETENTION MODE NORMAL OPERATING MODE
VDD VDDDR
EXECUTION OF STOP INSTRUCTION
t SREL
POWER-DOWN MODE TERMINATING SIGNAL (INTERRUPT REQUEST)
tWAIT
Figure 14-3. Stop Mode Release Timing When Initiated By Interrupt Request
14-9
ELECTRICAL DATA
S3C7238/P7238/C7235/P7235
0.8 VDD 0.2 VDD
0.8 VDD MEASUREMENT POINTS 0.2 VDD
Figure 14-4. A.C. Timing Measurement Points (Except for XIN and XTIN)
1/f x
t XL
t XH
Xin
VDD - 0.1 V
0.1 V
Figure 14-5. Clock Timing Measurement at XIN
1/f xt
t XTL
t XTH
XTin
V DD - 0.1 V
0.1 V
Figure 14-6. Clock Timing Measurement at XTIN
14-10
S3C7238/P7238/C7235/P7235
ELECTRICAL DATA
1/f TI0
t TIL0
t TIH0
TCL0
0.8 V DD 0.2 V DD
Figure 14-7. TCL0 Timing
t RSL
RESET 0.2 V DD
Figure 14-8. Input Timing for RESET Signal
t INTL
t INTH
INT0, 1, 2, 4 KS0 to KS7
0.8 VDD 0.2 VDD
Figure 14-9. Input Timing for External Interrupts and Quasi-Interrupts
14-11
ELECTRICAL DATA
S3C7238/P7238/C7235/P7235
t KCY t KL SCK t KH 0.8 V DD 0.2 V DD t SIK t KSI 0.8 V DD 0.2 V DD
SI
INPUT DATA
t KSO SO OUTPUT DATA
Figure 14-10. Serial Data Transfer Timing
14-12
S3C7238/P7238/C7235/P7235
MECHANICAL DATA
15
MECHANICAL DATA
The S3C7238/C7235 is available in a 80-QFP-1420 package.
23.90 0.30 20.00 0.20 0-8
+ 0.10
0.15 - 0.05
17.90 0.30
14.00 0.20
80-QFP-1420C
0.80 0.20 #1 0.80 0.35 + 0.10 0.15 MAX
0.10 MAX
#80
0.05 MIN (0.80) 2.65 0.10 3.00 MAX
0.80 0.20
NOTE: Dimensions are in millimeters.
Figure 15-1. 80-QFP-1420C Package Dimensions
15-1
S3C7238/P7238/C7235/P7235
S3P7238/P7235 OTP
16
OVERVIEW
S3P7238/P7235 OTP
The S3P7238/P7235 single-chip CMOS microcontroller is the OTP (One Time Programmable) version of the S3C7238/C7235 microcontroller. It has an on-chip EPROM instead of masked ROM. The EPROM is accessed by a serial data format. The S3P7238/P7235 is fully compatible with the S3C7238/C7235, both in function and in pin configuration. Because of its simple programming requirements, the S3P7238/P7235 is ideal for use as an evaluation chip for the S3C7238/C7235.
16-1
S3P7238/P7235 OTP
S3C7238/P7238/C7235/P7235
SEG2 SEG1 SEG0 COM0 COM1 COM2 COM3 BIAS VLC0 SDAT / VLC1 SCLK / VLC2 VDD / VDD VSS / VSS Xout Xin TEST / TEST XTin XTout RESET / RESET P0.0/INT4 P0.1/SCK P0.2/SO P0.3/SI P1.0/INT0
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG17 SEG18
S3P7238 S3P7235
(TOP VIEW)
SEG19 SEG20 SEG21 SEG22 SEG23 P8.0/SEG24 P8.1/SEG25 P8.2/SEG26 P8.3/SEG27 P8.4/SEG28 P8.5/SEG29 P8.6/SEG30 P8.7/SEG31 P7.3/KS7 P7.2/KS6 P7.1/KS5 P7.0/KS4 P6.3/KS3 P6.2/KS2 P6.1/KS1 P6.0/KS0 P5.3 P5.2 P5.1
NOTE: The bolds indicate an OTP pin names.
Figure 16-1. S3P7238/P7235 Pin Assignments (80-QFP)
16-2
P1.1/INT1 P1.2/INT2 P1.3/TCL0 P2.0/TCLO0 P2.1 P2.2/CLO P2.3/BUZ P3.0/LCDCK P3.1/SCDSY P3.2 P3.3 P4.0 P4.1 P4.2 P4.3 P5.0
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
S3C7238/P7238/C7235/P7235
S3P7238/P7235 OTP
Table 16-1. Pin Descriptions Used to Read/Write the EPROM Main Chip Pin Name VLC1 Pin Name SDAT Pin No. 10 During Programming I/O I/O Function Serial data pin. Output port when reading and input port when writing can be assigned as Input/push-pull output port respectively. Serial clock pin. Input only pin. Power supply pin for EPROM cell writing (indicates that OTP enters into the writing mode). When 12.5 V is applied, OTP is in writing mode and when 5 V is applied, OTP is in reading mode. (Option) Chip initialization Logic power supply pin. VDD should be tied to +5 V during programming.
VLC2 TEST
SCLK VPP (TEST)
11 16
I/O I
RESET VDD / VSS
RESET VDD / VSS
19 12/13
I I
Table 16-2. Comparison of S3P7238/P7235 and S3C7238/C7235 Features Characteristic Program Memory Operating Voltage (VDD) OTP Programming Mode Pin Configuration EPROM Programmability S3P7238/P7235 8 K/16 K-byte EPROM 1.8 V to 5.5 V VDD = 5 V, VPP (TEST) = 12.5 V 80 QFP User Program 1 time 80 QFP Programmed at the factory S3C7238/C7235 8 K/16-Kbyte mask ROM 1.8 V to 5.5 V -
OPERATING MODE CHARACTERISTICS When 12.5 V is supplied to the Vpp (TEST) pin of the S3P7238/P7235, the EPROM programming mode is entered. The operating mode (read, write, or read protection) is selected according to the input signals to the pins listed in Table 16-3 below. Table 16-3. Operating Mode Selection Criteria VDD 5V Vpp (TEST) 5V 12.5V 12.5V 12.5V REG/ MEM 0 0 0 1 Address (A15-A0) 0000H 0000H 0000H 0E3FH R/W W 1 0 1 0 EPROM read EPROM program EPROM verify EPROM read protection Mode
NOTE: "0" means low level; "1" means high level.
16-3
S3P7238/P7235 OTP
S3C7238/P7238/C7235/P7235
Table 16-4. Absolute Maximum Ratings (TA = 25 C) Parameter Supply Voltage Input Voltage Output Voltage Output Current High Symbol VDD VI1 VO I OH I OL All I/O ports - One I/O pin active All I/O ports active Output Current Low One I/O pin active Conditions - Rating - 0.3 to + 6.5 - 0.3 to VDD + 0.3 - 0.3 to VDD + 0.3 - 15 - 35 + 30 (Peak value) + 15 (note) Total value for ports 0, 2, 3, and 5 Total value for ports 4, 6, and 7 Operating Temperature Storage Temperature TA Tstg - - + 100 (Peak value) + 60 (note) + 100 + 60 (note) - 40 to + 85 - 65 to + 150
Duty . C
Units V
mA
NOTE: The values for Output Current Low (IOL) are calculated as Peak Value x
Table 16-5. D.C. Electrical Characteristics (TA = - 40 C to + 85 C, VDD = 1.8 V to 5.5 V) Parameter Input high voltage Symbol VIH1 VIH2 VIH3 Input low voltage VIL1 VIL2 VIL3 Output high voltage VOH1 Conditions All input pins except those specified below for VIH2, VIH3 Ports 0, 1, 6, 7 and RESET XIN, XOUT, XTIN and XTOUT Ports 2, 3, 4 and 5 Ports 0, 1, 6, 7 and RESET XIN, XOUT, XTIN and XTOUT VDD = 4.5 V to 5.5 V Ports 0, 2, 3, 4, 5, 6, 7 and BIAS IOH = - 1 mA VDD = 4.5 V to 5.5 V Port 8 ONLY IOH = - 100 A Min 0.7 VDD 0.8 VDD VDD - 0.1 - - - VDD - 1.0 Typ - - - - - - - Max VDD VDD VDD 0.3 VDD 0.2 VDD 0.1 - V V Units V
VOH2
VDD - 2.0
-
-
16-4
S3C7238/P7238/C7235/P7235
S3P7238/P7235 OTP
Table 16-5. D.C. Electrical Characteristics (Continued) (TA = - 40 C to + 85 C, VDD = 1.8 V to 5.5 V) Parameter Output low voltage Symbol VOL1 VOL2 Input high leakage current ILIH1 Conditions VDD = 4.5 V to 5.5 V, Ports 0, 2-7 IOL = 15 mA VDD = 4.5 V to 5.5 V, Port 8 only IOL = 100 A VIN = VDD All input pins except those specified below for ILIH2 VIN = VDD XIN, XOUT, XTIN and XTOUT VIN = 0 V All input pins except XIN, XOUT, XTIN and XTOUT VIN = 0 V XIN, XOUT, XTIN and XTOUT VOUT = VDD All output pins VOUT = 0 V All output pins Ports 0-7 VIN = 0 V; VDD = 5 V VDD = 3 V RL2 LCD voltage dividing resistor COM output impedance SEG output impedance COM output voltage deviation SEG output voltage deviation VDC RSEG RLCD VIN = 0 V; VDD = 5 V, RESET VDD = 3 V TA = 25 C 25 50 100 200 50 47 95 220 450 93 - - Min - - - Typ 0.4 - - Max 2 1 3 A Units V
ILIH2 Input low leakage current ILIL1
- -
- -
20 -3
ILIL2 Output high leakage current Output low leakage current Pull-up resistor ILOH1
- 20 3 A
ILOL
-3
RL1
100 200 400 800 140
K
RCOM
VDD = 5 V VDD = 3 V VDD = 5 V VDD = 3 V VDD = 5 V (VLC0 - COMi) Io = 15uA (I = 0-3)
-
3 5 3 5
6 15 6 15 90 mV
-
45
VDS
VDD = 5 V (VLC0-SEGi) Io = 15A (I = 0-31)
-
n 45
n 90
mV
16-5
S3P7238/P7235 OTP
S3C7238/P7238/C7235/P7235
Table 16-5. D.C. Electrical Characteristics (Concluded) (TA = - 40 C to + 85 C, VDD = 1.8 V to 5.5 V) Parameter VLC0 Output voltage VLC1 Output voltage VLC2 Output voltage Supply Current (1) Symbol VLC0 VLC1 VLC2 IDD1 (2) TA = 25 oC TA = 25 oC TA = 25 oC Main operating: VDD = 5 V 10% CPU = fx/4 SCMOD = 000B crystal oscillator C1 = C2 = 22pF VDD = 3 V 10% Main Idle mode; VDD = 5 V 10% CPU = fx/4 SCMOD = 000B crystal oscillator C1 = C2 = 22pF VDD = 3 V 10% 6.0 MHz 4.19 MHz Conditions Min 0.6 VDD - 0.2 0.4 VDD - 0.2 0.2 VDD - 0.2 - Typ 0.6 VDD 0.4 VDD 0.2 VDD 3.5 2.5 Max 0.6 VDD + 0.2 0.4 VDD + 0.2 0.2 VDD + 0.2 8 5.5 Units V
mA
IDD2 (2)
6.0 MHz 4.19 MHz 6.0 MHz 4.19 MHz
-
1.6 1.2 1.0 0.9
4 3 2.5 2.0
6.0 MHz 4.19 MHz -
IDD3
IDD4
IDD5
IDD6 (3)
Sub operating: VDD = 3 V 10% CPU = fxt/4 SCMOD = 1001B 32 kHz crystal oscillator Sub Idle mode; VDD = 3 V 10% CPU = fxt/4, SCMOD = 1101B 32 kHz crystal oscillator Stop mode; VDD = 5 V 10% CPU = fxt/4, SCMOD = 1101B Stop mode; VDD = 5 V 10% CPU = fx/4, SCMOD = 0100B
0.5 0.4 15
1.0 0.8 30
A
-
6
15
-
0.5
3
NOTES: 1. D.C. electrical values for supply current (IDD1 to IDD6) do not include current drawn through internal pull-up resistors and 2. 3. through LCD voltage dividing resistors. Data includes the power consumption for sub-system clock oscillation. When the system clock mode register, SCMOD, is set to 0100B, the sub-system clock oscillation stops. The main-system clock oscillation stops by the STOP instruction.
16-6
S3C7238/P7238/C7235/P7235
S3P7238/P7235 OTP
Table 16-6. Main System Clock Oscillator Characteristics (TA = - 40 C + 85 C, VDD = 1.8 V to 5.5 V) Oscillator Ceramic Oscillator Clock Configuration
XIN XOUT
Parameter Oscillation frequency (1)
Test Condition -
Min 0.4
Typ -
Max 6.0
Units MHz
C1
C2
Stabilization time (2)
Stabilization occurs when VDD is equal to the minimum oscillator voltage range. -
-
-
4
ms
Crystal Oscillator
XIN
XOUT
Oscillation frequency (1)
0.4
-
6.0
MHz
C1
C2
Stabilization time (2) XIN input frequency (1)
VDD = 4.5 V to 5.5 V VDD = 1.8 V to 4.5 V
- - 0.4
- - -
10 30 6.0
ms
External Clock
XIN
XOUT
-
MHz
XIN input high and low level width (tXH, tXL) RC Oscillator
XIN XOUT R
- VDD = 5 V R = 20 K, VDD = 5 V R = 38 K, VDD = 3 V
83.3 0.4
- - 2.0 1.0
- 2
ns MHz
Frequency (1)
NOTES: 1. Oscillation frequency and XIN input frequency data are for oscillator characteristics only. 2. Stabilization time is the interval required for oscillator stabilization after a power-on occurs, or when stop mode is terminated.
16-7
S3P7238/P7235 OTP
S3C7238/P7238/C7235/P7235
Table 16-7. Subsystem Clock Oscillator Characteristics (TA = - 40 C + 85 C, VDD = 1.8 V to 5.5 V) Oscillator Crystal Oscillator Clock Configuration
XTIN XTOUT
Parameter Oscillation frequency (1)
Test Condition -
Min 32
Typ 32.768
Max 35
Units kHz
C1
C2
Stabilization time (2) XTIN input frequency (1)
VDD = 4.5 V to 5.5 V VDD = 1.8 V to 4.5 V
- - 32
1.0 - -
2 10 100
s
External Clock
XTIN XTOUT
-
kHz
XTIN input high and low level width (tXTL, tXTH)
-
5
-
15
s
NOTES: 1. Oscillation frequency and XTIN input frequency data are for oscillator characteristics only. 2. Stabilization time is the interval required for oscillating stabilization after a power-on occurs.
Table 16-8. Input/Output Capacitance (TA = 25 C, VDD = 0 V ) Parameter Input capacitance Output capacitance I/O capacitance Symbol CIN COUT CIO Condition f = 1 MHz; Unmeasured pins are returned to VSS Min - - - Typ - - - Max 15 15 15 Units pF pF pF
16-8
S3C7238/P7238/C7235/P7235
S3P7238/P7235 OTP
Table 16-9. A.C. Electrical Characteristics (TA = - 40 C to + 85 C, VDD = 1.8 V to 5.5 V) Parameter Instruction cycle time (1) TCL0 input frequency TCL0 input high, low width
SCK cycle time
Symbol tCY
Conditions VDD = 2.7 V to 5.5 V VDD = 1.8 V to 4.5 V With subsystem clock (fxt)
Min 0.67 0.95 114 0 0.48 1.8 800 650 3200 3800 400 tKCY/2 - 50 1600 tKCY/2 - 150 100 150 400 400 -
Typ - - 122 - - -
Max 64 64 125 1.5 1 - -
Units s
f TI0
VDD = 2.7 V to 5.5 V VDD = 1.8 V to 5.5V
MHz MHz s ns
tTIH0, tTIL0 VDD = 2.7 V to 5.5 V VDD = 1.8 V to 5.5 V tKCY VDD = 2.7 V to 5.5 V External SCK source Internal SCK source VDD = 1.8 V to 5.5 V External SCK source Internal SCK source
SCK high, low
tKH, tKL
width
VDD = 1.8 V to 5.5 V External SCK source Internal SCK source VDD = 1.8 V to 5.5 V External SCK source Internal SCK source
-
-
ns
SI setup time to
SCK high
tSIK tKSI tKSO
External SCK source Internal SCK source External SCK source Internal SCK source VDD = 2.7 V to 5.5 V External SCK source Internal SCK source VDD = 1.8 V to 5.5 V External SCK source Internal SCK source
- - -
- - 300 250 1000 1000
ns ns ns
SI hold time to
SCK high
Output delay for
SCK to SO
Interrupt input high, low width
RESET Input Low
tINTH, tINTL tRSL
INT0 INT1, INT2, INT4, KS0-KS7 Input
(2)
-
-
s
10 10 - - s
Width
NOTES: 1. Unless otherwise specified, Instruction Cycle Time condition values assume a main system clock (fx) source. 2. Minimum value for INT0 is based on a clock of 2tCY or 128/fx as assigned by the IMOD0 register setting.
16-9
S3P7238/P7235 OTP
S3C7238/P7238/C7235/P7235
CPU Clock 1.5 MHz 1.0475 MHz 1.00 MHz 750 kHz 500 kHz 250 kHz
Main OSC. Frequency 6 MHz 4.19 MHz 3 MHz
15.6 kHz
1
1.8
3
4
5
6
7
Supply Voltage (V) CPU CLOCK = 1/n x oscillator frequency (n = 4, 8, 64)
Figure 16-2. Standard Operating Voltage Range
Table 16-10. RAM Data Retention Supply Voltage in Stop Mode (TA = - 40 C to + 85 C) Parameter Data retention supply voltage Data retention supply current Release signal set time Oscillator stabilization wait time (1) Symbol VDDDR IDDDR tSREL tWAIT Conditions Normal operation VDDDR = 1.8 V Normal operation Released by RESET Released by interrupt Min 1.8 - 0 - - Typ - 0.1 - 2 /fx
(2)
17
Max 6.5 10 - - -
Unit V A s ms
NOTES: 1. During oscillator stabilization wait time, all CPU operations must be stopped to avoid instability during oscillator start-up. 2. Use the basic timer mode register (BMOD) interval timer to delay execution of CPU instructions during the wait time.
16-10
S3C7238/P7238/C7235/P7235
S3P7238/P7235 OTP
TIMING WAVEFORMS
INTERNAL RESET STOP MODE DATA RETENTION MODE IDLE MODE OPERATING MODE
VDD VDDDR
RESET EXECUTION OF STOP INSTRUCTION
t WAIT tSREL Figure 16-3. Stop Mode Release Timing When Initiated By RESET
IDLE MODE STOP MODE DATA RETENTION MODE NORMAL OPERATING MODE
VDD VDDDR
EXECUTION OF STOP INSTRUCTION
t SREL
POWER-DOWN MODE TERMINATING SIGNAL (INTERRUPT REQUEST)
tWAIT
Figure 16-4. Stop Mode Release Timing When Initiated By Interrupt Request
16-11
S3P7238/P7235 OTP
S3C7238/P7238/C7235/P7235
0.8 VDD 0.2 VDD
0.8 VDD MEASUREMENT POINTS 0.2 VDD
Figure 16-5. A.C. Timing Measurement Points (Except for XIN and XTIN)
1/f x
t XL
t XH
Xin
VDD - 0.1 V
0.1 V
Figure 16-6. Clock Timing Measurement at XIN
1/f xt
t XTL
t XTH
XTin
V DD - 0.1 V
0.1 V
Figure 16-7. Clock Timing Measurement at XTIN
16-12
S3C7238/P7238/C7235/P7235
S3P7238/P7235 OTP
1/f TI0
t TIL0
t TIH0
TCL0
0.8 V DD 0.2 V DD
Figure 16-8. TCL0 Timing
t RSL
RESET 0.2 V DD
Figure 16-9. Input Timing for RESET Signal
t INTL
t INTH
INT0, 1, 2, 4 KS0 to KS7
0.8 VDD 0.2 VDD
Figure 16-10. Input Timing for External Interrupts and Quasi-Interrupts
16-13
S3P7238/P7235 OTP
S3C7238/P7238/C7235/P7235
t KCY t KL SCK t KH 0.8 V DD 0.2 V DD t SIK t KSI 0.8 V DD 0.2 V DD
SI
INPUT DATA
t KSO SO OUTPUT DATA
Figure 16-11. Serial Data Transfer Timing
16-14
S3C7238/P7238/C7235/P7235
S3P7238/P7235 OTP
START
Address= First Location
VDD =5V, V PP=12.5V
x=0
Program One 1ms Pulse
Increment X
YES
x = 10
NO FAIL
Verify Byte
Verify 1 Byte
FAIL
Last Address
NO
Increment Address
VDD = VPP= 5 V
FAIL
Compare All Byte
PASS
Device Failed
Device Passed
Figure 16-12. OTP Programming Algorithm
16-15


▲Up To Search▲   

 
Price & Availability of S3P7235

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X