Part Number Hot Search : 
1N961B MC3303PT E1010 18X16 S1280 P4KE180 LA101 75SERIES
Product Description
Full Text Search
 

To Download RS2006M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
RS2001M THRU RS2007M
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes
FEATURES
* * * * * * Low leakage Low forward voltage Mounting position: Any Surge overload rating: 300 amperes peak Ideal for printed cikcuit boakds High forward surge current capability
RS-20M
.189 (4.8) 1.193 (30.3) 1.169 (29.7)
.197 (5)
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
.150 (3.8) .134 (3.4)
.800 (20.3) .697 (17.7) .441 (11.2) .425 (10.8)
.173 (4.4)
.165 (4.2) .150 (3.8) .708 (18.0) .669 (17.0)
.106 (2.7) .096 (2.3) .094 (2.4) .078 (2.0)
.114 (2.9) .098 (2.5)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.043 (1.1) .035 (0.9) .402 (10.2) .386 (9.8) .303 (7.7) .287 (7.3) .303 (7.7) .287 (7.3)
.031 (0.8) .023 (0.6)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted)
www..com
RATINGS
SYMBOL VRRM VRMS VDC IO IFSM TJ,TSTG
RS2001M RS2002M RS2003M RS2004M RS2005M RS2006M RS2007M UNITS 50 35 50 100 70 100 200 140 200 400 280 400 20 300 -55 to + 150 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps
0
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 100o C with heatsink Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load Operating and Storage Temperature Range
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per element at 10A DC Maximum Reverse Current at Rated DC Blocking Voltage per element @TA = 25 oC @TC = 100 oC SYMBOL VF IR 0.2 mAmps 2002-8 RS2001M RS2002M RS2003M RS2004M RS2005M RS2006M RS2007M UNITS 1.1 5.0 Volts uAmps
f.134 (3.1) .122 (3.1)
C
RATING AND CHARACTERISTIC CURVES (RS2001M THRU RS2007M)
TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
POWER DISSIPATION 60
sine wave Tj=150
30 20 10 5 2 1 0.5 0.2 0.1 0.2 0.4 0.6 0.8 1
pulse test per one diode TC = 150 (TYP)
POWER DISSIPATION PF(W)
50
40
TC = 25 (TYP)
30 20
10 0 1.2 1.4 1.6
0
4
8
12
16
20
24
INSTANTANEOUS FORWARD VOLTAGE, (V) SURGE FORWARD CURRENT CAPABILITY
PEAK FORWARD SURGE CURRENT, (A)
AVERAGE RECTIFIED FORWARD CURRENT, Io (A)
TYPICAL FORWARD CURRENT DERATING CURVE 4
AVERAGE FORWARD CURRENT, (A)
on glass-epoxi substrate
300
sine wave 0
IFSM
8.3ms 8.3ms
3
250
1 cycle non-repetitive Tj=25
P.C.B
soldering land 5mmf sine wave R-load free in air
2
200
1
150 1
2
5
10
20
50
100
0 0
40
80
120 )
160
www..com
NUMBER OF CYCLE TYPICAL FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, (
CONTACT THERMAL RESISTANCE fcf 1
with thermal compound
22
AVERAGE FORWARD CURRENT, (A)
heatsink Tc Tc
/W)
20
0.9
18
sine wave R-load on heatsink
THERMAL RESISTANCE (
0.8
0.7
16
0.6
14
0.5 0.4
12 80
90
100 110 120 130 140 CASE TEMPERATURE, ( )
150 160
2
3
4
5
6
7
8
MOUNTING TORQUE (Kg.cm)
RECTRON


▲Up To Search▲   

 
Price & Availability of RS2006M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X