Part Number Hot Search : 
MAX354 M41T81S PE4512 A106R XN5601 TM128 G1402P1T NTE5496
Product Description
Full Text Search
 

To Download POS-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
VOLTAGE CONTROLLED OSCILLATORS
LINEAR TUNING 15 to 2000 MHz
POS
Plug-In
FREQ. (MHz) MODEL NO.
POS-25 POS-50 POS-75 POS-100 POS-150 POS-200 POS-300 POS-400 POS-535 POS-765 POS-1025 POS-1060
POWER TUNE PHASE NOISE OUTPUT VOLTAGE (dBc/Hz) SSB@ (V) offset frequencies: (dBm) Typ.
Typ. +7.0 +8.5 +8.0 +8.3 +9.5 +10.0 +10.0 +9.5 +8.8 +9.5 +9.0 +12.0 Min. Max. 1 1 1 1 1 1 1 1 1 1 1 1 11 16 16 16 16 16 16 16 16 16 16 20 1 10 kHz kHz -86 -88 -87 -83 -105 -110 -110 -107 100 1 kHz MHz -125 -130 -130 -130 -145 -150 -150 -150
PULLING PUSHING TUNING HARMONICS 3 dB MOD. POWER (MHz) (MHz/V) SENSITIVITY (dBc) SUPPLY BANDWIDTH pk-pk (MHz/V) (kHz) @12 dBr Voltage Current
Typ. 0.06 0.06 0.15 0.6 0.8 1.0 1.8 1.8 2.0 5.0 5.0 50 Typ. 0.04 0.04 0.11 0.2 0.3 0.2 0.3 0.3 0.4 0.4 0.6 3.0 Typ. 1-4 2.0 -2.6 3.1-3.8 4.2 -4.8 5.8-6.7 7.1-8.6 9.5 -13 13.7-16.9 10.5-24 18-27 21-36 18-32 Typ. -26 -19 -27 -23 -23 -24 -30 -28 -26 -21 -23 -11 Max. -15 -12 -16 -18 -17 -20 -20 -20 -20 -17 -18 -- Typ. 60 100 100 100 100 100 100 100 100 100 100 1000 (V) Nom. 12 12 12 12 12 12 12 12 12 12 12 8 (mA) Max. 20 20 20 20 20 20 20 20 20 22 22 30
CASE STYLE
Min. Max. 15-25 25-50 37.5-75 50-100 75-150 100-200 150-280 200-380 300-525 485-765 685-1025 750-1060
Note B A06 A06 A06 A06 A06 A06 A06 A06 A06 A06 A06 A06
C O N N E C T I O N
PRICE $
Qty. (5-49) 16.95 11.95 11.95 11.95 11.95 11.95 13.95 13.95 13.95 14.95 16.95 14.95
hx hx hx hx hx hx hx hx hx hx hx hx
-80 -103 -127 -147 -80 -102 -122 -142 -78 -100 -120 -140 -76 -98 -120 -140 -70 -61 -65 -65 -93 -85 -84 -90 -116 -108 -104 -112 -139 -129 -124 -132
NOTES:
A. B. C. 1. 2. General Quality Control Procedures, Environmental specifications, Hi-Rel, and MIL description are given in General Information (Section 0). Connector types and case mounted options, case finishes are given in section 0, see "Case Styles & Outline Drawings". Prices and Specifications subject to change without notice. Operating Temperature: -55C to +85C Absolute Maximum Supply Voltage (Vcc) & Tuning Voltage (Vtune):
(Vcc) +15V +16V +16V +16V +16V +16V +16V +16V +15V +16V (Vtune) +12V +17V +18V +18V +18V +18V +18V +18V +20V +18V Model POS-765 POS-800W POS-900W POS-1000W POS-1025 POS-1060 POS-1400A POS-2000A POS-2120W (Vcc ) +16V +12V +15V +15V +16V +10V +10V +10V +15V (V tune) +18V +20V +25V +20V +18V +22V +25V +25V +25V
Model POS-25 POS-50 POS-75 POS-100 POS-150 POS-200 POS-300 POS-400 POS-500W POS-535
designers kits available
KIT No.
K-POS1 K-POS2 K-POS3
No. of Units in KIT
10 7 6
Description
1 of each: POS-50, 75, 100, 150, 200, 300, 400, 535, 765, 1025 1 of each: POS-50, 100, 200, 400, 535, 765, 1025 2 of each: POS-1060, 1400A, 2000A
Price $ per KIT
124.95 79.95 79.95
www..com
Mini-Circuits
226
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
020710
www..com
Mini-Circuits
WIDE BAND 250 to 2120 MHz
(R)
POS
FREQ. (MHz) MODEL NO.
POS-500W POS-800W POS-900W POS-1000W NEW POS-1400A NEW POS-2000A POS-2120W
POWER TUNE PHASE NOISE OUTPUT VOLTAGE (dBc/Hz) SSB@ (V) offset frequencies: (dBm) Typ.
Typ. +10.0 +8.0 +7.0 +7.0 +13.0 +11.8 +8.0 1 10 Min. Max. kHz kHz 1 0.5 1 1 1 1 0.5 16 18 20 16 20 20 20 100 1 kHz MHz
PULLING PUSHING TUNING HARMONICS 3 dB MOD. POWER (MHz) (MHz/V) SENSITIVITY (dBc) SUPPLY BANDWIDTH pk-pk (MHz/V) (kHz) @12 dBr Voltage Current
Typ. 1.5 3.0 2.0 6.0 14 12 27.0 Typ. 0.2 0.5 0.3 1.5 2.0 3.0 2.5 Typ. 17-23 18-50 16-40 30-42 25-30 30-45 35-120 Typ. -25 -26 -26 -26 -16 -24 -11 Max. -18 -18 -20 -20 -- -12 -- Typ. 100 100 100 100 4000 4000 1000 (V) Nom. 12 10 12 12 8 8 12 (mA) Max. 25 25 25 20 30 30 28
CASE STYLE
Min. Max. 250-500 400-800 500-900 500-1000 975-1400 1370-2000 1060-2120
Note B A06 A06 A06 A06 A06 A06 A06
C O N N E C T I O N
PRICE $
Qty. (5-49) 18.95 16.95 16.95 19.95 14.95 14.95 21.95
-79 -100 -120 -140 -71 -93 -115 -137 -75 -95 -115 -135 -73 -93 -113 -133 -65 -73 -70 -95 -115 -135 -97 -117 -137 -97 -117 -137
hx hx hx hx hx hx hx
features
l l l l l l l
Octave bandwidth range (typ.) Linear tuning Low phase noise Excellent harmonic suppression Output suitable for LO drive to mixers Low power consumption, typically 190 mW (most models) 12-V parts are usable with +15V supply for higher power output, typically 2 dB
applications
l l l l l l l
digital cordless phones cellular up-and-down converters catv distribution set top converters wideband frequency synthesizers test instruments signal generators agile communications systems
pin connections
see case style outline drawings PORT RF OUT V-CC V-TUNE GND EXT hx 2 1 8 3,4,5,6,7
www..com
The Design Engineers Search Engine
Provides Actual Data Instantly At: http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models Consult Our Applications Dept.
227
020712


▲Up To Search▲   

 
Price & Availability of POS-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X