Part Number Hot Search : 
LTC14 D789477 MCP6541R HRC0201A 8VDCS STM32F10 DC24V UF1000
Product Description
Full Text Search
 

To Download PMC1602F-SYL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
PALM TECHNOLOGY CO., LTD.
The LCD(M) Specialist
CONTACT ADDRESS : 10F-1, No.392, Yu-Cheng Rd., Tso-Ying Dist., KHH, Taiwan, R.O.C.
Tel: 886-7-5587228 Fax: 886-7-5587229 E-mail: sales@palmtech.com.tw
PART NO. : FOR MESSRS. :
P MC1602F-SYL
CONTENTS
NO. 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. COVER RECORD OF REVERSION GENERAL SPECIFICATION MECHANICAL DATA ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS OPTICAL CHARACTERISTICS OUTLINE DIMENSION BLOCK DIAGRAM POWER SUPPLY FOR LCM ITEM PAGE 1 2 3 3 4 5 5 6 7 7
ACCEPTED BY :
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PROPOSED BY :
PMC1602F-SYL-1
PAGE: 1/7
www..com
RECORD OF REVISION
DATE PAGE SUMMARY
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602F-SYL-1
PAGE: 2/7
www..com
3. General specifications
3.1 General specifications
PLEASE REFER TO: "CUSTOMER ACCEPTANCE STANDARD SPECIFICATIONS (MS-10-12780)".
3.2 This individual specification is prior to general specifications
4. Mechanical data
(1) NUMBER OF CHARACTERS ---------------- 16 CH * 2 LINE (2) MODULE SIZE ----------------------------------- 85.0 W * 36.0 H * 15.0 mm (3) EFFECTIVE AREA ------------------------------ 64.5 W * 16.0 H mm (4) CHARACTER PATTERN ----------------------- 5 * 7 DOTS + CURSOR (5) CHARACTER SIZE------------------------------ 2.96 W * 4.86 H mm (6) CHARACTER PITCH --------------------------- 3.55 mm (7) DOT SIZE------------------------------------------ 0.56 W * 0.66 H mm (8) DOT PITCH --------------------------------------- 0.60 W * 0.70 H mm (9) VIEWING DIRECTION ------------------------- 6 O'CLOCK (10) LCD TYPE --------------------------------------- STN.YELLOW-GREEN.TRANSFLECTIVE (11) LED BACKLIGHT COLOR ------------------ YELLOW-GREEN
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602F-SYL-1
PAGE: 3/7
www..com
5. Absolute maximum ratings
5.1 Electrical absolute maximum ratings
ITEM POWER SUPPLY FOR LOGIC INPUT VOLTAGE STATIC ELECTRICITY NOTE SYMBOL VDD-VSS VI ------MIN. 0 VSS ------MAX. 6.0 VDD 100 UNIT V V V COMMENT ------------NOTE (1)
(1): ELECTRO-STATIC DISCHARGE RESISTANCE IS TESTED BY CHARGING A 200PF CAPACITOR AND DISCHARGING IT BY CONTACT WITH A INTERFACE CONNECTOR PIN.
5.2 Environmental absolute maximum ratings
ITEM AMBIENT TEMPERATURE HUMIDITY OPERATING MIN. 0 MAX. 50 STORAGE MIN. -20 MAX. 70 COMMENT ------NO CONDENSATION 10 ~ 300Hz XYZ DIRECTIONS 1 Hr EACH 10 msec XYZ DIRECTIONS 1 TIME EACH -------
NOTE (2)
NOTE (2)
VIBRATION NOTE (3)
-------
0.5G
-------
2G
SHOCK NOTE (3) CORROSIVE GAS
-------
3G
-------
50G
NOT ACCEPTABLE
NOT ACCEPTABLE
NOTE (2) : Ta 50: 90% RH MAX. Ta 50: ABSOLUTE HUMIDITY MUST BE LOWER THAN THE HUMIDITY OF 90% RH AT 50. (80% RH AT 60) NOTE (3): 1G = 9.8 m/s
2
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602F-SYL-1
PAGE: 4/7
www..com
6. Electrical characteristics
ITEM INPUT VOLTAGE OUTPUT VOLTAGE (H LEVEL) POWER SUPPLY CURRENT RECOMMENDED LCD DRIVING VOLTAGE POWER SUPPLY CURRENT FOR LED SYMBOL VIH VIL VOH VOL IDD VDD-VO DUTY= 1/16 =10 ILED CONDITION -------IOH = 0.2 mA IOL =1.6 mA VDD = 5.0V Ta = 0 Ta = 25 Ta = 50 VDD = 5.0
Ta = 25 MIN. 2.0 2.4
VDD = 5.0 0.25 V UNIT V V V V mA V V V mA
TYP. MAX. ------- ------0.8 0.4 1.5 ------------------150 ------- -------
------- ------------- ------------------------------------1.0 4.9 4.5 4.1 120
NOTE (1): RECOMMENDED LCD DRIVING VOLTAGE MAY FLUCTEDUATE ABOUT 0.5V BY EACH MODULE.
7. Optical characteristics
ITEM VIEWING ANGLE CONTRAST RATIO SYMBOL 2-1 K tr (rise) RESPONSE TIME tf (fall) BRIGHTNESS FOR LED BACKLIGHT B CONDITION K = 2.0 = = = = = = = = 10 0 10 0 10 0 0 0 MIN. 30 3.0 ------------5 .0 TYP. 40 4.0 200 300
Ta = 25
VDD = 5.0V
MAX. UNIT NOTE ------deg. 2 2 2 2 2,3
------- ------350 400 ms ms
------- ------- cd/m2
NOTE (2): SEE CUSTOMER ACCEPTANCE STANDARD SPECIFICATION FOR DEFINITION OF OPTICAL CHARACTERISTICS. NOTE (3): UNDER NORMAL TEMPERATURE AND HUMIDITY IN A DARK ROOM.
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602F-SYL-1
PAGE: 5/7
www..com
8. Outline dimension
0.56
3.55 2.96 0.04
56.21
11.5 PIN NO. SYMBOL PIN NO. SYMBOL 1 VSS
Interface pin connection
2 VDD 9 DB2 3 VO 10 DB3 4 RS 11 DB4 5
___ __ _ __ __
0.66
0.04
5.56
6 E 13 DB6
7 DB0 14 DB7
8 DB1
R/ W 12 DB5
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602F-SYL-1
PAGE: 6/7
www..com
9. Block diagram
E RS
_____
16
16*2 LCD
R/ W DB0 DB7 VO VDD VSS
U1
40 4 40 U2 DRIVER
LED BACKLIGHT
Display data address charts
LINE 1 LINE 2
80 81 82 83 84 85 86 87 88 89 8A 8B 8C 8D 8E 8F C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 CA CB CC CD CE CF
10. Power supply for LCM
VDD R LCM LCM 5.0V (VDD)
VO
VR
VSS RECOMMENDED RESISTOR R: VDD - VO1.5V VDD - VO: LCD DRIVING VOLTAGE VR: 10K~ 20K
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602F-SYL-1
PAGE: 7/7


▲Up To Search▲   

 
Price & Availability of PMC1602F-SYL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X