Part Number Hot Search : 
001591 NPCT42XA NLX2G 225BLT STU40 BTNA14N3 09231 MMBD4
Product Description
Full Text Search
 

To Download PMC1602C-SYR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
PALM TECHNOLOGY CO., LTD.
The LCD(M) Specialist
CONTACT ADDRESS : 10F-1, No.392, Yu-Cheng Rd., Tso-Ying Dist., KHH, Taiwan, R.O.C.
Tel: 886-7-5587228 Fax: 886-7-5587229 E-mail: sales@palmtech.com.tw
PART NO. : FOR MESSRS. :
P MC1602C-SYR
CONTENTS
NO. 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. COVER RECORD OF REVERSION GENERAL SPECIFICATION MECHANICAL DATA ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS OPTICAL CHARACTERISTICS OUTLINE DIMENSION BLOCK DIAGRAM POWER SUPPLY FOR LCM ITEM PAGE 1 2 3 3 4 5 5 6 7 7
Ae 1/2E i
91.12.10
ACCEPTED BY : PROPOSED BY :
o |ae
www..com
RECORD OF REVISION
DATE PAGE SUMMARY
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602C-SYR-1
PAGE: 2/7
www..com
3. General specifications
3.1 General specifications
PLEASE REFER TO: "CUSTOMER ACCEPTANCE STANDARD SPECIFICATIONS (MS-10-12780)".
3.2 This individual specification is prior to general specifications
4. Mechanical data
(1) NUMBER OF CHARACTERS ---------------- 16 CH * 2 LINE (2) MODULE SIZE ----------------------------------- 80.0 W * 36.0 H * 10.0 mm (3) EFFECTIVE AREA ------------------------------ 64.5 W * 16.0 H mm (4) CHARACTER PATTERN ----------------------- 5 * 7 DOTS + CURSOR (5) CHARACTER SIZE------------------------------ 2.96 W * 4.86 H mm (6) CHARACTER PITCH --------------------------- 3.55 mm (7) DOT SIZE------------------------------------------ 0.56 W * 0.66 H mm (8) DOT PITCH --------------------------------------- 0.60 W * 0.70 H mm (9) VIEWING DIRECTION ------------------------- 6 O'CLOCK (10) LCD TYPE --------------------------------------- STN.YELLOW-GREEN.REFLECTIVE
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602C-SYR-1
PAGE: 3/7
www..com
5. Absolute maximum ratings
5.1 Electrical absolute maximum ratings
ITEM POWER SUPPLY FOR LOGIC INPUT VOLTAGE STATIC ELECTRICITY SYMBOL VDD-VSS VI ------MIN. 0 VSS ------MAX. 6.0 VDD 100 UNIT V V V COMMENT ------------NOTE (1)
NOTE (1): ELECTRO-STATIC DISCHARGE RESISTANCE IS TESTED BY CHARGING A 200PF CAPACITOR AND DISCHARGING IT BY CONTACT WITH A INTERFACE CONNECTOR PIN
5.2 Environmental absolute maximum ratings
ITEM AMBIENT TEMPERATURE HUMIDITY OPERATING MIN. 0 MAX. 50 STORAGE MIN. -20 MAX. 70 COMMENT ------NO CONDENSATION 10~300Hz XYZ DIRECTIONS 1 Hr EACH 10 msec XYZ DIRECTIONS 1 TIME EACH -------
NOTE (2)
NOTE (2)
VIBRATION NOTE (3)
-------
0.5G
-------
2G
SHOCK NOTE (3) CORROSIVE GAS
-------
3G
-------
50G
NOT ACCEPTABLE
NOT ACCEPTABLE
NOTE (2) : Ta 50: 90% RH MAX. Ta 50: ABSOLUTE HUMIDITY MUST BE LOWER THAN THE HUMIDITY OF 90% RH AT 50. (80% RH AT 60) NOTE (3): 1G = 9.8 m/s
2
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602C-SYR-1
PAGE: 4/7
www..com
6. Electrical characteristics
ITEM INPUT VOLTAGE OUTPUT VOLTAGE (H LEVEL) POWER SUPPLY CURRENT RECOMMENDED LCD DRIVING VOLTAGE SYMBOL VIH VIL VOH VOL IDD CONDITION ------IOH = -0.2 mA IOL = 1.2 mA VDD = 5.0V
Ta = 25 MIN. 2.2 VSS 2.4 -------------
VDD = 5.0!0.25 V MAX. VDD 0.6 ------0.4 1.5 ------------------UNIT V V V V mA V V V
TYP. ------------------------1.0 4.9 4.5 4.1
VDD-VO
DUTY= Ta = 0 ------1/16 O = 10 Ta = 25 ------O = 0 Ta = 5 0 -------
NOTE (1): RECOMMENDED LCD DRIVING VOLTAGE MAY FLUCTEDUATE ABOUT ! 0.5V BY EACH MODULE.
7. Optical characteristics
ITEM VIEWING ANGLE CONTRAST RATIO SYMBOL 2-1 K tr (rise) RESPONSE TIME tf (fall) CONDITION K =2.0 = 10 O =0 = 10 O =0 = 10 O =0
O O O
Ta = 25 MIN. 30 3.0 ------------TYP. 40 4.0 200 300 MAX. ------------350 400
VDD = 5.0V UNIT NOTE deg. ------ms ms 2 2 2 2
NOTE (2): SEE CUSTOMER ACCEPTANCE STANDARD SPECIFICATION FOR DEFINITION OF OPTICAL CHARACTERISTICS. NOTE (3): UNDER NORMAL TEMPERATURE AND HUMIDITY IN A DARK ROOM.
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602C-SYR-1
PAGE: 5/7
www..com
8. Outline dimension
0.56
3.55 2.96 0.04
56.21
11.5
Interface pin connection
PIN NO. SYMBOL PIN NO. SYMBOL 1 VSS 9 DB2 2 VDD 10 DB3 3 VO 11 DB4 4 RS 12 DB5 5 R/W 13 DB6
____
0.66
0.04
5.56
6 E 14 DB7
7 DB0 15 NC
8 DB1 16 NC
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602C-SYR-1
PAGE: 6/7
www..com
9. Block diagram
VDD E RS
______
16
16*2 LCD
R/ W DB0 DB7
U1 40 4
40
VO VSS
U2 DRIVER
Display data address charts
1 2 01 41 3 02 42 4 03 43 5 04 44 6 05 45 7 06 46 8 07 47 9 08 48 10 09 49 11 12 13 44 14 15 16 0F 4F
LINE 1 LINE 2
00 40
0A 0B 0C 0D 0E 4A 4B 4D 4E
10. Power supply for LCM
VDD
R LCM LCM VO VSS RECOMMENDED RESISTOR R: VDD-VO1.5V VDD-VO: LCD DRIVING VOLTAGE VR: 10K~20K VR +5.0V (VDD)
PALM TECHNOLOGY CO., LTD. Tel:886-7-5587228 Fax:886-7-5587229
PMC1602C-SYR-1
PAGE: 7/7


▲Up To Search▲   

 
Price & Availability of PMC1602C-SYR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X