Part Number Hot Search : 
MT6L61AE 7A175 74479 T54FC 54210 5150M M7S34FAJ 08X7R1H
Product Description
Full Text Search
 

To Download PCI-1762 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI-1762
16-ch Relay and 16-ch Isolated Digital Input PCI Card Features
16 relay output channels and 16 isolated digital input channels LED indicators to show activated relays Jumper selectable Form A/Form B-type relay output channel Output status readback Retain relay output values when hot system reset High-voltage isolation on input channels (2,500 VDC) High ESD protection (2,000 VDC) High over-voltage protection (70 VDC) Wide input range (10 ~ 50 VDC) Interrupt handling capability High-density DB62 connector BoardIDTM switch
RoHS
2002/95/EC
COMPLIANT
Introduction
The PCI-1762 relay actuator and isolated DI card is a PC add-on card for the PCI bus. It provides 16 opto-isolated digital inputs with isolation protection of 2,500 VDC for collecting digital inputs in noisy environments, 16 relay actuators for serving as on/off control devices or small power switches. For easy monitoring, each relay is equipped with one red LED to show its on/off status. The PCI-1762's sixteen optically-isolated digital input channels are ideal for digital input in noisy environments or with floating potentials.
Specifications
Isolated Digital Input
Channels Input Voltage 16 Logic 0: 3 V max. Logic 1: 10 V min. (50 V max.) Interrupt Capable Ch. 2 Isolation Protection 2,500 VDC Overvoltage Protection 70 VDC Opto-Isolator Response 25 s Input Resistance 4.7 KW
Ordering Information
PCI-1762 PCL-10162-1 PCL-10162-3 ADAM-3962 16-ch Relay/Isolated Digital Input PCI Card DB62 Cable, 1 m DB62 Cable, 3 m DB62 DIN-rail Wiring Board
Pin Assignments
Relay Output
Channels Relay Type Contact Rating Relay on Time Relay off Time Life Span 16 SPDT (Form A or Form B, jumper selectable) 0.5 A @ 125 VAC or 1 A @ 30 VDC 6 ms max. 4 ms max. 2 x 105 ops. min. (0.5 A @ 125 VAC), 5 x 105 ops. min. (1 A @ 30 VDC) Contact: 50 MW Insulation: 1,000 MW min. (at 500 VDC)
Resistance
General www..com

PCI V2.2 1 x DB62 female connector 175 x 100 mm (69" x 3.9") Typical: +5 V @ 250 mA Max: +5 V @ 620 mA Operating Temperature 0 ~ 60 C (32 ~ 140 F) (IEC 68-2-1, 2) Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Storage Humidity 5 - 95 % non-condensing (IEC 68-2-3)
Bus Type I/O Connectors Dimensions (L x H) Power Consumption
Data Acquisition Boards


▲Up To Search▲   

 
Price & Availability of PCI-1762

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X