Part Number Hot Search : 
NMP400 OV7910 PA1801 6800F 20240 UF502 SS51T 74HCT21D
Product Description
Full Text Search
 

To Download PCI-1620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI-1620 Series
Features
Speeds up to 921.6 kbps 8-port RS-232
8-port RS-232 PCI Communication Cards
PCI bus 2.1, 2.2 (PCI-1620U, PCI-1620AU) compliant
I/O address automatically assigned by PCI Plug & Play OS supported: Windows(R) 98/ME/2000/XP/XP Embedded/Vista, Windows CE 5.0/6.0, Linux Interrupt status register for increased performance Powerful and easy-to use utility (ICOM Tools) Universal PCI (Supports 3.3 V or 5 V PCI bus signal) (PCI-1620AU, PCI-1620U)
PCI-1620A/B
PCI-1620AU/BU
RoHS
2002/95/EC
COMPLIANT
Introduction
PCI-1620 is an 8-port RS-232 PCI communication card that is compatible with the PCI 2.1 bus specification. The card provides eight optional EFT protected RS-232 ports, and has many functions such as high transmission speed of 921.6 kbps, eight independent RS-232 ports and also comes with high-performance 16PCI954 UARTs with 128-byte FIFO and a 16C954 UART to reduce CPU load. Thus, the PCI-1620 is especially suitable for making your system reliable in multitasking environments. PCI-1620AU and PCI-1620BU have an universal PCI connector that is compatible with both 3.3 V signaling and 5 V signaling. This means that PCI-1610AU and PCI-1620BU can not only be used in traditional systems with 5 V signaling but also newer systems with 3.3 V signaling. To further increase reliability, PCI-1620B and PCI-1620BU offer EFT protection technology, protecting your system from abrupt high voltages of up to 3,000 VDC. Advantech also provides a convenient utility program called ICOM Tools, to help you test the PCI card's performance by analyzing the port status. ICOM Tools is easy to use with its menu commands and toolbar buttons, and acts as a PC-based data scope that lets you set a trigger condition, capture the communications data and monitor the signal status. ICOM Tools is applicable to all series of Advantech ICOM cards.
Specifications
General
Bus Type Certifications Connectors Dimensions Power Consumption PCI-1620A, PCI-1620B: PCI V2.1 PCI-1620AU, PCI-1620BU: Universal PCI V2.2 CE, FCC class A 1 x DB62-F 185 x 100 mm (7.3" x 3.9") Typical Max +12 V: 120 mA +5 V: 180 mA +12 V: 150 mA +5 V: 220 mA 12 V
Software
Bundled Software OS Support ICOM Tools Windows 98/ME/2000/XP/XP Embedded, Windows CE 5.0/6.0, Linux
Environment
Operating Temperature 0 ~ 65 C (refer to IEC 68-2-1,2) (32 ~ 149 F) Humidity (Operating) 5 ~ 95 % RH, non-condensing (refer to IEC 68-2-3) Storage Temperature -25 ~ 85 C (-13 ~ 185 F)
Power Requirement
Communications
Communication Controller Data Bits Data Signals FIFO www..com Flow Control IRQ Parity Speed Stop Bits 16PCI954+16C954 5, 6, 7, 8 RS-232: TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND 128 bytes RTS/CTS, Xon/Xoff Assigned by Plug & Play None, even, odd 50 bps ~ 921.6 kbps 1, 1.5, 2
Ordering Information
PCI-1620A 8-port RS-232 PCI Comm Card PCI-1620B 8-port RS-232 PCI Comm Card w/ EFT PCI-1620AU 8-port RS-232 Uni PCI Comm Card PCI-1620BU 8-port RS-232 Uni PCI Comm w/EFT Opt8C 8-port RS-232 cable w/ male DB62 to DB25 Opt8H 8-port RS-232 cable w/ male DB62 to DB9 OPT8AP 8-port RS-232 (DCE) connection box w/ female DB25 OPT8BP 8-port RS-232 (DTE) connection box w/ male DB25 Note: Cable not included. For most applications the PCI-1620 requires different cable.
Protection
ESD Protection EFT Protection 16 kV 3,000 VDC (PCI-1620B) 2,500 VDC (PCI-1620U)
Serial Communication Cards


▲Up To Search▲   

 
Price & Availability of PCI-1620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X