Part Number Hot Search : 
3638A 2220A FH22NJ CMZ5342 5310F STLC5465 MPC83 KSZ8995X
Product Description
Full Text Search
 

To Download NT75-1A-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NT75
NT75
R
Operation condition
Insulation Resistance 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 T Ea est IEC68-2-6 T Fc est IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 50Hz 1000V 50Hz 5000V 100m/s2 11ms 10~55Hz double amplitude 1.5mm 10N 235 2 3 0.5s -40~85 85% (at 40 ) 11g 12g(NT75-2)
C
US
E158859
VDE
On pending
R2033977
04001010697
29 12.7 15.7
Patent No.: 200520013535.9 200510050849.0 200620105885.2
Features
Small size, light weight. Low coil consumption. Switching capacity up to 16A. PC board mounting. Suitable for household electrical appliances, automation system, electrical equipment, instrument, meter telecommunication facilities and remote control facilities. www..com
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. T UV 16A/250VAC 30VDC CQC 1A,1C:16A/250VAC,30VDC 2A,2C:8A/250VAC,30VDC
Ordering Information
Safety approvals
Safety approval Load UL&CUR 1A,1C:16A/250VAC,30VDC 2A,2C:8A/250VAC,30VDC
NT75 C S
1 2 3
12 DC12V 0.25 3.5 N G
4 5 6 7 8 9
5 Coil rated voltage(V): DC:5,6,9,12,24,48,60,110 6 Coil power consumption: 0.25:0.25W;0.41:0.41W;0.48:0.48W;0.72:0.72W 7 Pole-distance: 3.5:3.5mm;5.0:5.0mm 8 Contact meteial: NIL:AgSnO 2 N:AgNi 9 Contact plating: Nil:Standard; G:Gold plated
1 Part number:NT75 2 Contact arrangement:A:1A;C:1C 2A:2A;2C:2C 3 Enclosure:S: Sealed type Z: Dust cove 4 Contact rating:1A,1C:12A/250VAC 30VDC; 1A,1C(0.72W):16A/250VAC 30VDC; 2A,2C(0.41W):8A/250VAC 30VDC
Dimensions
6- 1.3 8- 1.3
0.051
mm /inch
0.051
Contact Data
15.7 0.2 0.618 0.008
29 0.2 1.142 0.008
12.7 0.2 0.500 0.008
0.2 0.008
Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operational life Electrical Mechanical
1A,1C;12A/250VAC,30VDC; 1A,1C(0.72W):16A/250VAC, 30VDC 2A,2C:8A/250VAC,30VDC 480W 4000VA 2C:2 150W 2 1250VA 125VDC 440VAC Max. Switching Current:16A 100m 10 107
5
0.787
7.6 0.295
7.6 0.299
3.6 0.3 0.142 0.012
Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
2-0.4X0.6 6-0.5X0.8 0.016 0.024 0.020 0.031 1.3 0.051
1.9 0.075
L:3.5mm or 5.0mm(0.138inch or 0.197inch) Mounting (Bottom view)
Dimension
Coil Parameter
Dash numbers 005-250 006-250 009-250 012-250 024-250 048-250 060-250 005-410 006-410 009-410 012-410 024-410 048-410 060-480 110-480 005-720 006-720 009-720 012-720 024-720 048-720 Coil voltage VDC Rated 5 6 9 12 24 48 60 5 6 9 12 24 48 60 110 5 6 9 12 24 48 Max. 6.5 7.8 11.7 15.6 31.2 62.4 78 6.5 7.8 11.7 15.6 31.2 62.4 78 143 6.5 7.8 11.7 15.6 31.2 62.4 Coil resistance 10% 100 144 324 576 2304 9216 12857 61 88 198 351 1405 5620 7500/ 15% 25200/ 15% 34.7 50 112.5 200 800 3200 Pickup voltage VDC(max) (70%of rated voltage ) 3.5 4.2 6.3 8.4 16.8 33.6 42 3.5 4.2 6.3 8.4 16.8 33.6 42 77 3.5 4.2 6.3 8.4 16.8 33.6 Release voltage VDC(min) (10% of rated voltage) 0.5 0.6 0.9 1.2 2.4 4.8 6.0 0.5 0.6 0.9 1.2 2.4 4.8 6.0 11.0 0.5 0.6 0.9 1.2 2.4 4.8 Coil power consumption W Operate Time ms Release Time ms
0.25
10
5
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Wiring diagram (Bottom view)
Reference Data
0.41
10
5
0.48
0.72
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
99
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
0.787
Contact Arrangement Contact Material
1A SPSTNO 1C SPDT(B-M) AgNi AgSnO2 AgSnO2In2O3
2A DPSTNO
2C
DPDT(B-M)
Ningbo Forward Relay Corporation LTD.
100


▲Up To Search▲   

 
Price & Availability of NT75-1A-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X