|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD - 95137 IRF7416PBF l l l l l l l l Generation V Technology Ultra Low On-Resistance P-Channel Mosfet Surface Mount Available in Tape & Reel Dynamic dv/dt Rating Fast Switching Lead-Free HEXFET(R) Power MOSFET S 1 8 7 A D D D D S S G 2 VDSS = -30V RDS(on) = 0.02 3 6 4 5 Description Top View Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infra red, or wave soldering techniques. Power dissipation of greater than 0.8W is possible in a typical PCB mount application. SO-8 Absolute Maximum Ratings Parameter I D @ TA = 25C I D @ TA = 70C I DM P D @TA = 25C VGS EAS dv/dt TJ, TSTG Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ - 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Peak Diode Recovery dv/dt Junction and Storage Temperature Range Max. -10 -7.1 -45 2.5 0.02 20 370 -5.0 -55 to + 150 Units A W mW/C V mJ V/ns C Thermal Resistance Ratings Parameter R JA Maximum Junction-to-Ambient Typ. Max. 50 Units C/W www.irf.com 1 06/06/05 IRF7416PBF Electrical Characteristics @ TJ = 25C (unless otherwise specified) V(BR)DSS V(BR)DSS/TJ Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance RDS(on) VGS(th) g fs IDSS IGSS Qg Qgs Qgd t d(on) tr t d(off) tf Ciss Coss Crss Min. -30 -1.0 5.6 Typ. Max. Units Conditions V VGS = 0V, ID = -250A -0.024 V/C Reference to 25C, ID = -1mA 0.020 VGS = -10V, ID = -5.6A 0.035 VGS = -4.5V, ID = -2.8A V VDS = VGS, ID = -250A S VDS = -10V, ID = -2.8A -1.0 VDS = -24V, VGS = 0V A -25 VDS = -24V, VGS = 0V, T J = 125C -100 VGS = -20V nA 100 VGS = 20V 61 92 ID = -5.6A 8.0 12 nC VDS = -24V 22 32 VGS = -10V, See Fig. 6 and 9 18 VDD = -15V 49 ID = -5.6A ns 59 RG = 6.2 60 RD = 2.7, See Fig. 10 1700 VGS = 0V 890 pF VDS = -25V 410 = 1.0MHz, See Fig. 5 Source-Drain Ratings and Characteristics IS I SM VSD t rr Q rr Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Min. Typ. Max. Units 56 99 -3.1 -45 -1.0 85 150 V ns nC A Conditions MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = -5.6A, V GS = 0V TJ = 25C, IF = -5.6A di/dt = 100A/s D G S Notes: Repetitive rating; pulse width limited by Starting TJ = 25C, L = 25mH max. junction temperature. ( See fig. 11 ) ISD -5.6A, di/dt 100A/s, VDD V(BR)DSS, T J 150C RG = 25, IAS = -5.6A. (See Figure 12) Pulse width 300s; duty cycle 2%. Surface mounted on FR-4 board, t 10sec. 2 www.irf.com IRF7416PBF 100 VGS - 15V - 10V - 7.0V - 5.5V - 4.5V - 4.0V - 3.5V BOTTOM - 3.0V TOP 100 -I D , Drain-to-Source Current (A) -I D , Drain-to-Source Current (A) VGS - 15V - 10V - 7.0V - 5.5V - 4.5V - 4.0V - 3.5V BOTTOM - 3.0V TOP 10 10 -3.0V -3.0V 20s PULSE WIDTH TJ = 25C A 0.1 1 10 1 1 0.1 1 20s PULSE WIDTH TJ = 150C A 10 -VDS , Drain-to-Source Voltage (V) -VDS , Drain-to-Source Voltage (V) Fig 1. Typical Output Characteristics Fig 2. Typical Output Characteristics 100 2.0 TJ = 25C TJ = 150C 10 R DS(on) , Drain-to-Source On Resistance (Normalized) I D = -5.6A -ID , Drain-to-Source Current (A) 1.5 1.0 0.5 1 3.0 3.5 4.0 VDS = -10V 20s PULSE WIDTH 4.5 5.0 5.5 A 0.0 -60 -40 -20 0 20 40 60 80 VGS = -10V 100 120 140 160 A -VGS , Gate-to-Source Voltage (V) TJ , Junction Temperature (C) Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance Vs. Temperature www.irf.com 3 IRF7416PBF 4000 -VGS , Gate-to-Source Voltage (V) V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd C oss = C ds + C gd 20 I D = -5.6A VDS = -24V VDS = -15V 16 C, Capacitance (pF) 3000 Ciss 2000 12 Coss 8 1000 Crss 4 0 1 10 100 A 0 0 20 40 FOR TEST CIRCUIT SEE FIGURE 9 60 80 A 100 VDS , Drain-to-Source Voltage (V) Q G , Total Gate Charge (nC) Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage 100 100 -ISD , Reverse Drain Current (A) OPERATION IN THIS AREA LIMITED BY RDS(on) -ID , Drain Current (A) I 100us TJ = 150C 10 10 1ms TJ = 25C 1 0.4 0.6 0.8 1.0 VGS = 0V A 1.2 1 0.1 TA = 25 C TJ = 150 C Single Pulse 1 10 10ms 100 -VSD , Source-to-Drain Voltage (V) -VDS , Drain-to-Source Voltage (V) Fig 7. Typical Source-Drain Diode Forward Voltage Fig 8. Maximum Safe Operating Area 4 www.irf.com IRF7416PBF VDS QG RD -10V VG V GS RG -10V D.U.T. + Charge Pulse Width 1 s Duty Factor 0.1 % Fig 9a. Basic Gate Charge Waveform Current Regulator Same Type as D.U.T. Fig 10a. Switching Time Test Circuit 50K 12V .2F .3F td(on) tr t d(off) tf VGS 10% + D.U.T. VDS VGS 90% -3mA VDS IG ID Current Sampling Resistors Fig 9b. Gate Charge Test Circuit 100 Fig 10b. Switching Time Waveforms Thermal Response (Z thJA ) D = 0.50 0.20 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.1 1 10 100 10 0.1 0.0001 0.001 0.01 t1 , Rectangular Pulse Duration (sec) Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient www.irf.com - QGS QGD VDD 5 IRF7416PBF 1000 VDS L EAS , Single Pulse Avalanche Energy (mJ) RG D.U.T IAS 800 VDD A DRIVER ID -2.5A -4.5A BOTTOM -5.6A TOP -20V tp 0.01 600 400 15V Fig 12a. Unclamped Inductive Test Circuit I AS 200 0 25 50 75 100 125 150 Starting TJ , Junction Temperature (o C) Fig 12c. Maximum Avalanche Energy Vs. Drain Current tp V(BR)DSS Fig 12b. Unclamped Inductive Waveforms 6 www.irf.com IRF7416PBF Peak Diode Recovery dv/dt Test Circuit D.U.T + + Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer - + RG VGS* ** * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test + - VDD * * Reverse Polarity for P-Channel ** Use P-Channel Driver for P-Channel Measurements Driver Gate Drive P.W. Period D= P.W. Period [VGS=10V ] *** D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt [ VDD] Re-Applied Voltage Inductor Curent Body Diode Forward Drop Ripple 5% [ ISD] *** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 13. For P-Channel HEXFETS www.irf.com 7 IRF7416PBF SO-8 Package Outline Dimensions are shown in millimeters (inches) D A 5 B DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00 A1 .0040 8 6 E 1 7 6 5 H 0.25 [.010] A c D E e e1 H K L y 2 3 4 .050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8 1.27 BASIC 0.635 BASIC 5.80 0.25 0.40 0 6.20 0.50 1.27 8 6X e e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CAB y K x 45 8X L 7 8X c NOT ES : 1. DIMENS IONING & TOLERANCING PER ASME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMET ER 3. DIMENS IONS ARE SHOWN IN MILLIMETERS [INCHES]. 4. OUTLINE CONFORMS TO JEDEC OUTLINE MS -012AA. 5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.15 [.006]. 6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.25 [.010]. 7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING TO A S UBST RAT E. 3X 1.27 [.050] F OOTPRINT 8X 0.72 [.028] 6.46 [.255] 8X 1.78 [.070] SO-8 Part Marking EXAMPLE: T HIS IS AN IRF7101 (MOSFET ) DAT E CODE (YWW) P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) Y = LAS T DIGIT OF T HE YEAR WW = WEEK A = AS S EMBLY S IT E CODE LOT CODE PART NUMBER INT ERNAT IONAL RECT IFIER LOGO XXXX F7101 8 www.irf.com IRF7416PBF SO-8 Tape and Reel Dimensions are shown in millimeters (inches) TERMINAL NUMBER 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) FEED DIRECTION NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541. 330.00 (12.992) MAX. 14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541. Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualifications Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.06/05 www.irf.com 9 |
Price & Availability of IRF7416PBF |