|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.DataSheet.in PD - 96028A IRF7410PBF HEXFET(R) Power MOSFET l l l l l Ultra Low On-Resistance P-Channel MOSFET Surface Mount Available in Tape & Reel Lead-Free VDSS -12V RDS(on) max 7m@VGS = -4.5V 9m@VGS = -2.5V 13m@VGS = -1.8V ID -16A -13.6A -11.5A Description These P-Channel HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications.. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infrared, or wave soldering techniques. S 1 8 A D D D D S S G 2 7 3 6 4 5 Top View SO-8 Absolute Maximum Ratings Parameter VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range Max. -12 -16 -13 -65 2.5 1.6 20 8 -55 to +150 Units V A W mW/C V C Thermal Resistance Parameter RJA Maximum Junction-to-Ambient Max. 50 Units C/W www.irf.com 1 8/25/06 www.DataSheet.in IRF7410PBF Electrical Characteristics @ TJ = 25C (unless otherwise specified) V(BR)DSS V(BR)DSS/TJ Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -12 --- --- -0.4 55 --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.006 --- --- --- --- --- --- --- --- --- 91 18 25 13 12 271 200 8676 2344 1604 Max. Units Conditions --- V VGS = 0V, I D = -250A --- V/C Reference to 25C, I D = -1mA 7 VGS = -4.5V, I D = -16A m VGS = -2.5V, ID = -13.6A 9 13 VGS = -1.8V, ID = -11.5A -0.9 V VDS = VGS , ID = -250A --- S VDS = -10V, I D = -16A -1.0 VDS = -9.6V, VGS = 0V A -25 VDS = -9.6V, VGS = 0V, T J = 70C -100 nA VGS = -8V 100 VGS = 8V --- ID = -16A --- nC VDS = -9.6V --- VGS = -4.5V 20 VDD = -6V, VGS = -4.5V ns 18 ID = -1.0A 407 RD = 6 300 RG = 6 --- VGS = 0V --- pF VDS = -10V --- = 1.0MHz Source-Drain Ratings and Characteristics IS ISM VSD trr Qrr Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Min. Typ. Max. Units --- --- --- --- 97 134 -2.5 -65 -1.2 145 201 V ns C A Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.5A, VGS = 0V TJ = 25C, IF = -2.5A di/dt = -100A/s D S Notes: Repetitive rating; pulse width limited by max. junction temperature. Surface mounted on 1 in square Cu board, t 10sec. Pulse width 400s; duty cycle 2%. 2 www.irf.com www.DataSheet.in IRF7410PBF 100 100 VGS TOP -7.0V -5.0V -4.5V -2.5V -1.8V -1.5V -1.2V BOTTOM -1.0V VGS -7.0V -5.0V -4.5V -2.5V -1.8V -1.5V -1.2V BOTTOM -1.0V TOP -ID, Drain-to-Source Current (A) 10 -ID, Drain-to-Source Current (A) 10 1 -1.0V 20s PULSE WIDTH Tj = 150C 1 -1.0V 20s PULSE WIDTH Tj = 25C 0.1 0.1 1 10 100 0.1 1 10 100 -VDS Drain-to-Source Voltage (V) , -VDS Drain-to-Source Voltage (V) , Fig 1. Typical Output Characteristics Fig 2. Typical Output Characteristics 100 RDS(on) , Drain-to-Source On Resistance (Normalized) 2.0 ID = -16A -I D , Drain-to-Source Current (A) TJ = 150 C 1.5 10 1.0 TJ = 25 C 0.5 1 1.0 V DS = -10V 20s PULSE WIDTH 1.2 1.4 1.6 1.8 2.0 0.0 -60 -40 -20 VGS = -4.5V 0 20 40 60 80 100 120 140 160 -VGS , Gate-to-Source Voltage (V) TJ , Junction Temperature ( C) Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance Vs. Temperature www.irf.com 3 www.DataSheet.in IRF7410PBF 14000 12000 6 -VGS , Gate-to-Source Voltage (V) VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd ID = -16A V DS=-9.6V 5 C, Capacitance(pF) 10000 8000 6000 4000 2000 0 1 Ciss Coss = Cds + Cgd 4 3 2 Coss Crss 1 0 10 100 0 20 40 60 80 100 120 -VDS, Drain-to-Source Voltage (V) QG , Total Gate Charge (nC) Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage 100 1000 -ISD , Reverse Drain Current (A) OPERATION IN THIS AREA LIMITED BY RDS(on) TJ = 150 C -ID , Drain Current (A) I 10 100 100us TJ = 25 C 1 1ms 10 10ms 0.1 0.2 V GS = 0 V 0.4 0.6 0.8 1.0 1 0.1 TC = 25 C TJ = 150 C Single Pulse 1 10 100 -VSD ,Source-to-Drain Voltage (V) -VDS , Drain-to-Source Voltage (V) Fig 7. Typical Source-Drain Diode Forward Voltage Fig 8. Maximum Safe Operating Area 4 www.irf.com www.DataSheet.in IRF7410PBF 16 VDS VGS RD -ID , Drain Current (A) 12 8 VGS Pulse Width 1 s Duty Factor 0.1 % 4 Fig 10a. Switching Time Test Circuit td(on) tr t d(off) tf VGS 0 25 50 75 100 125 150 10% TC , Case Temperature ( C) 90% Fig 9. Maximum Drain Current Vs. Case Temperature VDS Fig 10b. Switching Time Waveforms 100 D = 0.50 10 0.20 0.10 0.05 1 0.02 0.01 PDM t1 0.1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 100 t2 Thermal Response(Z thJA ) 0.01 0.00001 t1 , Rectangular Pulse Duration (sec) Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient www.irf.com + - RG D.U.T. VDD 5 www.DataSheet.in IRF7410PBF RDS ( on ) , Drain-to-Source On Resistance ) ( ( RDS(on) Drain-to -Source On Resistance) , 0.010 0.02 0.008 0.015 VGS = -1.8V 0.01 VGS = -2.5V 0.005 VGS = -4.5V 0 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 -ID , Drain Current ( A ) 0.006 ID = -16A 0.004 0.002 0.0 2.0 4.0 6.0 8.0 -VGS, Gate -to -Source Voltage (V) Fig 12. Typical On-Resistance Vs. Gate Voltage Fig 13. Typical On-Resistance Vs. Drain Current Current Regulator Same Type as D.U.T. 50K QG QGS VG QGD 12V .2F .3F VGS -3mA Charge IG ID Current Sampling Resistors Fig 14a. Basic Gate Charge Waveform Fig 14b. Gate Charge Test Circuit 6 www.irf.com + D.U.T. - VDS www.DataSheet.in IRF7410PBF 1.0 700 600 0.8 500 -VGS(th) ( V ) ID = -250A 0.6 Power (W) 400 300 200 100 0.4 0.2 -75 -50 -25 0 25 50 75 100 125 150 0 0.0001 0.0010 0.0100 0.1000 1.0000 10.0000 100.0000 TJ , Temperature ( C ) Time (sec) Fig 15. Typical Vgs(th) Vs. Junction Temperature Fig 16. Typical Power Vs. Time www.irf.com 7 www.DataSheet.in IRF7410PBF SO-8 Package Outline Dimensions are shown in milimeters (inches) 9 6 ' & ! % " $ $ # 7 9DH 6 6 i p 9 @ r r C F G DI8C@T HDI H6Y $"! %'' # (' " ! &$ (' '( (%' #(& $ $AA76TD8 !$AA76TD8 !!'# !## (( (% % $ A A' HDGGDH@U@ST HDI H6Y "$ &$ !$ "" $ ( !$ #' $ "' # !&AA76TD8 %"$AA76TD8 $' %! !$ $ # !& A' A % @ C !$Ab dA 6 %Y r r 6 FAA#$ 8 Ab#dA 'YAG & 'YAp 'YAi !$Ab dA 6 867 IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@ APPUQSDIU 'YA&!Ab!'d %#%Ab!$$d "YA !&Ab$d 'YA &'Ab&d SO-8 Part Marking Information (Lead-Free) @Y6HQG@)AUCDTADTA6IADSA& AHPTA@U 96U@A8P9@AXX QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S www.irf.com DIU@SI6UDPI6G S@8UDAD@S GPBP ;;;; ) 8 www.DataSheet.in IRF7410PBF SO-8 Tape and Reel Dimensions are shown in milimeters (inches) TERMINAL NUMBER 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) FEED DIRECTION NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541. 330.00 (12.992) MAX. 14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541. Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.08/2006 www.irf.com 9 |
Price & Availability of IRF7410PBF |