Part Number Hot Search : 
2N3691 CP273 300DT 4949ED D1370 HCT04 A5801086 CJ2310
Product Description
Full Text Search
 

To Download IR333L10F45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DIR-033-130 REV : 1.1 PAGE : 1/8
5mm Infrared LED ,T-1 3/4
MODEL NO : Features :
High radiant intensity Peak wavelength p=940nm View angle 20 High reliability 2.54mm Lead spacing
IR333/L10/F45
Description :
EVERLIGHT's Infrared Emitting Diode (IR333/L10/F45) is a high intensity diode, molded
in a blue transparent plastic package. The device is spectrally matched with phototransistor, photodiode and infrared receiver module.
Applications :
Free air transmission system Optoelectronic switch Floppy disk drive Infrared applied system Smoke detector
w
w
w
.d
at
sh a
et e
u. 4
om c
IR
CHIP MATERIAL GaAlAs LENS COLOR Blue
PART NO.
www..com
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DIR-033-130 REV : 1.1 PAGE : 2/8
5mm Infrared LED ,T-1 3/4
MODEL NO : IR333/L10/F45
Package Dimensions :
Notes :
1.All dimensions are in millimeter. 2.Protruded resin under flange 1.5 mm Max. 3.Lead spacing is measured where the lead emerge from the package. 4.Lens colorBlue transparent. 5.Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 6.These specification sheets include materials protected under copyright of EVERLIGHT corporation . Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent. 7.When using this product , please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. EVERIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets.
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DIR-033-130 REV : 1.1 PAGE : 3/8
5mm Infrared LED ,T-1 3/4
MODEL NO : IR333/L10/F45
Absolute Maximum Ratings at Ta = 25 Parameter Symbol Rating Continuous Forward Current Peak Forward Current Pulse width=100s, Duty cycle=1 Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Power Dissipation at(or below) 25Free Air Temperature IF IFP VR Topr Tstg Tsol Pd 50 1.0 5 -40 ~ +85 -40 ~ +85 260 100
Unit mA A V
Notice
4mm from mold body less than 5 seconds
Electronic Optical Characteristics : Parameter Symbol Min. Typ. Max. 7.8 ---------------------------20 90 900 940 45 1.2 1.4 2.6 ---20 ---------------1.5 1.85 4.0 10 ----
Unit
Condition IF=20mA IF=100mA,tp=100s, tP/T=0.01 IF=1A,tp=100s, tP/T=0.01 IF=20mA IF=20mA IF=20mA IF=100mA,tp=100s, tP/T=0.01 IF=1A,tp=100s, tP/T=0.01 VR=5V IF=20mA
Radiant Intensity Peak Wavelength Spectral Bandwidth Forward Voltage Reverse Current View In Angle
Ee P
mW/sr nm nm
VF IR 2
1/2
V A deg
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DIR-033-130 REV : 1.1 PAGE : 4/8
5mm Infrared LED ,T-1 3/4
MODEL NO : IR333/L10/F45
Typical Electrical/Optical/Characteristics Curves



EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DIR-033-130 REV : 1.1 PAGE : 5/8
5mm Infrared LED ,T-1 3/4
MODEL NO : IR333/L10/F45
Typical Electrical/Optical/Characteristics Curves








EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DIR-033-130 REV : 1.1 PAGE : 6/8
5mm Infrared LED ,T-1 3/4
MODEL NO : IR333/L10/F45
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level:90% LTPD:10% NO. Item Test Conditions Test Sample Failure Ac/Re Hours/ Size Judgement Cycles Criteria 1 Solder Heat TEMP : 260 5 5 secs 22 pcs IR 2 0.8 VF 1.2 0/1
H : +85
30 mins
2
Temperature Cycle
5 mins
50 cycles
22 pcs
0/1
L : -55
30 mins
H : +100
5 mins
3
Thermal Shock 10 secs
L : -10 5 mins
50 cycles
22 pcs
U :Upper specification limit L :Lower specification limit
0/1
4 5 6 7
High Temperature TEMP. : +100 Storage Low Temperature TEMP. : -55 Storage DC Operating Life IF=20mA High Temperature / 85 / 85% R.H. High Humidity
1000 hrs 1000 hrs 1000 hrs 1000 hrs
22 pcs 22 pcs 22 pcs 22 pcs
0/1 0/1 0/1 0/1
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DIR-033-130 REV : 1.1 PAGE : 7/8
5mm Infrared LED ,T-1 3/4
MODEL NO : IR333/L10/F45
Test Method For Power :
Condition : IF=20 mA Test Item : Radiant Intensity Unit : mW/sr
To Distinguish Intensity:
Condition:IF=20mA Bin Number Min Max M 7.8 12.5 N 11.0 17.6 P 15.0 24.0 Q 21.0 34.0 UnitmW/sr
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DIR-033-130 REV : 1.1 PAGE : 8/8
5mm Infrared LED ,T-1 3/4
MODEL NO : IR333/L10/F45
Packing Specifications









CPN : Customer's Production Number P/N : Production Number QTY : Packing Quantity CAT : Ranks HUE : Peak Wavelength REF : Reference LOT NO : Lot Number MADE IN TAIWAN : Production place
Packing Quantity Specification
1. 500 Pcs/1Bag6 Bags/1Box 2. 10 Boxes/1Carton IR333/L10/F45


▲Up To Search▲   

 
Price & Availability of IR333L10F45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X