|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Description w w The ICS9112CM-18 is a low jitter, low skew, high performance Phase Lock Loop (PLL) based zero delay buffer for high speed applications. Based on ICS' proprietary low jitter PLL techniques, the device provides eight low skew outputs at speeds up to 160 MHz at 3.3V. The ICS9112-18 includes a bank of four outputs running at 1/2X. In the zero delay mode, the rising edge of the input clock is aligned with the rising edges of all eight outputs. Compared to competitive CMOS devices, the ICS9112CM-18 has the lowest jitter. a D . w ta Sh ee 4U t .c om ICS9112CM-18 ZERO DELAY, LOW SKEW BUFFER Features * * * * * * * Packaged in 16 pin SOIC Zero input-output delay Four 1X outputs plus four 1/2X outputs Output to output skew is less than 250 ps Output clocks up to 160 MHz at 3.3V Ability to generate 2X the input Full CMOS outputs with 18 mA output drive capability at TTL levels at 3.3V spectrum clock generators * Spread SmartTM technology works with spread * Advanced, low power, sub micron CMOS process * Operating voltage of 3.3V or 5V ICS manufactures the largest variety of clock generators and buffers and is the largest clock supplier in the world. The older ICS9112BM-18 is not recommended for new designs. Block Diagram FBIN CLKIN PLL w MDS 9112CM-18 B w .D w 2 t a S a VDD 2 e h /2 t e U 4 .c m o CLKA1 CLKA2 CLKA3 CLKA4 BANK A CLKB1 CLKB2 S1, S0 Control Logic CLKB3 CLKB4 BANK B 2 GND 1 q In tegr ated C ir cu it S yst ems 5 25 Ra ce Str eet, San Jose, C A 95 126 q tel ( 408) 2 95-9 800 w w w .D a aS t q ee h 4U t om .c Revision 021903 www. i c s t. c om ICS9112CM-18 ZERO DELAY, LOW SKEW BUFFER Pin Assignment CLKIN CLKA1 CLKA2 VDD GND CLKB1 CLKB2 S2 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 FBIN CLKA4 CLKA3 VDD GND CLKB4 CLKB3 S1 Feedback Configuration Table Feedback From Bank A Bank B CLKA1:A4 CLKIN 2XCLKIN CLKB1:B4 CLKIN/2 CLKIN 16 Pin (150 mil) SOIC Output Clock Mode Select Table S2 0 0 1 1 S1 0 1 0 1 Clocks A1:A4 Clocks B1:B4 Internet Generation Tri-state (high impedance) Tri-state (high impedance) None Running Tri-state (high impedance) PLL Running Running Buffer only (no zero delay) Running Running PLL PLL Status On On Off On Pin Descriptions Pin Number 1 2-3 4 5 6-7 8 9 10 - 11 12 13 14 - 15 16 Pin Name CLKIN CLKA1:A4 VDD GND CLKB1:B4 S2 S1 CLKB1:B4 GND VDD CLKA1:A4 FBIN Pin Type Input Output Power Power Output Input Input Output Power Power Output Input Pin Description Clock input. Connect to input clock source. Clock A bank of four outputs. Power supply. Connect pin to same voltage as pin 13 (either 3.3V or 5V). Connect to ground. Clock B bank of four outputs. These are low skew divide by two of bank A. Select input 2. Selects mode for outputs per table above. Select input 1. Selects mode for outputs per table above. Clock B bank of four outputs. These are low skew divide by two of bank A. Connect to ground. Power supply. Connect pin to same voltage as pin 4 (either 3.3V or 5V). Clock A bank of four outputs. Feedback input. Determines outputs per table above. MDS 9112CM-18 B Int egrat ed C ircuit Syste ms q 2 525 R ace S tr eet, San Jose, CA 95126 q Revision 021903 t el (40 8) 295 -9800 q w ww. ic s t .c o m ICS9112CM-18 ZERO DELAY, LOW SKEW BUFFER External Components The ICS9112CM-18 requires a minimum number of external components for proper operation. Decoupling capacitors of 0.1F should be connected between VDD and GND, as close to the part as possible. A 33 series terminating resistor should be used on each clock output to reduce reflections. Absolute Maximum Ratings Stresses above the ratings listed below can cause permanent damage to the ICS9112CM-18. These ratings, which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range. Item Supply Voltage, VDD All Inputs and Outputs Ambient Operating Temperature Storage Temperature Junction Temperature Soldering Temperature 7V Rating -0.5 V to VDD+0.5 V 0 to +70 C -65 to +150 C 175 C 260 C Recommended Operation Conditions Parameter Ambient Operating Temperature Power Supply Voltage (measured in respect to GND) Min. 0 +3.0 Typ. Max. +70 +5.5 Units C V DC Electrical Characteristics VDD=3.3 V 10%, Ambient temperature 0 to +70C Parameter Operating Voltage Input High Voltage Input Low Voltage Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Output High Voltage Symbol VDD VIH VIL VIH VIL VOH VOL VOH Conditions CLKIN pin only CLKIN pin only Min. 3.0 (VDD/2)+1 2 Typ. VDD/2 VDD/2 Max. 5.5 (VDD/2)-1 0.8 Units V V V V V V V V IOH = -18mA IOL = 18mA IOH = -5mA 2.4 0.4 VDD-0.4 MDS 9112CM-18 B Int egrat ed C ircuit Syste ms q 3 525 R ace S tr eet, San Jose, CA 95126 q Revision 021903 t el (40 8) 295 -9800 q w ww. ic s t .c o m ICS9112CM-18 ZERO DELAY, LOW SKEW BUFFER Parameter Operating Supply Current 100 MHz, CLKIN Short Circuit Current Input Capacitance Symbol IDD IOS CIN Conditions No Load S1=S2=1 Each output S1, S1, FBIN Min. Typ. 44 65 7 Max. Units mA mA pF AC Electrical Characteristics VDD = 3.3V 10%, Ambient Temperature 0 to +70 C Parameter Input Frequency Output Frequency Output Rise Time Output Fall Time Output Clock Duty Cycle Device to Device skew, equally loaded Output to Output skew, equally loaded Maximum Absolute Jitter Cycle to Cycle Jitter 30pF loads 66.67 MHz outputs 15pF loads 66.67 MHz outputs Skew from Output Bank A to Output Bank B Delay CLKIN Rising Edge to FBIN Rising Edge PLL Lock Time tLOCK All outputs equally loaded measured at VDD/2 Stable power supply, valid clocks on CLKIN, FBIN tOR tOF Symbol Conditions FBIN to CLKA1 S1=S2=1 FBIN to CLKA1 S1=S2=1 0.8 to 2.0 V, CL=30pF 0.8 to 2.0 V, CL=30pF at 1.4V rising edges at VDD/2 rising edges at VDD/2 Min. 20 20 Typ. Max. Units 160 160 1.5 1.5 MHz MHz ns ns % ps ps ps 400 400 400 250 1 ps ps ps ps ms 40 50 60 700 200 300 Thermal Characteristics Parameter Thermal Resistance Junction to Ambient Symbol JA JA JA JC 4 Conditions Still air 1 m/s air flow 3 m/s air flow Min. Typ. 120 115 105 58 Max. Units C/W C/W C/W C/W Revision 021903 Thermal Resistance Junction to Case MDS 9112CM-18 B Int egrat ed C ircuit Syste ms q 525 R ace S tr eet, San Jose, CA 95126 q t el (40 8) 295 -9800 q w ww. ic s t .c o m ICS9112CM-18 ZERO DELAY, LOW SKEW BUFFER Package Outline and Package Dimensions (16 pin SOIC, 150 Mil. Narrow Body) Package dimensions are kept current with JEDEC Publication No. 95 Millimeters Symbol Min Max Inches Min Max 16 E INDEX AREA H 12 D A A1 B C D E e H h L 1.35 1.75 0.10 0.25 0.33 0.51 0.19 0.25 9.80 10.00 3.80 4.00 1.27 BASIC 5.80 6.20 0.25 0.50 0.40 1.27 0 8 .0532 .0688 .0040 .0098 .013 .020 .0075 .0098 .3859 .3937 .1497 .1574 0.050 BASIC .2284 .2440 .010 .020 .016 .050 0 8 A A1 h x 45 C -Ce B SEATING PLANE .10 (.004) L C Ordering Information Part / Order Number ICS9112BM-18 ICS9112BM-18T ICS9112CM-18 ICS9112CM-18T 9112CM-18 9112CM-18 Marking Shipping packaging Package Temperature Not recommended for new designs Not recommended for new designs Tubes Tape and Reel 16 pin SOIC 16 pin SOIC 0 to 70 C 0 to 70 C While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. MDS 9112CM-18 B Int egrat ed C ircuit Syste ms q 5 525 R ace S tr eet, San Jose, CA 95126 q Revision 021903 t el (40 8) 295 -9800 q w ww. ic s t .c o m |
Price & Availability of ICS9112CM-18 |