Part Number Hot Search : 
SKIIP3 KT101Z 855860 084V3T1 UY69B A7331 P6KE75 RFBC4
Product Description
Full Text Search
 

To Download HT12G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT11G THRU HT18G
1.0 AMP. Glass Passivated High Efficient Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
Features
Low forward voltage drop High current capability High reliability High surge current capability
TS-1
Mechanical www..com
Data
Case: Molded plastic TS-1 Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Mounting position: Any Weight: 0.20 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol HT HT HT Type Number 11G 12G 13G Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 Maximum RMS Voltage 35 70 140 VRMS Maximum DC Blocking Voltage 50 100 200 VDC
Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance Typical Thermal Resistance Operating Temperature Range Storage Temperature Range (Note 2) (Note 3)
HT HT HT HT 14G 15G 16G 17G
HT 18G
Units V V V A A
300 400 600 800 1000 210 280 420 560 700 300 400 600 800 1000 1.0 30
I(AV) IFSM VF IR Trr Cj RJA TJ TSTG
1.0
1.3 5.0 150
1.7
V uA uA nS pF /W
50 15 95 -65 to +150 -65 to +150
75 10
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on cu-Pad Size 5mm x 5mm on PCB.
- 324 -
RATINGS AND CHARACTERISTIC CURVES (HT11G THRU HT18G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
2.0 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
1.0
www..com
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
0 0 25 50 75 100 125 150 175
o
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4- TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT. ( A)
100
INSTANTANEOUS FORWARD CURRENT. (A)
10
4G
Tj=125 0C
1 Tj=25 C
0
0.1
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 FORWARD VOLTAGE. (V) 1.2 1.4
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
40 70
FIG.6- TYPICAL JUNCTION CAPACITANCE
PEAK FORWARD SURGE CURRENT. (A)
JUNCTION CAPACITANCE.(pF)
35 30
60 50 40 30 20
8.3ms Single Half Sine Wave JEDEC Method
25 20 15 10 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
HT
11G ~H
T1
Tj=25 0C
5G
10 0 0.1
HT16G ~HT1 8G
0.5
1
2
5
10
H
20
T1
50
6G
~H
100 200
T1
8G
Tj=75 0C
1
HT
10
11 G
~H
HT
15
T1
G
800
REVERSE VOLTAGE. (V)
- 325 -


▲Up To Search▲   

 
Price & Availability of HT12G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X