Part Number Hot Search : 
HCF40 P20N60 84134041 12TRPBF MC54H 6KE18CA 3002E 5KP24A
Product Description
Full Text Search
 

To Download HPC0402A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPC0402A
Vishay
High Performance, High Precision Surface Mount 0402 Capacitor
FEATURES
* New technology surface mount capacitor based on a special semi-conductor process * Construction reduces the parasitic inductance and brings the SRF values to ultra-high frequencies * Capacitance is extremely stable in a wide range of frequencies from 1MHz to several GHz. * High Q and low ESR * Tight tolerance to 1% or 0.05pF * Ultra high SRF * Low parasitic inductance ( - 0.032nH)
PATENT PENDING
* Capacitance range : 0.1pF to 180pF
ELECTRICAL SPECIFICATIONS
Operating Temperature: - 55C to + 125C Temperature Coefficient of Capacitance (TCC): 0 30ppm/C Insulation Resistance: Voltage : Ageing: 10 min 2.5 x rated voltage for 5 seconds none
11
APPLICATIONS
* Wireless communications * Mobile phones * Cordless phones * GPS * VCO * Filter Networks * Matching Networks
ENVIRONMENTAL SPECIFICATIONS
Life Test: Thermal Shock: Moisture Resistance: 1000 hours, + 125C @ 2 x rated voltage 100 Cycles, - 55C/+ 125C 240 hours, 85% RH, + 85C
CAPACITANCE TOLERANCE CODE
FOR LESS THAN 10pF A 0.05pF B C FOR 10pF AND HIGHER F 1% G 2% J 5%
0.10pF 0.25pF
ORDERING INFORMATION
HPC MODEL 0402 SIZE A TYPE 100 CAPACITANCE VALUE The first two digits are significant, the third is a multiplier. An "R" indicates a decimal point. Examples: 101 = 100pF 4R7 = 4.7pF G CAPACITANCE TOLERANCE see chart above X TERMINATION X= Tin/ Lead termination X VOLTAGE 1 = 6V Z = 10V Y = 16V X = 25V T PACKAGING T = 10000 pcs. T5 = 5000 pcs. T1 = 1000 pcs. At tape and reel
Document Number: 10117 Revision 23-Jun-03
SiliconRFCap@vishay.com
www.vishay.com 1
HPC0402A
Vishay
DIMENSIONS
L W
DIMENSION L W
INCHES 0.040 0.002 0.020 0.002 0.016 0.004 0.006 0.002 0.004 0.001 0.028 0.002 0.014 0.002 0.008 0.002 0.010 0.002
MILLIMETERS 1.02 0.05 0.51 0.05 0.40 0.10 0.15 0.05 0.10 0.03 0.71 0.05 0.36 0.05 0.20 0.05 0.25 0.05
T
B FOR 0.1 - 0.5pF
W
A
C
T* A A1 B C
B
FOR 0.6 - 180pF
W C
D
A1
E
B
D E
*For low profile versions see data sheet HPC0402B/C
CAPACITANCE RANGE AND VOLTAGE
CAP (pF) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 www.vishay.com 2 CAP CODE 6 0R1 0R2 0R3 0R4 0R5 0R6 0R7 0R8 0R9 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 SiliconRFCap@vishay.com Document Number: 10117 Revision 23-Jun-03 10 VOLTAGE (V) 16 25
HPC0402A
Vishay
ELECTRICAL SPECIFICATIONS*
Capacitance (pF) @1MHz Tolerance Code** SRF (GHz) Typ. Ceff Typ. Q Ceff Typ. Q Ceff Typ. Q Ceff Typ. Q Ceff Typ. Q
200MHz 0.1 A N/A 0.2 A N/A 0.3 A N/A 0.4 A N/A 0.5 A N/A 0.6 A,B N/A 0.7 A,B N/A 0.8 A,B 32.5 0.80 12994 0.9 A,B 30.6 0.90 12052 1 A,B,C 29.1 1.00 11340 1.2 A,B,C 26.5 1.20 10395 1.3 A,B,C 25.5 1.30 9595 1.5 A,B,C 23.7 1.50 8316 1.6 A,B,C 23.0 1.60 7796 1.8 A,B,C 21.7 1.80 6930 2 A,B,C 20.5 2.00 6237 2.2 A,B,C 19.6 2.20 5670 2.4 A,B,C 18.8 2.40 5197 2.7 A,B,C 17.7 2.70 4620 3 A,B,C 16.8 3.00 4158 3.3 A,B,C 16.0 3.30 3780 3.6 A,B,C 15.3 3.60 3464 3.9 A,B,C 14.7 3.90 3198 4.3 A,B,C 14.0 4.30 2900 4.7 A,B,C 13.4 4.70 2654 5.1 A,B,C 12.9 5.10 2445 5.6 A,B,C 12.3 5.60 2227 6.2 B,C 11.7 6.20 2011 6.8 B,C 11.1 6.80 1834 7.5 B,C 10.6 7.50 1663 8.2 B,C 10.1 8.20 1521 9.1 B,C 9.6 9.10 1370 10 F,G,J 9.2 10.0 1247 11 F,G,J 8.8 11.0 1133 12 F,G,J 8.4 12.0 1039 13 F,G,J 8.1 13.0 959 15 F,G,J 7.5 15.0 831 16 F,G,J 7.3 16.0 779 18 F,G,J 6.8 18.0 692 20 F,G,J 6.5 20.0 623 22 F,G,J 6.2 22.0 566 24 F,G,J 5.9 24.0 519 27 F,G,J 5.6 27.0 461 30 F,G,J 5.3 30.0 415 33 F,G,J 5.1 33.1 377 36 F,G,J 4.8 36.1 346 39 F,G,J 4.7 39.1 319 43 F,G,J 4.4 43.1 290 47 F,G,J 4.2 47.1 265 51 F,G,J 4.1 51.1 244 56 F,G,J 3.9 56.1 222 62 F,G,J 3.7 62.2 201 68 F,G,J 3.5 68.2 183 75 F,G,J 3.4 75.3 166 82 F,G,J 3.2 82.3 152 91 F,G,J 3.0 91.4 136 100 F,G,J 2.9 100.5 124 110 F,G,J 2.8 110.6 113 120 F,G,J 2.7 120.7 103 130 F,G,J 2.5 130.8 95 150 F,G,J 2.4 151.1 83 160 F,G,J 2.3 161.2 77 180 F,G,J 2.2 181.5 69 *Additional non-standard values available on request. **A = 0.05; B = 0.10; C = 0.25; F = 1%; G = 2%; Document Number: 10117 Revision 23-Jun-03
500MHz
1000MHz
2000MHz
2500MHz
0.80 0.90 1.00 1.20 1.30 1.50 1.60 1.80 2.00 2.20 2.40 2.70 3.00 3.30 3.60 3.90 4.31 4.71 5.11 5.61 6.21 6.81 7.52 8.22 9.12 10.0 11.0 12.0 13.1 15.1 16.1 18.1 20.1 22.1 24.2 27.2 30.3 33.3 36.4 39.5 43.6 47.7 51.8 56.9 63.2 69.4 76.7 84.0 93.5 103.1 113.7 124.4 135.2 157.0 168.0 190.1
3924 3639 3424 3139 2897 2511 2354 2092 1883 1711 1569 1394 1255 1141 1045 965 875 801 738 672 607 553 501 458 413 376 341 313 289 250 234 208 187 170 156 138 124 113 104 95 87 79 73 66 60 54 49 45 40 37 33 30 28 24 22 20
0.80 0.90 1.00 1.20 1.30 1.50 1.60 1.80 2.00 2.21 2.41 2.71 3.01 3.31 3.62 3.92 4.32 4.73 5.13 5.64 6.25 6.86 7.57 8.28 9.20 10.1 11.1 12.2 13.2 15.3 16.3 18.4 20.5 22.6 24.7 27.9 31.1 34.3 37.6 40.9 45.3 49.8 54.3 60.0 66.9 74.0 82.3 90.8 102.0 113.4 126.5 139.9 153.7 182.4 197.4 228.8
1392 1291 1215 1113 1028 890 835 742 667 607 556 494 444 404 370 341 310 283 261 237 214 195 177 162 145 132 120 110 101 88 82 73 65 59 54 48 43 39 36 33 30 27 25 22 20 18 16 15 13 12 11 10 9 7 7 6
0.80 0.90 1.00 1.21 1.31 1.51 1.61 1.82 2.02 2.22 2.43 2.73 3.04 3.35 3.66 3.97 4.39 4.81 5.23 5.75 6.39 7.03 7.78 8.53 9.51 10.5 11.6 12.7 13.9 16.1 17.3 19.7 22.1 24.6 27.1 31.0 35.0 39.1 43.4 47.8 54.0 60.5 67.2 76.2 87.8 100.3 116.3 134.1 160.0 190.0 229.7 278.1 338.4 518.3 661.1
439 407 383 351 324 280 263 233 210 190 174 155 139 126 116 107 96 88 81 74 66 60 54 50 45 40 36 33 31 26 24 22 19 17 16 14 12 11 10 9 8 7 6 6 5 4 4 3 3 2 2 2 1 1 1
0.80 0.91 1.01 1.21 1.31 1.52 1.62 1.82 2.03 2.24 2.44 2.76 3.07 3.38 3.70 4.02 4.44 4.87 5.30 5.84 6.50 7.16 7.94 8.73 9.76 10.8 12.0 13.2 14.4 16.9 18.1 20.8 23.5 26.3 29.2 33.7 38.6 43.7 49.1 54.8 63.1 72.1 81.9 95.6 114.6 136.9 168.6 208.6 278.8 384.9
296 275 258 236 218 189 177 157 141 128 117 104 93 85 77 71 64 59 54 49 44 40 36 33 29 27 24 22 20 17 16 14 12 11 10 8 7 7 6 5 5 4 3 3 2 2 2 1 1 1
J = 5% www.vishay.com 3
SiliconRFCap@vishay.com
HPC0402A
Vishay
SRF VS. CAPACITANCE (Typical)
100
SRF (GHz)
10
1
0.1
1
10 CAPACITANCE (pF)
100
1000
ESR VS. FREQUENCY (Typical)
1
18pF 6.8pF
ESR (ohm)
3.3pF 0.1
0.01
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
Q VS. FREQUENCY (Typical)
10000
1000
Q FACTOR
1pF 100 3.3pF 6.8pF 18pF 10 33pF
1 0 500 1000 1500 2000 2500 3000
FREQUENCY (MHz)
www.vishay.com 4
SiliconRFCap@vishay.com
Document Number: 10117 Revision 23-Jun-03


▲Up To Search▲   

 
Price & Availability of HPC0402A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X