Part Number Hot Search : 
26708MMM 1N5254C SEMICO B772S 2SC2333K SOJ42 2SD18 6F20V
Product Description
Full Text Search
 

To Download HP2-AC115V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Including discontinued products (
www..com
)
HP
10 AMP POWER RELAY
HP RELAYS
9. Control of conveyance equipment Control panels for elevators, escalators, and other conveyance equipment, control of all kinds industrial transport equipment such as conveyors. 10. Amusement equipment Control of equipment in amusement parks, etc., control of bowling alley equipment, control of fountains in public parks About Cd-free contacts We have introduced Cadmium free type products to reduce Environmental Hazardous Substances. (The suffix "F" should be added to the part number. The Suffix "F" is required only for 4 Form C contact type. The 2 Form C and 3 Form C contact type is originally cadmium-free, the suffix "F" is not required.) Please replace parts containing Cadmium with Cadmium-free products and evaluate them with your actual application before use because the life of a relay depends on the contact material and load.
TYPICAL APPLICATIONS
HP relays enjoy wide use in various applications, particularly in automation controls and remote controls. Applications include: 1. Industrial machinery For controlling positioning, pressure, and temperature in molding equipment, boilers, pumps, charging pressure equipment, measuring and evaluation equipment, textile machines, etc. 2. Machine tools Control of positioning and directional change in turning machines, lathes, borers, etc. 3. Food processing packing machines Automatic control of packing equipment for milk and seafood, bottling, canning, and packaging 4. Office equipment Control of copiers, time recorders, etc. 5. Coin operate machines Control of food, cigarette, and other vending machines 6. Transportation Amplification of control signals in control devices for vehicles and vessels, functional parts of all kinds of equipment, control signal repeating installation in signaling devices and equipment. 7. Measuring devices and equipment For repeating installation of control signals and in power amplifiers 8. Generators, transformers and power receiving equipment. Functional parts in protective equipment, functional assistance in automatic adjustment equipment, telemeters and other remote monitoring equipment
RoHS Directive compatibility information http://www.mew.co.jp/ac/e/environment/
FEATURES
1. High-capacity and long life Mechanical life is more than 10 million operations and, with electrical life of more than 200,000 operations (resistive load 10 A; inductive load 7.5 A), the relay has excellent inductive load durability. 2. Easy mounting and wiring The terminal arrangement is apparent at a glance and wiring is easy. Moreover, quick tab terminal is also possible. 3. Operation indicator option Optional operation indicators are available for easy visual confirmation that relays are operating. They simplify maintenance. 4. UL/CSA approved 5. Wide range of sockets and terminal sockets To enable use with DIN rails, DIN terminal sockets are also available.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
HP
www..com ORDERING INFORMATION
Including discontinued products (
)
HP
Contact arrangement 2: 2 Form C 3: 3 Form C 4: 4 Form C Terminal arrangement Nil: Standard plug-in terminal TM: TM type (2 Form C only) M: Direct mounting (3 Form C only) Operation indication Nil: Without indication L: With indication Coil voltage AC 6, 12, 24, 48, 100, (115), 200, (220), (240) V DC 6, 12, 24, 48, 100, (110) V Contact material F: 4 Form C, Silver alloy (cadmium-free) Nil: 2 Form C, 3 Form C (Silver) With LED indicator type Coil voltage: 6, 12, 24 V AC 6, 12, 24, 48 V DC With neon lamp type Coil voltage: 100, 115, 200, 220, 240 V AC 100, 110 V DC
TYPES
1. Plug-in type
Coil voltage 6V AC 12V AC 24V AC 48V AC 100V AC 115V AC 200V AC 220V AC 240V AC 6V DC 12V DC 24V DC 48V DC 100V DC 110V DC 2 Form C Part No. HP2-AC6V HP2-AC12V HP2-AC24V HP2-AC48V HP2-AC100V HP2-AC115V HP2-AC200V HP2-AC220V HP2-AC240V HP2-DC6V HP2-DC12V HP2-DC24V HP2-DC48V HP2-DC100V HP2-DC110V 3 Form C Part No. HP3-AC6V HP3-AC12V HP3-AC24V HP3-AC48V HP3-AC100V HP3-AC115V HP3-AC200V HP3-AC220V HP3-AC240V HP3-DC6V HP3-DC12V HP3-DC24V HP3-DC48V HP3-DC100V HP3-DC110V 4 Form C Part No. HP4-AC6V-F HP4-AC12V-F HP4-AC24V-F HP4-AC48V-F HP4-AC100V-F HP4-AC115V-F HP4-AC200V-F HP4-AC220V-F HP4-AC240V-F HP4-DC6V-F HP4-DC12V-F HP4-DC24V-F HP4-DC48V-F HP4-DC100V-F HP4-DC110V-F
Standard packing (2 Form C): Carton: 20 pcs.; Case: 100 pcs. Standard packing (3 Form C, 4 Form C): Carton: 10 pcs.; Case: 50 pcs.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
Including discontinued products (
www..com 2. Plug-in type (with LED indication)
Coil voltage 6V AC 12V AC 24V AC 100V AC 115V AC 200V AC 220V AC 240V AC 6V DC 12V DC 24V DC 48V DC 100V DC 110V DC
)
HP
2 Form C Part No. HP2-L-AC6V HP2-L-AC12V HP2-L-AC24V HP2-L-AC100V HP2-L-AC115V HP2-L-AC200V HP2-L-AC220V HP2-L-AC240V HP2-L-DC6V HP2-L-DC12V HP2-L-DC24V HP2-L-DC48V HP2-L-DC100V HP2-L-DC110V 3 Form C Part No. HP3-L-AC6V HP3-L-AC12V HP3-L-AC24V HP3-L-AC100V HP3-L-AC115V HP3-L-AC200V HP3-L-AC220V HP3-L-AC240V HP3-L-DC6V HP3-L-DC12V HP3-L-DC24V HP3-L-DC48V HP3-L-DC100V HP3-L-DC110V 4 Form C Part No. HP4-L-AC6V-F HP4-L-AC12V-F HP4-L-AC24V-F HP4-L-AC100V-F HP4-L-AC115V-F HP4-L-AC200V-F HP4-L-AC220V-F HP4-L-AC240V-F HP4-L-DC6V-F HP4-L-DC12V-F HP4-L-DC24V-F HP4-L-DC48V-F HP4-L-DC100V-F HP4-L-DC110V-F
With LED indication
With neon lamp
With LED indication
With neon lamp
Standard packing (2 Form C): Carton: 20 pcs.; Case: 100 pcs. Standard packing (3 Form C, 4 Form C): Carton: 10 pcs.; Case: 50 pcs.
3. TM type and Direct mount type
Coil voltage 6V AC 12V AC 24V AC 48V AC 100V AC 115V AC 200V AC 220V AC 240V AC 6V DC 12V DC 24V DC 48V DC 100V DC 110V DC Standard packing: Carton: 10 pcs.; Case: 50 pcs. 2 Form C (TM type) Part No. HP2-TM-AC6V HP2-TM-AC12V HP2-TM-AC24V HP2-TM-AC48V HP2-TM-AC100V HP2-TM-AC115V HP2-TM-AC200V HP2-TM-AC220V HP2-TM-AC240V HP2-TM-DC6V HP2-TM-DC12V HP2-TM-DC24V HP2-TM-DC48V HP2-TM-DC100V HP2-TM-DC110V 3 Form C (direct mount type) Part No. HP3-M-AC6V HP3-M-AC12V HP3-M-AC24V HP3-M-AC48V HP3-M-AC100V HP3-M-AC115V HP3-M-AC200V HP3-M-AC220V HP3-M-AC240V HP3-M-DC6V HP3-M-DC12V HP3-M-DC24V HP3-M-DC48V HP3-M-DC100V HP3-M-DC110V
4. Direct mount type (with LED indication)
Coil voltage 100V AC 115V AC 200V AC 220V AC 240V AC 100V DC 110V DC 3 Form C Part No. HP3-ML-AC100V HP3-ML-AC115V HP3-ML-AC200V HP3-ML-AC220V HP3-ML-AC240V HP3-ML-DC100V HP3-ML-DC110V
With neon lamp
Standard packing: Carton: 10 pcs.; Case: 50 pcs. Notes: 1. Standard packaging is handled in units of inner cartons. Please specify if you require inner cartons to be boxed. 2. Sockets, terminal sockets and installation brackets are not included. Please order these separately. 3. For products compliant with international standards, please refer to the standards chart.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
HP
www..com RATING
Including discontinued products (
)
1. Coil data 1) AC coils
Contact arrangement Nominal coil voltage 6V AC 12V AC 24V AC 48V AC 100V AC 115V AC 200V AC 220V AC 240V AC 6V AC 12V AC 24V AC 48V AC 100V AC 115V AC 200V AC 220V AC 240V AC 6V AC 12V AC 24V AC 48V AC 100V AC 115V AC 200V AC 220V AC 240V AC Nominal coil current (mA) 50Hz 349mA 181.2mA 94mA 46.5mA 25.3mA 23.1mA 12.4mA 10.6mA 10.0mA 594mA 297mA 148.7mA 74.2mA 36.4mA 32.5mA 18.2mA 16.0mA 15.8mA 909mA 456mA 229mA 108mA 57.3mA 47.6mA 28.5mA 23.8mA 23.3mA 60Hz 310mA 160mA 78mA 39mA 21mA 18mA 11mA 9.5mA 9.0mA 520mA 260mA 130mA 65mA 32mA 28.5mA 16mA 14.2mA 13.9mA 800mA 400mA 200mA 95mA 50mA 42mA 25mA 21mA 20.5mA Nominal operating power (VA) 50Hz 2.09VA 2.17VA 2.25VA 2.23VA 2.36VA 2.31VA 2.48VA 2.34VA 2.40VA 3.56VA 3.56VA 3.56VA 3.56VA 3.64VA 3.74VA 3.65VA 3.54VA 3.79VA 5.46VA 5.47VA 5.49VA 5.18VA 5.73VA 5.47VA 5.69VA 5.24VA 5.58VA 60Hz 1.9VA 1.9VA 1.9VA 1.9VA 2.1VA 2.1VA 2.2VA 2.1VA 2.2VA 3.1VA 3.1VA 3.1VA 3.1VA 3.2VA 3.3VA 3.2VA 3.1VA 3.3VA 4.8VA 4.8VA 4.8VA 4.6VA 5.0VA 4.8VA 5.0VA 4.6VA 4.9VA Inductance (H) 50Hz 0.051 0.198 0.753 3.055 12.60 16.70 48.03 61.28 69.00 0.03 0.123 0.0494 1.976 8.500 10.79 33.53 41.35 45.94 0.020 0.080 0.320 1.348 5.348 7.264 21.27 27.75 30.98 60Hz 0.049 0.190 0.776 3.106 12.03 15.83 45.81 57.90 66.26 0.030 0.119 0.475 1.899 8.038 10.36 32.10 39.32 44.05 0.019 0.077 0.309 1.292 5.156 6.953 20.45 26.57 29.75 Pick-up voltage (at 20C 68F) Drop-out voltage (at 20C 68F) Max. allowable voltage (at 20C 68F)
2 Form C
80%V or less of nominal voltage (Initial)
30%V or more of nominal voltage (Initial)
110%V of nominal voltage
3 Form C
80%V or less of nominal voltage (Initial)
30%V or more of nominal voltage (Initial)
110%V of nominal voltage
4 Form C
80%V or less of nominal voltage (Initial)
30%V or more of nominal voltage (Initial)
110%V of nominal voltage
2) DC coils (20C 68F)
Contact arrangement Nominal coil voltage 6V DC 12V DC 24V DC 48V DC 100V DC 110V DC 6V DC 12V DC 24V DC 48V DC 100V DC 110V DC 6V DC 12V DC 24V DC 48V DC 100V DC 110V DC Nominal coil current (mA) 240mA 109mA 54.5mA 26.7mA 14.9mA 15.0mA 250mA 120mA 60mA 31mA 15.6mA 14.9mA 273mA 127mA 63mA 32.0mA 16.3mA 15.7mA Nominal operating power (W) 1.5W 1.3W 1.3W 1.3W 1.5W 1.7W 1.5W 1.4W 1.4W 1.5W 1.6W 1.6W 1.6W 1.5W 1.5W 1.5W 1.6W 1.7W Coil resistance () 25 110 440 1,800 6,700 7,300 24 100 400 1,560 6,400 7,450 22 95 380 1,500 5,950 7,000 80%V or less of nominal voltage (Initial) 15%V or more of nominal voltage (Initial) 110%V of nominal voltage Pick-up voltage (at 20C 68F) Drop-out voltage (at 20C 68F) Max. allowable voltage (at 20C 68F)
2 Form C
3 Form C
80%V or less of nominal voltage (Initial)
15%V or more of nominal voltage (Initial)
110%V of nominal voltage
4 Form C
80%V or less of nominal voltage (Initial)
15%V or more of nominal voltage (Initial)
110%V of nominal voltage
Notes: 1. The rated current area is 15% (60Hz) [AC coils],. 10% (20C) [DC coils] 2. The coil resistance for DC operation is the value measured when the coil temperature is 20C 68F. Compensate 0.4% for every 1C change in temperature. 3. The relay operates in a range of 80% to 110% V of the voltage rating, but ideally, in consideration of temporary voltage fluctuations, it should be operated at the rated voltage. In particular, for AC operation, if the impressed voltage drops to 80% V or more below the rated voltage, humming will occur and a large current will flow leading possibly to coil burnout. 4. For use with 200 V DC, connect a 6.7k (10W) resistor, in series, to the 100 V DC relay [3 Form C type is .6.4k (5W); 4 Form C type is .6.2k (10W)]. 5. As a general rule, only a pure DC voltage should be used for the coil drive. However, a DC power supply that contains ripples has characteristics that differ from pure DC. Therefore, please verify characteristics (operate voltage, release voltage, humming) using the actual circuit that will be used.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
Including discontinued products (
www..com 2. Specifications
Characteristics
)
HP
Specifications 2 Form C, 3 Form C, 4 Form C Max. 15 m (By voltage drop 6 V DC 1A) Ag Ag alloy (cd free) 10A 250V AC (resistive load) 100mA 5V DC Min. 100M (at 500V DC) Measurement at same location as "Initial breakdown voltage" section. 1,000 Vrms for 1min (2 Form C, 4 Form C). 2,000 Vrms for 1min (3 Form C) (Detection current: 10mA.) 1,500 Vrms for 1min (2 Form C, 4 Form C). 2,000 Vrms for 1min (3 Form C) (Detection current: 10mA.) 1,500 Vrms for 1min (2 Form C, 4 Form C). 2,000 Vrms for 1min (3 Form C) (Detection current: 10mA.) Max. 65C (By temperature method, at 40C, nominal current) Max. 25ms (2 Form C), Max.30ms (3 Form C, 4 Form C) (Nominal voltage applied to the coil, excluding contact bounce time.) Max. 25ms (2 Form C), Max.30ms (3 Form C, 4 Form C) (Nominal voltage applied to the coil, excluding contact bounce time.) (without diode) Min. 98 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10s.) Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.) 10 to 55 Hz at double amplitude of 1 mm (Detection time: 10s.) 10 to 55 Hz at double amplitude of 2 mm Min. 107 Ambient temperature: -50C to +40C -58F to +104F Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature) 20 cpm (at max. rating) 2 Form C: approx. 60g 2.12oz, 3 Form C: approx. 100g 3.53oz, 4 Form C: approx. 125g 4.41oz
Contact
Rating
Item Arrangement Initial contact resistance, max 2 Form C, 3 Form C Contact material 4 Form C Nominal switching capacity Min. switching capacity (Reference value)*1 Insulation resistance (Initial) Between open contacts Breakdown voltage (Initial) Between contact sets Between contact and coil Temperature rise Operate time*2 Release time*2 Shock resistance Functional Destructive Functional Vibration resistance Destructive Mechanical Conditions for operation, transport and storage*3 Max. Operating speed
Electrical characteristics
Mechanical characteristics Expected life Conditions Unit weight
Notes: *1 This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the actual load. *2 For the AC coil types, the operate/release time will differ depending on the phase. *3 The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT.
3. Electrical life 1) AC load
Voltage Load 125V AC Resistive (A) (cos=1) Inductive (A) (cos=0.4) -- -- 10 7.5 5 3 1 0.7 250V AC Resistive (A) (cos=1) Inductive (A) (cos=0.4) 10 7.5 7.5 5 3 2 0.6 0.4 Expected life Min. 2x105 Min. 5x105 Min. 106 Min. 2x106
Current
Note: When the electromagnet or exciting coil (Solenoid, etc.) is the load, the value of motor or lamp load is applicable.
2) DC load
Voltage Load 24V DC Resistive (A) -- 7.5 5 1 Inductive (A) 7 5 3 0.6 Resistive (A) -- 0.5 0.3 0.1 125V DC Inductive (A) -- 0.4 0.2 0.06 Expected life Min. 2x105 Min. 5x105 Min. 106 Min. 2x106
Current
Note: For DC inductive loads, use an arc suppressing circuit. Note: Cautions at DC load use When used under a DC load operating at high repetition rate with considerable arcing, corrosion of the contacts and/or the contact blades is likely to occur.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
HP
4. www..com lamp (with operation indication) Life of LED and neon
With neon lamp With LED indication Continuous 25,000 hours (approx. 3 years) 50,000 hours (approx. 5.5 years)
Including discontinued products (
)
Use rating (ON time) 50% Approx. 6 years 100,000 hours (approx. 11 years)
With neon lamp
Neon lamp
Schematic
(Coil terminal No.)
With LED indication
Schematic
LED
LED
Coil terminal No. and polarity (DC type)
Polarity HP2 7 2 HP3 10 2 HP4 10 1 Terminal No. (+) (-)
Protection diode
(Coil terminal No.)
REFERENCE DATA
1. Life curve
1,000 Operations, x104 900 800 700 600 500 400 300 200
125 V A
2. Max. switching capacity
Mechanical life more than 10,000,000 operations
AC resistive load Contact current, A 10
AC inductive load (cos=0.4) 1 DC inductive load (L/R=7ms) DC resistive load
100 0
0
VA C cos
C cos
DIMENSIONS (Unit: mm inch)
Plug-in type (2 Form C) External dimensions
58 5 .197.315 .197 0.5 .020
25
=1
=1 5
10 Load current, A
0.1 10
100
500 1,000
Contact voltage, V
Schematic (Bottom view)
8 1
7 6
2 3 5 4
44 1.732 51 2.008
7 .276 25 .984 15 .591 Compatible with tab terminal #205 series receptacle. 0.8 .031
0.8 .031
8 7 6 5
1 2 3 4
5.26 .207 5.26 .207 0.8 .031 0.8 .031
9.5 .374 7.5 36 .2951.417 5.8 .228
5.26 5.26 .207 .207 10 .394
5.3 .209
Dimension: Max. 2mm .079 inch: 2 to 9mm .079 to .354 inch: 9 to 20mm .354 to .787 inch: Min. 20mm .787 inch:
Tolerance 0.2 .008 0.5 .020 1 .039 1.5 .059
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
Including discontinued products (
www..com Plug-in type (3 Form C)
)
HP
External dimensions
5 8 5 .197 .315 .197 38 1.496 10 0.5 .020 11 9 8 3 6 7 2 1 4 5
Schematic (Bottom view)
44 1.732 5 .197 7 .276 3 .118 Compatible with tab terminal #187 series receptacle. 38 1.496 11 11 .433 .433 4.75 4.75 4.75 .187 .187 .187 2.5 2.5 .098 .098 36 1.417
5.75 .226 5.5 .217 0.5 .020 8.5 0.5 .020 .335 36 7.65 1.417 2 .079 .301 0.5 .020 4.1 2 .079 .161
0.5 .020
Dimension: Max. 2mm .079 inch: 2 to 9mm .079 to .354 inch: 9 to 20mm .354 to .787 inch: Min. 20mm .787 inch:
Tolerance 0.2 .008 0.5 .020 1 .039 1.5 .059
Plug-in type (4 Form C)
External dimensions
0.5 .020
Schematic (Bottom view)
9 15 11 2
10 8 44 1.732 51 2.008 14 12 3
1
7
6
5
4
7 .276 50 1.969 40 1.575 10 .394 0.8 0.8 .031 .031 Compatible with tab terminal #205 series receptacle. 0.8 .031 5.26 .207 5.26 .207 0.8 .031 0.8 .031
0.8 .031
9
15 11
2
10
8 14 12 3
1
7
9
5
4
9.5 .374 36 7.5 1.417 .295 5.8 .228
5.26 5.26 .207 .207 10 .394
5.26 5.26 .207 .207 25 .984 10 .394
5.3 .209
Dimension: Max. 2mm .079 inch: 2 to 9mm .079 to .354 inch: 9 to 20mm .354 to .787 inch: Min. 20mm .787 inch:
Tolerance 0.2 .008 0.5 .020 1 .039 1.5 .059
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
HP
www..com TM type (2 Form C)
Including discontinued products (
)
External dimensions
2.8 .110
Mounting hole diagram
Relay space (Area shown by the broken line) 46.8 1.843
45.5 1.791
7 .276 24.7 .972
5.5 .217 35.7 1.406
2-M4 screw hole or 2-4.5 dia. hole 2-M.157 screw hole or 2-.177 dia. hole
2 .079 30 1.181
0.8 .031
15 .591
0.8 .031
Compatible with tab terminal #205 series receptacle.
Tolerance: 0.1 .004
(Pitch for side-by-side mounting)
Dimension: Max. 2mm .079 inch: 2 to 9mm .079 to .354 inch: 9 to 20mm .354 to .787 inch: Min. 20mm .787 inch:
Tolerance 0.2 .008 0.5 .020 1 .039 1.5 .059
5.26 .207 5.26 .207 0.8 .031 0.8 .031 2.25R .089R 5.26 .207 4.5 .177 5.26 .207
9.5 .374 45.5 7.5 1.791 58 2.283 .295 5.8 .228 5.3 .209
Installed relay
35.7 1.406
10 .394
52.3 2.059
Schematic (Bottom view)
8 7 6 5 1 2 3 4
2-M4 screw 2-M.157 Spring washer
Nut
Panel (chassis)
Direct mounting type (3 Form C)
External dimensions
38 1.496 16 .630 4.2 .165 2.1R .083R
Mounting hole diagram
Relay space (Area shown by the broken line)
60 2.362
3 .118 5 .197 2.1R .083R
44 1.732 60 2.362 73.5 7 2.894 .276 11 .433 20.5 .807
2-M4 screw hole (or 2-4.2 dia. hole) 2-M.157 screw hole (or 2-.165 dia. hole) 40 1.575
2 .079
Dimension: Max. 2mm .079 inch: 2 to 9mm .079 to .354 inch: 9 to 20mm .354 to .787 inch: Min. 20mm .787 inch:
Tolerance 0.2 .008 0.5 .020 1 .039 1.5 .059
2.5 .098
4.2 36 .165 1.417 16 .630 38 Compatible with tab terminal 1.496 #187 series receptacle. 11 11 .433 .433 4.75 4.75 4.75 .187 .187 .187 2.5 5.75 .098 .226 0.5 .020 5.5 0.5 .217 .020 8.5 0.5 .020 .335 36 7.65 1.417 2 .079 .301 0.5 4.1 .020 .161 2 .079
Tolerance: 0.1 .004
(Pitch for side-by-side mounting)
Installed relay
2-M4 screw 2-M.157 Spring washer Panel (chassis)
Nut 60 2.362 44 73.5 1.732 2.894 11 .433 20.5 .807 7 .276 36 1.417
Schematic (Bottom view)
5 .197 10 11 9 8 3 6 7 2 1 4 5 16 .630 38 1.496
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
VDE HP RELAY ACCESSORIES www..com
Partial approval
ACCESSORIES (Sockets and Terminal sockets)
HP RELAY
Socket for rectangular hold boring
Terminal socket for DIN rail assembly
RoHS Directive compatibility information http://www.mew.co.jp/ac/e/environment/
TYPES
1. For DIN rail terminal sockets, hold-down clip included. 2. For square hole sockets, powerful hold-down clip included.
Type No. of poles 2-pole 3-pole 4-pole 2-pole 3-pole 4-pole 2/3/4-pole (common) Item HP2-square hole socket HP3-square hole socket HP4-square hole socket HP2-DIN terminal socket HP3-DIN terminal socket HP4-DIN terminal socket HP-hold down clip for socket Part No. HP2-SRS HP3-SRS HP4-SRS HP2-SFD HP3-SFD HP4-SFD AW5806 Packing quantity Carton 20 pcs. 10 pcs. 10 pcs. 10 pcs. 10 pcs. 5 pcs. -- Case 100 pcs. 50 pcs. 50 pcs. 50 pcs. 50 pcs. 25 pcs. 50 pcs.
Square hole socket
DIN rail terminal socket Common part
Note: Socket and terminal socket conform to UL, CSA as standard.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
HP RELAY ACCESSORIES
www..com DIMENSIONS (Unit: mm inch)
1. Socket for rectangular hold boring (hold-down clip included) HP2-Socket (HP2-SRS) Front surface mounting
2-4.2 dia. hole (or 2-M4 screw hole) 2-.165 dia. hole (or 2-M.157 screw hole)
Mounting dimensions
Hold-down clip HP relay 523 2.047.118 Socket M4 screw M.157 Spring washer 14 .551 Panel (chassis)
34 1.339
480.5 1.890.020
24 .945 When the socket is mounted from the top of the panel (chassis).
Tolerance: 0.1 .004
External dimensions
5 .197 480.2 1.890.008 38 56 1.496 2.205
Rear surface mounting
533 2.087.118 52 2.047 33 1.299 39 1.535 13 .512
Hold-down clip HP relay
Socket M4 screw M.157 Spring washer Panel (chassis)
22 .866
5 .197 4.1 .161 6.2 .244 30 1.181 1.0 .039 5.5 .217
31 1.220 When the socket is mounted from below the panel (chassis). 6 .236 13 .512
4.2 .165
Tolerance: 0.1 .004
Notes: 1. Optimum space-saving panel cut-out. 2. Can be mounted from either the front or the rear of the panel. 3. Hold-down clip is included in package.
General tolerance: 0.1 .004
HP3-Socket (HP3-SRS)
Front surface mounting
2-4.20.1 dia. hole (or M4 screw hole) 2-.165.004 dia. hole (or M.157 screw hole)
Mounting dimensions
Hold-down clip HP relay 523 2.047.118 Socket M4 screw M.157 Spring washer 15.5 .610 Panel (chassis)
31+1 -0 1.220+.039 -0
480.5 1.890.020
31+1 -0 1.220+.039 -0
Tolerance: 0.1 .004
External dimensions
480.2 5 1.890.079 .197 56 22 38 .866 2.205 1.496 5 .197
Rear surface mounting
Hold-down clip HP relay 52 2.047 30 1.181 39 1.535
+1 -0 +.039 -0
533 2.087.118 (48) (1.890) Socket M4 screw M.157 Spring washer 14.5 .571 Panel (chassis)
3.5 .138
4.1 .161 45 1.772
3.5 .138
6.2 .244
1.0 .039 14.5 5.5 .571 .217
8 .315
4.2 .165 46+1 -0 +.039 1.811-0
Tolerance: 0.1 .004
General tolerance: 0.1 .004
Notes: 1. Optimum space-saving panel cut-out. 2. Can be mounted from either the front or the rear of the panel. 3. Hold-down clip is included in package.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
HP RELAY ACCESSORIES
www..com HP4-Socket (HP4-SRS)
Front surface mounting
2-M4 screw hole (or 4.20.1 dia. hole) 2-M.157 screw hole (or .165.004 dia. hole)
Mounting dimensions
Hold-down clip HP relay 523 2.047.118 Socket M4 screw M.157 Spring washer 14 .551 Panel (chassis)
34 +1 -0 1.339 +.039 -0 48 +1 -0 +.039 1.890 -0
480.5 1.890.020
Tolerance: 0.1 .004
External dimensions
5 .197 22 .866 5 .197 4.1 .161 6.2 .244 58 2.283 1.0 .039 13 5.5 .512 .217 6 .236 480.2 1.890.008 38 56 1.496 2.205 33 1.299
Rear surface mounting
2-4.2 dia. hole 2-.165 dia. 3 .118 39 +1 -0 1.535 +.039 -0 480.2 1.890.008 3 .118 A 3 .118 3 25 .118 .984 58 +1+.039 -0 2.283 -0 533 2.087.118
Hold-down clip HP relay
Socket M4 screw M.157 Spring washer 13 .512 Panel (chassis)
General tolerance: 0.1 .004
Tolerance: 0.1 .004
* When using the former hold-down clip, it is necessary to cut out the A section marked by the broken line (not necessary with the powerful hold-down clip).
Notes: 1. Optimum space-saving panel cut-out. 2. Can be mounted from either the front or the rear of the panel. 3. Hold-down clip is included in package.
2. Terminal socket for DIN rail assembly (hold-down clip and installation screw included) HP2-Terminal socket for DIN rail assembly (HP2-SFD)
External dimensions
23.80.6 .937.024 100.6 .394.024 * Installation screw block (installation screw, hexagonal nut, spring washer) M3.5 screw M.138 220.6 .866.024 150.2 .591.008 4.10.3 4.1.012 60.3 6.012
Schematic
2 1 8 7
Mounting hole diagram
220.2 120.2 220.2 .866.008 .472.008 .866.008
Hold-down clip 691 2.717.039
80 3.150 3 6 690.5 2.717.020
801 3.150.039
0.60.15 .024.006 9.50.2 581 2.283.039 .374.008 7.50.2 361 .295.008 1.417.039 5.80.2 .228.008
4
5
4 30 1.181 .157
30 1.181
33.80.6 1.331.024 37.90.6 1.492.024
HP2 relay
2-M4 screw hole (or 4.20.1 dia. hole) 2-M.157 screw hole (or .165.004 dia. hole) Panel hole dimensions for side-by-side installation
80.2 .315.008 300.6 1.181.024
Notes: 1. For direct mounting, use the included installation screw block. 2. A hold-down clip is included with the terminal socket.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
HP RELAY ACCESSORIES
www..com HP3-Terminal socket for DIN rail assembly (HP3-SFD)
External dimensions
23.80.6 .937.024 100.6 .394.024 * Installation screw block (installation screw, hexagonal nut, spring washer) 4.10.3 .161.012 60.3 .236.012 M3.5 screw M.138 370.6 1.457.024
Schematic
2 1 3 10 11
Mounting hole diagram
370.2 120.2 370.2 1.457.008 12.008 1.457.008
Hold-down clip
801 3.150.039
691 1.750.15 2.717.039 .069.006 7.650.2 581 2.283.039 .301.008 8.50.2 361 .335.008 1.417.039 5.50.2 .217.008 80.2 .315.008 450.6 1.772.024
4 5 7
6 8
9
80 3.150 690.5 2.717.020
4 45 1.772 .157
45 1.772
33.80.6 1.331.024 37.90.6 1.492.024
HP3 relay
2-M4 screw hole (or 4.20.1 dia. hole) 2-M.157 screw hole (or .165.004 dia. hole) Panel hole dimensions for side-by-side installation
Notes: 1. For direct mounting, use the included installation screw block. 2. A hold-down clip is included with the terminal socket.
HP4-Terminal socket for DIN rail assembly (HP4-SFD)
External dimensions
M3.5 screw M.138 530.6 2.087.024 150.2 150.2 .591.008 .591.008 80.2 .315.008
Schematic
1 2 16 11 17 15 10 9
Mounting hole diagram
120.2 530.2 530.2 .472.008 2.087.008 2.087.008
23.80.6 .937.024 100.6 .394.024
* Installation screw block (installation screw, hexagonal nut, spring washer) 4.10.3 .161.012 60.3 .236.012
Hold-down clip
3
12 14
8
80 3.150 690.5 2.717.020
801 3.150.039
691 0.60.15 2.717.039 .024.006 9.50.2 581 2.283.039 .374.008 7.50.2 361 1.417.039 .295.008 5.80.2 .228.008
4
5
6
7
61 2.402
4 .157
61 2.402 2-M4 screw hole (or 4.20.1 dia. hole) 2-M.157 screw hole (or .165.004 dia. hole)
33.80.6 1.331.024 37.90.6 1.492.024
HP4 relay
100.2 .394.008
100.2 250.1 .394.008 .984.004 610.6 2.402.024
Panel hole dimensions for side-by-side installation
Notes: 1. For direct mounting, use the included installation screw block. 2. A hold-down clip is included with the terminal socket.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
HP RELAY ACCESSORIES
www..com
NOTES
1. There are two types of HP relay: plugin and direct mounting (HP2-TM and HP3-M only). Avoid use of direct mounting types in sockets or terminal sockets.
Note: Mounting measurements for direct mounting types (HP2-TM and HP3-M) are shown in the drawing on page 146.
2. The terminals are compatible with tab terminals. Consequently, for direct mounting types, in addition to soldering, AMP terminals can be used.
Part number HP2 HP3 HP4 Compatible tab terminal #205 series #187 series #205 series
3. When tightening the fixing screws of direct mounting types, use washers to prevent damage or distortion. The optimum torque range is 0.49 to 0.69 N*m, (5 to 7 kgf*cm). To prevent loosening of direct mounting types, terminal sockets and sockets, etc., when fixing the screws, use spring washers, etc. Moreover, wiring (soldering), should be done with care while ensuring strong connections. 4. When tightening terminal socket fixing screws, to prevent damage, the optimum torque range should be 0.784 to 0.98 N*m, (8 to 10 kgf*cm).
5. Avoid use in adverse conditions, such as where the relay will be subjected to strong vibrations or shock, where there is exposure to harmful gas, or where ambient temperatures are high (more than 40C). 6. Use in DC load Abnormal wear of the contacts and contact springs will occur when the switching frequency is high and there are large arcs. In particular, if high-frequency operation in hot or humid conditions is intended, use arc-suppressing circuits. 7. There is no particular specification for HP relay mounting orientation. 8. Do not insert or remove relays into or out of live circuits.
For Cautions for Use, see Relay Technical Information.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.


▲Up To Search▲   

 
Price & Availability of HP2-AC115V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X