Part Number Hot Search : 
SMAJ50A SMAJ50A HA20047 S15VB20 L3223 CY7C1380 DS1631S NJU6343
Product Description
Full Text Search
 

To Download HLMP-CW27-UX000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HLMP-CWxx T-1 3/4 (5mm) Extra Bright Precision Optical Performance White LED Lamps
Data Sheet
Features * Well defined spatial radiation pattern * High luminous white emission * Viewing angle: 15, 23 and 30 * Standoff or non-standoff leads * Superior resistance to moisture These T-1 3/4 lamps are untinted, non-diffused, and incorporate precise optics which produce well-defined spatial radiation patterns at specific viewing cone angle. Applications * Electronic signs and signals * Small area illumination * Legend backlighting * General purpose indicators Benefit * Reduced power consumption, higher reliability, and increased optical/mechanical design flexibility compared to incandescent bulbs and other alternative white light sources.
HLMP-CW11, HLMP-CW12, HLMP-CW26, HLMP-CW27, HLMP-CW36, HLMP-CW37
Description These high intensity white LED lamps are based on InGaN material technology. A blue LED die is coated by phosphor to produce white. The typical resulting color is described by the coordinates x = 0.31, y = 0.31 using the 1931 CIE Chromaticity Diagram.
Caution: Devices are Class 1 ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
Package Dimensions
5.00 0.20 (0.197 0.008) 8.71 0.20 (0.343 0.008) 1.14 0.20 (0.045 0.008)
5.00 0.20 (0.197 0.008) 8.71 0.20 (0.343 0.008)
DIMENSION H
2.35 (0.093) MAX. 0.70 (0.028) MAX. 31.60 MIN. (1.244)
1.14 0.20 (0.045 0.008) 1.50 0.15 (0.059 0.006) 0.70 (0.028) MAX. CATHODE LEAD
31.60 MIN. (1.244)
CATHODE LEAD
DIMENSION H: 15: 12.24 0.25mm (0.482 0.01 inches) 23: 12.50 0.25mm (0.492 0.01 inches) 30: 0.472 0.25mm (0.472 0.01 inches)
1.00 MIN. (0.039)
0.50 0.10 SQ. TYP. (0.020 0.004)
1.00 MIN. (0.039)
5.80 0.20 (0.228 0.008) CATHODE FLAT 2.54 0.38 (0.100 0.015)
0.50 0.10 SQ. TYP. (0.020 0.004)
5.80 0.20 (0.228 0.008) CATHODE FLAT 2.54 0.38 (0.100 0.015)
Notes: 1. All dimensions are in millimeters /inches. 2. Epoxy meniscus may extend about 1mm (0.040") down the leads. 3. If heat-sinking application is required, the terminal for heat sink is anode.
Package Dimension A
Package Dimension B
Part Numbering System H L M P - CW XX - X X X XX Mechanical Option 00: Bulk DD: Ammo Pack Straight Leads Color Bin Options 0: Full color bin distribution B: Color bin 2 & 3 only Maximum Intensity Bin 0: No maximum intensity bin limit Others: Refer to Device Selection Guide Minimum Intensity Bin Refer to Device Selection Guide Viewing Angle and Standoff Option 11: 15 without standoff 12: 15 with standoff 26: 23 without standoff 27: 23 with standoff 36: 30 without standoff 37: 30 with standoff 2
Device Selection Guide
Part Number HLMP-CW11-WZ0xx HLMP-CW11-XY0xx HLMP-CW12-WZ0xx HLMP-CW12-XY0xx HLMP-CW12-XYBxx HLMP-CW26-UX0xx HLMP-CW26-VW0xx HLMP-CW27-UX0xx HLMP-CW27-VW0xx HLMP-CW36-TW0xx HLMP-CW36-UV0xx HLMP-CW36-UVBxx HLMP-CW37-TW0xx HLMP-CW37-UV0xx HLMP-CW37-UVBxx
Typical Viewing Angle, 2 1/2 (Degree) 15 15 15 15 15 23 23 23 23 30 30 30 30 30 30
Intensity (cd) at 20 MA Min. 5500 7200 5500 7200 7200 3200 4200 3200 4200 2500 3200 3200 2500 3200 3200 Max. 16000 12000 16000 12000 12000 9300 7200 9300 7200 7200 5500 5500 7200 5500 5500 Standoff No No Yes Yes Yes No No Yes Yes No No No Yes Yes Yes
Package Dimension A A B B B A A B B A A A B B B
Notes: 1. Tolerance for luminous intensity measurement is +/- 15% 2. The luminous intensity is measured on the mechanical axis of the lamp package. 3. The optical axis is closely aligned with the package mechanical axis. 4. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper safety equipment. 5. 21/2 is the off-axis angle where the luminous intensity is 1/2 the on axis intensity
Absolute Maximum Rating at TA = 25oC
Parameters DC forward current
[1] [3]
Value 30 100 30 105 110 -40 to +85 -40 to +100
[2]
Unit mA mA mA mW
o o o o
Peak pulsed forward current Average forward current Power dissipation LED junction temperature Operating temperature range Storage temperature range Wave soldering temperature
C C C C
250 for 3 seconds
Notes: 1. Derate linearly as shown in figure 2. 2. 1.59 mm (0.060 inch) below body 3. Duty factor 10%, frequency 1KHz
3
Electrical/Optical Characteristics TA = 25oC
Parameters Forward voltage Reverse Voltage
[1]
Symbol VF VR RJ-PIN
[2]
Min 5.0
Typ 3.2 240 0.31 0.31 70
Max 4.0
Units V V
o
Test Condition IF = 20 mA IR = 10 A LED Junction to anode lead IF = 20 mA VF=0, f=1MHz
Thermal resistance Chromaticity Coordinates Capacitance
C/W
X Y C
Notes: 1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10 A 2. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent the perceived color of the device.
1.0
35
IF - FORWARD CURRENT - mA
1.5
RELATIVE LUMINOUS INTENSITY
RJ-A = 585C/W
RELATIVE LUMINOUS INTENSITY
0.8 0.6 0.4 0.2 0.0 380
30 25
RJ-A = 780C/W
1.2 0.9 0.6 0.3 0 0 10 20 FORWARD CURRENT - mA 30
20 15 10 5 0 0 100 20 40 60 80 AMBIENT TEMPERATURE - C
480
580
680
780
WAVELENGTH - nm
Figure 1. Relative Intensity vs. Wavelength
Figure 2. Forward Current vs. Ambient Temperature
Figure 3. Relative Intensity versus DC Forward Current
0.025
IF - FORWARD CURRENT - mA
30
0.020
Y-COORDINATES
1mA
25 20 15 10 5 0 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 VF - FORWARD VOLTAGE - VOLTS Figure 5. Forward Current vs. Forward Voltage
0.015 0.010
5mA 10mA
0.005 0.000 -0.005 -0.010 -0.005 30mA 0.000 0.005 0.010 0.015 20mA
X-COORDINATES
Figure 4. Chromaticity shift vs. Current *Note: (x,y) values @ 20mA reference to (0,0)
RELATIVE LUMINOUS INTENSITY
1
Intensity Bin Limit Table Tolerance for each bin limit is 15%
Bin Intensity (mcd) at 20 mA Min Q R S 1150 1500 1900 2500 3200 4200 5500 7200 9300 12000 16000 Max 1500 1900 2500 3200 4200 5500 7200 9300 12000 16000 21000
0.5
0 -90
-60
-30 0 30 ANGULAR DISPLACEMENT ()
60
90
T U V W X
Figure 6. Spatial Radiation Pattern for CW1x
1
RELATIVE LUMINOUS INTENSITY
Y Z 1
0.5
0 -90 -60 -30 0 30 ANGULAR DISPLACEMENT () 60 90
Figure 7. Spatial Radiation Pattern for CW2x
1
RELATIVE LUMINOUS INTENSITY
0.5
0 -90 -60 -30 0 30 ANGULAR DISPLACEMENT () 60 90
Figure 8. Spatial Radiation Pattern for CW3x
Color Bin Limit Table Tolerance for each bin limit is 0.01
Color Bin Limits with Respect to CIE 1931 Chromaticity Diagram
0.40
Rank 1
Limits (Chromaticity Coordinates) X Y 0.330 0.360 0.287 0.295 0.264 0.267 0.283 0.305 0.330 0.318 0.296 0.276 0.280 0.248 0.287 0.295 0.356 0.351 0.330 0.318 0.296 0.276 0.330 0.339 0.361
Y-COORDINATE
0.35 4 2
1 BLACK BODY CURVE
0.385 0.330 0.339 0.283 0.305 0.330 0.360
2
X Y
0.30 3 0.25
3
X Y
4
X Y
0.20 0.26
0.30 0.34 X-COORDINATE
0.38
Note: 1. Bin categories are established for classification of products. Products may not be available in all bin categories. Please contact your Agilent representative for information on currently available bins.
www.agilent.com/ semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. October 6, 2004 5989-1451EN


▲Up To Search▲   

 
Price & Availability of HLMP-CW27-UX000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X