Part Number Hot Search : 
01344 350CJB BDT29AF LL2012 EC100 M1785 AM70N AK4220
Product Description
Full Text Search
 

To Download HLMP-CE23-UVQDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HLMP-CE15, HLMP-CE16, HLMP-CE23, HLMP-CE24, HLMP-CE30, HLMP-CE31 T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
Data Sheet
Features * Smooth, consistent spatial radiation patterns * High luminous output * Viewing angles 15, 23, and 30 * Superior resistance to moisture Description These high intensity bluish-green LEDs are based on InGaN material technology. InGaN is the most efficient and cost effective material for LEDs in the blue and green region of the spectrum. The 505 nm typical dominant wavelength matches international specifications for green traffic signals. These LED lamps are untinted, nondiffused, T-1 3/4 packages incorporating second generation optics producing well defined spatial radiation patterns at specific viewing cone angles. These lamps are made with an advanced optical grade epoxy, offering superior temperature and moisture resistance in outdoor signal and sign applications. The package epoxy contains both UV-a and UV-b inhibitors to reduce the effects of long term exposure to direct sunlight. These lamps are available in three viewing angle options and two package options to give the designer flexibility with optical design and device mounting. Benefits * Viewing angles match traffic signal requirements * Superior performance in outdoor environments * Suitable for autoinsertion onto PC boards Applications * Traffic signals * Railroad signals * Commercial outdoor signs * Automotive interior lights
CAUTION: HLMP-CExx LEDs are Class 1 ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Agilent Application Note AN-1142 for additional details.
Device Selection Guide Color and Dominant Wavelength d Typ. (nm) 505 505 505 505 505 505 505 505 505 505 505 505 505 505 505 505 505 Viewing Angle 21/2 Typ. (deg) 15 15 23 23 23 23 30 30 30 30 23 23 23 30 30 30 30 Luminous Intensity IV (mcd) at 20 mA Min. Max. 2500 7200 2500 7200 1900 5500 1900 5500 1900 5500 1900 5500 1150 3200 1150 3200 1150 3200 1150 3200 880 2500 5500 2500 5500 680 1500 4200 680 1500 4200
Part Number HLMP-CE15-TWCxx HLMP-CE16-TWCxx HLMP-CE23-SVCxx HLMP-CE23-SVQxx HLMP-CE24-SVCxx HLMP-CE24-SVQxx HLMP-CE30-QTCxx HLMP-CE30-QTQxx HLMP-CE31-QTCxx HLMP-CE31-QTQxx HLMP-CE23-P0Cxx HLMP-CE23-TVQxx HLMP-CE24-TVQxx HLMP-CE30-N00xx HLMP-CE30-RUQxx HLMP-CE31-N00xx HLMP-CE31-RUQxx
Stand-Off No Yes No No Yes Yes No No Yes Yes No No Yes No No Yes Yes
Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. The optical axis is closely aligned with the package mechanical axis. 3. The dominant wavelength, d, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device. 4. All InGaN LEDs represented here are IEC825 Class 2. See Application Brief 1-009 and 1-015 for details. 5. Tolerance for intensity limit is 15%.
Part Numbering System HLMP - X X X X - X X X X X Mechanical Options 00: Bulk Packaging DD: Ammo Pack Color Bin Selections C: Color Bins 3 and 4 only Q: Color Bins 7 and 8 only Maximum Intensity Bin 0: No Iv Bin Limitation Minimum Intensity Bin Viewing Angle and Stand-Off 15: 15 deg, without stand-off 16: 15 deg, with stand-off 23: 23 deg, without stand-off 24: 23 deg, with stand-off 30: 30 deg, without stand-off 31: 30 deg, with stand-off Color E: 505 nm Bluish-Green Package C: 5 mm InGaN 2
Package Dimensions
5.00 0.20 (0.197 0.008) 8.71 0.20 (0.343 0.008) 1.14 0.20 (0.045 0.008)
d 5.00 0.20 (0.197 0.008) 8.71 0.20 (0.343 0.008)
2.35 (0.093) MAX. 0.70 (0.028) MAX. 31.60 MIN. (1.244)
31.60 MIN. (1.244)
1.14 0.20 (0.045 0.008) 1.50 0.15 (0.059 0.006) 0.70 (0.028) MAX.
CATHODE LEAD
CATHODE LEAD
1.00 MIN. (0.039)
0.50 0.10 SQ. TYP. (0.020 0.004)
1.00 MIN. (0.039)
0.50 0.10 SQ. TYP. (0.020 0.004)
5.80 0.20 (0.228 0.008) CATHODE FLAT 2.54 0.38 (0.100 0.015)
CATHODE FLAT
5.80 0.20 (0.228 0.008) 2.54 0.38 (0.100 0.015)
HLMP-CE15, HLMP-CE23, and HLMP-CE30
HLMP-CE16, HLMP-CE24, and HLMP-CE31
HLMP-CE16 d = 12.6 0.18 (0.496 0.007)
HLMP-CE24 HLMP-CE31 d = 12.40 0.25 d = 12.22 0.50 (0.488 0.010) (0.481 0.020)
Notes: 1. Dimensions in mm. 2. Tolerance 0.1 mm unless otherwise noted.
Absolute Maximum Ratings at TA = 25C Parameter DC Forward Current[1] Peak Forward Current Average Forward Current Power Dissipation Reverse Voltage (IR = 100 A) LED Junction Temperature Operating Temperature Range Storage Temperature Range Value 30 100 30 120 5 130 -40 to +80 -40 to +100 Units mA mA mA mW V C C C
Note: 1. Derate linearly as shown in Figure 4 for temperatures above 50C.
3
Electrical/Optical Characteristics at T A = 25C Parameter Forward Voltage Reverse Voltage Capacitance Thermal Resistance Dominant Wavelength Peak Wavelength Spectral Halfwidth Symbol VF VR C RJ-PIN d PEAK 1/2 10 40 240 505 502 35 pF C/W nm nm nm Min. Typ. 3.8 Max. 4.0 Units V Test Conditions IF = 20 mA IR = 100 A VF = 0, f = 1 MHz LED Junction-to-Cathode Lead IF = 20 mA Peak of Wavelength of Spectral Distribution at IF = 20 mA Wavelength Width at Spectral Distribution Power Point at IF = 20 mA Emitted luminous power/ Emitted radiant power
Luminous Efficacy
V
350
lm/W
Notes: 1. The dominant wavelength, d, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device. 2. The radiant intensity, le in watts per steradian, may be found from the equation le = Iv/V, where Iv is the luminous intensity in candelas and V is the luminous efficacy in lumens/watt.
RELATIVE INTENSITY (NORMALIZED AT 20 mA)
1.0
IF - FORWARD CURRENT - mA
30 25 20 15 10 5 0
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30
RELATIVE INTENSITY
0.8
0.6
0.4
0.2
0 400
450
500
550
600
2
2.4
2.8
3.2
3.6
4.0
WAVELENGTH - nm
VF - FORWARD VOLTAGE - V
FORWARD CURRENT - mA
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. forward current.
40
FORWARD CURRENT - mA
520
DOMINANT WAVELENGTH - nm
1.0
35 30 25 20 15 10 5 0 0 20 40 60 80 100 120
518 516 514 512 510 508 506 504 502 500 498
RELATIVE INTENSITY
0.5
0
5
10
15
20
25
30
0 -50 -40 -30 -20 -10 0 10 20 30 40 50 ANGLE - DEGREES
AMBIENT TEMPERATURE - C
FORWARD CURRENT - mA
Figure 4. Maximum forward current vs. ambient temperature.
Figure 5. Color vs. forward current.
Figure 6. Spatial radiation pattern - 15 lamps.
1.0
1.0
RELATIVE INTENSITY
0.5
RELATIVE INTENSITY
ANGLE - DEGREES
0.5
0 -50 -40 -30 -20 -10 0 10 20 30 40 50
0 -50 -40 -30 -20 -10 0 10 20 30 40 50 ANGLE - DEGREES
Figure 7. Spatial radiation pattern - 23 lamps.
Figure 8. Spatial radiation pattern - 30 lamps.
Intensity Bin Limits (mcd at 20 mA) Bin Name N P Q R S T U V W X Min. 680 880 1150 1500 1900 2500 3200 4200 5500 7200 Max. 880 1150 1500 1900 2500 3200 4200 5500 7200 9300
Color Bin Limits (nm at 20 mA) Bin Name 1 2 3 4 7 8 Min. 490 495 500 505 498 503 Max. 495 500 505 510 503 508
Tolerance for each color bin limit is 0.5 nm.
Note: Bin categories are established for classification of products. Products may not be available in all bin categories. Please contact your Agilent representative for information on currently available bins.
Tolerance of each intensity bin limit is 15%.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6271 2451 India, Australia, New Zealand: (+65) 6271 2394 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6271 2194 Malaysia, Singapore: (+65) 6271 2054 Taiwan: (+65) 6271 2654 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes 5988-8657EN August 1, 2003 5988-9963EN


▲Up To Search▲   

 
Price & Availability of HLMP-CE23-UVQDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X