Part Number Hot Search : 
74HC393M STSA851 AK2347A 8130D SAMP7720 D8LC20U IRFH7084 ZMM5227B
Product Description
Full Text Search
 

To Download HA-2510883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
HA-2510/883
Data Sheet January 3, 2006 FN3697.4
High Slew Rate Operational Amplifier
The HA-2510/883 is a high performance operational amplifier which sets the standards for maximum slew rate and wide bandwidth operation in moderately powered, internally compensated, monolithic devices. In addition to excellent dynamic characteristics, this dielectrically isolated amplifier also offers low offset current and high input impedance. The 50V/s minimum slew rate and fast settling time of the HA-2510/883 are ideally suited for high speed D/A, A/D, and pulse amplification designs. The HA-2510/883's superior bandwidth and 750kHz minimum full power bandwidth are extremely useful in RF and video applications. To insure compliance with slew rate and transient response specifications, all devices are 100% tested for AC performance characteristics over full temperature limits. To improve signal conditioning accuracy, the HA-2510/883 provides a maximum offset current of 25nA and a minimum input impedance of 50M, both at 25oC, as well as offset voltage adjust capability.
Features
* This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1. * High Slew Rate . . . . . . . . . . . . . . . . . . . . . . .50V/s (Min) 65V/s (Typ) * Wide Power Bandwidth . . . . . . . . . . . . . . . . 750kHz (Min) * Low Offset Current . . . . . . . . . . . . . . . . . . . . . . 25nA (Min) 10nA (Typ) * High Input Impedance . . . . . . . . . . . . . . . . . . 50M (Min) 100M (Typ) * Wide Small Signal Bandwidth . . . . . . . . . . . .12MHz (Typ) * Fast Settling Time (0.1% of 10V Step) . . . . . . 250ns (Typ) * Low Quiescent Supply Current . . . . . . . . . . . . 6mA (Max) * Internally Compensated For Unity Gain Stability
Applications
* Data Acquisition Systems * RF Amplifiers
Ordering Information
www..com
PART NUMBER
PART MARKING
TEMP. RANGE (oC)
PACKAGE
PKG. DWG. # T8.C
* Video Amplifiers * Signal Generators * Pulse Amplification
HA2-2510/883 HA2-2510/883 -55 to 125 8 Pin Can
HA7-2510/883 HA7-2510/883 -55 to 125 8 Ld CERDIP F8.3A
Pinouts
HA-2510/883 (CERDIP) TOP VIEW HA-2510/883 (METAL CAN) TOP VIEW
COMP BAL -IN +IN V1 2 3 4 + 8 7 6 5 COMP V+ OUT BAL +IN 3 4 V5 BAL -IN BAL 1 + 8 7 V+
2
6 OUT
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2002, 2004, 2005, 2006. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
HA-2510/883
Absolute Maximum Ratings
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . .40V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . V+ to VPeak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .<2000V
Thermal Information
Thermal Resistance (Typical, Note 1) JA JC Metal Can Package . . . . . . . . . . . . . . . . . 160oC/W 75oC/W CERDIP Package. . . . . . . . . . . . . . . . . . . 120oC/W 30oC/W Package Power Dissipation Limit at 75oC for TJ 175oC Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .625mW CERDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .870mW Package Power Dissipation Derating Factor Above 75oC Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.3mW/oC CERDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .175oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V VINCM 1/2 (V+ - V-) RL 2k
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379
for details.
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 100, RLOAD = 500k, VOUT = 0V, Unless Otherwise Specified. PARAMETER Input Offset Voltage Input Bias Current SYMBOL VIO VCM = 0V CONDITIONS GROUP A SUBGROUPS 1 2, 3 +IB VCM = 0V, +RS = 100k, -RS = 100 1 2, 3 -IB VCM = 0V, +RS = 100, -RS = 100k 1 2, 3 Input Offset Current Common Mode Range IIO VCM = 0V, +RS = 100k, -RS = 100k 1 2, 3 +CMR V+ = 5V, V- = -25V 1 2, 3 -CMR V+ = 25V, V- = -5V 1 2, 3 Large Signal Voltage Gain +AVOL VOUT = 0V and +10V, RL = 2k 4 5, 6 -AVOL VOUT = 0V and -10V, RL = 2k 4 5, 6 Common Mode Rejection Ratio +CMRR VCM = +10V, V+ = +5V, V- = -25V, VOUT = -10V VCM = -10V, V+ = +25V, V- = -5V, VOUT = +10V 1 2, 3 1 2, 3 TEMP (oC) 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 MIN -8 -18 -200 -400 -200 -400 -25 -50 +10 +10 10 7.5 10 7.5 80 80 80 80 MAX 8 10 200 400 200 400 25 50 -10 -10 UNITS mV mV nA nA nA nA nA nA V V V V kV/V kV/V kV/V kV/V dB dB dB dB
-CMRR
2
FN3697.4 January 3, 2006
HA-2510/883
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: VSUPPLY = 15V, RSOURCE = 100, RLOAD = 500k, VOUT = 0V, Unless Otherwise Specified. PARAMETER Output Voltage Swing SYMBOL +VOUT RL = 2k CONDITIONS GROUP A SUBGROUPS 4 5, 6 -VOUT RL = 2k 4 5, 6 Output Current +IOUT VOUT = -10V 4 5, 6 -IOUT VOUT = +10V 4 5, 6 Quiescent Power Supply Current +ICC VOUT = 0V, IOUT = 0mA VOUT = 0V, IOUT = 0mA VSUP = 10V, V+ = +20V, V- = -15V, V+ = +10V, V- = -15V VSUP = 10V, V+ = +15V, V- = -20V, V+ = +15V, V- = -10V Note 2 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 -VIOAdj Note 2 1 2, 3 NOTE: 2. Offset adjustment range is [VIO (Measured) 1mV] minimum referred to output. This test is for functionality only to assure adjustment through 0V. TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 50, RLOAD = 2k, CLOAD = 50pF, AVCL = +1V/V, Unless Otherwise Specified. PARAMETER Slew Rate SYMBOL +SR CONDITIONS VOUT = -5V to +5V, 25% +SR 75% GROUP A SUBGROUPS 7 8A, 8B -SR VOUT = +5V to -5V, 75% -SR 25% 7 8A, 8B Rise and Fall Time tr VOUT = 0 to +200mV, 10% tr 90% 7 8A, 8B tf VOUT = 0 to -200mV, 10% tf 90% 7 8A, 8B TEMP (oC) 25 125, -55 25 125, -55 25 125, -55 25 125, -55 MIN 50 45 50 45 MAX 50 60 50 60 UNITS V/s V/s V/s V/s ns ns ns ns TEMP (oC) 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 25 125, -55 MIN 10 10 10 7.5 -6 -6.5 80 80 80 80 VIO-1 VIO-1 VIO+1 VIO+1 MAX -10 -10 -10 -7.5 6 6.5 UNITS V V V V mA mA mA mA mA mA mA mA dB dB dB dB mV mV mV mV
-ICC
Power Supply Rejection Ratio
+PSRR
-PSRR
Offset Voltage Adjustment
+VIOAdj
3
FN3697.4 January 3, 2006
HA-2510/883
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: VSUPPLY = 15V, RSOURCE = 50, RLOAD = 2k, CLOAD = 50pF, AVCL = +1V/V, Unless Otherwise Specified. PARAMETER Overshoot SYMBOL +OS CONDITIONS VOUT = 0 to +200mV GROUP A SUBGROUPS 7 8A, 8B -OS VOUT = 0 to -200mV 7 8A, 8B TEMP (oC) 25 125, -55 25 125, -55 MIN MAX 40 50 40 50 UNITS % % % %
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS Device Characterized at: VSUPPLY = 15V, RLOAD = 2k, CLOAD = 50pF, Unless Otherwise Specified. PARAMETER Differential Input Resistance Full Power Bandwidth Minimum Closed Loop Stable Gain Quiescent Power Consumption NOTES: 3. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from multiple production runs which reflect lot to lot and within lot variation. 4. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2VPEAK). 5. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.) TABLE 4. ELECTRICAL TEST REQUIREMENTS MIL-STD-883 TEST REQUIREMENTS Interim Electrical Parameters (Pre Burn-In) Final Electrical Test Parameters Group A Test Requirements Groups C and D Endpoints NOTE: 6. PDA applies to Subgroup 1 only. SUBGROUPS (SEE TABLES 1 AND 2) 1 1 (Note 6), 2, 3, 4, 5, 6, 7, 8A, 8B 1, 2, 3, 4, 5, 6, 7, 8A, 8B 1 SYMBOL RIN FPBW CLSG PC VCM = 0V VPEAK = 10V RL = 2k, CL = 50pF VOUT = 0V, IOUT = 0mA CONDITIONS NOTES 3 3, 4 3 3, 5 TEMP (oC) 25 25 -55 to 125 -55 to 125 MIN 50 750 1 MAX 195 UNITS M kHz V/V mW
4
FN3697.4 January 3, 2006
HA-2510/883 Die Characteristics
SUBSTRATE POTENTIAL (Powered Up): Unbiased TRANSISTOR COUNT: 40 PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2510/883
+IN -IN BAL
COMP
V-
V+
BAL
OUT
Burn-In Circuit
HA7-2510/883
1 R1 VD2 C2 2 3 4
8
+
7 6 5 C3 C1 D1
V+
R1 = 1M, 5%, 1/4W (Min) C1 = C2 = 0.01F/Socket (Min) or 0.1F/Row (Min) C3 = 0.01F/Socket (10%) D1 = D2 = 1N4002 or Equivalent/Board |(V+) - (V-)| = 30V
5
FN3697.4 January 3, 2006
HA-2510/883 Metal Can Packages (Can)
REFERENCE PLANE A L L2 L1 A A OD OD1 Oe 2 1 Ob1 F Q Ob BASE AND SEATING PLANE BASE METAL LEAD FINISH N k1 OD2
T8.C MIL-STD-1835 MACY1-X8 (A1)
e1 8 LEAD METAL CAN PACKAGE INCHES SYMBOL A Ob Ob1 Ob2 OD OD1
k C L
MILLIMETERS MIN 4.19 0.41 0.41 0.41 8.51 7.75 2.79 MAX 4.70 0.48 0.53 0.61 9.40 8.51 4.06 NOTES 1 1 2 1 1 1 3 3 4 Rev. 0 5/18/94
MIN 0.165 0.016 0.016 0.016 0.335 0.305 0.110
MAX 0.185 0.019 0.021 0.024 0.375 0.335 0.160
OD2 e e1 F k k1 L L1 L2 Q
0.200 BSC 0.100 BSC 0.027 0.027 0.500 0.250 0.010 45o BSC 45o BSC 8 0.040 0.034 0.045 0.750 0.050 0.045 -
5.08 BSC 2.54 BSC 1.02 0.86 1.14 19.05 1.27 1.14
0.69 0.69 12.70 6.35 0.25
Ob1
Ob2
SECTION A-A
NOTES: 1. (All leads) Ob applies between L1 and L2. Ob1 applies between L2 and 0.500 from the reference plane. Diameter is uncontrolled in L1 and beyond 0.500 from the reference plane. 2. Measured from maximum diameter of the product. 3. is the basic spacing from the centerline of the tab to terminal 1 and is the basic spacing of each lead or lead position (N -1 places) from , looking at the bottom of the package. 4. N is the maximum number of terminal positions. 5. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 6. Controlling dimension: INCH.
N
45o BSC 45o BSC 8
6
FN3697.4 January 3, 2006
HA-2510/883 Ceramic Dual-In-Line Frit Seal Packages (CERDIP)
c1 -A-DBASE METAL E M -Bbbb S BASE PLANE SEATING PLANE S1 b2 b ccc M C A-B S AA C A-B S D -CQ A L DS b1 M (b) SECTION A-A (c) LEAD FINISH
F8.3A MIL-STD-1835 GDIP1-T8 (D-4, CONFIGURATION A)
8 LEAD CERAMIC DUAL-IN-LINE FRIT SEAL PACKAGE INCHES SYMBOL A b b1 b2 b3 c c1 MIN 0.014 0.014 0.045 0.023 0.008 0.008 0.220 MAX 0.200 0.026 0.023 0.065 0.045 0.018 0.015 0.405 0.310 MILLIMETERS MIN 0.36 0.36 1.14 0.58 0.20 0.20 5.59 MAX 5.08 0.66 0.58 1.65 1.14 0.46 0.38 10.29 7.87 2.54 BSC 7.62 BSC 3.81 BSC 3.18 0.38 0.13 90o 8 5.08 1.52 105o 0.38 0.76 0.25 0.038 NOTES 2 3 4 2 3 5 5 6 7 2, 3 8 Rev. 0 4/94
eA
D E e eA eA/2 L Q S1
e
DS
eA/2
c
0.100 BSC 0.300 BSC 0.150 BSC 0.125 0.015 0.005 90o 8 0.200 0.060 105o 0.015 0.030 0.010 0.0015
aaa M C A - B S D S
NOTES: 1. Index area: A notch or a pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. The manufacturer's identification shall not be used as a pin one identification mark. 2. The maximum limits of lead dimensions b and c or M shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 3. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. 4. Corner leads (1, N, N/2, and N/2+1) may be configured with a partial lead paddle. For this configuration dimension b3 replaces dimension b2. 5. This dimension allows for off-center lid, meniscus, and glass overrun. 6. Dimension Q shall be measured from the seating plane to the base plane. 7. Measure dimension S1 at all four corners. 8. N is the maximum number of terminal positions. 9. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 10. Controlling dimension: INCH.
aaa bbb ccc M N
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 7
FN3697.4 January 3, 2006


▲Up To Search▲   

 
Price & Availability of HA-2510883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X