Part Number Hot Search : 
SMAJ50A SMAJ50A HA20047 S15VB20 L3223 CY7C1380 DS1631S NJU6343
Product Description
Full Text Search
 

To Download GI3310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Pb Free Plating Product
ISSUED DATE :2005/12/05 REVISED DATE :
GI3310
Description
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
-20V 150m -10A
The GI3310 provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness. The through-hole version (TO-251) is available for low-profile applications and suited for low voltage and battery power applications. *Simple Drive Requirement *2.5V Gate Drive Capability
Features
Package Dimensions TO-251
REF. A B C D E F
Millimeter Min. Max. 6.40 6.80 5.20 5.50 6.80 7.20 7.20 7.80 2.30 REF. 0.60 0.90
REF. G H J K L M
Millimeter Min. Max. 0.50 0.70 2.20 2.40 0.45 0.55 0.45 0.60 0.90 1.50 5.40 5.80
Absolute Maximum Ratings
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS@10V Continuous Drain Current, VGS@10V Pulsed Drain Current
1
Symbol VDS VGS ID @TC=25 : ID @TC=100 : IDM PD @TC=25 : Tj, Tstg
Ratings -20 12 -10 -6.2 -24 25 0.01 -55 ~ +150
Unit V V A A A W W/ : :
Total Power Dissipation Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Data
Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Symbol Rthj-c Rthj-a Value 5.0 110 Unit : /W : /W
GI3310
Page: 1/5
ISSUED DATE :2005/12/05 REVISED DATE :
Electrical Characteristics (Tj = 25 : unless otherwise specified)
Parameter Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Symbol BVDSS
BVDSS / Tj
Min. -20 -0.5 -
Typ. -0.1 4.4 6 1.5 0.6 2.5 60 70 60 300 180 60
Max. 100 -1 -25 150 250 -
Unit V V/ : V S nA uA uA m
Test Conditions VGS=0, ID=-250uA Reference to 25 : , ID=-1mA VDS=VGS, ID=-250uA VDS=-5V, ID=-2.8A VGS= 12V VDS=-20V, VGS=0 VDS=-16V, VGS=0 VGS=-4.5V, ID=-2.8A VGS=-2.5V, ID=-2.0A ID=-2.8A VDS=-6V VGS=-5V VDS=-6V ID=-1A VGS=-5V RG=6 RD=6 VGS=0V VDS=-6V f=1.0MHz
Gate Threshold Voltage Forward Transconductance Gate-Source Leakage Current
Drain-Source Leakage Current(Tj=25 : ) Drain-Source Leakage Current(Tj=150 : )
VGS(th) gfs IGSS IDSS
Static Drain-Source On-Resistance Total Gate Charge2 Gate-Source Charge Gate-Drain ("Miller") Change Turn-on Delay Time2 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(ON) Qg Qgs Qgd Td(on) Tr Td(off) Tf Ciss Coss Crss
nC
ns
pF
Source-Drain Diode
Parameter Forward On Voltage
2
Symbol VSD IS ISM
1
Min. -
Typ. -
Max. -1.2 -10 -24
Unit V A A
Test Conditions IS=-10A, VGS=0V, Tj=25 : VD=VG=0V, VS=-1.2
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)
Notes: 1. Pulse width limited by safe operating area. 2. Pulse width 300us, duty cycle 2%.
GI3310
Page: 2/5
ISSUED DATE :2005/12/05 REVISED DATE :
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Maximum Drain Current v.s. Case Temperature
GI3310
Fig 6. Type Power Dissipation
Page: 3/5
ISSUED DATE :2005/12/05 REVISED DATE :
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristics of Reverse Diode
GI3310
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
Page: 4/5
ISSUED DATE :2005/12/05 REVISED DATE :
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GI3310
Page: 5/5


▲Up To Search▲   

 
Price & Availability of GI3310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X