|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com GF063-K Series with Knob TOCOS POTENTIOMETERS (R) 1/4'' Square, Single-Turn, Through-Hole Sealed Cermet Trimmers Features 1/4" square, single-turn, through-hole, sealed cermet trimmers Top and side adjust styles available Knob on all models for convenient fingertip adjustment Same design and housing sizes as GF063 series Precious metal, multi-contact wiper design Meets UL 94V-0 flammability requirements Sealed to withstand immersion cleaning processes Tape and ammo box available for PK, P1K and UK models Specifications Electrical Standard Resistance Range . . . . . . . . . . . . . . 10 to 5M (standard 1, 2 & 5 sequence ) Resistance Tolerance . . . . . . . . . . . . . . . 10% and 20% End Resistance . . . . . . . . . . 1% or 1, whichever is greater Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . . . Linear Peak Noise (C.R.V.) . . . . . . . 1% or 1, whichever is greater Power Rating . . . . . . . . 0.5 watt at 70 C, 0 watt at 125 C Maximum Input Voltage . . . . . . . . 250VDC or power rating, whichever is smaller Temperature Coefficient . . . . . . . . . . . . . . . . 100ppm / C Insulation Resistance . . . . . 1,000M minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . 900VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 210 10 Environmental Temperature Range . . . . . . . . . . . . . . . . . 55 C to 125 C Low Temperature Operation . . . . 55 C, 0.5 watt, 2 hours T/R ) 2%, S.S. ) 2% High Temperature Exposure . . . . . . . . . 125 C, 250 hours T/R ) 2%, S.S. ) 2% Load Life . . . . . . . . . . . . . . . . . 70 C, 0.5 watt, 1,000 hours T/R ) 3%, S.S. ) 2% Thermal Shock . . . . . . . . . . . . . . . . . . . . . . 55 C, 125 C, 30 minutes each, 5 cycles T/R ) 1%, S.S. ) 1% Shock . . . . . . . . . . . . 100G, 6ms, 6 directions, 3 times each T/R ) 1%, S.S. ) 1% Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude, 20G, 12 hours T/R ) 1%, S.S. ) 1% Humidity . . . . . . . . . . . . . . . . . . . . . . . . 40 C, 90-95%RH, 0.5 watt, 500 hours T/R ) 3%, S.S. ) 2% Mechanical Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 250 Shaft Torque . . . . . . . . . . . . . . 200 gf* cm (2.77 oz* in) max. Stop Strength . . . . . . . . . . . . . . 500 gf* cm (6.93 oz*in) min. Flammability of Plastic Materials . . . . . . . Meets UL 94V-0 Nominal Weight . . . . . . . . . . . . . . 0.54g (PK, P1K, WK, UK ) 0.64g (SK, S1K, XK, X1K, VK, V1K ) Marking . . . . . . . . . Resistance code, date code, model type All GF063-K models are available without knobs. Refer to GF063 Series on page 56. 68 w w w a .D aS t et he 4U om .c 10 Moisture Resistance . . . . . . 10 C to 65 C, 80-98%RH, 0.5 watt, 10 cycles, 240 hours T/R ) 2% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds T/R ) 1% Seal Test . . . . . . . . . . . . . . . . . 85 C, hot water for 1 minute Rotational Life . . . . . . . . . . 100 cycles without discontinuity T/R ) (2 3%) T/R = Total Resistance Change; S.S. = Setting Stability ( voltage ratio ) TOCOSAMERICA, INC. Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 1177 East Tower Road, Schaumburg, IL 60173 www..com GF063-K Series GF063PK P Terminal Style, Top Adjust Knob 3.8 0.2 Dimensions GF063P1K P1 Terminal Style, Top Adjust Knob 3.8 0.2 Unit: mm 3.0 0.2 3.0 0.2 6.8 0.3 6.8 0.3 6.8 0.4 6.8 0.4 5.0 0.5 5.0 0.5 5.5 0.3 5.5 0.3 0.5 x 0.3 (3) 0.1 0.1 5.0 1.0 0.5 x 0.3 (3) 0.1 0.1 5.0 1.0 4.0 0.6 Recommended PCB Layout #1 2.5 #2 #3 O1.0 3.4 0.2 Recommended PCB Layout #1 #2 #3 O1.0 #3 2.5 5.0 0.6 0.3 #3 5.0 0.6 0.3 #2 2.5 0.3 5.0 #2 2.5 0.3 5.0 #1 2.5 0.3 #1 2.5 0.3 max. (3 holes) 2.5 max. (3 holes) 2.5 GF063WK W Terminal Style, Top Adjust Knob 3.8 0.2 GF063UK U Terminal Style, Top Adjust Knob 3.8 0.2 3.0 0.2 3.0 0.2 6.8 0.3 6.8 0.3 6.8 0.4 6.8 0.4 5.0 0.5 5.0 0.5 5.5 0.3 5.5 0.3 0.5 x 0.3 (3) 0.1 0.1 5.0 1.0 0.5 x 0.3 (3) 2.5 0.3 2.0 0.3 #3 2.5 0.3 w w w a .D aS t et he #1 4U #2 .c om Recommended PCB Layout 0.1 0.1 5.0 1.0 3.4 0.2 Recommended PCB Layout #1 2.5 5.0 2.5 #2 #3 2.5 #1 #2 O1.0 #3 2.5 5.0 0.6 0.3 #2 2.5 0.3 2.5 #3 max. (3 holes) #1 O1.0 max. (3 holes) TOCOSAMERICA, INC. Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 69 1177 East Tower Road, Schaumburg, IL 60173 www..com GF063-K Series GF063SK S Terminal Style, Side Adjust Knob Dimensions GF063S1K S1 Terminal Style, Side Adjust Knob Unit: mm 8.2 5.2 0.4 0.4 8.2 0.5 0.1 0.4 4.4 0.4 0.5 0.1 0.3 0.5 x 0.3 (3) 0.1 0.1 0.1 5.0 0.3 1.0 0.5 x 0.3 (3) 0.1 0.1 0.1 5.0 1.0 1.2 6.1 0.3 1.2 6.1 5.0 0.5 0.3 5.0 0.5 2.9 #1 #2 #3 2.5 0.3 Recommended PCB Layout #3 #1 #2 #3 2.5 2.5 0.3 2.9 2.5 0.3 Recommended PCB Layout #2 #3 #1 2.5 0.3 #2 #1 0.3 2.5 0.3 2.5 0.3 O1.0 max. (3 holes) 2.5 0.3 O1.0 5.0 0.6 5.0 max. (3 holes) 5.0 0.6 5.0 6.8 0.3 6.8 0.3 GF063XK X Terminal Style, Side Adjust Knob GF063X1K X1 Terminal Style, Side Adjust Knob 8.2 8.2 5.2 0.4 0.4 0.4 4.4 0.5 0.1 0.4 0.5 0.1 0.3 0.5 x 0.3 (3) 0.1 0.1 0.1 0.3 5.0 1.0 0.5 x 0.3 (3) 0.1 0.1 0.1 5.0 1.0 1.2 6.1 0.3 1.2 6.1 5.0 0.5 0.3 5.0 0.5 2.9 #2 #1 #3 2.5 0.3 Recommended PCB Layout #2 5.0 #1 #3 2.5 O1.0 2.9 #3 #1 2.5 0.3 Recommended PCB Layout 5.0 #3 #1 2.5 O1.0 0.3 0.3 2.5 0.3 2.5 0.3 2.5 0.3 2.5 0.3 5.0 5.0 0.6 6.8 0.3 70 w w w a .D aS t ee h 4U t om .c max. (3 holes) #2 0.6 6.8 0.3 max. (3 holes) #2 TOCOSAMERICA, INC. Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 1177 East Tower Road, Schaumburg, IL 60173 www..com GF063-K Series GF063VK V Terminal Style, Side Adjust Knob Dimensions GF063V1K V1 Terminal Style, Side Adjust Knob Unit: mm 8.2 5.2 0.4 0.4 8.2 0.5 0.1 0.4 4.4 0.4 0.5 0.1 0.3 0.5 x 0.3 (3) 0.1 0.1 0.1 0.3 5.0 1.0 0.5 x 0.3 (3) 0.1 0.1 0.1 5.0 1.0 1.2 6.1 0.3 1.2 6.1 5.0 0.5 0.3 5.0 0.5 Recommended PCB Layout #3 5.0 #1 #2 #3 2.5 2.5 2.5 0.3 Recommended PCB Layout #2 #1 2.9 0.3 #1 #2 #3 2.9 0.3 5.0 #3 2.5 0.3 #2 #1 2.5 0.3 2.5 0.3 O1.0 max. (3 holes) O1.0 max. (3 holes) 2.5 2.5 5.0 0.6 5.0 0.6 6.8 0.3 6.8 0.3 Knob Dimensions All GF063-K Models 5.0 0.7 3.1 0.1 Unit: mm 3.6 1.6 O4.8 2.5 3.3 5.0 Adjustment cross-slot depth 2.0 1.7 Electrical Schematic clockwise ccw #1 #3 cw w w w a .D aS t ee h 4U t .c om #2 wiper TOCOSAMERICA, INC. Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 71 1177 East Tower Road, Schaumburg, IL 60173 www..com GF063-K Series Tape Dimensions Conforms to EIA-468 Specifications Tape & Ammo Box Specifications Unit: mm 4.0 0.6 3.4 0.2 PKT2, P1KT2 1.3 Max. 1.3 Max. 2.0 Max. 2.0 Max. 2.0 Max. 2.0 Max. PKT2 P1KT2 5.5 0.3 0.5 x 0.3 (3) 0.1 0.1 3.0 #1 #2 #3 Max. 0.5 3.0 0.5 1.0 16.0 18.0 2.0, 0 1.0 2.5 15.0 0.3 2.5 0.3 6.0 0.3 9.0 0.5 18.0 1.0, 0.5 O 4.0 0.2 0.4 0.1 0.4 0.1 12.7 0.3 6.35 0.4 12.7 0.3 UKT2 1.3 Max. 1.3 Max. 2.0 Max. 3.4 0.2 2.0 Max. 5.5 0.3 0.5 x 0.3 (3) 0.1 0.1 #1 #2 #3 Max. 1.0 16.0 18.0 2.0, 0 1.0 6.0 0.3 9.0 0.5 18.0 1.0, 0.5 O 4.0 0.2 0.4 0.1 12.7 0.3 6.35 0.4 12.7 0.3 Ammo Box Dimensions Conforms to EIA-468-B and JIS-C-0805 325.0 First Terminal is #3 PKT2, P1KT2, UKT2 1,000 Pieces Per Box 3 72 w w w at .D aS ee h 4U t om .c First Terminal is #1 39mm minimum leader at both ends 310.0 1 43.0 TOCOSAMERICA, INC. Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 1177 East Tower Road, Schaumburg, IL 60173 www..com GF063-K Series GF063 P1 K T2 B 102 K Part Numbering System Resistance Tolerance: K = 10%; M = 20% Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 105 = 1,000,000 ). Resistance Taper: B = Linear. Packaging: T2 = Tape and Ammo Box, PK, P1K and UK Top Adjust Models. Adjustment Knob: K = Knob. Terminal Style: P, P1, W, U = 3-Lead Configurations, Top Adjust. S, S1, X, X1, V, V1 = 3-Lead Configurations, Side Adjust. TOCOS Series Name. Part Numbers Nominal Resistance Value ( ) Code Resistance Tolerance Catalog No. Tape & Ammo Box 10% Resistance Tolerance Catalog No. Tape & Ammo Box 20% Potentiometer Styles Catalog No. Bulk Catalog No. Bulk GF063PK Through-Hole, P Terminal Style, Top Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 GF063PKT2 B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK GF063PK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063PK GF063P1K Through-Hole, P1 Terminal Style, Top Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 GF063P1KT2 B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K GF063P1K B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M w w w a .D aS t ee h 4U t om .c GF063P1K TOCOSAMERICA, INC. Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 73 1177 East Tower Road, Schaumburg, IL 60173 www..com GF063-K Series Nominal Resistance Value ( ) Code Resistance Tolerance Catalog No. Tape & Ammo Box Part Numbers 10% Resistance Tolerance Catalog No. Tape & Ammo Box 20% Potentiometer Styles Catalog No. Bulk Catalog No. Bulk GF063WK Through-Hole, W Terminal Style, Top Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK GF063WK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063WK GF063UK Through-Hole, U Terminal Style, Top Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 GF063UKT2 B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK GF063UK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063UK GF063SK Through-Hole, S Terminal Style, Side Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK GF063SK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M 74 w w w a .D aS t ee h 4U t om .c GF063SK TOCOSAMERICA, INC. Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 1177 East Tower Road, Schaumburg, IL 60173 www..com GF063-K Series Nominal Resistance Value ( ) Code Resistance Tolerance Catalog No. Tape & Ammo Box Part Numbers 10% Resistance Tolerance Catalog No. Tape & Ammo Box 20% Potentiometer Styles Catalog No. Bulk Catalog No. Bulk GF063S1K Through-Hole, S1 Terminal Style, Side Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K GF063S1K B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063S1K GF063XK Through-Hole, X Terminal Style, Side Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK GF063XK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063XK GF063X1K Through-Hole, X1 Terminal Style, Side Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K GF063X1K B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M w w w a .D aS t ee h 4U t om .c GF063X1K TOCOSAMERICA, INC. Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 75 1177 East Tower Road, Schaumburg, IL 60173 www..com GF063-K Series Nominal Resistance Value ( ) Code Resistance Tolerance Catalog No. Tape & Ammo Box Part Numbers 10% Resistance Tolerance Catalog No. Tape & Ammo Box 20% Potentiometer Styles Catalog No. Bulk Catalog No. Bulk GF063VK Through-Hole, V Terminal Style, Side Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK GF063VK B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063VK GF063V1K Through-Hole, V1 Terminal Style, Side Adjust Knob 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 5,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 K K K K K K K K K K K K K K K K K K -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K GF063V1K B B B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 505 M M M M M M M M M M M M M M M M M M GF063V1K Packaging Standard: Tape & Ammo Packaging PKT2, P1KT2 & UT2 1,000 pieces per ammo box. Bulk Packaging All GF063-K Models 50 pieces per vinyl bag. 500 pieces per box. For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers. 76 w w w a .D aS t ee h 4U t om Soldering and Cleaning Guidelines .c TOCOSAMERICA, INC. Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com 1177 East Tower Road, Schaumburg, IL 60173 |
Price & Availability of GF063 |