Part Number Hot Search : 
9F400 SUF3001 XKD11306 1209DH30 AU0101 MAX85 ST723246 00MZKT
Product Description
Full Text Search
 

To Download GE1086 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
ISSUED DATE :2005/03/14 REVISED DATE :2006/06/01B
GE1086
The GE1086 is a low dropout positive adjustable or fixed-mode regulator with minimum of 1.5A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. GE1086 is also well suited for other applications such as VGA cards. GE1086 is guaranteed to have <1.4V dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 5.0V with 4.7 to 12V input supply by different output voltage.
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator Description
Features & 3-Terminal Adjustable or fixed 1.5V,1.8V,2.5V,3.3V,5.0V
&1.4V Maximum Dropout at Full Load current &Fast Transient response &Built-in Thermal Shutdown &Output current limiting
Package Dimensions
REF. A b c D E L4 L5
Millimeter Min. Max. 4.40 4.80 0.76 1.00 0.36 0.50 8.60 9.00 9.80 10.4 14.7 15.3 6.20 6.60
REF. c1 b1 L e L1 O A1
Millimeter Min. Max. 1.25 1.45 1.17 1.47 13.25 14.25 2.54 REF. 2.60 2.89 3.71 3.96 2.60 2.80
Typical Circuit
Block Diagram
GE1086
Page: 1/4
ISSUED DATE :2005/03/14 REVISED DATE :2006/06/01B
Pin Descriptions
Name Adj (GND) Vout O I/O Pin# 1 2 Adjustable (Ground only for fixed mode) The output of the regulator. A minimum of 10uF capacitor must be connected from this pin to ground to insure stability. The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. This pin must always be 1.4V higher than Vout in order for the device to regulate properly. Function
Vin
I
3
Absolute Maximum Ratings
Symbol Vin PD TST TOP DC Supply Voltage Power Dissipation Storage Temperature Operating Junction Temperature Range Parameter Ratings -0.3 to 12 Internally Limited -65 ~ + 150 0 ~ + 150 Unit V
Electrical Characteristics
Parameter Reference Voltage GE1086-Adj GE1086-1.5 GE1086-1.8 Output Voltage GE1086-2.5 GE1086-3.3 GE1086-5.0 Line Regulator GE1086-XXX GE1086ADJ GE1086-1.5 Load Regulation GE1086-1.8 GE1086-2.5 GE1086-3.3 GE1086-5.0 Dropout Voltage (Vin-Vout) Current Limit Minimum Load Current Adjust Pin Current Quiescent Current Thermal Regulation GE1086-XXX GE1086-XXX Adjustable model Adjustable model fixed model TA=25 : , 30ms pulse F=120Hz, COUT=25uF, Tantalum, Io=1.5A GE1086-XXX Temperature Stability Thermal Resistance Junction-to-Ambient Thermal Resistance Junction-to-Case Io=10mA Vin=Vout+3V Control Circuitry/Power Transistor 60 0.5 86 0.65/2.7 70 dB % : /W : /W Conditions Io=10mA, TJ =25 : , (Vin-Vout )=1.5V Io=10mA, TJ =25 : , 3.0V Vin 12V Io=10mA, TJ =25 : , 3.3V Vin 12V Io=10mA, TJ =25 : , 4.0V Vin 12V Io=10mA, TJ =25 : , 4.8V Vin 12V Io=10mA, TJ =25 : , 6.5V Vin 12V Io=10mA, Vout+1.5(Note 1,2) (Note 1,2) (Note 1,2) (Note 1,2) (Note 1,2) (Note 1,2)
MIN 1.225 1.470 1.764 2.450 3.235 4.900 1.6 -
TYP 1.250 1.500 1.800 2.500 3.300 5.000 12 15 20 26 40 1.3 5 55 0.008
MAX 1.275 1.530 1.836 2.550 3.365 5.100 0.2 1 15 18 25 33 50 1.4 10 100 12 0.04
UNIT V V V V V V % % mV mV mV mV mV V A mA uA mA %/W
(No heat sink ;No air flow)
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction Temperature by low duty cycle pulse testing. Load regulation is measured at the output lead =1/18" from the package. Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference in input and output and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
GE1086
Page: 2/4
ISSUED DATE :2005/03/14 REVISED DATE :2006/06/01B
Functional Description
Introduction The GE1086 adjustable or fixed-mode Low Dropout (LDO) regulator is a 3 terminal device which can easily be programmed by internal mask change to any voltage within the range of 1.25 to Vin-1.4V. The GE1086 only needs 1.4V differential between Vin and Vout to maintain output regulation, in addition, the output voltage tolerances are also extremely tight and they include the transient response as port of the specification. For example, Intel VRE specification calls for a total of 100mV including initial tolerance, load regulation and 0 to 1.5A load step. The GE1086 is specifically designed to meet the fast current transient needs as well as providing an accurate initial voltage, reducing the overall system cost with the need for fewer output capacitors. Load Regulation Since the GE1086 is only a 3 terminal device, it is not possible to provide true remote sensing of the output voltage at the load. But it can supply good load regulation by internal feedback bypass the external loss such as adjustable mode. Stability The GE1086 requires the use of an output capacitor as part of the frequency compensation in order to make the regulator stable .For most applications a minimum of 10uF aluminum electrolytic capacitor insures both stability and good transient response. Thermal Design The GE1086 incorporates an internal shutdown that protects the device when the junction temperature exceeds the maximum allowable junction temperatures. Although this device can operate with junction temperatures in the range of 150 : , it is recommended that the selected heat sink be chosen such that during maximum continuous load operation the junction temperature is kept below the temperature. Layout Consideration The output capacitors must be located as close to the Vout terminal of the device as possible .It is recommended to use a section of a layer of the PC board as a plane to connect the Vout pin to the output capacitors to prevent any high frequency oscillation that may result due to excessive trace inductance.
GE1086
Page: 3/4
ISSUED DATE :2005/03/14 REVISED DATE :2006/06/01B
Typical Performance Characteristics
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GE1086
Page: 4/4


▲Up To Search▲   

 
Price & Availability of GE1086

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X