Part Number Hot Search : 
G1629R T518A L8567 IMST400 MAX1113 74HCT244 MP2908A SC1153
Product Description
Full Text Search
 

To Download ECO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECO
Vishay Sfernice
Precision Rotative Transducers, Conductive Plastic, ECOnomic Series (ECO)
FEATURES
* Size 05 - 09 - 13 * Reasonable Cost * Long Life * Accuracy 1% down to 0.25% * Bush or Servo Mounting * Rear Mounted Terminals * Following MIL-R-39023 and NFC 93-255 requirements The "ECO" models are a comprehensive range of rotational motion transducers for industrial applications.
SIZE
MODEL 50 ES
All mechanical and electrical parameters can be adapted to meet your specifications.
09
50 CB 78 ES 78 CS 78 CB 156 ES
05
13
156 CS 156 CB
ELECTRICAL SPECIFICATIONS
Theoretical electrical angle (TEA) Independent linearity (over TEA) Actual electrical angle (AEA) Ohmic values (RT) Ohmic value tolerances at 20C Output smoothness Maximum power rating at 70C Wiper current Tap (current or voltage) Resistance load on wiper End voltage Insulation resistance Dielectric strength 0.2% 0.5% 0.2% NA minimum 103 0.5% 1000M, 500VDC 500VRMS, 50Hz 0.2W 0.3W 1 on request x RT 0.2% 0.5% 10% 20 % A 1% 330 5 10% actual electrical angle (AEA) - 2 B 0.5% 340 5 20% 0.05% 0.5W rECOmmended: a few A - 1mA max. (continuous) 10% C 0.25% 350 3 20%
1k - 5k - 10k - on request other values
MECHANICAL SPECIFICATIONS
Mechanical angle (MA) on request: stops Mounting type Shaft guiding servo ball bearings Shaft Housing Termination Wiper Starting torque (N.cm) Torque on stops (N.cm) Weight (g) Moment of inertia (g. cm2) Document Number: 54007 Revision 19-Dec-01 52 0.5 82 13 2 1 0.2 0.5 0.2 NA bushing sleeve ball servo sleeve bearings stainless steel plastic moulding turrets precious metal multi-finger contact 0.5 50 17 2 29 2 2 www.vishay.com 17 34 2 0.2 0.5 360 continuous 340 3 bushing ball bearings 350 3 servo bushing sleeve bearings
bearings bearings
For technical questions, contact sfer@vishay.com
ECO
Vishay Sfernice
PERFORMANCE
Life (106 cycles) Temperature range Climatic category Speed rotation (RPM) Sine vibration on 3 axes Mechanical shocks on 3 axes 600 (on ES models) 30 (on ES models) - 55C, + 125C 55 / 125 / 04 150 (on CS and CB models) 50g - 11ms - half sine 1.5 mm or 20g from 10Hz to 2000Hz 20 (on CS and CB models)
Precision Rotative Transducers, Conductive Plastic, ECOnomic Series (ECO)
DIMENSIONS in millimeters, general tolerance 0.5mm
0.05 0.05 X G H X
SIZE 05/09/13
o 3.175 - 0.013
-0
50 ES 78 ES 78 CS 156 ES 156 CS
oC+0 - 0.025 X 0.4 x 45
oA
F 12.7 0.8
o D max.
B
I
DIMENSIONS OA B OC O D max. F G H I max.
DESIGNATION O housing length O pilot O groove flange thickness shoulder dia. of groove height of the turret
o 3.175 - 0
- 0.013
SIZE 05 50 ES 12.7 13.0 9.525 11.45 1 0.1 1.2 0.1 1.2 0.2 2.5
10.3 0.13
SIZE 09 78 ES 22.2 13.5 19.05 19.64 1.6 0.1 1.6 0.1 1.5 min. 2.5 78 CS
SIZE 13 156 ES 33.3 18.0 30.16 30.9 156 CS
3.6
SIZE 05/09/13
o 9.52 x 0.79
oA
50 CB 78 CB 156 CB
o 5.1 max.
0.4 x 45
1 9.6 max. 22.2 max.
1.6
B max.
C
DIMENSIONS OA B max. C max. www.vishay.com 18
DESIGNATION O housing length height of the turret
SIZE 05 50 CB 12.7 11 2.5
SIZE 09 78 CB 22.2 11,5 2.5
SIZE 13 156 CB 33.3 16 3.6 Document Number: 54007 Revision 19-Dec-01
For technical questions, contact sfer@vishay.com
ECO
Precision Rotative Transducers, Conductive Plastic, ECOnomic Series (ECO)
REAR VIEW DIMENSIONS in millimeters, general tolerance 0.5mm
Vishay Sfernice
SIZE 05
SIZE 09
SIZE 13
45
5
5
45
R = 3.7 2
5
45 5
45
1 3 1
3 1 3
CW
2 R = 4.8 R = 4.8 4 R = 11 2 4 Intermediate tap on request
45
5
45
3.5 max.
5
1 4
3
2 Intermediate tap on request
ORDERING INFORMATION
ECO SERIES
78 MODEL
E TYPE E = Ball bearings C = Sleeve bearings
S FIXATION S: Servo B: Bushing
A LINEARITY Code A: 1% B: 0,5% C: 0.25%
T TAP on request T: voltage U: current position to be specified
103 OHMIC VALUE First 2 digits are significant numbers 3rd digit indicates number of zeros
W... MODIFICATION Special feature code number
Document Number: 54007 Revision 19-Dec-01
For technical questions, contact sfer@vishay.com
www.vishay.com 19


▲Up To Search▲   

 
Price & Availability of ECO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X