|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Rev 0; 1/03 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors General Description The DS1857 dual temperature-controlled nonvolatile (NV) variable resistors with external temperature input and monitors consists of two 50k 256-position linear variable resistors, two analog monitor inputs (MON1, MON2), and an external temperature sensor input. The device provides an ideal method for setting and temperature-compensating bias voltages and currents in control applications using minimal circuitry. The variable resistor settings are stored in EEPROM memory and can be accessed over the 2-wire serial bus. Features Four Total Monitored Channels (Temperature, VCC, MON1, MON2) Two External Analog Inputs (MON1, MON2) Interface to External Temperature Sensor (LM50) Two 50k, Linear, 256-Position, Nonvolatile Temperature-Controlled Variable Resistors Resistor Settings Changeable Every 2C Access to Monitoring and ID Information Configurable with Separate Device Addresses Resistor Disable (Open-Circuit) Function 2-Wire Serial Interface Three Address Lines for Multiple Devices Operates from a 3.3V or 5V Supply SFF-8472 Compatible DS1857 Applications Optical Transceivers Optical Transponders Instrumentation and Industrial Controls RF Power Amps Diagnostic Monitoring Ordering Information PART DS1857E-050 DS1857E-050/T&R DS1857B-050 TEMP RANGE PIN-PACKAGE -40C to +95C 16 TSSOP -40C to +95C 16 TSSOP (Tape-and-Reel) -40C to +95C 16 Ball CSBGA Typical Operating Circuit VCC VCC = 3.3V 4.7k 2-WIRE INTERFACE VCC 4.7k 1 2 3 4 5 SDA SCL A0** A1** A2** VCC H1 L1 16 DECOUPLING CAP Pin Configurations 0.1F TOP VIEW A 1 SDA A1 SCL VCC H1 2 SCL 3 A0 A2 SDA H0 L1 4 A1 5 A2 6 WPEN D GND 1 L0 2 MON1 3 MON2 4 7 RHIZ 8 GND VCC 16 H1 15 L1 14 H0 13 15 14 13 12 11 TO LASER BIAS CONTROL B TO LASER MODULATION CONTROL DS1857 H0 L0 EXTTMP MON2 MON1 GROUND TO 6 DISABLE WRITE WPEN PROTECT Tx DISABLE 7 RHIZ 8 GND C TO EXTERNAL TEMPERATURE SENSOR, SUCH AS LM50 DIAGNOSTIC INPUTS 0 TO 2.5V FS DS1857 RHIZ WPEN A0 EXTTMP L0 12 EXTTMP 11 MON2 10 MON1 9 10 Rx POWER* 9 Tx BIAS* *Rx POWER AND Tx BIAS CAN BE ARBITRARILY ASSIGNED TO THE MON INPUTS. **ADDRESS INPUTS DETERMINE THE MAIN DEVICE 2-WIRE SLAVE ADDRESS WHEN ADFIX = 0. THIS ADDRESS MUST BE DIFFERENT THAN THE AUX DEVICE ADDRESS WHEN ADEN = 0. 16-BALL CSBGA (4mm x 4mm) 1.0mm PITCH 16 TSSOP ______________________________________________ Maxim Integrated Products 1 For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com. Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 ABSOLUTE MAXIMUM RATINGS Voltage on VCC Relative to Ground.......................-0.5V to +6.0V Voltage on Inputs Relative to Ground* ................................................-0.5V to VCC + 0.5V Voltage on Resistor Inputs Relative to Ground* ................................................-0.5V to VCC + 0.5V Current into Resistors............................................................5mA *Not to exceed 6.0V. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Operating Temperature Range ...........................-40C to +95C Programming Temperature Range .........................0C to +70C Storage Temperature Range .............................-55C to +125C Soldering Temperature .......................................See IPC/JEDEC J-STD-020A Specification RECOMMENDED DC OPERATING CONDITIONS (TA = -40C to +95C, unless otherwise noted.) PARAMETER Supply Voltage Input Logic 1 (SDA, SCL, A2, A1, A0, WPEN, RHIZ) Input Logic 0 (SDA, SCL, A2, A1, A0, WPEN, RHIZ) Resistor Inputs (L0, L1, H0, H1) Resistor Current IRES SYMBOL VCC VIH VIL (Note 1) (Note 2) (Note 2) CONDITIONS MIN +3.0 0.7 x Vcc -0.3 -0.3 -3 TYP MAX 5.5 VCC + 0.3 0.3 x VCC VCC + 0.3 +3 UNITS V V V V mA DC ELECTRICAL CHARACTERISTICS (VCC = 3.0V to 5.5V, TA = -40C to +95C, unless otherwise noted.) PARAMETER Supply Current Input Leakage Input Current each I/O Pin Low-Level Output Voltage (SDA) Full-Scale Input (MON1, MON2) Full-Scale VCC Monitor I/O Capacitance WPEN Pullup Resistor RHIZ Pullup Resistor Digital Power-On Reset Analog Power-On Reset CI/O RWPEN RRHIZ POD POA 40 40 1.0 2.0 65 65 VOL1 VOL2 SYMBOL ICC IIL 0.4 x VCC < VI/O < 0.9 x VCC 3mA sink current 6mA sink current (Note 4) (Note 5) CONDITIONS (Note 3) -1 -10 0 0 2.4875 6.5208 2.5000 6.5536 MIN TYP 1 MAX 2 +1 +10 0.4 0.6 2.5125 6.5864 10 100 100 2.2 2.6 UNITS mA A A V V V pF k k V V 2 _____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors ANALOG RESISTOR CHARACTERISTICS (VCC = 3.0V to 5.5V, TA = -40C to +95C, unless otherwise noted.) PARAMETER Position 00h Resistance Position FFh Resistance Absolute Linearity Relative Linearity Temperature Coefficient High-Z Resistor Current IRHIZ SYMBOL TA = +25C TA = +25C (Note 6) (Note 7) (Note 8) RHIZ = VCC CONDITIONS MIN 0.70 40 -2 -1 50 0.1 TYP 1.0 50 MAX 1.25 60 +2 +1 UNITS k k LSB LSB ppm/C A DS1857 ANALOG VOLTAGE MONITORING (VCC = 3.0V to 5.5V, TA = -40C to +95C, unless otherwise noted.) PARAMETER Input Resolution Supply Resolution Input/Supply Accuracy Update Rate for MON1, MON2, Temp, or VCC SYMBOL VMON VCC ACC tframe CONDITIONS MIN TYP 610 1.6 0.25 20 0.5 30 MAX UNITS V mV % FS (full scale) ms EXTERNAL TEMPERATURE (VCC = 3.0V to 5.5V, TA = -40C to +95C, unless otherwise noted.) PARAMETER EXTTMP Input Voltage Conversion Resolution Conversion Accuracy SYMBOL VEXTTMP VEXTTMP VEXTTMP (Note 9) CONDITIONS MIN TYP MAX 1.779 625 12.8 UNITS V V mV _____________________________________________________________________ 3 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 AC ELECTRICAL CHARACTERISTICS (VCC = 3.0V to 5.5V, TA = -40C to +95C, unless otherwise noted.) PARAMETER SCL Clock Frequency Bus Free Time Between STOP and START Condition Hold Time (Repeated) START Condition Low Period of SCL Clock High Period of SCL Clock Data Hold Time Data Setup Time Start Setup Time Rise Time of Both SDA and SCL Signals Fall Time of Both SDA and SCL Signals Setup Time for STOP Condition Capacitive Load for Each Bus Line EEPROM Write Time SYMBOL fSCL tBUF tHD:STA tLOW tHIGH tHD:DAT tSU:DAT tSU:STA tF tR tSU:STO CB tW CONDITIONS Fast mode (Note 10) Standard mode (Note 10) Fast mode (Note 10) Standard mode (Note 10) Fast mode (Notes 10, 11) Standard mode (Notes 10, 11) Fast mode (Note 10) Standard mode (Note 10) Fast mode (Note 10) Standard mode (Note 10) Fast mode (Notes 10, 12, 13) Standard mode (Notes 10, 12, 13) Fast mode (Note 10) Standard mode (Note 10) Fast mode (Note 10) Standard mode (Note 10) Fast mode (Note 13) Standard mode (Note 13) Fast mode (Note 13) Standard mode (Note 13) Fast mode Standard mode (Note 13) (Note 14) 10 MIN 0 0 1.3 4.7 0.6 4.0 1.3 4.7 0.6 4.0 0 0 100 250 0.6 4.7 20 + 0.1CB 20 + 0.1CB 20 + 0.1CB 20 + 0.1CB 0.6 4.0 400 300 1000 300 300 0.9 TYP MAX 400 100 UNITS kHz s s s s s ns s ns ns s pF ms Note 1: All voltages are referenced to ground. Note 2: I/O pins of fast-mode devices must not obstruct the SDA and SCL lines if VCC is switched off. The address inputs should be connected to either VCC or GND depending on the desired address setting. Note 3: SDA and SCL are connected to VCC and all other input signals are connected to well-defined logic levels. Note 4: The maximum voltage the MON inputs will read is approximately 2.5V, even if the voltage on the inputs is greater than 2.5V. Note 5: This voltage is defining the maximum range of the analog-to-digital converter and not the maximum VCC voltage. Note 6: Absolute linearity is the difference of measured value from expected value at DAC position. The expected value is a straight line from measured minimum position to measured maximum position. Note 7: Relative linearity is the deviation of an LSB DAC setting change vs. the expected LSB change. The expected LSB change is the slope of the straight line from measured minimum position to measured maximum position. Note 8: See the Typical Operating Characteristics. Note 9: The conversion accuracy does not include any error from the LM50. Note 10: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT > 250ns must then be met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tRMAX + tSU:DAT = 1000ns + 250ns = 1250ns before the SCL line is released. 4 _____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors AC ELECTRICAL CHARACTERISTICS (continued) (VCC = 3.0V to 5.5V, TA = -40C to +95C, unless otherwise noted.) Note 11: After this period, the first clock pulse is generated. Note 12: The maximum tHD:DAT only to has be met if the device does not stretch the LOW period (tLOW) of the SCL signal. Note 13: A device must internally provide a hold time of at least 300ns for the SDA signal (see the VIH MIN of the SCL signal) in order to bridge the undefined region of the falling edge of SCL. Note 14: CB--total capacitance of one bus line, timing referenced to 0.9 x VCC and 0.1 x VCC. Note 15: EEPROM write begins after a STOP condition occurs. DS1857 Typical Operating Characteristics (VCC = 5.0V, TA = +25C, unless otherwise noted.) SUPPLY CURRENT vs. TEMPERATURE DS1857 toc01 SUPPLY CURRENT vs. VOLTAGE DS1857 toc02 700 700 650 SUPPLY CURRENT (A) 600 550 500 450 400 660 SUPPLY CURRENT (A) 620 580 540 500 -40 -20 0 20 40 60 80 100 TEMPERATURE (C) 3.0 3.5 4.0 4.5 5.0 5.5 VOLTAGE (V) RESISTANCE vs. SETTING DS1857 toc03 ACTIVE SUPPLY CURRENT vs. SCL FREQUENCY SDA = 5V ACTIVE SUPPLY CURRENT (A) 660 DS1857 toc04 60 50 RESISTANCE (k) 40 30 20 10 0 0 50 100 150 SETTING 200 250 700 620 580 540 500 300 0 100 200 300 400 SCL FREQUENCY (kHz) _____________________________________________________________________ 5 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Typical Operating Characteristics (continued) (VCC = 5.0V, TA = +25C, unless otherwise noted.) RESISTOR 0 INL (LSB) DS1857 toc05 RESISTOR 0 DNL (LSB) DS1857 toc06 RESISTOR 1 INL (LSB) 0.4 0.3 RESISTOR 1 INL (LSB) 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 DS1857 toc07 0.5 0.4 0.3 RESISTOR 0 INL (LSB) 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 25 0.25 0.5 0.15 RESISTOR 0 DNL (LSB) 0.05 -0.05 -0.15 -0.25 50 75 100 125 150 175 200 225 250 POSITION 0 25 50 75 100 125 150 175 200 225 250 POSITION -0.5 0 25 50 75 100 125 150 175 200 225 250 POSITION RESISTOR 1 DNL (LSB) DS1857 toc08 EXTERNAL TEMP SENSOR VOLTAGE vs. TEMPERATURE 120 100 TEMPERATURE (C) 80 60 40 20 0 -20 DS1857 toc09 0.25 140 0.15 RESISTOR 1 DNL (LSB) 0.05 -0.05 -0.15 -0.25 0 25 50 75 100 125 150 175 200 225 250 POSITION -40 0 0.5 1.0 VOLTAGE (V) 1.5 2.0 PPM vs. POSITION 290 240 190 ppm/C 140 +25C TO +85C 90 40 -10 -60 0 50 100 150 POSITION 200 250 300 +25C TO -40C DS1857 toc10 340 6 _____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Pin Descriptions PIN 1 2 3 4 5 6 7 8 9 10 11 BALL B2 A2 C3 A1 B1 C2 C1 D1 D3 D4 C4 NAME SDA SCL A0 A1 A2 WPEN GND RHIZ MON1 MON2 EXTTMP FUNCTION 2-Wire Serial Data Interface. This pin is for serial data transfer to and from the device. 2-Wire Serial Clock Interface. The serial clock input is used to clock data into and out of the device. Address Input. The address input pins specify the 2-wire address of the device (when ADFIX = 0). Address Input. The address input pins specify the 2-wire address of the device (when ADFIX = 0). Address Input. The address input pins specify the 2-wire address of the device (when ADFIX = 0). Write Protect Enable. The device is not write protected if WPEN is connected to ground. This pin has an internal pullup (RWPEN) (See Table 6). Supply Ground Resistor Disable Input. When high, this signal places both resistors in an off state or high impedance mode. When low, the resistors are on. This pin has an internal pullup (RRHIZ). External Analog Input External Analog Input External Temperature Input. This analog signal is converted into a digital value that represents a temperature. The digitized value indexes through the look-up tables. Low-End Resistor 0 Terminal. It is not required that the low-end terminals be connected to a potential less than the high-end terminal of the corresponding resistor. Voltage applied to any of the resistor terminals cannot exceed the power-supply voltage, VCC, or go below ground. High-End Resistor 0 Terminal. It is not required that the high-end terminals be connected to a potential greater than the low-end terminal of the corresponding resistor. Voltage applied to any of the resistor terminals cannot exceed the power-supply voltage, VCC, or go below ground. Low-End Resistor 1 Terminal High-End Resistor 1 Terminal. Supply Voltage 12 D2 L0 13 14 15 16 B3 B4 A4 A3 H0 L1 H1 VCC Detailed Description The user can read the registers that monitor the VCC, MON1, MON2, and temperature analog signals. After each signal conversion, a corresponding bit is set that can be monitored to verify that a conversion has occurred. The signals also have alarm flags that notify the user when the signals go above or below the userdefined value. Interrupts can also be set for each signal. The position values of each resistor can be independently programmed. The user can assign a unique value to each resistor for every 2C increment over the -40C to +102C range. Both resistors can also be put in a high-impedance mode using the RHIZ pin. An external temperature sense input, EXTTMP, converts an analog voltage into a digital value that represents temperature. Its scale is defined by +10mV/C gain and +500mV offset at 0C. This corresponds to the characteristics of the LM50 temperature sensor. The resistor look-up tables are stepped through according to this temperature every 2C from -40C to +102C. _____________________________________________________________________ 7 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 PROT AUX AD (AUXILIARY DEVICE ENABLE A0h) A0 A1 A2 DEVICE ADDRESS MD (MAIN DEVICE ENABLE) DEVICE ADDRESS ADDRESS R/W ADEN ADFIX SDA 2-WIRE INTERFACE SCL R/W PROT MAIN ADDRESS EEPROM 72 x 8 BIT 80h-C7h MD REGISTER MONITORS LIMIT HIGH MONITORS LIMIT LOW RHIZ H0 RESISTOR 0 50k FULL SCALE 256 POSITIONS L0 RHIZ TEMP INDEX VCC RRHIZ RHIZ VCC EXTTMP MUX MON1 MON2 ADDRESS MUX CTRL A/D CTRL DEVICE ADDRESS VCC RWPEN MONITORS LIMIT HIGH MEASUREMENT APEN PROT AUX PROT MAIN WPEN MPEN COMP CTRL ALARM FLAGS COMPARATOR INTERRUPT MONITORS LIMIT LOW A/D 12-BIT SRAM 32 x 8 BIT 60h-7Fh NOT PROTECTED MINT (BIT) REGISTER RESISTOR 1 50k FULL SCALE 256 POSITIONS L1 PROT MAIN H1 TABLE SELECT EEPROM 128 x 8 BIT 00h-7Fh STANDARDS EEPROM 72 x 8 BIT 80h-C7h TABLE 02 RESISTOR 0 LOOK-UP TABLE TABLE SELECT EEPROM 72 x 8 BIT 80h-C7h TABLE 03 RESISTOR 1 LOOK-UP TABLE AD PROT MAIN MD PROT MAIN MD ADDRESS R/W ADDRESS R/W ADDRESS DATA BUS TEMP INDEX TEMP INDEX R/W TABLE SELECT MEASUREMENT ALARM FLAGS MD R/W INV1 (BIT) TABLE SELECT TABLE 01 EEPROM 16 x 8 BIT 80h-8Fh VENDOR INV2 (BIT) APEN (BIT) MPEN (BIT) ADEN (BIT) ADFIX (BIT) MASKING (TMP, VCC, MON1, MON2) MINT VCC VCC GND Figure 1. DS1857 Block Diagram 8 _____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Table 1. Scales for Monitor Channels SIGNAL Temperature VCC MON1 MON2 +FS SIGNAL 127.996C 6.55V 2.5V 2.5V +FS (hex) 7FFF FFFF FFFF FFFF -FS SIGNAL -128C 0V 0V 0V -FS (hex) 8000 0000 0000 0000 Table 3. Look-up Table Address for Corresponding Temperature Values TEMPERATURE <-40C -40C -38C -36C -34C CORRESPONDING LOOK-UP TABLE ADDRESS 80h 80h 81h 82h 83h -- C5h C6h C7h C7h Table 2. Signal Comparison SIGNAL VCC MON1 MON2 Temperature FORMAT Unsigned Unsigned Unsigned Two's complement -- +98C +100C +102C >+102C Monitored Signals Each signal (VCC, MON1, MON2, and temperature) is available as a 16-bit value with 12-bit accuracy (left-justified) over the serial bus. See Table 1 for signal scales and Table 2 for signal format. The four LSBs should be masked when calculating the value. The signals are updated every frame rate (tframe) in a round-robin fashion. The comparison of all four signals with the high and low user-defined values are done automatically. The corresponding flags are set to 1 within a specified time of the occurrence of an out-of-limit condition. Calculating Signal Values The LSB = 100V for VCC, and the LSB = 38.147V for the MON signals. To calculate the value of VCC, convert the unsigned 16bit value to decimal and multiply by 100V. Monitor Conversion Example MSB (BIN) 11000000 10000000 LSB (BIN) 00000000 10000000 VOLTAGE (V) 1.875 1.255 To calculate the value of the temperature, treat the two's complement value binary number as an unsigned binary number, then convert to decimal and divide by 256. If the result is greater than or equal to 128, then subtract 256 from the result. Temperature: high byte: -128C to +127C signed; low byte: 1/256C. Temperature Bit Weights S 26 2-2 25 2-3 24 2-4 23 2-5 22 2-6 21 2-7 20 2-8 2-1 Monitor VCC Bit Weights MSB LSB 215 27 214 26 213 25 212 24 211 23 210 22 29 21 28 20 To calculate the value of MON1 or MON2, convert the unsigned 16-bit value to decimal and multiply by 38.147V. Temperature Conversion Example MSB (BIN) 01000000 01000000 01011111 LSB (BIN) 00000000 00001111 00000000 00000000 00000000 TEMPERATURE (C) 64 64.059 95 -10 -40 VCC Conversion Example MSB (BIN) 10000000 11000000 LSB (BIN) 10000000 11111000 VOLTAGE (V) 3.29 4.94 11110110 11011000 _____________________________________________________________________ 9 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Table 4. ADEN Address Configuration ADEN (ADDRESS ENABLE) 0 1 NO. OF SEPARATE DEVICE ADDRESSES 2 1 (Main Device only) ADDITIONAL INFORMATION See Figure 2 See Figure 3 Table 5. ADEN and ADFIX Bits ADEN 0 0 1 1 * 1 0 ADFIX 0 1 0 1 1 0 AUXILIARY ADDRESS A0h A0h N/A N/A A2 A1 MAIN ADDRESS * EEPROM (Table 01, 8Ch) * EEPROM (Table 01, 8Ch) A0 R/W MAIN DEVICE ENABLE AUXILIARY DEVICE ENABLE DEC 0 AUXILIARY DEVICE EN 5Fh 60h 95 96 127 128 143 F0h 199 RESERVED FFh F0h RESERVED FFh EN 7Fh 7Fh TABLE SELECT DECODER TABLE 01 TABLE 02 TABLE 03 EN EN EN 80h 80h 80h MON LOOK-UP TABLE CONTROL R1 LOOK-UP R0 LOOK-UP TABLE TABLE SEL 8Fh SEL C7h SEL C7h MAIN DEVICE EN 0 0 MEMORY PARTITION WITH ADEN BIT = 0 Figure 2. Memory Organization, ADEN = 0 MAIN DEVICE ENABLE 0 DEC 0 5Fh 60h 95 96 127 128 143 EN 7Fh TABLE SELECT DECODER TABLE 00 80h TABLE 01 TABLE 02 TABLE 03 EN EN EN 80h 80h 80h MON LOOK-UP TABLE CONTROL R1 LOOK-UP R0 LOOK-UP TABLE TABLE SEL 8Fh SEL C7h F0h RESERVED FFh 255 FFh MEMORY PARTITION WITH ADEN BIT = 1 F0h RESERVED FFh SEL C7h MAIN DEVICE EN AUXILIARY DEVICE EN 199 Figure 3. Memory Organization, ADEN = 1 10 ____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors Variable Resistors The value of each variable resistor is determined by a temperature-addressed look-up table, which can assign a unique value (00h to FFh) to each resistor for every 2C increment over the -40C to +102C range (see Table 3). See the Temperature Conversion section for more information. A resistor disable feature places both outputs in a highimpedance mode. This occurs when the RHIZ input is high. An internal pullup of RRHIZ is provided, readying this pin for input from the Tx Disable signal as specified in the SFF and SFP MSA. The variable resistors can also be used in manual mode. If the TEN bit equals 0, then the resistors are in manual mode and the temperature indexing is disabled. The user sets the resistors in manual mode by writing to addresses 82h and 83h in Table 01 to control resistors 0 and 1, respectively. ADFIX (address fixed) determines whether the Main Device address is determined by an EEPROM byte (Table 01, byte 8Ch, when ADFIX =1). There can be up to 128 devices sharing a common 2-wire bus, with each device having its own unique device address. DS1857 Memory Protection Memory access from either device address can be either read/write or read only. Write protection is accomplished by a combination of control bits in EEPROM (APEN and MPEN in configuration register 89h) and a write-protect enable (WPEN) pin. Since the WPEN pin is often not accessible from outside the module, this scheme effectively allows the module to be locked by the manufacturer to prevent accidental writes by the end user. Separate write protection is provided for the Auxiliary and Main Device address through distinct bits APEN and MPEN. APEN and MPEN are bits from configuration register 89h, Table 01. Due to the location, the APEN and MPEN bits can only be written through the Main Device address. The control of write privileges through the Auxiliary Device address is dependent on the value of APEN. Care should be taken with the setting of MPEN, once set to a 1, assuming WPEN is high, access through the Main Device is thereafter denied unless WPEN is taken to a low level. By this means inadvertent end-user write access can be denied. Main Device address space 60h to 7Fh is SRAM and is not write protected by APEN, MPEN, or WPEN. For example, the user may reset flags set by the device. Bytes designated as "Reserved" may be used as scratchpad but they will not be stored in a power cycle because of their volatility. These bytes are reserved for added functionality in future versions of this device. Note that in single device mode (ADEN bit = 1), APEN determines the protection level of Table 00, independent of WPEN. The write-protect operation, for both Main and Auxiliary Devices, is summarized in Tables 6 and 7. Memory Description Main and auxiliary memories can be accessed by two separate device addresses. The Main Device address is determined by address pins or value in Table 01 byte 8Ch, when ADFIX = 1 (see Table 5). The Auxiliary Device address is A0h. A user option is provided to respond to one or two device addresses. This feature can be used to save component count in SFF applications (Main Device address can be used) or other applications where both GBIC (Auxiliary Device address can be used) and monitoring functions are implemented and two device addresses are needed. The memory blocks are enabled with the corresponding device address. Memory space from 80h and up is accessible only through the Main Device address. This memory is organized as three tables; the desired table can be selected by the contents of memory location 7Fh, Main Device. The Auxiliary Device address has no access to the tables, but the Auxiliary Device address can be mapped into the Main Device's memory space as a fourth table. Device addresses are programmable with two control bits in EEPROM. ADEN configures memory access to respond to different device addresses (see Tables 4 and 5). The default device address for EEPROM-generated addresses is A2h. If the ADEN bit is 1, additional 128 bytes of EEPROM are accessible through the Main Device, selected as Table 00 (see Figure 3). In this configuration, the Auxiliary Device address is not accessible. APEN controls the direction of Table 00 regardless of the setting of ADEN. Table 6. Main Device WPEN 0 X 1 MPEN X 0 1 PROTECT MAIN No No Yes Table 7. Auxiliary Device APEN 0 1 WPEN X X PROTECT AUXILIARY No Yes ____________________________________________________________________ 11 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Register Map A description of the registers is below. The registers are read only (R) or read/write (R/W). The R/W registers are writable only if write protect has not been asserted (see the Memory Description section). Auxiliary Device MEMORY LOCATION (hex) 00 to 7F EEPROM/SRAM EEPROM R/W R/W DEFAULT SETTING (hex) 00 NAME OF LOCATION Standards Data FUNCTION -- Main Device MEMORY LOCATION (hex) EEPROM/ SRAM R/W DEFAULT SETTING (hex) NAME OF LOCATION FUNCTION 00 to 01 EEPROM R/W 00 TMPlimhi (MSB to LSB) Contains upper limit settings for temperature. If the limit is violated, a flag in Main Device byte 70h is set. Contains lower limit settings for temperature. If the limit is violated, a flag in Main Device byte 70h is set. -- Contains upper limit settings for VCC. If the limit is violated, a flag in Main Device byte 70h is set. Contains lower limit settings for VCC. If the limit is violated, a flag in Main Device byte 70h is set. -- Contains upper limit settings for MON1. If the limit is violated, a flag in Main Device byte 70h is set. Contains lower limit settings for MON1. If the limit is violated, a flag in Main Device byte 70h is set. -- Contains upper limit settings for MON2. If the limit is violated, a flag in Main Device byte 70h is set. Contains lower limit settings for MON2. If the limit is violated, a flag in Main Device byte 70h is set. 02 to 03 04 to 07 08 to 09 EEPROM EEPROM EEPROM R/W R R/W 00 00 00 TMPlimlo (MSB to LSB) Reserved VCClimhi (MSB to LSB) 0A to 0B 0C to 0F 10 to 11 EEPROM EEPROM EEPROM R/W -- R/W 00 00 00 VCClimlo (MSB to LSB) Reserved MON1limhi (MSB to LSB) 12 to 13 14 to 17 18 to 19 EEPROM EEPROM EEPROM R/W -- R/W 00 00 00 MON1limlo (MSB to LSB) Reserved MON2limhi (MSB to LSB) 1A to 1B EEPROM R/W 00 MON2limlo (MSB to LSB) Note: SRAM defaults are power-on defaults. EEPROM defaults are factory defaults. 12 ____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Main Device (continued) MEMORY LOCATION (hex) 1C to 5F 60 to 61 62 to 63 64 to 65 66 to 67 68 to 6D 6E EEPROM/ SRAM EEPROM SRAM SRAM SRAM SRAM SRAM SRAM R/W -- R R R R R -- DEFAULT SETTING (hex) 00 -- -- -- -- -- -- NAME OF LOCATION Reserved Measured TMP (MSB to LSB) Measured VCC (MSB to LSB) Measured MON1 (MSB to LSB) Measured MON2 (MSB to LSB) Reserved Logic states FUNCTION -- Digitized measured value for temperature. See Table 1. Digitized measured value for VCC. See Table 1. Digitized measured value for MON1. See Table 1. Digitized measured value for MON2. See Table 1. -- -- Resistor status bit. A high indicates that both resistors are in high-impedance mode. A low indicates that both resistors are operating normally. Resistor control bit. Setting this bit high causes both resistors to go into a highimpedance state. -- -- -- -- -- This status bit goes high when VCC has fallen below the POA level. -- This bit goes high after a temperature and address update has occurred for the corresponding measurement in bytes 60h to 61h. This bit can be written to a 0 by the user and monitored to verify that a conversion has occurred. Bit 7 -- R X HIZSTA 6 5 4 3 2 1 0 6F -- -- -- -- -- -- -- SRAM R/W -- -- -- -- -- R -- 0 X X X X X X -- HIZCO X X X X X RDYB Conversion updates Bit 7 -- R/W 0 TAU ____________________________________________________________________ 13 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Main Device (continued) MEMORY LOCATION (hex) EEPROM/ SRAM R/W DEFAULT SETTING (hex) NAME OF LOCATION FUNCTION This bit goes high after a VCC update has occurred for the corresponding measurement in bytes 62h to 63h. This bit can be written to a 0 by the user and monitored to verify that a conversion has occurred. This bit goes high after a MON1 update has occurred for the corresponding measurement in bytes 64h to 65h. This bit can be written to a 0 by the user and monitored to verify that a conversion has occurred. This bit goes high after a MON2 update has occurred for the corresponding measurement in bytes 66h to 67h. This bit can be written to a 0 by the user and monitored to verify that a conversion has occurred. -- -- -- -- -- This alarm flag goes high when the upper limit of the temperature setting is violated. This alarm flag goes high when the lower limit of the temperature setting is violated. This alarm flag goes high when the upper limit of the VCC setting is violated. 6 -- R/W 0 VCCU 5 -- R/W 0 MON1U 4 -- R/W 0 MON2U 3 2 1 0 70 Bit 7 6 5 -- -- -- -- SRAM -- -- -- -- -- -- -- R -- -- -- 0 0 0 0 -- -- -- -- 0 0 X X Alarm flags TMPhi TMPlo VCChi 14 ____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Main Device (continued) MEMORY LOCATION (hex) 4 3 2 1 0 71 Bit 7 6 5 4 3 2 1 EEPROM/ SRAM -- -- -- -- -- SRAM -- -- -- -- -- -- -- R/W DEFAULT SETTING (hex) -- -- -- -- -- -- -- -- -- -- -- -- -- NAME OF LOCATION FUNCTION This alarm flag goes high when the lower limit of the VCC setting is violated. This alarm flag goes high when the upper limit of the MON1 setting is violated. This alarm flag goes high when the lower limit of the MON1 setting is violated. This alarm flag goes high when the upper limit of the MON2 setting is violated. This alarm flag goes high when the lower limit of the MON2 setting is violated. -- -- -- -- -- -- -- -- A mask of all flags located in Table 01 byte 88h determines the value of MINT. MINT is maskable to 0 if no interrupt is desired by setting Table 01 byte 88h to 0. -- -- -- -- -- -- -- -- Set bits = 00 to select Table 00, set bits = 01 to select Table 01, set bits = 10 to select Table 02, set bits = 11 to select Table 03. -- -- -- -- -- R -- -- -- -- -- -- -- VCClo MON1hi MON1lo MON2hi MON2lo Alarm flags X X X X X X X 0 -- -- -- MINT 72 to 7E 7F Bit 7 6 5 4 3 2 1 0 SRAM SRAM -- -- -- -- -- -- -- -- R R/W -- -- -- -- -- -- -- -- 00 0 0 0 0 0 0 0 Reserved Table select X X X X X X Table select bits 0 ____________________________________________________________________ 15 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Table 01h MEMORY EEPROM/ LOCATION SRAM (hex) 80 Bit 7 6 5 4 3 2 SRAM -- -- -- -- -- -- R/W R/W -- -- -- -- -- -- 0 0 0 0 0 0 DEFAULT SETTING (hex) NAME OF LOCATION Mode X X X X X X FUNCTION -- -- -- -- -- -- -- If TEN = 0, the temperature conversions update and the resistors can be controlled manually. The user sets the resistor in manual mode by writing to addresses 82h and 83h in Table 01 to control resistors 0 and 1, respectively. AEN = 0 provides manual control of the temperature index. This byte is the temperature-calculated index used to select the address of resistor settings in the look-up tables. Resistor 0 position values from 00h to FFh. Resistor 1 position values from 00h to FFh. -- -- -- -- -- -- -- -- -- -- -- -- -- 1 -- -- 1 TEN 0 -- -- 1 AEN 81 82 83 84 to 87 88 Bit 7 6 5 4 3 2 1 0 89 Bit 7 6 SRAM SRAM SRAM SRAM EEPROM -- -- -- -- -- -- -- -- EEPROM -- -- R R/W R/W -- R/W -- -- -- -- -- -- -- -- R/W -- -- -- 00 00 00 X 1 1 1 1 0 0 0 0 -- 0 0 Temp index Resistor 0 Resistor 1 Reserved X TMP VCC MON1 MON2 X X X X Configuration X X 16 ____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Table 01h (continued) MEMORY EEPROM/ LOCATION SRAM (hex) R/W DEFAULT SETTING (hex) NAME OF LOCATION FUNCTION 5 -- -- 0 ADEN Controls if the device responds to one or two device addresses (see the Memory Description section and Table 5). Controls the means by which Main and Auxiliary Device addresses are set (see the Memory Description section and Table 5). Controls auxiliary write protect. See the Memory Description Controls auxiliary write protect. See the Memory Description -- -- -- Contains Main Device address if the bit ADFIX = 1. If ADFIX = 0, then address pins determine the address. -- 4 3 2 1 0 8A to 8B 8C 8D to 8F -- -- -- -- -- EEPROM EEPROM EEPROM -- -- -- -- -- -- R/W -- 0 0 0 0 0 00 A2 -- ADFIX APEN MPEN X X Reserved Device address Reserved Table 02h MEMORY LOCATION (hex) 80 to C7 F0 to FF EEPROM/ SRAM EEPROM EEPROM R/W R/W R DEFAULT SETTING (hex) FF FF NAME OF LOCATION Resistor 0 Temp LUT Reserved FUNCTION Look-up table for Resistor 0. -- Table 03h MEMORY LOCATION (hex) 80 to C7 F0 to FF EEPROM/ SRAM EEPROM EEPROM R/W R/W R DEFAULT SETTING (hex) FF FF NAME OF LOCATION Resistor 1 Temp LUT Reserved FUNCTION Look-up table for Resistor 1. -- ____________________________________________________________________ 17 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 Temperature Conversion Temperature is sensed from an external sensor. The sensor's scale is +10mV/C for gain and +500mV for offset at 0C. The DS1857 accommodates a temperature range of -40C to 102C for its look-up tables. The resistor look-up tables are stepped through according to this temperature every 2C. The relationship between the voltage and temperature is shown in Equation 2. T= V - 0.5V 10mV (1) M1 M6 M5 DECREASING TEMPERATURE MEMORY LOCATION M4 M3 M2 INCREASING TEMPERATURE The direct-to-digital temperature sensor measures temperature through the use of an on-chip temperature measurement technique with an operating range from -40C to +102C. Temperature conversions are initiated upon power-up, and the most recent conversion is stored in memory locations 60h and 61h of the Main Device, which are updated every tframe. Temperature conversions do not occur during an active read or write to memory. The value of each resistor is determined by the temperature-addressed look-up table. The look-up table assigns a unique value to each resistor for every 2C increment with a 1C hysteresis at a temperature transition over the operating temperature range (see Figure 4). 2 4 6 TEMPERATURE (C) 8 10 12 Figure 4. Look-Up Table Temperature Hysteresis the first VCC analog-to-digital conversion occurs and sets or clears the flag accordingly. 2-Wire Operation Clock and Data Transitions: The SDA pin is normally pulled high with an external resistor or device. Data on the SDA pin may only change during SCL-low time periods. Data changes during SCL-high periods will indicate a start or stop condition depending on the conditions discussed below. See the timing diagrams in Figures 5 and 6 for further details. Start Condition: A high-to-low transition of SDA with SCL high is a start condition, which must precede any other command. See the timing diagrams in Figures 5 and 6 for further details. Stop Condition: A low-to-high transition of SDA with SCL high is a stop condition. After a read or write sequence, the stop command places the DS1857 into a low-power mode. See the timing diagrams in Figures 5 and 6 for further details. Acknowledge: All address and data bytes are transmitted through a serial protocol. The DS1857 pulls the SDA line low during the ninth clock pulse to acknowledge that it has received each word. Standby Mode: The DS1857 features a low-power mode that is automatically enabled after power-on, after a stop command, and after the completion of all internal operations. Device Addressing: The DS1857 must receive an 8-bit device address word following a start condition to enable a specific device for a read or write operation. The address word is clocked into this part's MSB to LSB. The address byte consists of Ah (1010) followed by the value of the address pins (A1, A2, and A0) then the R/W bit. This Power-Up and Low Voltage Operation During power-up, the device is inactive until VCC exceeds the digital power-on-reset voltage (POD). At this voltage, the digital circuitry, which includes the 2wire interface, becomes functional. However, EEPROM backed registers/settings cannot be internally read (recalled into shadow SRAM) until VCC exceeds the analog power-on-reset voltage (POA) at which time the remainder of the device becomes fully functional. Once VCC exceeds POA, the RDYB bit in byte 6Eh of the Main Device memory is timed to go from a 1 to a 0 and indicates when analog to digital conversions begin. If VCC ever dips below POA, the RDYB bit will read as a 1 again. Once a device exceeds POA and the EEPROM is recalled, the values remain active (recalled) until VCC falls below POD. For 2-wire device addresses sourced from EEPROM (ADFIX = 1), the device address defaults to the address determined by the address pins until VCC exceeds POA and the EEPROM values are recalled. The Auxiliary Device (A0h) is always available within this voltage window (between POD and the EEPROM recall) regardless of the programmed state of ADEN. Furthermore, as the device powers-up, the VCClo alarm flag (bit 4 of 70h in Main Device) will default to a 1 until 18 ____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors byte must match the address programmed into Table 01 8Ch or A0h (for the Auxiliary Device). If a device address match occurs, this part will output a zero for one clock cycle as an acknowledge and the corresponding block of memory is enabled (see the Memory Organization section). If the R/W bit is high, a read operation is initiated. If the R/W is low, a write operation is initiated (see the Memory Organization section). If the address does not match, this part returns to a low-power mode. first bytes sent are overwritten. Only the last 8 bytes of data are written to the page. Acknowledge Polling: Once the internally timed write has started and the DS1857 inputs are disabled, acknowledge polling can be initiated. The process involves transmitting a start condition followed by the device address. The R/W bit signifies the type of operation that is desired. The read or write sequence will only be allowed to proceed if the internal write cycle has completed and the DS1857 responds with a zero. DS1857 Write Operations After receiving a matching address byte with the R/W bit set low, provided there is no write protect, the device goes into the write mode of operation (see the Memory Organization section). The master must transmit an 8-bit EEPROM memory address to the device to define the address where the data is to be written. After the byte has been received, the DS1857 transmits a zero for one clock cycle to acknowledge the address has been received. The master must then transmit an 8-bit data word to be written into this address. The DS1857 again transmits a zero for one clock cycle to acknowledge the receipt of the data. At this point, the master must terminate the write operation with a stop condition. The DS1857 then enters an internally timed write process tw to the EEPROM memory. All inputs are disabled during this byte write cycle. Page Write The DS1857 is capable of an 8-byte page write. A page is any 8-byte block of memory starting with an address evenly divisible by eight and ending with the starting address plus seven. For example, addresses 00h through 07h constitute one page. Other pages would be addresses 08h through 0Fh, 10h through 17h, 18h through 1Fh, etc. A page write is initiated the same way as a byte write, but the master does not send a STOP condition after the first byte. Instead, after the slave acknowledges the data byte has been received, the master can send up to seven more bytes using the same nine-clock sequence. The master must terminate the write cycle with a STOP condition or the data clocked into the DS1857 will not be latched into permanent memory. The address counter rolls on a page during a write. The counter does not count through the entire address space as during a read. For example, if the starting address is 06h and 4 bytes are written, the first byte goes into address 06h. The second goes into address 07h. The third goes into address 00h (not 08h). The fourth goes into address 01h. If more than 9 bytes or more are written before a STOP condition is sent, the Read Operations After receiving a matching address byte with the R/W bit set high, the device goes into the read mode of operation. There are three read operations: current address read, random read, and sequential address read. Current Address Read The DS1857 has an internal address register that maintains the address used during the last read or write operation, incremented by one. This data is maintained as long as VCC is valid. If the most recent address was the last byte in memory, then the register resets to the first address. Once the device address is clocked in and acknowledged by the DS1857 with the R/W bit set to high, the current address data word is clocked out. The master does not respond with a zero, but does generate a stop condition afterwards. Single Read A random read requires a dummy byte write sequence to load in the data byte address. Once the device and data address bytes are clocked in by the master, and acknowledged by the DS1857, the master must generate another start condition. The master now initiates a current address read by sending the device address with the R/W bit set high. The DS1857 acknowledges the device address and serially clocks out the data byte. Sequential Address Read Sequential reads are initiated by either a current address read or a random address read. After the master receives the first data byte, the master responds with an acknowledge. As long as the DS1857 receives this acknowledge after a byte is read, the master can clock out additional data words from the DS1857. After reaching address FFh, it resets to address 00h. The sequential read operation is terminated when the master initiates a stop condition. The master does not respond with a zero. For a more detailed description of 2-wire theory of operation, see the following section. 19 ____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 2-Wire Serial Port Operation The 2-wire serial port interface supports a bidirectional data transmission protocol with device addressing. A device that sends data on the bus is defined as a transmitter, and a device receiving data as a receiver. The device that controls the message is called a master. The devices that are controlled by the master are slaves. The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the start and stop conditions. The DS1857 operates as a slave on the 2-wire bus. Connections to the bus are made through the opendrain I/O lines SDA and SCL. The following I/O terminals control the 2-wire serial port: SDA, SCL. Timing diagrams for the 2-wire serial port can be found in Figures 5 and 6. Timing information for the 2-wire serial port is provided in the AC Electrical Characteristics table for 2-wire serial communications. The following bus protocol has been defined: Data transfer may be initiated only when the bus is not busy. * During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data line while the clock line is high will be interpreted as control signals. Accordingly, the following bus conditions have been defined: Bus not busy: Both data and clock lines remain high. Start data transfer: A change in the state of the data line from high to low while the clock is high defines a start condition. Stop data transfer: A change in the state of the data line from low to high while the clock line is high defines the stop condition. Data valid: The state of the data line represents valid data when, after a start condition, the data line is stable for the duration of the high period of the clock signal. The data on the line can be changed during the low period of the clock signal. There is one clock pulse per bit of data. Figures 5 and 6 detail how data transfer is accomplished on the 2-wire bus. Depending upon the state of the R/W bit, two types of data transfer are possible. Each data transfer is initiated with a start condition and terminated with a stop condition. The number of data bytes transferred between start and stop conditions is not limited and is determined by the master device. The information is transferred byte-wise and each receiver acknowledges with a ninth bit. * Within the bus specifications a regular mode (100kHz clock rate) and a fast mode (400kHz clock rate) are defined. The DS1857 works in both modes. Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the byte has been received. The master device must generate an extra clock pulse which is associated with this acknowledge bit. A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is a stable low during the high period of the acknowledge related clock pulse. Setup and hold times must be taken into account. A master must signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the data line high to enable the master to generate the stop condition. 1) Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the master is the command/control byte. Next follows a number of data bytes. The slave returns an acknowledge bit after each received byte. 2) Data transfer from a slave transmitter to a master receiver. The master transmits the first byte (the command/control byte) to the slave. The slave then returns an acknowledge bit. Next follows a number of data bytes transmitted by the slave to the master. The master returns an acknowledge bit after all received bytes other than the last byte. At the end of the last received byte, a not acknowledge can be returned. The master device generates all serial clock pulses and the start and stop conditions. A transfer is ended with a stop condition or with a repeated start condition. Since a repeated start condition is also the beginning of the next serial transfer, the bus will not be released. The DS1857 can operate in the following three modes: 1) Slave Receiver Mode: Serial data and clock are received through SDA and SCL, respectively. After each byte is received, an acknowledge bit is transmitted. Start and stop conditions are recognized as the beginning and end of a serial transfer. Address recognition is performed by hardware after the slave (device) address and direction bit have been received. 2) Slave Transmitter Mode: The first byte is received and handled as in the slave receiver mode. However, in this mode the direction bit indicates that the transfer direction is reversed. Serial 20 ____________________________________________________________________ Dual Temperature-Controlled Resistors with External Temperature Input and Monitors data is transmitted on SDA by the DS1857, while the serial clock is input on SCL. Start and stop conditions are recognized as the beginning and end of a serial transfer. 3) Slave Address: Command/control byte is the first byte received following the start condition from the master device. The command/control byte consists of a 4-bit control code. For the DS1857, this is set as 1010 binary for read/write operations. The next three bits of the command/control byte are the device select bits or device address. They are used by the master device to select which of eight possible devices on the bus is to be accessed. When reading or writing the DS1857, the deviceselect bits must match one of two valid device addresses 00h, or the address registered in Table 01 location 8Ch. The last bit of the command/control byte (R/W) defines the operation to be performed. When set to a `1' a read operation is selected, and when set to a `0' a write operation is selected. The slave address can be set by the EEPROM. Following the start condition, the DS1857 monitors the SDA bus checking the device type identifier being transmitted. Upon receiving the 1010 control code, the appropriate device address bits, and the read/write bit, the slave device outputs an acknowledge signal on the SDA line. DS1857 Chip Topology TRANSISTOR COUNT: 44149 SUBSTRATE CONNECTED TO GROUND. SDA MSB SLAVE ADDRESS R/W DIRECTION BIT ACKNOWLEDGEMENT SIGNAL FROM RECEIVER SCL 1 START CONDITION 2 6 7 8 9 ACK REPEATED IF MORE BYTES ARE TRANSFERRED 1 2 3-7 8 9 ACK STOP CONDITION OR REPEATED START CONDITION ACKNOWLEDGEMENT SIGNAL FROM RECEIVER Figure 5. 2-Wire Data Transfer Protocol ____________________________________________________________________ 21 Dual Temperature-Controlled Resistors with External Temperature Input and Monitors DS1857 SDA tBUF tLOW tR tF tHD:STA tSP SCL tHD:STA STOP START tHD:DAT tHIGH tSU:DAT REPEATED START tSU:STA tSU:STO Figure 6. 2-Wire AC Characteristics Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 22 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2002 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. |
Price & Availability of DS1857 |