Part Number Hot Search : 
M3494EZ EM55002 VS6524 E9225M HPLW16 BC63916 81622 TLC331B
Product Description
Full Text Search
 

To Download CPR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPR
Vishay Dale
Wirewound Resistors, Commercial Power, Radial Terminals
FEATURES
* Direct mounting on printed circuit board * Circuit board lock-in mounting tabs * High performance for low cost * Meets or exceeds requirements of EIA Standard RS-344 * Special inorganic potting compound and ceramic case provide high thermal conductivity in a fireproof package
STANDARD ELECTRICAL SPECIFICATIONS
MODEL POWER RATING P40C W 3 5 7 10 15 20 RESISTANCE RANGE
5%, 10%
0.1 - 1k 0.1 - 1k 0.1 - 1.429k 0.1 - 2k 0.1 - 2k
WEIGHT (Typical) g 5.6 6.6 9.4 10.0 20.3 25.6
CPR-3 CPR-5 CPR-7 CPR-10 CPR-15 CPR-20
0.15 - 2.855k
TECHNICAL SPECIFICATIONS
PARAMETER Temperature Coefficient Short Time Overload Terminal Strength Dielectric Withstanding Voltage Maximum Working Voltage Operating Temperature Range UNIT ppm/C lb VAC V C CPR RESISTOR CHARACTERISTICS 600 below 1.0, 300 1.0 and above 5 x rated power for 5 seconds 10 minimum 1000 (P x R)1/2 - 65/+ 275
NOTE: Wirewound CPR resistors can reliably function as a fuse and as a resistor. Such components involve compromise between fusing and resistive functions; therefore, each design should be tailored to the application to ensure optimum performance. Contact factory by using the e-mail address at the bottom of this page for design assistance.
ORDERING INFORMATION
CPR-10 MODEL
100 RESISTANCE
5% TOLERANCE %
www.vishay.com 34
For technical questions, contact ww2aresistors@vishay.com
Document Number 30219 Revision 07-Feb-02
CPR
Wirewound Resistors, Commercial Power, Radial Terminals
DIMENSIONS
A B C
0.020 0.005 [0.508 0.127] Material Thickness Maximum Misalignment D 5
Vishay Dale
G
F E
0.180 0.010 [4.57 0.254]
MODEL A 0.040 [1.02] CPR-3 CPR-5 CPR-7 CPR-10 CPR-15 CPR-20 0.906 [23.01] 1.060 [26.92] 1.398 [35.51] 1.888 [47.96] 1.888 [47.96] 2.498 [63.45] B 0.031 [0.787] 0.375 [9.53] 0.375 [9.53] 0.375 [9.53] 0.375 [9.53] 0.500 [12.70] 0.500 [12.70]
DIMENSIONS in inches [millimeters] C 0.031 [0.787] 0.375 [9.53] 0.360 [9.14] 0.360 [9.14] 0.360 [9.14] 0.500 [12.70] 0.500 [12.70] D + 0.080 [2.03] - 0.040 [1.02] 0.394 [10.01] 0.394 [10.01] 0.984 [24.99] 0.984 [24.99] 1.180 [29.97] 1.180 [29.97]
0.012
[0.305] 0.287 [7.29] 0.287 [7.29] 0.287 [7.29] 0.287 [7.29] 0.394 [10.01] 0.394 [10.01]
E
0.008
[0.203] 0.055 [1.40] 0.055 [1.40] 0.055 [1.40] 0.055 [1.40] 0.106 [2.69] 0.106 [2.69]
F
0.060
[1.52] 0.500 [12.70] 0.590 [14.99] 0.886 [22.50] 1.380 [35.05] 1.280 [32.51] 1.870 [47.50]
G
RATED POWER IN %
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy, depending on resistance value Core: Woven fiberglass Body: Steatite ceramic case with inorganic potting compound Terminals: Tin/lead plated cold roll steel Part Marking: DALE, Model, Wattage, Value, Tolerance, Date Code
120 100 80 60 40 20 0 -65 -25 25 40 75 125 175 225 275
Derating
AMBIENT TEMPERATURE IN C
PERFORMANCE
TEST Thermal Shock Short Time Overload Dielectric Withstanding Voltage Low Temperature Operation Humidity Load Life Terminal Strength Resistance to Solder Heat Document Number 30219 Revision 07-Feb-02 CONDITIONS OF TEST - 55C to + 275C, 5 cycles, 30 minute dwell time 5 x rated power for 5 seconds 1000Vrms for one minute - 65C, full rated working voltage for 45 minutes 75C, 90% - 100% RH, 240 hours 1000 hours at rated power, + 40C, 1.5 hours "ON", 0.5 hours "OFF" 10 pounds in axial direction for 30 seconds Terminal immersed 3.5 seconds in molten solder at 1/8" to 3/16" from body For technical questions, contact ww2aresistors@vishay.com TEST LIMITS (EIA RS-344) (5.0% + 0.05)R (4.0% + 0.05)R (2.0% + 0.05)R (3.0% + 0.05)R (5.0% + 0.05)R (10.0% + 0.05)R (2.0% + 0.05)R (4.0% + 0.05)R www.vishay.com 35


▲Up To Search▲   

 
Price & Availability of CPR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X