Part Number Hot Search : 
SMAJ78A EPTSQT NJU7081V WK090850 IDT23S09 PEC5500 PTC60 S1210MM
Product Description
Full Text Search
 

To Download CAR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAR3000 Series
3000 Watt 24 / 48V Front End
Features:

Hot-swap N+1 Redundancy Single phase or Three phase Input Power Factor Correction Over Voltage, Over Current and Thermal Protection Visual LED Indicators 19" 3U High / 3-Bay Power Shelf International Safety Approvals
FEATURES No minimum load requirements Modular design Single phase or three phase inputs Constant current characteristics SPECIFICATIONS Input Voltage Range Input Current Inrush Current Input Fuse Power Factor Efficiency Output Voltage & Current Adjust Range (Trim Pot) Over Voltage Protection OVP Protection Type Standby Voltage Line Regulation Load Regulation Output Ripple & Noise Transient Response Start-up Time Hold-up Time Overshoot / Undershoot Temperature Coefficient Remote ON/OFF Power Fail Signal Over Current Protection Over Temperature Protection MTBF Output Power Good LED Indicators www..com Operating Temperature Cooling EMI/EMC Dimensions Weight Safety Approvals rev 100506
Lineage Power 3000 Skyline Dr. Mesquite, TX 75149 Phone: (972) 284-2000
BENEFITS Eliminates the need for preload on system backplace Easy insertion and extraction during hot swap One stop shopping, breadth of line Ideal for Network Bus Applications CAR3010K1 CAR3010L1 Single Phase Input / 180-264 VAC / 47-63 Hz 19Amax 50Amax Single Fuse 25A 3AG 0.99 90% Typical @ 230 VAC +24 VDC @ 125A +48 VDC @ 62.5A 21.6~26.4 43.2~52.8 29.5~30.5 VDC 58.5~59.5 VDC Recycle AC Input to Reset
KEY MARKET SEGMENTS & APPLICATIONS
Distributed Power Mid-end servers Network Storage Storage Area Networks Blade Servers Network Equipment Test Equipment
CAR3030K1 CAR3030L1 Three Phase Input / 180-264 VAC / 47-63 Hz 11A per phase max. 50A max (per phase) Single Fuse per Phase 15A 3AG 0.95 90% Typical @ 230 VAC +24 VDC @ 125A +48 VDC @ 62.5A 21.6~26.4 43.2~52.8 29.5~30.5 VDC 58.5~59.5 VDC
5VSB @ 500mA 0.5% using remote sense (5% on Stand-by Voltage) 0.5% using remote sense (5% on Stand-by Voltage) <1% (pk-pk) 3% max deviation 0.50ms recovery time for a 25% load change 2 seconds >20ms at low line 1% at turn ON/OFF 0.02% per C Logic 1 (TTL High) or open enables unit (ON), Logic 0 (TTL Low) or short shuts unit down (OFF) Signal goes low (TTL Low) 2ms before loss output regulation 110-140% V1, 5VSB < 2.5A. Automatic recovery. Automatic shutdown with auto recovery. Thermal shutdown point @ 95C 300,000 hrs per Bellcore standard TTL High = Power Good, TTL Low = Output out of limits DC Good: Green LED; Temperature OK: Green LED and AC Good: Amber LED 0C to 50C at rated output power. Supply derates linearly from 50C to 65C at 2.2% per C Self contained ball bearing fan Meets EN61000-3-2, -3 CISPR22 and FCC Part 15 Class A, Bellcore GR-1089-CORE 12.12 x 5.00 x 5.00" / 333.2 x 127 x 127mm (handle extends additional 1.00" / 25.4mm from faceplate) 11.5 pounds / 5.23 kg UL1950, CSA 22.2 No. 650, TUV EN0950 & CE Mark
www.lineagepower.com/oem
Lineage Power 2841 Dow Avenue Tustin, CA 92780 USA Phone: (714) 544-6665 Lineage Power (China) 1353 Chenqiao Road, Shanghai Sengpu Industrial Park Shanghai, 201401 China Phone: 021 6710 8910
CAR3000 SERIES
OUTLINE DRAWING: OUTLINE DRAWING
12.12
CAR3000 Series
3000 Watt Front End Power Supply
3000 Watt 24 / 48V Front End
Side & Bottom Views are of Bus Bar Output Connector Versions
5.00
SIDE VIEW
1.04 1 .02 1.00
13.12
AIRFLOW
5.00
BOTTOM VIEW
3.20
Latch
321
LEDs
0.16
8.00
1.79 0.25
0.822
REAR PANEL CONNECTIONS:
Single Phase Input with Bus Bar
V1 Rtn 1.25 1.20 V1 1.56
CAR3010x1
Three Phase Input with Bus Bar
0.641 V1 RTN 1.25 V1 1.56
CAR3030x1
Single Phase Input with Positronic
CAR3010x1H
Three Phase Input with Positronic
CAR3030x1H
3.00 0.84 0.65 2.44
2.99
0.59
0.98
3.095
2 1 V1 +V1 3 2 V1 +V1 4 3 V1 +V1 5 4 V1 V1 RETURN Rev. 6 V1 RETURN 4 GROUND 5 V1 RETURN Blank=Non-Compliant 30=3000W 7 V1 RETURN Y0=5 of 6 Compliant Power 6 V1 RETURN 5 LINE Power 8 V1 RETURN Z0=6 of 6 CompliantY0=5 of 6 Compliant 10 = 1O 7 V1 RETURN 9 +V1 6 NEUTRAL RoHS Compliance Z0=6 of 6 Compliant 10 = 1O 30 = 3O 8 V1 RETURN RoHS Compliance 10 5VSB RTN 30 = 3O Blank = Bus Bar Input Phase 9 V1 MODULE PRESENT 11 Blank = Bus Bar Input Phase H = Positornic K1=+24V 12 MODULE 10 5VSB RTNENABLE MATING CONNECTORS H = Positronic (front-end only) K1=24V L1= +48V Output Connector 13 CURRENT SHARE 11 MODULE PRESENT Output Connector 1) AMP 205205-2 Housing with Output VL1=48V 14 ON/OFF 12 MODULE ENABLE 205090-1 Pins Output V Blank = Positive 15 OVP MATING CONNECTORS 13 CURRENT SHARE 2) Positronics PLC24F4BN0A1/AA Blank = Front End N = Negative 16 V1 RETURN 14 ON/OFF Housing with 205205-2 pins 1) AMP FC114N2 Housing with Polarity 17 5VSB T = Rectifier 205090-1 Pins 15 OVP POWER GOOD 18 Type 3) Positronics PLB06F000 Housing EXAMPLES: 16 V1 RETURN with 2) Positronics PLC24F4BN0A1/AA FC114N2 pins 19 AC FAIL 17 5VSB CAR3010L1Z0-1A: Housing with FC114N2 pins Examples: 20 THREE PHASE AC INPUT4 MARGIN 1 www..com4 4) Positronics PLA04F8000 Housing Single Phase Input / +48V out / Bus Bar Output Connection / 6 of 6 RoHS Compliant 18 POWER GOOD 21 1 LINE 1 + SENSE with 3) Positronics PLB06F000 Housing FC114N2 pins 22 2 LINE 2 19 AC FAIL OK TEMP CAR3010L1-Z01A: 3000W / +48V Front End / Single Phase CAR3030K1HY0-1A: with FC114N2 pins THREE PHASE AC INPUT4 4 Output Bus Bars Mate with Elcon Three-Phase AC Input / +24V out of 6 RoHS Compliant 6 RoHS Compliant 23 3 LINE 3 MARGIN 20 MARGIN 1 2 AC Input / 6 / Positronic Output Connector / 5 of Part 4) Positronics PLA04F8000 Housing Number 538-17-00100 1 LINE 1 4 24 GROUND - SENSE 21 + SENSE with FC114N2 pins 2 LINE 2 22 TEMP OK CAR3030L1H-Z01A: 3000W / +48V Front End / 3-Phase AC Output Bus Bars Mate with Elcon 3 LINE 3 International reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. NoPositronic Connector sale ofof such product(s) Compliant Cherokee 23 MARGIN 2 Input / rights under any patent accompany the / 6 any 6 RoHS or information. Part Number 538-17-00100 4 GROUND 24 - Cherokee Europe SENSE Cherokee India Pvt. Ltd Powertel India Pvt. Cherokee International China Cherokee Headquarters
5 VSB 15-PIN D-SUB 1 CONNECTOR1 1
15-PIN D-SUB CONNECTOR1 1
Positronic Output Connector 2 1 +V1
Positronic Output Connector 2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
5VSB RTN 5 VSB 2 3 MODULE PRESENT 5VSB RTN 4 POWER GOOD MODULE PRESENT 5 ON/OFF POWER GOOD 6 I SHARE 7 MOD-ENABLE ON/OFF 8 I SHARE OVP TEST POINT 9 AC FAIL MOD-ENABLE 10 V PROGRAM OVP TEST POINT SENSE 11 + REMOTE AC FAIL 12 CURRENT MONITOR 13 TEMPERATURE OK V PROGRAM 14 REMOTE SENSE + REMOTE -SENSE 15 NO CONNECTION CURRENT MONITOR TEMPERATURE OK - REMOTE SENSE NO CONNECTION
SINGLE PHASE AC INPUT 3 PART NUMBER DEFINITION GUIDE PART NUMBER DEFINITION GUIDE 1 SINGLE PHASE AC INPUT 3 GROUND 2 1 LINE GROUND 3 NEUTRAL LINE 4 2 GROUND Series Rev. 5 3 LINE NEUTRAL Series 6 NEUTRAL Blank=Non-Compliant 30=3000W
CARCAR xx xx xxx x- 1Ax xx - 1A 30 30 xx xx x
2841 Dow Avenue Tustin, CA 92780, USA rev 100506 sales@cherokeepwr.com
P: 714.544.6665 F: 714.838.4742
Boulevard de l'Europe, 131 B-1301 Wavre, Belgium sales@cherokeepwr.be
P: +32.10.438.211 F: +32.10.438.212
1353 Chenqiao Road, Shanghai Fengpu Industrial Park Shanghai 201401, China P: 8621.6710.8910 sales.china@cherokeepwr.com F: 8621.6710.8908
Unit No. 95 SDF 111 Building Unit #166, S.D.F.VI (Phase1) Seepz, Andheri (East) Seepz, Andheri (East) www.lineagepower.com/oem Mumbai, India 400096 Mumbai, India 400096
Document Title: CAR1248FP Series Datasheet Revision: 04/07/A
Lineage Power
Lineage Power 2841 Dow Avenue Tustin, CA 92780 USA Phone: (714) 544-6665
Lineage Power (China) 1353 Chenqiao Road, Shanghai Sengpu Industrial Park Shanghai, 201401 China Phone: 021 6710 8910
3000 Skyline Dr. Mesquite, TX 75149 Phone: (972) 284-2000
www.cherokeepwr.com


▲Up To Search▲   

 
Price & Availability of CAR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X