Part Number Hot Search : 
LTC1658 0805C MX7507 XU308 FIAM2C12 2040CT BCW60C IS43R
Product Description
Full Text Search
 

To Download BZW04-154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZW04P-5V8 THRU BZW04-376
TRANSZORBTM TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 5.8 to 376 Volts
DO204AL
Peak Pulse Power - 400 Watts
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated chip junction 400W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0 ps from 0 Volts to V(BR) for unidirectional and 5.0ns for bi-directional types Typical ID less than 1A above 10V rating High temperature soldering guaranteed: 265C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
NOTE: Lead diameter is 0.026 (0.66)
MECHANICAL DATA
0.023 (0.58)
for suffix "E" part numbers
Dimensions are in inches and (millimeters)
Case: JEDEC DO-204AL molded plastic over passivated junction Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: For unidirectional types the color band denotes the cathode, which is postitive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use add suffix Letter "B" (e.g. BZW04P-6V4B). Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a 10/1000s waveform
(NOTE 1, FIG. 1)
PPPM IPPM PM(AV)
Minimum 400
SEE TABLE 1
Watts Amps Watts
Peak pulse current with a 10/1000s waveform
(NOTE 1)
Steady state power dissipation at TL=75C lead lengths, 0.375" (9.5mm) (NOTE 2) Peak forward surge current, 8.3ms single half Sine-wave superimposed on rated load (JEDEC Method) (NOTE 3) unidirectional only
(NOTE 4)
1.0
IFSM
40.0
Amps
Maximum instantaneous forward voltage at 25A uni-directional only Operating junction and storage temperature range
VF TJ, TSTG
3.5/5.0 -55 to +175
Volts C
NOTES: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25C per Fig. 2 (2) Mounted on copper pad area of 1.6 x 1.6" (40 x 40mm) per Fig. 5 (3) 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum (4) VF=3.5V max. for devices of V(BR)220V and VF=5.0 Volt max. for devices of V(BR)>220V 1/5/98
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1
Breakdown Voltage V(BR) Volts (NOTE 1) Device Type MIN MAX Maximum Reverse Leakage at VWM ID (A)
(NOTE4)
Test Current at IT (mA)
Stand-off Voltage VWM (Volts)
Maximum Peak Pulse Current IPPM (Amps)
(NOTE 2)
Maximum Clamping Voltage at IPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
BZW04P5V8 BZW04-5V8 BZW04P6V4 BZW04-6V4 BZW04P7V0 BZW04-7V0 BZW04P7V8 BZW04-7V8 BZW04P8V5 BZW04-8V5 BZW04P9V4 BZW04-9V4 BZW0P10 BZW04-10 BZW04P11 BZW04-11 BZW04P13 BZW04-13 BZW04P14 BZW04-14 BZW04P15 BZW04-15 BZW04P17 BZW04-17 BZW04P19 BZW04-19 BZW04P20 BZW04-20 BZW04P23 BZW04-23 BZW04P26 BZW04-26 BZW04P28 BZW04-28 BZW04P31 BZW04-31 BZW04P33 BZW04-33 BZW04P37 BZW04-37 BZW04P40 BZW04-40 BZW04P44 BZW04-44 BZW04P48 BZW04-48
6.45 6.45 7.13 7.13 7.79 7.79 8.65 8.65 9.50 9.50 10.5 10.5 11.4 11.4 12.4 12.4 14.3 14.3 15.2 15.2 17.1 17.1 19.0 19.0 20.9 20.9 22.8 22.8 25.7 25.7 28.5 28.5 31.4 31.4 34.2 34.2 37.1 37.1 40.9 40.9 44.7 44.7 48.5 48.5 53.2 53.2
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8
10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.80 5.80 6.40 6.40 7.02 7.02 7.78 7.78 8.55 8.55 9.4 9.4 10.2 10.2 11.1 11.1 12.8 12.8 13.6 13.6 15.3 15.3 17.1 17.1 18.8 18.8 20.5 20.5 23.1 23.1 25.6 25.6 28.2 28.2 30.8 30.8 33.3 33.3 36.8 36.8 40.2 40.2 43.6 43.6 47.8 47.8
1000 1000 500 500 200 200 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
38.0 38.0 35.4 35.4 33.0 33.0 30.0 30.0 27.6 27.6 25.7 25.7 24.0 24.0 22.0 22.0 19.0 19.0 17.8 17.8 16.0 16.0 14.5 14.5 13.0 13.0 12.0 12.0 10.7 10.7 9.6 9.6 8.8 8.8 8.0 8.0 7.4 7.4 6.7 6.7 6.2 6.2 5.7 5.7 5.2 5.2
10.5 10.5 11.3 11.3 12.1 12.1 13.4 13.4 14.5 14.5 15.6 15.6 16.7 16.7 18.2 18.2 21.2 21.2 22.5 22.5 25.2 25.2 27.7 27.7 30.6 30.6 33.2 33.2 37.5 37.5 41.5 41.5 45.7 45.7 49.9 49.9 53.9 53.9 59.3 59.3 64.8 64.8 70.1 70.1 77.0 77.0
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.073 0.073 0.075 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1 (Cont'd)
Breakdown Voltage V(BR) Volts (NOTE 1) Device Type MIN MAX Maximum Reverse Leakage at VWM ID (A)
(NOTE4)
Test Current at IT (mA)
Stand-off Voltage VWM (Volts)
Maximum Peak Pulse Current IPPM (Amps)
(NOTE 2)
Maximum Clamping Voltage at IPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
BZW04P53 BZW04-53 BZW04P58 BZW04-58 BZW04P64 BZW04-64 BZW04P70 BZW04-70 BZW04P78 BZW04-78 BZW04P85 BZW04-85 BZW04P94 BZW04-94 BZW04P102 BZW04-102 BZW04P110 BZW04-110 BZW04P128 BZW04-128 BZW04P136 BZW404-136 BZW04P145 BZW04-145 BZW04P154 BZW04-154 BZW04P171 BZW04-171 BZW04P188 BZW04-188 BZW04P213 BZW04-213 BZW04P239 BZW04-239 BZW04P256 BZW04-256 BZW04P273 BZW04-273 BZW04P299 BZW04-299 BZW04P342 BZW04-342 BZW04P376 BZW04-376
58.9 58.9 64.6 64.6 71.3 71.3 77.9 77.9 86.5 86.5 95.0 95.0 105 105 114 114 124 124 143 143 152 152 161 161 171 171 190 190 209 209 237 237 266 266 285 285 304 304 332 332 380 380 418 418
68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 308 294 330 315 352 336 385 368 440 420 484 462
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
53.0 53.0 58.1 58.1 64.1 64.1 70.1 70.1 78.0 78.0 85.5 85.5 94.0 94.0 102 102 111 111 128 128 136 136 145 145 154 154 171 171 188 188 213 213 239 239 256 256 273 273 299 299 342 342 376 376
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
4.7 4.7 4.3 4.3 3.9 3.9 3.5 3.5 3.2 3.2 2.9 2.9 2.6 2.6 2.4 2.4 2.2 2.2 2.0 2.0 1.8 1.8 1.7 1.7 1.6 1.6 1.5 1.5 1.4 1.4 1.5 1.5 1.5 1.5 1.2 1.2 1.2 1.2 0.90 0.90 0.90 0.90 0.80 0.80
85.0 85.0 92.0 92.0 103 103 113 113 125 125 137 137 152 152 165 165 179 179 207 207 219 219 234 234 246 246 274 274 301 301 344 344 384 384 414 414 438 438 482 482 548 548 603 603
0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
NOTES: (1) V(BR) measured after IT applied for 300s IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derated per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35 (4) For bi-directional devices with VWM of 10 Volts and less, the ID limit is doubled
RATINGS AND CHARACTERISTIC CURVES BZW04P5V8 THRU BZW04-376
FIG. 1 - PEAK PULSE POWER RATING CURVE PEAK PULSE POWER (PPP) OR CURRENT (IPP) DERATING IN PERCENTAGE, % PPPM, PEAK PULSE POWER, kW FIG. 2 - PULSE DERATING CURVE
100
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25C
100
10
75
1.0
50
0.1 0.1s
25
1.0s
10s
100s
1.0ms
10ms
td, PULSE WIDTH, sec. FIG. 3 - PULSE WAVEFORM
TA=25C PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
0
0
25
50
75
100
125 150
175 200
150
PPPM, PEAK PULSE CURRENT, %
TA, AMBIENT TEMPERATURE, C
tr=10sec. PEAK VALUE IPPM
FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
100
100,000
TJ=25C f=1.0 MHz Vsig=50mVp-p
HALF VALUE - IPP 2
CJ, JUNCTION CAPACITANCE, pF
50
10/1000sec. WAVEFORM AS DEFINED BY R.E.A.
10,000
td
MEASURED at ZERO BIAS
0
0
1.0
2.0
t, TIME, ms
3.0
4.0
PM(AV), STEADY STATE POWER DISSIPATION, WATTS
FIG. 5 - STEADY STATE POWER DERATING CURVE
1000
1.00
L
0.75
60 HZ RESISTIVE OR INDUCTIVE LOAD = 0.375"(9.5mm) LEAD LENGTH
MEASURED at STAND-OFF VOLTAGE, VWM
10 0.50
1.6 x 1.6 x 0.040" (40 x 40 x 1mm.) COPPER HEAT SINKS
1.0
10
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
0.25
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL
0
50
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) TJ=TJ max.
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE,C
40 30 20
FIG. 7-TYPICAL REVERSE LEAKAGE CHARACTERISTICS ID, INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
100
MEASURED at DEVICES STAND-OFF VOLTAGE, VWM
10
10
1
TA=25C
0
1
10
NUMBER OF CYCLES AT 60 HZ
100
0.1
0.01
0
100
200
300
400
500
V(BR), BREAKDOWN VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of BZW04-154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X