Part Number Hot Search : 
MAZL000H BH4100FV 17481 2815T 1N1002 17481 VN0104N3 TKP7A
Product Description
Full Text Search
 

To Download BUL1688L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI SEMICONDUCTORS CO.,LTD.
Product specification
NPN SILICON POWER TRANSISTOR
BUL1688L
FEATURES:
HIGH SWITCHING SPEED WIDE SOA COMPACT FLUORESCENT LAMP
APPLICATIONS: SUITABLE FOR 110V CIRCUIT MODE:
ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING SWITCH MODE POWER SUPPLIES
MAXIMUM RATINGSTc=25C SOT-82
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature SYMBOL VALUE UNIT
VCBO VCEO VEBO IC PC Tj Tstg
400 250 9 8.0 60 150
V V
V A
W
ELECTRICAL CHARACTERISTICSTc=25C
CHARACTERISTIC Collector Cutoff Current Collector Cutoff Current Collector-Emitter Sustaining Voltage Base-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain SYMBOL TEST CONDITION MIN MAX UNIT
w
w
w
t a .D
ICBO ICEO VCEO VEBO Vces Vbes hFE
S a
-65-150
e h
C C
U t4 e
.c
m o
SOT-82
1- E2-C3- B
VCB=400V VCE=250V,IB=0 IC=10mA,IB=0 IE=1mA,IC=0 IC=1.0A,IB=0.2A IC=2.0A,IB=0.4A IC=5.0A,IB=1.0A IC=2.0A,IB=0.4A VCE=5V,IC=10mA VCE=5V,IC=1.0A VCE=5V,IC=5A 8 10 5 250 9
100 250
A A V V
0.5 0.7 1.5 1.5 40
V
Si semiconductors
1
2002.08
www..com
V
BUL1688L
SOA(DC)
100 10 1 60 0.1 0.01 0.001 1 10 100 1 40 20 Vce(v) 0 1000 0 50 100
Tj()
PcTj
% 120 100 80
Is/s
Ic(A)
Ptot
150
hFE-Ic
100 Tj=125 Vce=1.5V 100
hFE-Ic
hFE
Vce=5V Tj=125
10
Tj=25
10 Tj=25
1 0.001
0.01
0.1
1
10
1 0.001
0.01
0.1
1
Ic(A)
10
Vcesat-Ic
Vcesat(v)
10 1.6 1.4 1 Tj=125 0.1 hFE=5 0.01 0.1 Si semiconductors 1
Ic(A) 10
Vbesat-Ic
Vbesat(v)
1.2 1 Tj=25 Tj=25 0.8 Tj=125 0.6 hFE=5 0.4 0.1 1
Ic(A)
10
2002.08
SI SEMICONDUCTORS CO.,LTD.
Product specification
SOT-82 MECHANICAL DATA
SYMBOL A B b b1 C c1 D e e3 F H H2 min 7.4 10.5 0.7 0.49 2.4 1.0 15.4 2.2 4.15 3.8 2.54 2.15 4.65 nom UNITmm max 7.8 10.8 0.9 0.75 2.7 1.3 16
Si semiconductors
2
2002.08


▲Up To Search▲   

 
Price & Availability of BUL1688L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X