Part Number Hot Search : 
H100T3G 74LVC 74HC423 XP0053A 2SA132 3200A NTE244 RFU37
Product Description
Full Text Search
 

To Download BC327-25RL1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ON Semiconductort
Amplifier Transistors
PNP Silicon
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Total Device Dissipation @ TA = 25C Derate above 25C Total Device Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range Symbol VCEO VCBO VEBO IC PD PD TJ, Tstg BC327 -45 -50 -5.0 -800 625 5.0 1.5 12 -55 to +150 Unit Vdc Vdc Vdc mAdc mW mW/C Watt mW/C C
BC327, BC327-16, BC327-25, BC327-40
1 2 3
CASE 29-11, STYLE 17 TO-92 (TO-226AA)
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case Symbol RqJA RqJC Max 200 83.3 Unit C/W C/W 2 BASE 3 EMITTER COLLECTOR 1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = -10 mA, IB = 0) Collector-Emitter Breakdown Voltage (IC = -100 A, IE = 0) Emitter-Base Breakdown Voltage (IE = -10 mA, IC = 0) Collector Cutoff Current (VCB = -30 V, IE = 0) Collector Cutoff Current (VCE = -45 V, VBE = 0) Emitter Cutoff Current (VEB = -4.0 V, IC = 0) V(BR)CEO -45 V(BR)CES -50 V(BR)EBO ICBO - ICES - IEBO - - - -100 -100 nAdc - -100 nAdc -5.0 - - - - Vdc nAdc - - Vdc Vdc
(c) Semiconductor Components Industries, LLC, 2001
1
May, 2001 - Rev. 2
Publication Order Number: BC327/D
BC327, BC327-16, BC327-25, BC327-40
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Typ Max Unit
ON CHARACTERISTICS
DC Current Gain (IC = -100 mA, VCE = -1.0 V) hFE BC327 BC327-16 BC327-25 BC327-40 VBE(on) VCE(sat) 100 100 160 250 40 - - - - - - - - - 630 250 400 630 - -1.2 -0.7 Vdc Vdc -
(IC = -300 mA, VCE = -1.0 V) Base-Emitter On Voltage (IC = -300 mA, VCE = -1.0 V) Collector-Emitter Saturation Voltage (IC = -500 mA, IB = -50 mA)
SMALL-SIGNAL CHARACTERISTICS
Output Capacitance (VCB = -10 V, IE = 0, f = 1.0 MHz) Current-Gain - Bandwidth Product (IC = -10 mA, VCE = -5.0 V, f = 100 MHz) Cob fT - - 11 260 - - pF MHz
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1.0 0.7 0.5 0.3 0.2
D = 0.5 0.2 0.1 P(pk) SINGLE PULSE 0.01 SINGLE PULSE t1 t2 DUTY CYCLE, D = t1/t2 0.02 0.05 0.1 0.2 0.5 t, TIME (SECONDS) 1.0 2.0 5.0
JC(t) = (t) JC JC = 100C/W MAX JA(t) = r(t) JA JA = 375C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) JC(t)
0.1 0.05 0.07 0.02 0.05 0.03 0.02 0.01 0.001 0.002
0.005
0.01
10
20
50
100
Figure 1. Thermal Response
http://onsemi.com
2
BC327, BC327-16, BC327-25, BC327-40
-1000 IC, COLLECTOR CURRENT (mA) 1.0 s 1.0 ms TJ = 135C hFE, DC CURRENT GAIN 100 s dc TC = 25C dc TA = 25C CURRENT LIMIT THERMAL LIMIT SECOND BREAKDOWN LIMIT (APPLIES BELOW RATED VCEO) -3.0 -10 -30 VCE, COLLECTOR-EMITTER VOLTAGE 1000 VCE = -1.0 V TA = 25C
-100
100
-10 -1.0
-100
10 -0.1
-1.0 -10 -100 IC, COLLECTOR CURRENT (mA)
-1000
Figure 2. Active Region - Safe Operating Area
Figure 3. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
-1.0 TJ = 25C -0.8 -0.6 -0.4 IC = -300 mA -0.2 0 -0.01 IC = -10 mA -0.1 -1.0 -10 IB, BASE CURRENT (mA) -100 IC = -100 mA IC = -500 mA V, VOLTAGE (VOLTS)
-1.0 TA = 25C -0.8 -0.6 -0.4 -0.2 VCE(sat) @ IC/IB = 10 0 -1.0 -10 -100 IC, COLLECTOR CURRENT (mA) -1000 VBE(sat) @ IC/IB = 10 VBE(on) @ VCE = -1.0 V
Figure 4. Saturation Region
Figure 5. "On" Voltages
V, TEMPERATURE COEFFICIENTS (mV/C)
+1.0 VC for VCE(sat)
100
0
C, CAPACITANCE (pF)
Cib 10 Cob
-1.0 VB for VBE
-2.0
-1.0
-10 -100 IC, COLLECTOR CURRENT
-1000
1.0 -0.1
-1.0 -10 VR, REVERSE VOLTAGE (VOLTS)
-100
Figure 6. Temperature Coefficients
Figure 7. Capacitances
http://onsemi.com
3
BC327, BC327-16, BC327-25, BC327-40
PACKAGE DIMENSIONS TO-92 (TO-226) CASE 29-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --0.250 --0.080 0.105 --0.100 0.115 --0.135 --MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --6.35 --2.04 2.66 --2.54 2.93 --3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
STYLE 17: PIN 1. COLLECTOR 2. BASE 3. EMITTER
DIM A B C D G H J K L N P R V
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BC327/D


▲Up To Search▲   

 
Price & Availability of BC327-25RL1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X