Part Number Hot Search : 
SR105 AP997 UNR2212 SI4420 IRFP3 106X0010 PRODUCTS FDS3590
Product Description
Full Text Search
 

To Download BAS16T-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS16T, BAW56T, BAV70T, BAV99T
SURFACE MOUNT FAST SWITCHING DIODE Features
* * * * Ultra-Small Surface Mount Package Fast Switching Speed For General Purpose Switching Applications High Conductance
NEW PRODUCT
SOT-523 Dim
A C
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
A B
BC E
Mechanical Data
* * * * * * * * Case: SOT-523, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Below Marking: See Diagrams Below & Page 2 Weight: 0.002 grams (approx.) Ordering Information, see Page 2
TOP VIEW B G H K
C D G H J K L M N a
N
M
J
D
L
All Dimensions in mm
BAS16T Marking: A2
BAW56T Marking: JD
BAV70T Marking: JJ
BAV99T Marking: JE
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 2) Repetitive Peak Forward Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 2) Thermal Resistance Junction to Ambient (Note 2) Operating and Storage Temperature Range Single diode Double diode Symbol VRRM VRWM VR VR(RMS) IFM IFRM IFSM Pd RqJA Tj , TSTG Value 85 60 155 75 500 4.0 1.0 0.5 150 833 -65 to +150 Unit V V mA mA A mW C/W C
DS30260 Rev. 3 - 2
1 of 3
BAS16T, BAW56T, BAV70T, BAV99T
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol V(BR)R VF Min 85 3/4 Max 3/4 0.715 0.855 1.0 1.25 2.0 100 60 30 1.5 4.0 Unit V V mA mA mA nA pF ns Test Condition IR = 100mA IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 25V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
NEW PRODUCT
Characteristic Reverse Breakdown Voltage (Note 1) Forward Voltage (Note 1)
Leakage Current (Note 1) Typical Total Capacitance Reverse Recovery Time Notes:
IR CT trr
3/4 3/4 3/4
1. Short duration test pulse to minimize self-heating effect. 2. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
IF, INSTANTANEOUS FORWARD CURRENT (mA)
300
1000
250 IF, FORWARD CURRENT (mA) 200
Single diode loaded
100
TA = +150C
150 100
Double diode loaded
TA = +125C 10 TA = +75C TA = +25C TA = -25C 0.1 400 600 800 1000 1200
50 0 0 50 100 150 200
VF, INSTANTANEOUS FORWARD VOLTAGE (mV) Fig. 2, Typical Forward Characteristics
10
1
VR = 75V VR = 20V
0.1
0.01
0.001
0.0001 0 50 100 150 200 Tj, JUNCTION TEMPERATURE (C) Fig. 3, Typical Reverse Characteristics
Ordering Information (Note 3)
Device BAS16T-7 BAW56T-7 BAV70T-7 BAV99T-7 Notes: Packaging SOT-523 SOT-523 SOT-523 SOT-523 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datas heets/ap02007.pdf.
DS30260 Rev. 3 - 2
2 of 3
BAS16T, BAW56T, BAV70T, BAV99T
Marking Information
NEW PRODUCT
XXYM
XX = Product Type Marking Code (See Page 1, e.g. A2 = BAS16T) YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R March 3 Apr 4 2005 S May 5 2006 T Jun 6 Jul 7 2007 U Aug 8 Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30260 Rev. 3 - 2
3 of 3
BAS16T, BAW56T, BAV70T, BAV99T


▲Up To Search▲   

 
Price & Availability of BAS16T-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X