Part Number Hot Search : 
OL5492A STB12 2N6070A HIN231 10007 2412D 1THAV SM6T30CA
Product Description
Full Text Search
 

To Download APL0953 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 plerowTM APL0953
www..com
PLL Module Description
The plerowTM PLL synthesizer module was designed for use in wireless and wireline systems in a wide range of frequency from 50 MHz to 6 GHz. ASB's PLL provides exceptionally low spurious and phase noise performance with fast locking time and low current consumption. All products are available in a surface-mount type package.
Features
* 5 dBm Output Level at 953 MHz * Channel Step Size : 200 kHz *2
nd
Harmonic : < -30 dBc
* Spurious Level : < -65 dBc * Lock Time : < 10 ms * Current Consumption : < 30 mA
Specifications
Parameter Frequency Range Output Power Supply Voltage Current Consumption Channel Step Size 2 Harmonics Spurious Level Lock Time Reference Frequency Reference Input Level Phase Noise (C / N) @ 1 kHz @ 10 kHz @ 100 kHz Output Impedance Operating Temp. Range Package Type & Size C mm -40 dBc/Hz -79 -104 -122 50 25 SMT, 19.0Wx19.0Lx5.8H 80 -74 -99 -117
nd
Unit MHz dBm V mA kHz dBc dBc ms MHz dBm
Min. 938 3 4.75
Typical
Max. 968
5 5 25 200 -40 -70
7 5.25 30
More Information
Website: www.asb.co.kr E-mail: sales@asb.co.kr Tel: (82) 42-528-7223 Fax: (82) 42-528-7222 ASB Inc., 4th Fl. Venture Town Bldg., 367-17 Goijeong-Dong, Seo-Gu, Daejon 302-716, Korea
-30 -65 10
10 0
1) Measurement conditions are as follows: T = 25C, VCC = 5 V, Freq. = 953 MHz, 50 ohm system.
Outline Drawing
1/1
www.asb.co.kr
December 2007


▲Up To Search▲   

 
Price & Availability of APL0953

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X