Part Number Hot Search : 
MM1923H MAX1604 BAS21T1 LTM4620 ADP1864 BZX84 HER801 645ETT
Product Description
Full Text Search
 

To Download 83AC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SKiiP 83 AC 12 - SKiiP 83 AC 12 I
www..com
Absolute Maximum Ratings
Symbol VCES VGES IC ICM Tj Tstg Visol Conditions 1) Values 1200 20 125 / 85 250 / 170 - 40 . . . + 150 - 40 . . . + 125 2500 80 / 53 160 / 106 720 2600 Units V V A A C C V A A A A2 s
Theatsink = 25 / 80 C tp < 1 ms; Theatsink = 25 / 80 C AC, 1 min.
MiniSKiiP 8 SEMIKRON integrated intelligent Power SKiiP 83 AC 12 SKiiP 83 AC 12 I 3) SKiiP 83 AC 12 IS 4) IGBT 3-phase bridge inverter
Case M8
Inverse Diode IF = -IC Theatsink = 25 / 80 C IFM = -ICM tp < 1 ms; Theatsink = 25 / 80 C tp = 10 ms; sin., Tj = 25 C IFSM tp = 10 ms; sin., Tj = 25 C I2t
Characteristics
Symbol Conditions 1) IGBT - Inverter IC = 100 A Tj = 25 (125) C VCEsat VCC = 600 V; VGE = 15 V td(on) IC = 100 A; Tj = 125 C tr Rgon = Rgoff = 11 td(off) inductive load tf Eon + Eoff Cies VCE = 25 V; VGE = 0 V, 1 MHz per IGBT Rthjh Diode 2) - Inverter VF = VEC IF = 75 A Tj = 25 (125) C Tj = 125 C VTO Tj = 125 C rT IF = 75 A, VR = - 600 V IRRM diF/dt = - 800 A/s Qrr VGE = 0 V, Tj = 125 C Eoff per diode Rthjh min. - - - - - - - - - - - - - - - typ. max. Units V 2,5(3,1) 3,0(3,7) ns 100 50 ns 110 55 ns 600 400 ns 100 70 mJ - 27 nF - 6,6 K/W 0,25 - V 2,0(1,8) 2,5(2.3) V 1,2 1,0 m 15 11 A - 45 C - 11 mJ - 3,0 K/W 0,8 -
~ ~ ~
UL recognized file no. E63532
* *
more detailed characteristics of current sensors and temperature sensor please refer to part A common characteristics see page B 16 - 4
Current sensor for three phase output ac current (SKiiP 83 AC 12 I) Ip RMS Continuous current, - 50 - T = 100 C, Vsuppl = 15 V 80 - - t 2s Ipmax RMS - 1000 - t 10 s Ip peak - 50 - terminating resistance Rout rated sensor current Is RMS 25 at Ip = 50 ARMS 1 : 2000 Ip : Is transfer ratio - 0,2 - Offset error IP = 0 A, T = - 40 ... 100 C - 0,1 - Linearity - <1 - delay time IP = 10 % - 80 % - <1 - 90 % - 20 % 0 - 100 (- 3dB) Bandwidth Temperature Sensor RTS T = 25 / 100 C Mechanical Data case to heatsink, SI Units M1 Case mechanical outline see pages B 16 - 11 and B 16 - 12 2,5 1000 / 1670 - M8 3,5
A A A mA mA % s s kHz Nm
Options * also available with powerful freewheeling diodes. Data sheet on request
1) 2)
3) 4)
Theatsink = 25 C, unless otherwise specified CAL = Controlled Axial Lifetime Technology (soft and fast recovery) With integrated closed loop current sensors Extended current range, data sheet on request
(c) by SEMIKRON
0698
B 16 - 67
IC [A] 200 www..com 17V 160 0 15V 13V 120 11V 9V 80 7V
83AC1201
IC [A] 200
83AC1202
17V 160 15V 13V 120 11V 9V 80 7V
40
40
0 0 1 2 3 4 5 VCE [V]
0 0 1 2 3 4 5 VCE [V]
Fig. 1 Typ. output characteristic, tp = 80 s; 25 C
Fig. 2 Typ. output characteristic, tp = 80 s; 125 C
Tj = 125 C VCE = 600 V VGE = 15 V RG = 11
Tj = 125 C VCE = 600 V VGE = 15 V IC = 100 A
Fig. 3 Turn-on /-off energy = f (IC)
VGE [V] 20 18 600V 16 14 12 10 8 6 4 2 0 0 200 400 600 800 QG [nC] 800V
83AC1205
Fig. 4 Turn-on /-off energy = f (RG) ICpuls = 100 A VGE = 0 V f = 1 MHz
Fig. 5 Typ. gate charge characteristic B 16 - 68
Fig. 6 Typ. capacitances vs. V CE 0698 (c) by SEMIKRON
MiniSKiiP 1200 V
www..com
ICop / IC 1.2
Mini1207
Tj = 150 C VGE = 15 V
1.0
0.8
0.6
0.4
0.2
0 0 25 50 75 100 125 150 Th [C]
Fig. 7 Rated current of the IGBT ICop / IC = f (Th)
ICpuls/IC 2,5
Mini1209
Tj = 150 C VGE = 15 V
ICsc/ICN 12
Mini1210
2
10
Tj = 150 C VGE = 15 V tsc = 10 s Lext < 25 nH
8
1,5
6
1
4
Note: *Allowed numbers of short ci cuit:<1000 r *Time between short circuit:>1s
0,5
2
0 0 500 1000 1500 VCE [V]
0 0 500 1000 1500
VCE [V]
Fig. 9 Turn-off safe operating area (RBSOA) of the IGBT
Fig. 10 Safe operating area at short circuit of the IGBT
Fig. 11 Typ. freewheeling diode forward characteristic B 16 - 4
Fig. 12 Forward characteristic of the input bridge diode 0698 (c) by SEMIKRON
www..com
MiniSKiiP 8
Inverter part SKiiP 82 AC 06 ... SKiiP 83 AC 06 ... SKiiP 81 AC 12 ... SKiiP 82 AC 12 ... SKiiP 83 AC 12 ... Circuit Case M8 Note: The current sensors are available only by option I
www..com
MiniSKiiP 8
Inverter part SKiiP 82 AC 06 ... SKiiP 83 AC 06 ... SKiiP 81 AC 12 ... SKiiP 82 AC 12 ... SKiiP 83 AC 12 ... Case M8 Layout and connections for the customer's printed circuit board
pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
~1 - + ~2 + - ~3
connection T+ TET1 CB1 GB1 GT1 EB1 EB2 CT1 CT2 GB2 GT2 ET2 CB2 CT1 CT2 EB1 EB2 GT3 ET3 CB3 GB3 K1 for ~1 K2 for ~1 S1 for ~1 S2 for ~1 K1 for ~2 K2 for ~2 S1 for ~2 S2 for ~2 K1 for ~3 K2 for ~3 S1 for ~3 S2 for ~3
optional
EB3 CT3
CT3 EB3
X X X X X X X X X X X X


▲Up To Search▲   

 
Price & Availability of 83AC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X