Part Number Hot Search : 
008226 0190670 BY228 20150 SEPIC 10250 D0303 HYS72T
Product Description
Full Text Search
 

To Download 2N3954 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LS3954A LS3954 LS3955 LS3956 LS3958
Linear Integrated Systems
FEATURES
LOW DRIFT LOW LEAKAGE LOW NOISE |VGS1-2 /T|= 5V/C max. IG = 20pA TYP. en= 10nV/Hz TYP.
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
ABSOLUTE MAXIMUM RATINGS NOTE 1 @ 25C (unless otherwise noted) Maximum Temperatures Storage Temperature Operating Junction Temperature G1 -65 to +200C +150C D1 S1 D12 G1 G2 S2 D2 31 X 32 MILS 400mW @ 25C BOTTOM VIEW 1 S1 7 G2 6 D2 3 5 S2
Maximum Voltage and Current for Each Transistor NOTE 1 Gate to Drain or Source Voltage 60V -VGSS -VDSO -IG(f) Drain to Source Voltage Gate Forward Current 60V 50mA
Maximum Power Dissipation Device Dissipation @ Free Air - Total
ELECTRICAL CHARACTERISTICS @ 25C (unless otherwise noted) SYMBOL CHARACTERISTICS LS3954A LS3954 LS3955 LS3956 LS3958 UNITS CONDITIONS 5 10 25 50 100 V/C VDG= 20V, ID= 200A |VGS1-2 /T| max. Drift vs. Temperature TA= -55C to +125C |VGS1-2| max. SYMBOL BVGSS BVGGO Yfss Yfs |Yfs1-2/Yfs| IDSS |IDSS1-2/IDSS| VGS(off) or VP VGS -IG -IG -IG -IGSS Offset Voltage CHARACTERISTICS Breakdown Voltage Gate-to-Gate Breakdown TRANSCONDUCTANCE Full Conduction Typical Operation Mismatch DRAIN CURRENT Full Conduction Mismatch at Full Conduction GATE VOLTAGE Pinchoff Voltage Operating Range GATE CURRENT Operating High Temperature Reduced VDG At Full Conduction ----20 -5 -50 50 -100 pA nA pA pA VDG= 20V VDG= 20V VDG= 10V VDG= 20V ID= 200A ID= 200A ID= 200A VDS= 0 TA=+125C 1 0.5 2 -4.5 4 V V VDS= 20V VDS= 20V ID= 1nA ID= 200A 0.5 -2 1 5 5 mA % VDG= 20V VGS= 0 1000 500 -2000 700 0.6 3000 1000 3 mho mho % VDG= 20V VDG= 20V VGS= 0 ID= 200A f= 1kHz 5 MIN. 60 60 5 TYP. --10 MAX. --15 UNITS V V 25 mV VDG= 20V, ID= 200A
CONDITIONS VDS= 0 ID= 1A IG= 1nA ID= 0 IS= 0
Linear Integrated Systems
4042 Clipper Court, Fremont, CA 94538 * TEL: (510) 490-9160 * FAX: (510) 353-0261
SYMBOL YOSS YOS |YOS1-2| CMR CMR NF en
CHARACTERISTICS OUTPUT CONDUCTANCE Full Conduction Operating Differential COMMON MODE REJECTION -20 log |VGS1-2/VDS| -20 log |VGS1-2/VDS| NOISE Figure Voltage CAPACITANCE Input Reverse Transfer Drain-to-Drain
MIN. --------
TYP. -0.1 0.01 100 75 ---
MAX. 5 1 0.1 --0.5 15
UNITS mho mho mho dB dB dB nV/Hz
CONDITIONS VDG= 20V VDG= 20V VGS= 0 ID= 200A
VDS= 10 to 20V VDS= 5 to 10V
ID= 200A ID= 200A
RG= 10M VDS= 20V VGS= 0 f= 100Hz NBW= 6Hz VDS= 20V ID= 200A f= 10Hz NBW= 1Hz VDS= 20V VDG= 20V VGS= 0 f= 1MHz ID= 200A
CISS CRSS CDD
----
--0.1
6 2 --
pF pF pF
TO-71
Six Lead
0.195 DIA. 0.175 0.030 MAX. 0.230 DIA. 0.209 0.150 0.115
TO-78
0.305 0.335 0.335 0.370 MAX. 0.040 0.165 0.185 MIN. 0.500 SEATING PLANE 0.200 0.100
P-DIP
0.320 (8.13) 0.290 (7.37) 0.405 (10.29) MAX. S1 D1 SS G1 1 2 3 4 8 7 6 5 G2 SS D2 S2
0.016 0.019 DIM. A 0.016 0.021 DIM. B 0.029 0.045
2 34 1 5 8 76
6 LEADS
0.019 DIA. 0.016 0.100
0.500 MIN.
0.050
234 1 8 5 6 7
SOIC
0.150 (3.81) 0.158 (4.01)
0.100
45 0.046 0.036
45 0.048 0.028 0.028 0.034
0.188 (4.78) 0.197 (5.00)
S1 D1 SS G1
1 2 3 4
8 7 6 5
G2 SS D2 S2
0.228 (5.79) 0.244 (6.20)
NOTES:
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
Linear Integrated Systems
4042 Clipper Court, Fremont, CA 94538 * TEL: (510) 490-9160 * FAX: (510) 353-0261


▲Up To Search▲   

 
Price & Availability of 2N3954

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X