Part Number Hot Search : 
54329 XLVG12D 00380 SD1542 78L10 NJM283 00KA5W 00350
Product Description
Full Text Search
 

To Download 2EZ56D5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2EZ3.6D5 thru 2EZ200D5 Silicon 2 Watt Zener Diode
SCOTTSDALE DIVISION
DESCRIPTION The 2EZ3.6D5 thru 2EZ200D5 series of axial-leaded 2.0 watt Zeners provides voltage regulation selections with 5% tolerances from 3.6 to 200 volts in a DO-41 plastic package size. Other Zener voltage tolerances are also available by changing the suffix number to the tolerance desired such as 1 and 2 for tighter tolerances or 10 for wider tolerance. These plastic encapsulated Zeners have moisture classification of Level 1 with no dry pack required and are also available in various military equivalent screening levels by adding a prefix identifier as also described in the Features section. They may be operated at high maximum dc currents or full power rating with adequate heat. Microsemi also offers numerous other Zener products to meet higher and lower power applications.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
DO-41 or DO-204AL (Plastic)
FEATURES
* * * * Zener voltage available 3.6 V to 200 V Standard voltage tolerances are plus/minus 5% with a 5 suffix and 10 % with 10 suffix identification Tight tolerances available in plus or minus 2% or 1% with 2 or 1 suffix respectively Options for screening in accordance with MILPRF-19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers. Surface mount equivalents available as SMBJ2EZ3.6D5 to SMBJ2EZ200D5 in the DO214AA package, or SMBG2EZ3.6D5 to SMBG200D5 in the DO-215AA package * * * * * * *
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range Wide selection from 3.6 to 200 V Flexible axial-lead mounting terminals Nonsensitive to ESD per MIL-STD-750 Method 1020 Withstands surge stresses High specified maximum current (IZM) when adequately heat sunk Moisture classification is Level 1 per IPC/JEDEC J-STD-020B with no dry pack required
*
MAXIMUM RATINGS
* * * Power dissipation at 25 C: 3.0 watts (also see derating in Figure 1). Operating and Storage temperature: -65C to +150C Thermal Resistance: 45 C/W junction to lead at 3/8 (10 mm) lead length from body, or 105C/W junction to ambient when mounted on FR4 PC board (1oz Cu) with 4 mm2 copper pads and track width 1 mm, length 25 mm Steady-State Power: 2 watts at TL < 60oC 3/8 inch (10 mm) from body, or 1.19 watts at TA = 25C when mounted on FR4 PC described for thermal resistance (also see Figure 1) Forward voltage @200 mA: 1.2 volts (maximum) Solder Temperatures: 260 C for 10 s (max)
MECHANICAL AND PACKAGING
* * * CASE: Void-free transfer molded thermosetting epoxy body meeting UL94V-0 TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, method 2026 POLARITY: Cathode indicated by band where diode is to be operated with the banded end positive with respect to the opposite end for Zener regulation. MARKING: Part number TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) WEIGHT: 0.4 grams See package dimensions on last page
2EZ3.6D5 thru 2EZ200D5
*
* * * *
* *
Copyright 2003 7-12-2003 REV 0
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
2EZ3.6D5 thru 2EZ200D5 Silicon 2 Watt Zener Diode
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS @ 25oC
MICRO TYPE NUMBER (Note 1) NOMINAL ZENER VOLTAGE (Note 2) MAXIMUM ZENER IMPEDANCE (Note 3) MAXIMUM REVERSE CURRENT MAXIMUM RATED ZENER CURRENT o @ 100 C MAXIMUM SURGE CURRENT (Note 4)
WWW . Microsemi .C OM
VZ
@
IZ
ZZT @ IZT
ZZK
@
IZK
IR
@
VR
IZM
IZSM
VOLTS mA OHMS OHMS mA VOLTS mA A A 2EZ3.6D5 3.6 139 5.0 400 1.0 80 1.0 504 4.6 2EZ3.9D5 3.9 128 5.0 400 1.0 30 1.0 468 4.4 2EZ4.3D5 4.3 116 4.5 400 1.0 20 1.0 434 4.1 2EZ4.7D5 4.7 106 4.5 550 1.0 5.0 1.0 386 3.3 2EZ5.1D5 5.1 98 3.5 600 1.0 5.0 1.0 356 3.5 2EZ5.6D5 5.6 89.5 2.5 500 1.0 5.0 2.0 324 3.3 2EZ6.2D5 6.2 80.5 1.5 700 1.0 5.0 3.0 292 3.1 2EZ6.8D5 6.8 73.5 2.0 700 1.0 5.0 4.0 266 2.9 2EZ7.5D5 7.5 66.5 2.0 700 0.5 5.0 5.0 242 2.66 2EZ8.2D5 8.2 61 2.3 700 0.5 5.0 6.0 220 2.44 2EZ9.1D5 9.1 55 2.5 700 0.5 3.0 7.0 200 2.2 2EZ10D5 10 50 3.5 700 0.25 3.0 7.6 182 2.0 2EZ11D5 11 45.5 4.0 700 0.25 1.0 8.4 166 1.82 2EZ12D5 12 41.5 4.5 700 0.25 1.0 9.1 152 1.66 2EZ13D5 13 38.5 5.0 700 0.25 0.5 9.9 138 1.54 2EZ14D5 14 35.7 5.5 700 0.25 0.5 10.6 130 1.43 2EZ15D5 15 33.4 7.0 700 0.25 0.5 11.4 122 1.33 2EZ16D5 16 31.2 8.0 700 0.25 0.5 12.2 114 1.25 2EZ17D5 17 29.4 9.0 750 0.25 0.5 13.0 107 1.18 2EZ18D5 18 27.8 10 750 0.25 0.5 13.7 100 1.11 2EZ19D5 19 26.3 11 750 0.25 0.5 14.4 95 1.05 2EZ20D5 20 25 11 750 0.25 0.5 15.2 90 1.0 2EZ22D5 22 22.8 12 750 0.25 0.5 16.7 82 0.91 2EZ24D5 24 20.8 13 750 0.25 0.5 18.2 76 0.83 2EZ27D5 27 18.5 18 750 0.25 0.5 20.6 68 0.74 2EZ30D5 30 16.6 20 1000 0.25 0.5 22.5 60 0.67 2EZ33D5 33 15.1 23 1000 0.25 0.5 25.1 55 0.61 2EZ36D5 36 13.9 25 1000 0.25 0.5 27.4 50 0.56 2EZ39D5 39 12.8 30 1000 0.25 0.5 29.7 47 0.51 2EZ43D5 43 11.6 35 1500 0.25 0.5 32.7 43 0.45 2EZ47D5 47 10.6 40 1500 0.25 0.5 35.8 39 0.42 2EZ51D5 51 9.8 48 1500 0.25 0.5 38.8 36 0.39 2EZ56D5 56 9.0 55 2000 0.25 0.5 42.6 32 0.36 2EZ62D5 62 8.1 60 2000 0.25 0.5 47.1 29 0.32 2EZ68D5 68 7.4 75 2000 0.25 0.5 51.7 27 0.29 2EZ75D5 75 6.7 90 2000 0.25 0.5 56 24 0.27 2EZ82D5 82 6.1 100 3000 0.25 0.5 62.2 22 0.24 2EZ91D5 91 5.5 125 3000 0.25 0.5 69.2 20 0.22 2EZ100D5 100 5.0 175 3000 0.25 0.5 76.0 18 0.20 2EZ110D5 110 4.5 250 4000 0.25 0.5 83.6 17 0.18 2EZ120D5 120 4.2 325 4500 0.25 0.5 91.2 15 0.16 2EZ130D5 130 3.8 400 5000 0.25 0.5 98.8 14 0.15 2EZ140D5 140 3.6 500 5500 0.25 0.5 106.4 13 0.14 2EZ150D5 150 3.3 575 6000 0.25 0.5 114 12 0.13 2EZ160D5 160 3.1 650 6500 0.25 0.5 121.6 11 0.12 2EZ170D5 170 2.9 675 7000 0.25 0.5 130.4 11 0.12 2EZ180D5 180 2.8 725 7000 0.25 0.5 136.8 10 0.11 2EZ190D5 190 2.6 825 8000 0.25 0.5 144.8 10 0.10 2EZ200D5 200 2.5 900 8000 0.25 0.5 152 9 0.10 NOTES: 1. Suffix 1 indicates +/-1% tolerance, suffix 2 indicates +/-2% tolerance, suffix 5 indicates +/-5% tolerance. Suffix 10 indicates +/-10%, no suffix indicates +/-20%. 2. The VZ is measured after allowing a 90 second stabilization period when mounted with a 3/8" minimum lead length from body. o o o Ambient temperature, TA = 25 C (+8 C/-2 C). 3. The Zener impedance is derived from 60 cycle ac voltage resulting from an ac current having an rms value equal to 10% of the dc Zener current (IZT or IZK ) is superimposed on IZT or IZK. 4. Maximum Surge Current IZSM is a non-recurrent maximum peak reverse surge with a pulse width of 8.3 ms. Copyright 2003 7-12-2003 REV 0
2EZ3.6D5 thru 2EZ200D5
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
2EZ3.6D5 thru 2EZ200D5 Silicon 2 Watt Zener Diode
SCOTTSDALE DIVISION
WWW . Microsemi .C OM
2EZ
110
D
5
% TOLERANCE 2 WATT MOLDED ZENER DIODE NOMINAL ZENER VOLTAGE DEVICE
GRAPHS
Pd, Maximum Rated Power Dissipation (mW)
TL
PACKAGE DIMENSIONS
TA on FR4 PC board
TL, Lead temperature ( C) at 3/8" from body or TA on FR4 PC Board
o
FIGURE 1 POWER DERATING CURVE
2EZ3.6D5 thru 2EZ200D5
Copyright 2003 7-12-2003 REV 0
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of 2EZ56D5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X