Part Number Hot Search : 
AAT8107 1LT1G MX25L163 DTC114 74LCX 1N5651A TPS610 HC139A
Product Description
Full Text Search
 

To Download 24AA64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
24AA64/24LC64/24FC64
64K I2CTM Serial EEPROM
Device Selection Table
Part Number 24AA64 24LC64 24FC64 Note 1: 2: VCC Range 1.7-5.5 2.5-5.5 1.7-5.5 Max. Clock Frequency 400 kHz(1) 400 kHz 1 MHz
(2)
Temp. Ranges I I, E I
* Pb-Free and RoHS Compliant * Temperature Ranges: - Industrial (I): -40C to +85C - Automotive (E): -40C to +125C
Description:
The Microchip Technology Inc. 24AA64/24LC64/ 24FC64 (24XX64*) is a 64 Kbit Electrically Erasable PROM. The device is organized as a single block of 8K x 8-bit memory with a 2-wire serial interface. Lowvoltage design permits operation down to 1.7V, with standby and active currents of only 1 A and 3 mA, respectively. It has been developed for advanced, lowpower applications such as personal communications or data acquisition. The 24XX64 also has a page write capability for up to 32 bytes of data. Functional address lines allow up to eight devices on the same bus, for up to 512 Kbits address space. The 24XX64 is available in the standard 8-pin PDIP, surface mount SOIC, SOIJ, TSSOP, DFN, TDFN and MSOP packages. The 24XX64 is also available in the 5-lead SOT-23, and Chip Scale packages.
100 kHz for VCC <2.5V 400 kHz for VCC <2.5V
Features:
* Single-Supply with Operation down to 1.7V for 24AA64/24FC64 devices, 2.5V for 24LC64 devices * Low-Power CMOS Technology: - Active current 3 mA, max. - Standby current 1 A, max. * 2-Wire Serial Interface, I2CTM Compatible * Packages with 3 Address Pins are cascadable up to 8 devices * Schmitt Trigger Inputs for Noise Suppression * Output Slope Control to Eliminate Ground Bounce * 100 kHz and 400 kHz Clock Compatibility * 1 MHz Clock for FC versions * Page Write Time 5 ms, max. * Self-timed Erase/Write Cycle * 32-Byte Page Write Buffer * Hardware Write-protect * ESD Protection > 4,000V * More than 1 Million Erase/Write Cycles * Data Retention > 200 Years * Factory Programming Available * Packages include 8-lead PDIP, SOIC, SOIJ, TSSOP, X-Rotated TSSOP, MSOP, DFN, TDFN, 5-lead SOT-23 or Chip Scale
Block Diagram
A0 A1 A2 WP HV Generator
I/O Control Logic
Memory Control Logic
XDEC
EEPROM Array Page Latches
I/O
SCL
YDEC
SDA VCC VSS
Sense Amp. R/W Control
Package Types
PDIP/MSOP/SOIC/SOIJ/TSSOP
A0 A1 A2 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA
SOT-23 X-Rotated TSSOP (X/ST) SCL
SCL VSS SDA VSS SDA A2
DFN/TDFN 5 WP A0 1 A1 2 4 A2 3 VCC VSS 4
CS (Chip Scale)(1) 1 3 4 5 SDA 2 VSS
1 2 3
WP VCC A0 A1
1 2 3 4
8 7 6 5
8 VCC VCC 7 WP WP 6 SCL SCL 5 SDA
(Top Down View, Balls Not Visible)
Note
1:
Available in I-temp, "AA" only.
* 24XX64 is used in this document as a generic part number for the 24AA64/24LC64/24FC64 devices.
2010 Microchip Technology Inc.
DS21189R-page 1
24AA64/24LC64/24FC64
1.0 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings ()
www..com
VCC.............................................................................................................................................................................6.5V All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +1.0V Storage temperature ...............................................................................................................................-65C to +150C Ambient temperature with power applied ................................................................................................-40C to +125C ESD protection on all pins 4 kV NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
Industrial (I): TA = -40C to +85C, VCC = +1.7V to +5.5V Automotive (E): TA = -40C to +125C, VCC = +2.5V to +5.5V Min.
--
DC CHARACTERISTICS Param. No. Sym. -- D1 D2 D3 VIH VIL VHYS Characteristic A0, A1, A2, WP, SCL and SDA pins High-level input voltage Low-level input voltage Hysteresis of Schmitt Trigger inputs (SDA, SCL pins) Low-level output voltage Input leakage current Output leakage current Pin capacitance (all inputs/outputs)
Typ. -- -- -- --
Max. -- -- 0.3 VCC 0.2 VCC --
Units -- V V V V -- --
Conditions
0.7 VCC -- 0.05 VCC
VCC 2.5V VCC 2.5V VCC 2.5V (Note 1)
D4 D5 D6 D7 D8 D9 D10
VOL ILI ILO CIN, COUT ICC read ICCS
-- -- -- -- -- -- -- --
-- -- -- -- 0.1 0.05 .01 --
0.40 1 1 10 3 400 1 5
V A A pF mA A A A
IOL = 3.0 mA @ VCC = 4.5V IOL = 2.1 mA @ VCC = 2.5V VIN = VSS or VCC, WP = VSS VIN = VSS or VCC, WP = VCC VOUT = VSS or VCC VCC = 5.0V (Note 1) TA = 25C, FCLK = 1 MHz VCC = 5.5V, SCL = 400 kHz Industrial Automotive SDA = SCL = VCC A0, A1, A2, WP = VSS
ICC write Operating current Standby current
Note 1: 2:
This parameter is periodically sampled and not 100% tested. Typical measurements taken at room temperature.
DS21189R-page 2
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
TABLE 1-2: AC CHARACTERISTICS
Electrical Characteristics: Industrial (I): VCC = +1.7V to 5.5V TA = -40C to +85C Automotive (E): VCC = +2.5V to 5.5V TA = -40C to 125C Characteristic Clock frequency Min. -- -- -- -- 4000 600 600 500 4700 1300 1300 500 -- -- -- -- -- 4000 600 600 250 4700 600 600 250 0 250 100 100 4000 600 600 250 4000 600 600 4700 1300 1300 Max. 100 400 400 1000 -- -- -- -- -- -- -- -- 1000 300 300 300 100 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Units kHz Conditions 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 2.5V 24FC64 2.5V VCC 5.5V 24FC64 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 2.5V 24FC64 2.5V VCC 5.5V 24FC64 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 2.5V 24FC64 2.5V VCC 5.5V 24FC64 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 5.5V 24FC64 All except, 24FC64 1.7V VCC 5.5V 24FC64 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 2.5V 24FC64 2.5V VCC 5.5V 24FC64 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 2.5V 24FC64 2.5V VCC 5.5V 24FC64 (Note 2) 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 5.5V 24FC64 1.7 V VCC 2.5V 2.5 V VCC 5.5V 1.7V VCC 2.5V 24FC64 2.5 V VCC 5.5V 24FC64 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 5.5V 24FC64 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 5.5V 24FC64 AC CHARACTERISTICS Param. No. 1 Sym. FCLK
www..com
2
THIGH
Clock high time
ns
3
TLOW
Clock low time
ns
4
TR
SDA and SCL rise time (Note 1) SDA and SCL fall time (Note 1)
ns
5 6
TF
ns ns
THD:STA Start condition hold time
7
TSU:STA
Start condition setup time
ns
8 9
THD:DAT Data input hold time TSU:DAT Data input setup time
ns ns
10
TSU:STO Stop condition setup time
ns
11
TSU:WP
WP setup time
ns
12
THD:WP
WP hold time
ns
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF. 2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions. 3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved noise spike suppression. This eliminates the need for a TI specification for standard operation. 4: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total EnduranceTM Model, which can be obtained from Microchip's web site at www.microchip.com.
2010 Microchip Technology Inc.
DS21189R-page 3
24AA64/24LC64/24FC64
AC CHARACTERISTICS Param. No. 13 Sym. TAA Characteristic Output valid from clock (Note 2)
www..com
Electrical Characteristics: Industrial (I): VCC = +1.7V to 5.5V TA = -40C to +85C Automotive (E): VCC = +2.5V to 5.5V TA = -40C to 125C Min. -- -- -- -- 4700 1300 1300 500 10 + 0.1CB Max. 3500 900 900 400 -- -- -- -- 250 250 50 5 -- Units ns Conditions 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 2.5V 24FC64 2.5V VCC 5.5V 24FC64 1.7V VCC 2.5V 2.5V VCC 5.5V 1.7V VCC 2.5V 24FC64 2.5V VCC 5.5V 24FC64 All except, 24FC64 (Note 1) 24FC64 (Note 1) All except, 24FC64 (Notes 1 and 3) --
14
TBUF
Bus free time: Time the bus must be free before a new transmission can start Output fall time from VIH minimum to VIL maximum CB 100 pF Input filter spike suppression (SDA and SCL pins) Write cycle time (byte or page) Endurance
ns
15
TOF
ns
16 17 18
TSP TWC --
-- -- 1,000,000
ns ms
cycles Page Mode 25C, 5.5V (Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF. 2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions. 3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved noise spike suppression. This eliminates the need for a TI specification for standard operation. 4: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total EnduranceTM Model, which can be obtained from Microchip's web site at www.microchip.com.
FIGURE 1-1:
BUS TIMING DATA
5
2
D4
4
SCL SDA IN
7 6 16
3
8
9
10
13 SDA OUT (protected) (unprotected)
14
WP
11
12
DS21189R-page 4
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
2.0 PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
www..com
TABLE 2-1:
PIN FUNCTION TABLE
Rotated DFN(1) TDFN(1) MSOP TSSOP 3 4 5 6 7 8 1 2 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 SOT-23 -- -- -- 2 3 1 5 4 CS -- -- -- 2 5 4 3 1 Description Chip Address Input Chip Address Input Chip Address Input Ground Serial Address/Data I/O Serial Clock Write-Protect Input +1.7V to 5.5V Power Supply
Name PDIP SOIC TSSOP A0 A1 A2 VSS SDA SCL WP VCC 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8
Note 1: The exposed pad on the DFN/TDFN packages can be connected to VSS or left floating.
2.1
A0, A1, A2 Chip Address Inputs
2.3
Serial Clock (SCL)
The A0, A1 and A2 inputs are used by the 24XX64 for multiple device operation. The levels on these inputs are compared with the corresponding bits in the slave address. The chip is selected if the compare is true. Up to eight devices may be connected to the same bus by using different Chip Select bit combinations. These inputs must be connected to either VCC or VSS. In most applications, the chip address inputs A0, A1 and A2 are hard-wired to logic `0' or logic `1'. For applications in which these pins are controlled by a microcontroller or other programmable device, the chip address pins must be driven to logic `0' or logic `1' before normal device operation can proceed. Address pins are not available in the SOT-23 or Chip Scale packages.
The SCL input is used to synchronize the data transfer from and to the device.
2.4
Write-Protect (WP)
This pin must be connected to either VSS or VCC. If tied to VSS, write operations are enabled. If tied to VCC, write operations are inhibited but read operations are not affected.
3.0
FUNCTIONAL DESCRIPTION
2.2
Serial Data (SDA)
SDA is a bidirectional pin used to transfer addresses and data into and out of the device. Since it is an opendrain terminal, the SDA bus requires a pull-up resistor to VCC (typical 10 k for 100 kHz, 2 kfor 400 kHz). For normal data transfer, SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the Start and Stop conditions.
The 24XX64 supports a bidirectional, 2-wire bus and data transmission protocol. A device that sends data onto the bus is defined as transmitter, while a device receiving data is defined as a receiver. The bus has to be controlled by a master device which generates the Serial Clock (SCL), controls the bus access and generates the Start and Stop conditions, while the 24XX64 works as slave. Both master and slave can operate as transmitter or receiver, but the master device determines which mode is activated.
2010 Microchip Technology Inc.
DS21189R-page 5
24AA64/24LC64/24FC64
4.0 BUS CHARACTERISTICS
The following bus protocol has been defined: * Data transfer may be initiated only when the bus is not busy * During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data line while the clock line is high will be interpreted as a Start or Stop condition Accordingly, the following bus conditions have been defined (Figure 4-1).
www..com
The data on the line must be changed during the low period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a Start condition and terminated with a Stop condition. The number of data bytes transferred between Start and Stop conditions is determined by the master device and is, theoretically, unlimited (although only the last thirty two will be stored when doing a write operation). When an overwrite does occur, it will replace data in a first-in first-out (FIFO) fashion.
4.1
Bus Not Busy (A)
4.5
Acknowledge
Both data and clock lines remain high.
4.2
Start Data Transfer (B)
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The master device must generate an extra clock pulse which is associated with this Acknowledge bit. Note: The 24XX64 does not generate any Acknowledge bits if an internal programming cycle is in progress.
A high-to-low transition of the SDA line while the clock (SCL) is high determines a Start condition. All commands must be preceded by a Start condition.
4.3
Stop Data Transfer (C)
A low-to-high transition of the SDA line while the clock (SCL) is high determines a Stop condition. All operations must be ended with a Stop condition.
4.4
Data Valid (D)
The state of the data line represents valid data when, after a Start condition, the data line is stable for the duration of the high period of the clock signal.
The device that acknowledges has to pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA line is stable low during the high period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. During reads, a master must signal an end of data to the slave by not generating an Acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave (24XX64) will leave the data line high to enable the master to generate the Stop condition.
FIGURE 4-1:
(A) SCL (B)
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
(D) (D) (C) (A)
SDA
Start Condition
Address or Acknowledge Valid
Data Allowed to Change
Stop Condition
DS21189R-page 6
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
5.0 DEVICE ADDRESSING
A control byte is the first byte received following the Start condition from the master device (Figure 5-1). The control byte consists of a four-bit control code. For the 24XX64, this is set as `1010' binary for read and write operations. The next three bits of the control byte are the Chip Select bits (A2, A1, A0). The Chip Select bits allow the use of up to eight 24XX64 devices on the same bus and are used to select which device is accessed. The Chip Select bits in the control byte must correspond to the logic levels on the corresponding A2, A1 and A0 pins for the device to respond. These bits are, in effect, the three Most Significant bits of the word address. For the SOT-23 and Chip Scale packages, the address pins are not available. During device addressing, the A2, A1 and A0 Chip Select bits (Figure 5-2) should be set to `0'. The last bit of the control byte defines the operation to be performed. When set to a `1', a read operation is selected. When set to a `0', a write operation is selected. The next two bytes received define the address of the first data byte (Figure 5-2). Because only A12...A0 are used, the upper-three address bits are "don't care" bits. The upper-address bits are transferred first, followed by the Less Significant bits. Following the Start condition, the 24XX64 monitors the SDA bus, checking the device-type identifier being transmitted. Upon receiving a `1010' code and appropriate device-select bits, the slave device outputs an Acknowledge signal on the SDA line. Depending on the state of the R/W bit, the 24XX64 will select a read or write operation.
www..com
FIGURE 5-1:
CONTROL BYTE FORMAT
Read/Write Bit Chip Select Bits 0 A2 A1 A0 R/W ACK
Control Code S 1 0 1
Slave Address Start Bit Acknowledge Bit
5.1
Contiguous Addressing Across Multiple Devices
The Chip Select bits A2, A1 and A0 can be used to expand the contiguous address space for up to 512K bits by adding up to eight 24XX64 devices on the same bus. In this case, software can use A0 of the control byte as address bit A13; A1 as address bit A14; and A2 as address bit A15. It is not possible to sequentially read across device boundaries. The SOT-23 and Chip Scale packages do not support multiple device addressing on the same bus.
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
Control Byte Address High Byte Address Low Byte
1
0
1
0
A 2
A 1 Chip Select bits
A 0 R/W
x
x
x
AAA 12 11 10
A 9
A 8
A 7
*
*
*
*
*
*
A 0
Control Code
x = "don't care" bit
2010 Microchip Technology Inc.
DS21189R-page 7
24AA64/24LC64/24FC64
6.0
6.1
www..com
WRITE OPERATIONS
Byte Write
6.2
Page Write
Following the Start condition from the master, the control code (four bits), the Chip Select (three bits) and the R/W bit (which is a logic low) are clocked onto the bus by the master transmitter. This indicates to the addressed slave receiver that the address high byte will follow once it has generated an Acknowledge bit during the ninth clock cycle. Therefore, the next byte transmitted by the master is the high-order byte of the word address and will be written into the Address Pointer of the 24XX64. The next byte is the Least Significant Address Byte. After receiving another Acknowledge signal from the 24XX64, the master device will transmit the data word to be written into the addressed memory location. The 24XX64 acknowledges again and the master generates a Stop condition. This initiates the internal write cycle and, during this time, the 24XX64 will not generate Acknowledge signals (Figure 6-1). If an attempt is made to write to the array with the WP pin held high, the device will acknowledge the command, but no write cycle will occur, no data will be written and the device will immediately accept a new command. After a byte Write command, the internal address counter will point to the address location following the one that was just written. Note: When doing a write of less than 32 bytes the data in the rest of the page is refreshed along with the data bytes being written. This will force the entire page to endure a write cycle, for this reason endurance is specified per page.
The write control byte, word address and the first data byte are transmitted to the 24XX64 in the same way as in a byte write. However, instead of generating a Stop condition, the master transmits up to 31 additional bytes which are temporarily stored in the on-chip page buffer and will be written into memory once the master has transmitted a Stop condition. Upon receipt of each word, the five lower Address Pointer bits are internally incremented by one. If the master should transmit more than 32 bytes prior to generating the Stop condition, the address counter will roll over and the previously received data will be overwritten. As with the byte write operation, once the Stop condition is received, an internal write cycle will begin (Figure 6-2). If an attempt is made to write to the array with the WP pin held high, the device will acknowledge the command, but no write cycle will occur, no data will be written, and the device will immediately accept a new command. Note: Page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. Physical page boundaries start at addresses that are integer multiples of the page buffer size (or `page size') and end at addresses that are integer multiples of [page size - 1]. If a Page Write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page, as might be expected. It is therefore necessary for the application software to prevent page write operations that would attempt to cross a page boundary.
6.3
Write Protection
The WP pin allows the user to write-protect the entire array (0000-1FFF) when the pin is tied to VCC. If tied to VSS the write protection is disabled. The WP pin is sampled at the Stop bit for every Write command (Figure 4-1). Toggling the WP pin after the Stop bit will have no effect on the execution of the write cycle.
DS21189R-page 8
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
FIGURE 6-1:
Bus Activity Master
www..com
BYTE WRITE
S T A R T Control Byte Address High Byte xxx A C K A C K A C K A C K Address Low Byte S T O P P
Data
SDA Line
S 1 0 1 0 AAA 0 210
Bus Activity x = "don't care" bit
FIGURE 6-2:
S T A R T
PAGE WRITE
Control Byte Address High Byte xxx A C K A C K A C K A C K A C K Address Low Byte S T O P P
Bus Activity Master SDA Line Bus Activity x = "don't care" bit
Data Byte 0
Data Byte 31
S 10 10AAA0 210
2010 Microchip Technology Inc.
DS21189R-page 9
24AA64/24LC64/24FC64
7.0 ACKNOWLEDGE POLLING
FIGURE 7-1:
Since the device will not acknowledge during a write cycle, this can be used to determine when the cycle is complete (this feature can be used to maximize bus throughput). Once the Stop condition for a Write command has been issued from the master, the device initiates the internally-timed write cycle and ACK polling can then be initiated immediately. This involves the master sending a Start condition followed by the control byte for a Write command (R/W = 0). If the device is still busy with the write cycle, then no ACK will be returned. If no ACK is returned, the Start bit and control byte must be re-sent. If the cycle is complete, the device will return the ACK and the master can then proceed with the next Read or Write command. See Figure 7-1 for a flow diagram of this operation.
www..com
ACKNOWLEDGE POLLING FLOW
Send Write Command
Send Stop Condition to Initiate Write Cycle
Send Start
Send Control Byte with R/W = 0
Did Device Acknowledge (ACK = 0)? Yes Next Operation
No
DS21189R-page 10
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
8.0 READ OPERATION
Read operations are initiated in the same way as write operations, with the exception that the R/W bit of the control byte is set to one. There are three basic types of read operations: current address read, random read and sequential read. This terminates the write operation, but not before the internal Address Pointer is set. The master then issues the control byte again, but with the R/W bit set to a one. The 24XX64 will then issue an acknowledge and transmit the 8-bit data word. The master will not acknowledge the transfer, but does generate a Stop condition, which causes the 24XX64 to discontinue transmission (Figure 8-2). After a random Read command, the internal address counter will point to the address location following the one that was just read.
www..com
8.1
Current Address Read
The 24XX64 contains an address counter that maintains the address of the last word accessed, internally incremented by one. Therefore, if the previous read access was to address `n' (n is any legal address), the next current address read operation would access data from address n + 1. Upon receipt of the control byte with R/W bit set to one, the 24XX64 issues an acknowledge and transmits the eight-bit data word. The master will not acknowledge the transfer, but does generate a Stop condition and the 24XX64 discontinues transmission (Figure 8-1).
8.3
Sequential Read
8.2
Random Read
Random read operations allow the master to access any memory location in a random manner. To perform this type of read operation, the word address must first be set. This is accomplished by sending the word address to the 24XX64 as part of a write operation (R/W bit set to `0'). Once the word address is sent, the master generates a Start condition following the acknowledge.
Sequential reads are initiated in the same way as random reads, except that once the 24XX64 transmits the first data byte, the master issues an acknowledge as opposed to the Stop condition used in a random read. This acknowledge directs the 24XX64 to transmit the next sequentially-addressed 8-bit word (Figure 8-3). Following the final byte being transmitted to the master, the master will NOT generate an acknowledge, but will generate a Stop condition. To provide sequential reads, the 24XX64 contains an internal Address Pointer which is incremented by one at the completion of each operation. This Address Pointer allows the entire memory contents to be serially read during one operation. The internal Address Pointer will automatically roll over from address 1FFF to address 0000 if the master acknowledges the byte received from the array address 1FFF.
FIGURE 8-1:
CURRENT ADDRESS READ
S T A R T S A C K N O A C K Control Byte S T O P P
Bus Activity Master
Data (n)
SDA Line Bus Activity
2010 Microchip Technology Inc.
DS21189R-page 11
24AA64/24LC64/24FC64
FIGURE 8-2:
Bus Activity Master
www..com
RANDOM READ
S T A R T Control Byte Address High Byte xxx A C K A C K A C K Address Low Byte S T A R T Control Byte Data Byte S T O P P A C K N O A C K
SDA Line Bus Activity x = "don't care" bit
S1010AAA0 210
S 1 0 1 0 A AA1 210
FIGURE 8-3:
Bus Activity Master SDA Line Bus Activity
SEQUENTIAL READ
Control Byte Data n Data n + 1 Data n + 2 Data n + x S T O P P A C K A C K A C K A C K N O A C K
DS21189R-page 12
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
9.0
9.1
www..com
PACKAGING INFORMATION
Package Marking Information
8-Lead PDIP (300 mil)
XXXXXXXX T/XXXNNN YYWW
Example:
24LC64 I/P e3 13F 0527
8-Lead SOIC (3.90 mm)
XXXXXXXT XXXXYYWW NNN
Example:
24LC64I SN e3 0527 13F
8-Lead SOIC (5.28 mm)
XXXXXXXX T/XXXXXX YYWWNNN
Example:
24LC64 I/SM e3 052713F
8-Lead TSSOP
XXXX TYWW NNN
Example:
4LB I527 13F
8-Lead MSOP
Example:
XXXXXT YWWNNN
4L64I 52713F
8-Lead 2x3 DFN
XXX YWW NN
Example:
274 527 I3
2010 Microchip Technology Inc.
DS21189R-page 13
24AA64/24LC64/24FC64
8-Lead 2x3 TDFN
XXX YWW NN
www..com
Example:
A74 527 I3
5-Lead SOT-23
Example:
XXNN
7GNN
5-Lead Chip Scale
XW NN
Example:
75 13
1st Line Marking Codes Part Number TSSOP 24AA64 24LC64 24FC64 Note: 4AB 4LB 4FB TSSOP X-Rotated 4ABX 4LBX -- MSOP 4A64T 4L64T 4F64T 271 274 27A DFN I Temp. E Temp. -- 275 -- A71 A74 A7A TDFN I Temp. E Temp. -- A75 -- SOT-23 I Temp. 7HNN 7GNN -- E Temp. -- 7JNN --
T = Temperature grade (I, E) Legend: XX...X T Y YY WW NNN Part number or part number code Temperature (I, E) Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn)
e3
Note:
For very small packages with no room for the Pb-free JEDEC designator e3 , the marking will only appear on the outer carton or reel label. In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
Note:
DS21189R-page 14
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
/HDG 3ODVWLF 'XDO ,Q/LQH 3 PLO %RG\ >3',3@
1RWH )RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
www..com
N
NOTE 1 E1
1
2 D
3 E
A
A2
A1
L
c
e b1 b
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 7RS WR 6HDWLQJ 3ODQH 0ROGHG 3DFNDJH 7KLFNQHVV %DVH WR 6HDWLQJ 3ODQH 6KRXOGHU WR 6KRXOGHU :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK 7LS WR 6HDWLQJ 3ODQH /HDG 7KLFNQHVV 8SSHU /HDG :LGWK /RZHU /HDG :LGWK 2YHUDOO 5RZ 6SDFLQJ 1 H $ $ $ ( ( ' / F E E H% 0,1 ,1&+(6 120 %6& 0$;
eB
1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWK WKH KDWFKHG DUHD 6LJQLILFDQW &KDUDFWHULVWLF 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG SHU VLGH 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%
2010 Microchip Technology Inc.
DS21189R-page 15
24AA64/24LC64/24FC64
/HDG 3ODVWLF 6PDOO 2XWOLQH 61 1DUURZ PP %RG\ >62,&@
1RWH
www..com
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
D e N
E E1
NOTE 1 1 2 3 b h c h
A
A2
A1
L L1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK &KDPIHU RSWLRQDO )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV /HDG :LGWK 0ROG 'UDIW $QJOH 7RS 0ROG 'UDIW $QJOH %RWWRP 1 H $ $ $ ( ( ' K / / I F E D E 0,1
0,//,0(7(56 120 %6& %6& %6& %6& 5() 0$;
1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 6LJQLILFDQW &KDUDFWHULVWLF 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG PP SHU VLGH 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\ 0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%
DS21189R-page 16
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
/HDG 3ODVWLF 6PDOO 2XWOLQH 61 1DUURZ PP %RG\ >62,&@
1RWH )RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
www..com
2010 Microchip Technology Inc.
DS21189R-page 17
24AA64/24LC64/24FC64
/HDG 3ODVWLF 6PDOO 2XWOLQH 60 0HGLXP PP %RG\ >62,-@
1RWH
www..com
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
D N
E E1
1 b
2 e
c A A2
A1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK )RRW /HQJWK )RRW $QJOH /HDG 7KLFNQHVV /HDG :LGWK 0ROG 'UDIW $QJOH 7RS 0ROG 'UDIW $QJOH %RWWRP 1 H $ $ $ ( ( ' / I F E D E 0,1
0,//,0(7(56 120 %6&
L
0$;

1RWHV 62,- -(,7$(,$- 6WDQGDUG IRUPHUO\ FDOOHG 62,& 6LJQLILFDQW &KDUDFWHULVWLF 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG PP SHU VLGH 0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%
DS21189R-page 18
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
www..com
2010 Microchip Technology Inc.
DS21189R-page 19
24AA64/24LC64/24FC64
/HDG 3ODVWLF 6PDOO 2XWOLQH 7UDQVLVWRU 27 >627@
1RWH
www..com
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
b N
E E1
1 e
2
3
e1 D
A
A2
c
A1
L L1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV /HDG 3LWFK 2XWVLGH /HDG 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV 1 H H $ $ $ ( ( ' / / I F 0,1 0,//,0(7(56 120 %6& %6& 0$;
/HDG :LGWK E 1RWHV 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG PP SHU VLGH 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%
DS21189R-page 20
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
www..com
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
2010 Microchip Technology Inc.
DS21189R-page 21
24AA64/24LC64/24FC64
/HDG 3ODVWLF 7KLQ 6KULQN 6PDOO 2XWOLQH 67 PP %RG\ >76623@
1RWH
www..com
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
D N
E E1
NOTE 1
1 b
2 e
c A A2
A1
L1
L
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 0ROGHG 3DFNDJH /HQJWK )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV 1 H $ $ $ ( ( ' / / I F 0,1
0,//,0(7(56 120 %6& %6& 5() 0$;
/HDG :LGWK E 1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG PP SHU VLGH 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\ 0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%
DS21189R-page 22
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
www..com
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
2010 Microchip Technology Inc.
DS21189R-page 23
24AA64/24LC64/24FC64
/HDG 3ODVWLF 0LFUR 6PDOO 2XWOLQH 3DFNDJH 06 >0623@
1RWH
www..com
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
D N
E E1
NOTE 1 1 2 e b A2 c
A
A1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV 1 H $ $ $ ( ( ' / / I F
L1
0,//,0(7(56 0,1 120 %6& %6& %6& %6& 5() 0$;
L
/HDG :LGWK E 1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG PP SHU VLGH 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\ 0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%
DS21189R-page 24
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
www..com
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
2010 Microchip Technology Inc.
DS21189R-page 25
24AA64/24LC64/24FC64
/HDG 3ODVWLF 'XDO )ODW 1R /HDG 3DFNDJH 0& [[ PP %RG\ >')1@
1RWH
www..com
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
e b N L
D N
K E E2
EXPOSED PAD NOTE 1 1 2 D2 TOP VIEW BOTTOM VIEW 2 1 NOTE 1
A
A3
A1
NOTE 2
8QLWV 'LPHQVLRQ /LPLWV 0,1 0,//,0(7(56 120 %6& 5() %6& %6& 0$;
1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 6WDQGRII &RQWDFW 7KLFNQHVV 2YHUDOO /HQJWK 2YHUDOO :LGWK ([SRVHG 3DG /HQJWK ([SRVHG 3DG :LGWK &RQWDFW :LGWK &RQWDFW /HQJWK &RQWDFWWR([SRVHG 3DG
1 H $ $ $ ' ( ' ( E / .
1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 3DFNDJH PD\ KDYH RQH RU PRUH H[SRVHG WLH EDUV DW HQGV 3DFNDJH LV VDZ VLQJXODWHG 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &&
DS21189R-page 26
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
/HDG 3ODVWLF 'XDO )ODW 1R /HDG 3DFNDJH 0& [[ PP %RG\ >')1@
1RWH )RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
www..com
2010 Microchip Technology Inc.
DS21189R-page 27
24AA64/24LC64/24FC64
www..com
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
DS21189R-page 28
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
/HDG 3ODVWLF 'XDO )ODW 1R /HDG 3DFNDJH 01 [[ PP %RG\ >7')1@
1RWH )RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWSZZZPLFURFKLSFRPSDFNDJLQJ
www..com
2010 Microchip Technology Inc.
DS21189R-page 29
24AA64/24LC64/24FC64
www..com
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
DS21189R-page 30
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
www..com
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
2010 Microchip Technology Inc.
DS21189R-page 31
24AA64/24LC64/24FC64
www..com
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
DS21189R-page 32
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
APPENDIX A:
Revision H
Corrections to Section 1.0, Electrical Characteristics.
www..com
REVISION HISTORY
Revision J
Added DFN package.
Revision K
Revised Sections 7.1 and 7.4.
Revision L
Added 24FC64 Part; Revised Device Selection Table; Revised Features Section; Deleted Rotated TSSOP Package; Revised Table 1-2; Revised Table 7-1; Revised Package Information; Replaced Package Drawings; Revised Product ID Section.
Revision M
Updated package drawings. Added 8-lead TDFN and 5-lead SOT-23 packages.
Revision N (03/2009)
Added 5-lead Chip Scale package.
Revision P (03/2009)
Added 5-lead Chip Scale Package Diagram and Land Pattern. Revised Block Diagram.
Revision Q (06/09)
Revised Features section; Revised Table 1-2, Para. 18; Added note to Table 2-1; Revised SOT-23 package example.
Revision R (03/2010)
Added TSSOP X-Rotated package; Updated Package Drawings; Updated Product ID.
2010 Microchip Technology Inc.
DS21189R-page 33
24AA64/24LC64/24FC64
NOTES:
www..com
DS21189R-page 34
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
THE MICROCHIP WEB SITE
Microchip provides online support via our WWW site at www.microchip.com. This web site is used as a means to make files and information easily available to customers. Accessible by using your favorite Internet browser, the web site contains the following information: * Product Support - Data sheets and errata, application notes and sample programs, design resources, user's guides and hardware support documents, latest software releases and archived software * General Technical Support - Frequently Asked Questions (FAQ), technical support requests, online discussion groups, Microchip consultant program member listing * Business of Microchip - Product selector and ordering guides, latest Microchip press releases, listing of seminars and events, listings of Microchip sales offices, distributors and factory representatives
www..com
CUSTOMER SUPPORT
Users of Microchip products can receive assistance through several channels: * * * * * Distributor or Representative Local Sales Office Field Application Engineer (FAE) Technical Support Development Systems Information Line
Customers should contact their distributor, representative or field application engineer (FAE) for support. Local sales offices are also available to help customers. A listing of sales offices and locations is included in the back of this document. Technical support is available through the web site at: http://support.microchip.com
CUSTOMER CHANGE NOTIFICATION SERVICE
Microchip's customer notification service helps keep customers current on Microchip products. Subscribers will receive e-mail notification whenever there are changes, updates, revisions or errata related to a specified product family or development tool of interest. To register, access the Microchip web site at www.microchip.com, click on Customer Change Notification and follow the registration instructions.
2010 Microchip Technology Inc.
DS21189R-page 35
24AA64/24LC64/24FC64
READER RESPONSE
www..com
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip product. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150. Please list the following information, and use this outline to provide us with your comments about this document. To: RE: Technical Publications Manager Reader Response Total Pages Sent ________
From: Name Company Address City / State / ZIP / Country Telephone: (_______) _________ - _________ Application (optional): Would you like a reply? Y N Literature Number: DS21189R FAX: (______) _________ - _________
Device: 24AA64/24LC64/24FC64 Questions:
1. What are the best features of this document?
2. How does this document meet your hardware and software development needs?
3. Do you find the organization of this document easy to follow? If not, why?
4. What additions to the document do you think would enhance the structure and subject?
5. What deletions from the document could be made without affecting the overall usefulness?
6. Is there any incorrect or misleading information (what and where)?
7. How would you improve this document?
DS21189R-page 36
2010 Microchip Technology Inc.
24AA64/24LC64/24FC64
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
www..com
PART NO. Device
X
/XX
Examples: a) b) 24AA64-I/P: Industrial 1.7V, PDIP package Temperature,
Temperature Package Range
24AA64: 24AA64T: 1.7V, 64 Kbit I2CTM Serial EEPROM 1.7V, 64 Kbit I2C Serial EEPROM (Tape and Reel) 24AA64X: 1.7V, 32 Kbit I2C Serial EEPROM in alternate pinout (ST only) 24AA64XT: 1.7V, 32 KbitI2C Serial EEPROM in alternate pinout (ST only) 24LC64: 2.5V, 64 Kbit I2C Serial EEPROM 24LC64T: 2.5V, 64 Kbit I2C Serial EEPROM (Tape and Reel) 24LC64X: 2.5V, 32 Kbit I2C Serial EEPROM in alternate pinout (ST only) 24LC64XT: 2.5V, 32 KbitI2C Serial EEPROM in alternate pinout (ST only) 24FC64: 2.5V, 64 Kbit I2C Serial EEPROM 24FC64T: 2.5V, 64 Kbit I2C Serial EEPROM (Tape and Reel) = = -40C to +85C -40C to +125C
Device:
24AA64-I/SN: Industrial Temperature, 1.7V, SOIC package 24AA64-I/SM: Industrial Temperature, 1.7V, SOIC (5.28 mm) package 24AA64T-I/ST: Industrial Temperature, 1.7V, TSSOP package, tape and reel 24LC64-I/P: Industrial Temperature, 2.5V, PDIP package 24LC64-E/SN: Extended Temperature, 2.5V, SOIC package 24LC64-E/SM: Extended Temperature, 2.5V, SOIC (5.28 mm) package 24LC64-I/ST: Industrial Temperature, 2.5V, TSSOP package 24AA64T-I/CS16K: Industrial Temperature, 1.7V, CS package, tape and reel
c) d) e) f) g) h) i)
Temperature I Range: E Package:
P = Plastic DIP (300 mil body), 8-lead SN = Plastic SOIC (3.90 mm body), 8-lead SM = Plastic SOIC (5.28 mm body), 8-lead ST = Plastic TSSOP (4.4 mm), 8-lead MS = Plastic Micro Small Outline (MSOP), 8-lead MC = 2x3 DFN, 8-lead MNY(1)= TDFN (2x3x0.75 mm body), 8-lead OT = SOT-23 (Tape and Reel only), 5-lead CS16K(2)=Chip Scale (CS), 5-lead (I-temp, "AA", Tape and Reel only)
Note 1: "Y" indicates a Nickel Palladium Gold (NiPdAu) finish. 2: "16K" indicates 160K technology.
2010 Microchip Technology Inc.
DS21189R-page37
24AA64/24LC64/24FC64
NOTES:
www..com
DS21189R-page 38
2010 Microchip Technology Inc.
www..com
Note the following details of the code protection feature on Microchip devices: * * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, dsPIC, KEELOQ, KEELOQ logo, MPLAB, PIC, PICmicro, PICSTART, PIC32 logo, rfPIC and UNI/O are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. FilterLab, Hampshire, HI-TECH C, Linear Active Thermistor, MXDEV, MXLAB, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, CodeGuard, dsPICDEM, dsPICDEM.net, dsPICworks, dsSPEAK, ECAN, ECONOMONITOR, FanSense, HI-TIDE, In-Circuit Serial Programming, ICSP, Mindi, MiWi, MPASM, MPLAB Certified logo, MPLIB, MPLINK, mTouch, Octopus, Omniscient Code Generation, PICC, PICC-18, PICDEM, PICDEM.net, PICkit, PICtail, REAL ICE, rfLAB, Select Mode, Total Endurance, TSHARC, UniWinDriver, WiperLock and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2010, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper. ISBN: 978-1-60932-072-0
Microchip received ISO/TS-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona; Gresham, Oregon and design centers in California and India. The Company's quality system processes and procedures are for its PIC(R) MCUs and dsPIC(R) DSCs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
2010 Microchip Technology Inc.
DS21189R-page 39
www..com
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Duluth, GA Tel: 678-957-9614 Fax: 678-957-1455 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Cleveland Independence, OH Tel: 216-447-0464 Fax: 216-447-0643 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 Santa Clara Santa Clara, CA Tel: 408-961-6444 Fax: 408-961-6445 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Asia Pacific Office Suites 3707-14, 37th Floor Tower 6, The Gateway Harbour City, Kowloon Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8665-5511 Fax: 86-28-8665-7889 China - Chongqing Tel: 86-23-8980-9588 Fax: 86-23-8980-9500 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Nanjing Tel: 86-25-8473-2460 Fax: 86-25-8473-2470 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xian Tel: 86-29-8833-7252 Fax: 86-29-8833-7256 China - Xiamen Tel: 86-592-2388138 Fax: 86-592-2388130 China - Zhuhai Tel: 86-756-3210040 Fax: 86-756-3210049
ASIA/PACIFIC
India - Bangalore Tel: 91-80-3090-4444 Fax: 91-80-3090-4123 India - New Delhi Tel: 91-11-4160-8631 Fax: 91-11-4160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Daegu Tel: 82-53-744-4301 Fax: 82-53-744-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Kuala Lumpur Tel: 60-3-6201-9857 Fax: 60-3-6201-9859 Malaysia - Penang Tel: 60-4-227-8870 Fax: 60-4-227-4068 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-6578-300 Fax: 886-3-6578-370 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-39 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
01/05/10
DS21189R-page 40
2010 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 24AA64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X