Part Number Hot Search : 
7432DC SD161 74F3037N LTPBY LT3626 79L15A 29F2G08 TSH95
Product Description
Full Text Search
 

To Download XDUG14C4-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14mm (0.56") FOUR DIGIT NUMERIC DISPLAY
XDUG14C4-A
SUN LED
Email : sales@us.sunled.com Web Site : www.sunled.com
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted.
Absolute maximum ratings (TA=25C) Reverse voltage Forward current Forward current (peak) 1/10Duty cycle 0.1ms pulse width Power dissipation Operating temperature Storage temperature Lead solder temperature [2mm below package base] VR IF iFS PT TA Tstg
UG (GaP) 5 25 140 105 -40 ~ +85
Unit
Op e r a t i n g Ch a r a c t e r i s t i c s C) ( T A=25C) Forward voltage (typ.) (I F=10mA) Forward voltage (max.) (I F=10mA) Reverse current (VR=5V) Wavelength at peak emission (I F=10mA) Wavelength at Dominate emission (I F=10mA) Spectral Line half-width (I F=10mA) Capacitance (VF=0V, f=1MHz)
UG UG (Ga P )
Un i t
V mA mA mW C
VF VF IR
2.0 2.5 10
V V uA
peak
565
nm
260C For 5 Seconds
D
568
nm
C
30 15
nm pF
P art Nu m b e r
Em i t t i n g Co l o r
Em i t t i n g Ma te ria l
L u min o u s In t e n si t y ( I F = 10m A ) uc d min . ty p . 3000 10490
Wa v e l e n g t h nm P
De sc r i p t i o n
XDUG14C4-A
Green
GaP
565
Common Cathode.Rt. Hand Decimal
Published Date : JUL 06,2002
Drawing No: XDSA1103
V2
Checked : Shin Chi
2-1
XDUG14C4-A
!UG
Published Date : JUL 06,2002
Drawing No: XDSA1103
V2
Checked : Shin Chi
2-2


▲Up To Search▲   

 
Price & Availability of XDUG14C4-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X