![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
14.2mm (0.56") THREE DIGIT NUMERIC DISPLAY SUNLED Email : sales@us.sunled.com Web Site : www.sunled.com XDUG14C3-A Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. Absolute maximum ratings (TA =25C) Reverse voltage Forward current Forward current (peak) 1/10Duty cycle 0.1ms pulse width Power dissipation Operating temperature Storage temperature Lead solder temperature [2mm below package base] VR IF iF S PT TA Tstg UG (GaP) 5 25 140 105 -40 ~ +85 Unit Op e r a t i n g Ch a r a c t e r i s t i c s C) ( T A =25C) Forward voltage (typ.) (I F=10mA) Forward voltage (max.) (I F=10mA) Reverse current (VR=5V) Wavelength at peak emission (I F=10mA) Wavelength at Dominate emission (I F=10mA) Spectral Line half-width (I F=10mA) Capacitance (VF=0V, f=1MHz) UG UG (Ga P ) Un i t V mA mA mW C VF VF IR 2.0 2.5 10 V V uA peak 565 nm 260C For 5 Seconds D 568 nm C 30 15 nm pF P art Nu m b e r Em i t t i n g Co l o r Em i t t i n g Ma te ria l L u min o u s In t e n si t y ( I F = 10m A ) uc d min . ty p . 3000 10490 Wa v e l e n g th nm P 565 De sc r i p t i o n XDUG14C3-A Green GaP Common Cathode,Rt.Hand Decimal. Published Date : JUL 03,2002 Drawing No: XDSA1065 V2 Checked : Shin Chi 2-1 XDUG14C3-A !UG Published Date : JUL 03,2002 Drawing No: XDSA1065 V2 Checked : Shin Chi 2-2 |
Price & Availability of XDUG14C3-A
![]() |