|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
8mm (0.32 ") SINGLE DIGIT NUMERIC DISPLAY XDUG06C SUN LED Email : sales@us.sunled.com Web Site : www.sunled.com Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. Absolute maximum ratings (TA=25C) Reverse voltage Forward current Forward current (peak) 1/10Duty cycle 0.1ms pulse width Power dissipation Operating temperature Storage temperature Lead solder temperature [2mm below package base] VR IF iFS PT TA Tstg UG (GaP) 5 25 140 105 -40 ~ +85 Unit Op e r a t i n g Ch a r a c t e r i s t i c s ( T A=25C) C) Forward voltage (typ.) (I F=10mA) Forward voltage (max.) (I F=10mA) Reverse current (VR=5V) Wavelength at peak emission (I F=10mA) Wavelength at Dominate emission (I F=10mA) Spectral Line half-width (I F=10mA) Capacitance (VF=0V, f=1MHz) UG UG (Ga P ) Un i t V mA mA mW C VF VF IR 2.0 2.5 10 V V uA peak 565 nm 260C For 5 Seconds D 568 nm C 30 15 nm pF P art Nu m b e r Em i t t i n g Co l o r Em i t t i n g Ma te ria l L u min o u s In t e n si t y ( I F = 10m A ) uc d min . ty p . 4700 8490 Wa v e l e n g t h nm P De sc r i p t i o n XDUG06C Green GaP 565 Common Cathode,Rt.Hand Decimal Published Date : OCT 09,2002 Drawing No: XDSA0132 V3 Checked : Shin Chi 2-1 XDUG06C ! UG Published Date : OCT 09,2002 Drawing No: XDSA0132 V3 Checked : Shin Chi 2-2 |
Price & Availability of XDUG06C |