Part Number Hot Search : 
10211 AO6604 1N444 BDX65A MS8GE 04365 B4232 ZTB500E
Product Description
Full Text Search
 

To Download TCLAMP0602N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Low Capacitance TVS for Ethernet and Telecom Interfaces
Features
Transient protection for high-speed data lines to Bellcore 1089 (Intra-Building) 100A (2/10s) IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) IEC 61000-4-5 (Lightning) L5, 95A (8/20s) Protects two lines in common and differential mode Low capacitance (12pF line-to-line) Low operating voltages (6V) Low clamping voltage Small SLP Package saves board space Solid-state technology
TCLAMP0602N
PROTECTION PRODUCTS - TransClamp Description
A TransClamp is a low capacitance TVS array designed to protect high speed data interfaces. This series has been specifically designed to protect sensitive components which are connected to data and transmission lines from overvoltage caused by ESD (electrostatic discharge), CDE (Cable Discharge Events), and Lightning. These devices integrate low capacitance, surge-rated compensation diodes with a high power transient voltage suppressor (TVS). The compensation diodes are arranged in a bridge pattern allowing the device to be connected in common mode and/or differential mode. This allows the designer maximum flexibility and reduces parts count. The capacitance of the device is limited to 12pF maximum from line-to-line to ensure correct signal transmission on high-speed lines. These devices may be used to meet Bellcore GR-1089CORE short-haul (intra-building) surge requirements and will withstand a minimum 100 A surge for a 2/10s pulse. The TClampTM0602N is in a 10-pin, RoHS/WEEE compliant, SLP2626P10 package. It measures 2.6 x 2.6 x 0.60mm. The leads are spaced at a pitch of 0.5mm and are finished with lead-free NiPdAu. They are particularly well suited for applications where board space is at a premium such as integrated connectors/ magnetics and T1/E1 equipment.
Mechanical Characteristics
SLP2626P10 10L package RoHS/WEEE Compliant Nominal Dimensions: 2.6 x 2.6 x 0.60 mm Lead Pitch: 0.5mm Molding compound flammability rating: UL 94V-0 Marking: Marking Code Packaging: Tape and Reel
Applications
T1/E1 T3/E3 10/100 Ethernet Integrated Magnetics Carrier Class Equipment ISDN Interfaces
Circuit Diagram
LINE 1 (1, 2, 3)
Package Configuration
2.60
12 C L
C 2.60 L
Center Tab
0.50 BSC
LINE 2 (8, 9, 10)
0.60
10 Pin SLP package (Bottom Side View) Nominal Dimensions in mm
Revision 5/23/2007 1 www.semtech.com
TCLAMP0602N
www..com
PROTECTION PRODUCTS Absolute Maximum Rating
Rating Peak Pulse Power (tp = 8/20s) Peak Pulse Current (tp = 2/10s) Peak Pulse Current (tp = 8/20s) ESD per IEC 61000-4-2 (Air) ESD per IEC 61000-4-2 (Contact) Operating Temperature Storage Temperature Symbol Ppk IPP IPP VESD TJ TSTG Value 2500 120 95 30 30 -55 to +125 -55 to +150 Units Watts A A kV C C
Electrical Characteristics (T=25oC)
TCLAMP0602N Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamp ing Voltage Clamp ing Voltage Junction Cap acitance Symbol VRWM V BR IR VC VC Cj It = 1mA VRWM = 6V, T=25C IPP = 100A, tp = 2/10s Line-to-Ground IPP = 100A, tp = 2/10s Line-to-Line Line-to-Gnd VR = 0V, f = 1MHz Line-to-Line VR = 0V, f = 1MHz 6.8 5 25 29 25 12 Conditions Minimum Typical Maximum 6 Units V V A V V pF pF
(c) 2007 Semtech Corp.
2
www.semtech.com
TCLAMP0602N
www..com
PROTECTION PRODUCTS Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
100
110 100 90 80 70 60 50 40 30 20 10
Power Derating Curve
Peak Pulse Power - P PP (kW)
10
1
0.1 0.1 1 10 Pulse Duration - tp (0s) 100 1000
% of Rated Power or IPP
0 0 25 50 75 100 125 150 Ambient Temperature - TA (oC)
Clamping Voltage vs. Peak Pulse Current Line-to-Ground
25 30 25 20 15 10 5 0 0 10 20 30 40 50 60 70 80 90 100
Clamping Voltage vs. Peak Pulse Current Line-to-Line
Clamping Voltage - VC (V)
15
10 Waveform Parameters: tr = 2s td = 10s
Clamping Voltage - VC (V)
20
5
Waveform Parameters: tr = 2s td = 10s 0 10 20 30 40 50 60 70 80 90 100
0 Peak Pulse Current - IPP (A)
Peak Pulse Current - IPP (A)
Normalized Junction Capacitance vs. Reverse Voltage
1.2 1
Line-Line
CJ(VR) / CJ(VR=0)
0.8 0.6 0.4 0.2
Line-Gnd
f = 1 MHz
0 0 1 2 3 4 5
Reverse Voltage - VR (V)
(c) 2007 Semtech Corp.
3
www.semtech.com
TCLAMP0602N
www..com
PROTECTION PRODUCTS Applications Information
Device Connection Options for Protection of Two High-Speed Data Lines These devices are designed to protect two high-speed data lines (one differential pair) from transient overvoltages which result from lightning and ESD. They can be configured to protect in differential (Line-to-Line) and common (Line-to-Ground) mode. Data line inputs/ outputs are connected at pins 1, 2 and 3, and 8, 9 and 10 as shown. For proper operation, pins 1 - 3 must be connected together and pins 8 - 10 must be connected together. Pins 4, 5, 6, and 7 left unconnected. For differential operation, the center tab is also left not connected. For common mode operation, the center tab is connected to ground. The ground connection should be made directly to a ground plane on the board for best results. The use of multiple vias is recommnded for reduced ground loop inductance. Circuit Diagram
LINE 1 (1, 2, 3)
Center Tab
LINE 2 (8, 9, 10)
Configuration (Top View) Pin Conf iguration (Top Side Vie w)
1 2 3 4 5 GND
10 9 8 7 6
Pin 1, 2, 3 8, 9, 10 4, 5, 6, 7 Center Tab
Identification Line 1 in/out Line 2 in/out N o Connect Ground
(c) 2007 Semtech Corp.
4
www.semtech.com
TCLAMP0602N
www..com
PROTECTION PRODUCTS Applications Information - Spice Model
D3 D1
D2
D3
D2
TCLAMP0602N Spice Model
TCLAMP0602N Spice Parameters Parameter IS BV VJ RS IBV CJO TT M N EG Unit Amp Volt Volt O hm Amp Farad sec --eV D1 (T VS) 1.4E-11 8 .3 0.56 0 .0 2 9 1 E -3 300e-12 2.541E-9 0 .2 5 6 1.1 1.11 D2 (LCRD) 1.001E-20 150 0.59 0.075 1E-3 11.0E-12 2.541E-9 0.01 1.1 1.11 D3 (LCRD) 1.001E-20 150 0.59 0 .0 6 4 1E-3 11.0E-12 2.541E-9 0.01 1.1 1.11
(c) 2007 Semtech Corp.
5
www.semtech.com
TCLAMP0602N
www..com
PROTECTION PRODUCTS Outline Drawing - SLP2626P10
A D B
DIM
PIN 1 INDICATOR (LASER MARK)
E
A aaa C A2 D1 C 12L E/2 C L E1 LxN e N bxN D/2 bbb A1 C
SEATING PLANE
A A1 A2 b D D1 E E1 e L N aaa bbb
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX .020 .024 .026 0.50 0.60 0.65 .000 .001 .002 0.00 0.03 0.05 (.007) (0.17) .007 .010 .012 0.20 0.25 0.30 .098 .102 .106 2.50 2.60 2.70 .079 .085 .089 2.00 2.15 2.25 .098 .102 .106 2.50 2.60 2.70 .044 .050 .054 1.11 1.26 1.36 .020 BSC 0.50 BSC .011 .014 .016 0.30 0.35 0.40 10 10 .003 0.08 .004 0.10
CAB
NOTES: 1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
2. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
Land Pattern - SLP2626P10
P
X
Z
G
F
(C)
DIM B C F G P X Y Z
DIMENSIONS INCHES MILLIMETERS .081 2.05 .100 2.50 .050 1.26 .073 1.85 .020 0.50 .012 0.30 .025 0.65 .124 3.15
Y
B
NOTES: 1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
(c) 2007 Semtech Corp.
6
www.semtech.com
TCLAMP0602N
www..com
PROTECTION PRODUCTS Marking
Ordering Information
Part Number TClamp 0602N .TCT Qty per Reel 3,000 Reel Size 7 Inch
0602N
YYWW
YY = year WW = Week
Note: Lead finish is lead-free NiPdAu TransClamp and TClamp are marks of Semtech Corporation
Tape and Reel Specification
Pin 1 Location
User Direction of feed
Device Orientation in Tape
A0 2.77 +/-0.05 mm B0 2.77 +/-0.05 mm K0 0.80 +/-0.05 mm
Tape Width
B, (Max)
D
D1
E
F
K (MAX)
P
P0
P2
T(MAX)
W 8.0 mm + 0.3 mm - 0.1 mm
8 mm
4.2 mm (.165)
1.5 + 0.1 mm - 0.0 mm
1.0 mm 0.05
1.750.10 mm
3.50.05 mm
2.4 mm
4.00.1 mm
4.00.1 mm
2.00.05 mm
0.4 mm
Contact Information
Semtech Corporation Protection Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
(c) 2007 Semtech Corp. 7 www.semtech.com


▲Up To Search▲   

 
Price & Availability of TCLAMP0602N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X