|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features * 80C51 Code Compatible - 8051 Instruction Compatible - 16 I/O + 2 Outputs in 24 Pin Packages 16 I/O + 6 Outputs in 28 Pin Packages - Three 16-bit Timer/Counters - 256 Bytes Scratchpad RAM Program Memory - 8 KB ROM T83C5102 - 16 KB ROM T83C5101 - 16 KB EPROM/OTP T87C5101 High-speed Architecture 40 MHz from 2.7 to 5.5V, Commercial or Industrial Temperature Range: - 40 MHz with a 40 MHz Crystal In Std. Mode - 40 MHz with a 20 MHz Crystal In X2 Mode 66 MHz from 4.5 to 5.5V, Commercial Temperature Range - 40 MHz with a 40 MHz Crystal in Std. Mode - 66 MHz with a 33 MHz Crystal in X2 Mode Dual Data Pointer On-chip eXpanded RAM (XRAM) (256 bytes) Programmable Clock Out and Up/Down Timer/Counter 2 Asynchronous Port Reset Interrupt Structure with - 6 Interrupt Sources, - 4-Level Priority Interrupt System Full-duplex Enhanced UART - Framing Error Detection - Automatic Address Recognition Low EMI (no ALE) www..com Power Control Modes - Idle Mode - Power-down Mode Packages: SO24, DIL24, SSOP24, SO28 * * * * * * * * * * * * * 8-bit Low Pin Count Microcontrollers T83C5101 T87C5101 T83C5102 Description The T8xC5101/02 family is a high performance CMOS ROM, OTP, EPROM derivative of the 80C51 CMOS single chip 8-bit microcontroller. The T8xC5101/02 family is a low pin count device where only Port 1, port 3 and 2/6 bits of a new port 4 are outputted. This prevents any external access, like external program memory access (fetch, MOVC) or external data memory (MOVX). The T8xC5101/02 family retains all features of the 80C51 with extended capacity 8 KB ROM (5102), 16 KB ROM (5101)/16 KB EPROM/OTP (5101), 256 bytes of internal RAM, a 6-source, 4-level interrupt system, an on-chip oscillator and three timer/counters. In addition, the T8xC5101/02 family has an XRAM of 256 bytes, the X2 feature, a more versatile serial channel that facilitates multiprocessor communication (EUART), a dual data pointer and an improved timer 2. The fully static design of the T8xC5101/02 family allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data. The T8xC5101/02 family has 2 software-selectable modes of reduced activity for further reduction in power consumption. In idle mode the CPU is frozen while the timers, the serial port and the interrupt system are still operating. In power-down mode the RAM is saved and all other functions are inoperative. Rev. 4233G-8051-03/03 1 Block Diagram T2EX (1) XRAM 256x8 RxD TxD Vcc Vss (2) (2) XTAL1 XTAL2 PROG TEST (3) (3) CPU VPP Timer 0 Timer 1 INT Ctrl Parallel I/O Ports Port 1 Port 4 Port 3 C51 CORE (1) EUART RAM 256x8 ROM /EPROM 16Kx8 Timer2 IB-bus (2) (2) T0 RESET T1 (2) (2) P1 P4 INT0 INT1 P3 (1): Alternate function of Port 1 (2): Alternate function of Port 3 (3): Multiplexed function of Port 4. 2 T8xC5101/02 4233G-8051-03/03 T2 T8xC5101/02 SFR Mapping The Special Function Registers (SFRs) of the T8xC5101/02 fall into the following categories: * * * * * * * C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1 I/O port registers: P1, P3, P4 Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2, RCAP2L, RCAP2H Serial I/O port registers: SADDR, SADEN, SBUF, SCON Power and clock control registers: PCON Interrupt system registers: IE, IP, IPH Others: AUXR, CKCON No write must be made to reserved areas. Reading a reserved area will give indeterminate results. 3 4233G-8051-03/03 Table 1. All SFRs With Their Address and Rest Values Bit addressable 0/8 1/9 2/A 3/B Non Bit addressable 4/C 5/D 6/E 7/F F8h F0h B 0000 0000 FFh F7h E8h E0h ACC 0000 0000 EFh E7h D8h D0h PSW 0000 0000 T2CON 0000 0000 P4 XX11 1111 B8h IP XX00 000 B0h P3 1111 1111 A8h IE 0X00 0000 A0h SADDR 0000 0000 AUXR1 XXXX0XX0 98h SCON 0000 0000 90h P1 1111 1111 88h TCON 0000 0000 80h TMOD 0000 0000 SP 0000 0111 0/8 1/9 DFh D7h C8h T2MOD XXXX XX00 RCAP2L 0000 0000 RCAP2H 0000 0000 TL2 0000 0000 TH2 0000 0000 CFh C0h C7h SADEN 0000 0000 IPH XX00 0000 BFh B7h AFh A7h SBUF XXXX XXXX 9Fh 97h TL0 0000 0000 DPL 0000 0000 2/A TL1 0000 0000 DPH 0000 0000 3/B TH0 0000 0000 TH1 0000 0000 AUXR XXXXXX00 CKCON XXXX XXX0 PCON 00X1 0000 8Fh 87h 4/C 5/D 6/E 7/F Reserved 4 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 T8xC5101/02 Pin Configuration P3.4/T0 P3.3/INT1 P3.2/INT0 P3.1 P3.0 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 Vcc P3.5/T1 P3.6 P3.7 P1.7 P1.6 P1.5 P1.4 P1.3 P1.2 P1.1/T2EX P1.0/T2 P3.4/T0 P3.3/INT1 P3.2/INT0 P3.1 P3.0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 Vcc P4.2 P3.5/T1 P3.6 P3.7 P1.7 P1.6 P4.5 P1.5 P1.4 P1.3 P1.2 P1.1/T2EX P1.0/T2 VPP P4.0/Prog P4.1/Test RST XTAL2 XTAL1 Vss DIL24 SO24 SSOP24* 20 19 18 17 16 15 14 13 VPP P4.3 P4.0/Prog P4.1/Test RST XTAL2 XTAL1 P4.4 Vss SO28* 22 21 20 19 18 17 16 15 * Check for availability * Check for availability Pin Number 28 pins 14 28 15-20 22-23 Mnemonic VSS VCC P1.0-P1.7 24 pins 12 24 13-20 Type I I I/O Name and Function Ground: 0V reference Power Supply: This is the power supply voltage for normal, idle and power-down operation Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 1 pins that are externally pulled low will source current because of the internal pull-ups. Port 1 also receives the low-order address byte during memory programming and verification. Alternate functions for Port 1 include: I/O I P4.0 (Prog)-P4.1 (Test) 7 8 8 9 O (I) O (I) T2 (P1.0): Timer/Counter 2 external count input/Clockout T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control Port 4 bits 0 & 1: Except during programming and verifying, these two bits are output port driving 30 micro Amps at high level and sinking 10 mA at low level (Vol < 1V). If they have 1s written to them, they output a high level and if they have 0 written to them, they output a low level. These 2 pins cannot be used as inputs. Users should take care to never externally drive these pins low, especially during reset. These two pins are primarily designed to drive LEDs. During programming and verifying, these two pins are used as input, as explained in the corresponding chapter. A Read or a Read/Modify/Write instruction to these bits will read the status of the output: 1 if the output is 1, 0 if the output is 0. P4.2-P4.5 NA 27 7 13 21 5-1 26-24 I/O Port 4 bits 2 to 5: bidirectional I/O port with internal pull-ups. Port 4.2 to 4.5 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 4.2 to 4.5 pins that are externally pulled low will source current because of the internal pull-ups. Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 3 pins that are externally pulled low will source current because of the internal pull-ups. Port 3 also serves the special features of the 80C51 family, as listed below. RxD (P3.0): Serial input port TxD (P3.1): Serial output port INT0 (P3.2): External interrupt 0 INT1 (P3.3): External interrupt 1 P3.0-P3.7 5-1 23-21 I/O 5 4 3 2 5 4 3 2 I O I I 5 4233G-8051-03/03 Pin Number 28 pins 1 26 25 24 10 Mnemonic 24 pins 1 23 22 21 Type I I I/O I/O I Name and Function T0 (P3.4): Timer 0 external input T1 (P3.5): Timer 1 external input No alternate function on this pin No alternate function on this pin Reset: A high on this pin for two machine cycles while the oscillator is running, resets the device. An internal diffused resistor to VSS permits a power-on reset using only an external capacitor to VCC. Programming Supply Voltage: This pin receives the 12.75V programming supply voltage (VPP) during EPROM programming. During normal operation, VPP pin must be tied to Vcc. Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator circuits. Crystal 2: Output from the inverting oscillator amplifier Reset 9 VPP 6 6 I XTAL1 11 12 I XTAL2 10 11 O 6 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Low Pin Count Specificities The T8xC5101/02 family is not able to perform any external memory access, such as a code fetch, a look-up table access (using MOVC) or a data access (using MOVX) because traditional Port x0 and Port 2 are not implemented. It should be noted that 2 bits of a new port 4 are available, but they are pure user outputs. On the 28 pin package, there is also a set of 4 extra I/Os, which cannot be used for external access. This inability to perform external memory accesses has the following consequences: * * * * * Port 0 SFR doesn't exist Port 2 SFR doesn't exist Port 4 has six bits defined among which two are pure outputs for LED driving. Security level 4 is no longer applicable Code memory addresses is limited to 4000h. Accessing to any address above 3FFFh will return indeterminate value. Jumps, subroutine Calls, MOVC instructions should be limited to a maximum address range of 3FFFh to avoid any error. External data memory addresses is limited to 100h. Writing to any address above FFh will have no effect. Reading any address above FFh will return indeterminate value. To avoid any mistake, MOVX address should be limited to a maximum address range of FFh. In Rx devices, the user could disable the XRAM (for example, if he had shared resource at the corresponding address range). As no external access is possible with the T83/87C510x, it makes no sense to be able to disable accesses to XRAM. Nevertheless, access to AUXR bit 1 will cause no error and any write to this bit will have no effect. As there is no external access, EA, ALE, PSEN, RD and WR signals are not implemented. So, the corresponding pins or alternate functions are removed. As there is no ALE, there is no need for ALE disabling. Nevertheless, access to AUXR bit 0 will cause no error and any write to this bit will have no effect. Compared to the corresponding 16 KB Rx2 device, the TS80C51RB2, the following features are removed: - - - - - Port 0 & 2 PCA Watchdog ONCE mode Power Off Flag (POF) * * * * * 7 4233G-8051-03/03 T8xC5101/02 Enhanced Features In comparison to the original 80C52, the T8xC5101/02 implements some new features, which are: * * * * * The X2 option. The Dual Data Pointer. The extended RAM. The 4 level interrupt priority system. Some enhanced features are also located in the UART and the timer 2. X2 Feature The T8xC5101/02 core needs only 6 clock periods per machine cycle. This feature called "X2" provides the following advantages: * * * * Divide frequency crystals by 2 (cheaper crystals) while keeping same CPU power. Save power consumption while keeping same CPU power (oscillator power saving). Save power consumption by dividing dynamically operating frequency by 2 in operating and idle modes. Increase CPU power by 2 while keeping same crystal frequency. In order to keep the original C51 compatibility, a divider by 2 is inserted between the XTAL1 signal and the main clock input of the core (phase generator). This divider may be disabled by software. Description The clock for the whole circuit and peripheral is first divided by two before being used by the CPU core and peripherals. This allows any cyclic ratio to be accepted on XTAL1 input. In X2 mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic ratio between 40 to 60%. Figure 1 shows the clock generation block diagram. X2 bit is validated on XTAL1/2 rising edge to avoid glitches when switching from X2 to STD mode. Figure 2 shows the mode switching waveforms. Figure 1. Clock Generation Diagram XTAL1 FXTAL 2 XTAL1:2 0 1 FOSC state machine: 6 clock cycles. CPU control X2 CKCON reg 8 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Figure 2. Mode Switching Waveforms XTAL1 XTAL1:2 X2 bit CPU clock STD Mode X2 Mode STD Mode The X2 bit in the CKCON register (See Table 2.) allows to switch from 12 clock cycles per instruction to 6 clock cycles and vice versa. At reset, the standard speed is activated (STD mode). Setting this bit activates the X2 feature (X2 mode). CAUTION In order to prevent any incorrect operation while operating in X2 mode, user must be aware that all peripherals using clock frequency as time reference (UART, timers, PCA...) will have their time reference divided by two. For example a free running timer generating an interrupt every 20 ms will then generate an interrupt every 10 ms. UART with 4800 baud rate will have 9600 baud rate. Table 2. CKCON Register CKCON - Clock Control Register (8Fh) 7 Bit Number 7 6 5 4 3 2 1 6 Bit Mnemonic 5 4 3 2 1 0 X2 Description Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. CPU and peripheral clock bit Clear to select 12 clock periods per machine cycle (STD mode, FOSC=FXTAL/2). Set to select 6 clock periods per machine cycle (X2 mode, FOSC=FXTAL). 0 X2 Reset Value = XXXX XXX0b Not bit addressable 9 4233G-8051-03/03 Dual Data Pointer Register (DPTR) The additional data pointer can be used to speed up code execution and reduce code size in a number of ways. The dual DPTR structure is a way by which the chip will specify the address of an external data memory location. There are two 16-bit DPTR registers that address the external memory, and a single bit called DPS = AUXR1/bit0 (See Table 3.) that allows the program code to switch between them (Refer to Figure 3). Figure 3. Use of Dual Pointer External Data Memory (On chip XRAM) 7 0 DPS DPTR1 DPTR0 AUXR1(A2H) DPH(83H) DPL(82H) Table 3. AUXR1: Auxiliary Register 1 AUXR1 Address 0A2H Reset value Symbol DPS Function Not implemented, reserved for future use. Data Pointer Selection. DPS 0 1 GF3 Operating Mode(1) DPTR0 Selected DPTR1 Selected X X X X GF3 0 0 0 X DPS 0 This bit is a general purpose user flag(2) Notes: 1. User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new feature. In that case, the reset value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is indeterminate. 2. GF3 will not be available on first version of the RC devices. 10 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Application Software can take advantage of the additional data pointers to both increase speed and reduce code size, for example, block operations (copy, compare, search ...) are well served by using one data pointer as a 'source' pointer and the other one as a "destination" pointer. ASSEMBLY LANGUAGE ; Block move using dual data pointers ; Destroys DPTR0, DPTR1, A and PSW ; note: DPS exits opposite of entry state ; unless an extra INC AUXR1 is added ; 00A2 AUXR1 EQU 0A2H ; 0000 909000MOV DPTR,#SOURCE ; address of SOURCE 0003 05A2 INC AUXR1 ; switch data pointers 0005 90A000 MOV DPTR,#DEST ; address of DEST 0008 LOOP: 0008 05A2 INC AUXR1 ; switch data pointers 000A E0 MOVX A,@DPTR ; get a byte from SOURCE 000B A3 INC DPTR ; increment SOURCE address 000C 05A2 INC AUXR1 ; switch data pointers 000E F0 MOVX @DPTR,A ; write the byte to DEST 000F A3 INC DPTR ; increment DEST address 0010 70F6JNZ LOOP ; check for 0 terminator 0012 05A2 INC AUXR1 ; (optional) restore DPS INC is a short (2 bytes) and fast (12 clocks) way to manipulate the DPS bit in the AUXR1 SFR. However, note that the INC instruction does not directly force the DPS bit to a particular state, but simply toggles it. In simple routines, such as the block move example, only the fact that DPS is toggled in the proper sequence matters, not its actual value. In other words, the block move routine works the same whether DPS is '0' or '1' on entry. Observe that without the last instruction (INC AUXR1), the routine will exit with DPS in the opposite state. 11 4233G-8051-03/03 Expanded RAM (XRAM) The T8xC5101/02 provide 256 additional Bytes of random access memory (RAM) space for increased data parameter handling and high level language usage. The T8xC5101/02 have internal data memory that is mapped into four separate segments. The four segments are: 1. The Lower 128 bytes of RAM (addresses 00H to 7FH) are directly and indirectly addressable. 2. The Upper 128 bytes of RAM (addresses 80H to FFH) are indirectly addressable only. 3. The Special Function Registers, SFRs, (addresses 80H to FFH) are directly addressable only. 4. The expanded RAM bytes are indirectly accessed by MOVX instructions. As external accesses are not possible on the T8xC5101/02 family, it makes no sense to have the possibility to disable accesses to XRAM. That's why, compared to TS80C51RB2, writing a 1 in AUXR register bit 1 will have no effect, and won't disable access to the XRAM. The Lower 128 bytes can be accessed by either direct or indirect addressing. The Upper 128 bytes can be accessed by indirect addressing only. The Upper 128 bytes occupy the same address space as the SFR. That means they have the same address, but are physically separate from SFR space. When an instruction accesses an internal location above address 7FH, the CPU knows whether the access is to the upper 128 bytes of data RAM or to SFR space by the addressing mode used in the instruction. * * Instructions that use direct addressing access SFR space. For example: MOV 0A0H, # data, accesses the SFR at location 0B0H (which is P3). Instructions that use indirect addressing access the Upper 128 bytes of data RAM. For example: MOV @R0, # data where R0 contains 0B0H, accesses the data byte at address 0B0H, rather than P3 (which address is 0B0H). The 256 XRAM bytes can be accessed by indirect addressing, with MOVX instructions. This part of memory which is physically located on-chip, logically occupies the first 256 bytes of external data memory. The XRAM is indirectly addressed, using the MOVX instruction in combination with any of the registers R0, R1 of the selected bank or DPTR. An access to XRAM will not affect any ports. A write to external data memory locations higher than FFH (i.e. 0100H to FFFFH) will have no effect. A read will return an indeterminate value. * * The stack pointer (SP) may be located anywhere in the 256 bytes RAM (lower and upper RAM) internal data memory. The stack may not be located in the XRAM. 12 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Figure 4. Internal and External Data Memory Address FF FF Upper 128 bytes Internal Ram indirect accesses XRAM 256 bytes 80 80 FF Special Function Register direct accesses Lower 128 bytes Internal Ram direct or indirect accesses 00 00 Table 4. Auxiliary Register - AUXR AUXR Address 08EH Reset value Symbol AO EXTRAM Function Not implemented, reserved for future use. (1) Writing to this bit will have no effect (refer to chapter "Reduced EMI mode") Writing to this bit will have no effect X X X X X X EXTRAM 0 AO 0 1. User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new features. In that case, the reset or inactive value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is indeterminate. 13 4233G-8051-03/03 Timer 2 The timer 2 in the T8xC5101/02 family is compatible with the timer 2 in the 80C52. It is a 16-bit timer/counter: the count is maintained by two eight-bit timer registers, TH2 and TL2, connected in cascade. It is controlled by T2CON register (See Table 5) and T2MOD register (See Table 6). Timer 2 operation is similar to Timer 0 and Timer 1. C/T2 selects FOSC/12 (timer operation) or external pin T2 (counter operation) as the timer clock input. Setting TR2 allows TL2 to be incremented by the selected input. Timer 2 has 3 operating modes: capture, autoreload and Baud Rate Generator. These modes are selected by the combination of RCLK, TCLK and CP/RL2 (T2CON), as described in the Atmel 8-bit Microcontroller Hardware description. Refer to the Atmel 8-bit Microcontroller Hardware description for the description of Capture and Baud Rate Generator Modes. In T8xC5101/02 Timer 2 includes the following enhancements: * * Auto-reload mode with up or down counter Programmable clock-output Auto-Reload Mode The auto-reload mode configures timer 2 as a 16-bit timer or event counter with automatic reload. If DCEN bit in T2MOD is cleared, timer 2 behaves as in 80C52 (refer to the Atmel 8-bit Microcontroller Hardware description). If DCEN bit is set, timer 2 acts as an Up/down timer/counter as shown in Figure 5. In this mode the T2EX pin controls the direction of count. When T2EX is high, timer 2 counts up. Timer overflow occurs at FFFFh which sets the TF2 flag and generates an interrupt request. The overflow also causes the 16-bit value in RCAP2H and RCAP2L registers to be loaded into the timer registers TH2 and TL2. When T2EX is low, timer 2 counts down. Timer underflow occurs when the count in the timer registers TH2 and TL2 equals the value stored in RCAP2H and RCAP2L registers. The underflow sets TF2 flag and reloads FFFFh into the timer registers. The EXF2 bit toggles when timer 2 overflows or underflows according to the the direction of the count. EXF2 does not generate any interrupt. This bit can be used to provide 17-bit resolution. 14 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Figure 5. Auto-Reload Mode Up/Down Counter (DCEN = 1) (:6 in X2 mode) XTAL1 FXTAL FOSC T2 C/T2 T2CONreg TR2 T2CONreg T2EX: (DOWN COUNTING RELOAD VALUE) FFh (8-bit) FFh (8-bit) if DCEN=1, 1=UP if DCEN=1, 0=DOWN if DCEN = 0, up counting TOGGLE T2CONreg EXF2 TL2 (8-bit) TH2 (8-bit) TF2 T2CONreg TIMER 2 INTERRUPT :12 0 1 RCAP2L RCAP2H (8-bit) (8-bit) (UP COUNTING RELOAD VALUE) Programmable Clock-Output In the clock-out mode, timer 2 operates as a 50%-duty-cycle, programmable clock generator (See Figure 6) . The input clock increments TL2 at frequency FOSC/2. The timer repeatedly counts to overflow from a loaded value. At overflow, the contents of RCAP2H and RCAP2L registers are loaded into TH2 and TL2. In this mode, timer 2 overflows do not generate interrupts. The formula gives the clock-out frequency as a function of the system oscillator frequency and the value in the RCAP2H and RCAP2L registers: F x 2 x2 osc Clock - OutFrequency = ------------------------------------------------------------------------------------------4 x ( 65536 - RCAP2H RCAP2L ) For a 16 MHz system clock, timer 2 has a programmable frequency range of 61 Hz (FOSC/216) to 4 MHz (FOSC/4) in X1 mode. The generated clock signal is brought out to T2 pin (P1.0). Timer 2 is programmed for the clock-out mode as follows: * * * * * Set T2OE bit in T2MOD register. Clear C/T2 bit in T2CON register. Determine the 16-bit reload value from the formula and enter it in RCAP2H/RCAP2L registers. Enter a 16-bit initial value in timer registers TH2/TL2. It can be the same as the reload value or a different one depending on the application. To start the timer, set TR2 run control bit in T2CON register. 15 4233G-8051-03/03 It is possible to use timer 2 as a baud rate generator and a clock generator simultaneously. For this configuration, the baud rates and clock frequencies are not independent since both functions use the values in the RCAP2H and RCAP2L registers. Figure 6. Clock-Out Mode C/T2 = 0 XTAL1 :2 (:1 in X2 mode) TR2 T2CON reg TL2 (8-bit) TH2 (8-bit) OVERFLOW RCAP2L (8-bit) Toggle T2 Q D RCAP2H (8-bit) T2OE T2MOD reg T2EX EXEN2 T2CON reg EXF2 T2CON reg TIMER 2 INTERRUPT 16 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Table 5. T2CON Register T2CON - Timer 2 Control Register (C8h) 7 TF2 6 EXF2 Bit Mnemonic 5 RCLK 4 TCLK 3 EXEN2 2 TR2 1 C/T2# 0 CP/RL2# Bit Number Description Timer 2 overflow Flag Must be cleared by software. Set by hardware on timer 2 overflow, if RCLK = 0 and TCLK = 0. Timer 2 External Flag Set when a capture or a reload is caused by a negative transition on T2EX pin if EXEN2=1. When set, causes the CPU to vector to timer 2 interrupt routine when timer 2 interrupt is enabled. Must be cleared by software. EXF2 doesn't cause an interrupt in Up/down counter mode (DCEN = 1) Receive Clock bit Clear to use timer 1 overflow as receive clock for serial port in mode 1 or 3. Set to use timer 2 overflow as receive clock for serial port in mode 1 or 3. Transmit Clock bit Clear to use timer 1 overflow as transmit clock for serial port in mode 1 or 3. Set to use timer 2 overflow as transmit clock for serial port in mode 1 or 3. Timer 2 External Enable bit Clear to ignore events on T2EX pin for timer 2 operation. Set to cause a capture or reload when a negative transition on T2EX pin is detected, if timer 2 is not used to clock the serial port. Timer 2 Run control bit Clear to turn off timer 2. Set to turn on timer 2. Timer/Counter 2 select bit Clear for timer operation (input from internal clock system: FOSC). Set for counter operation (input from T2 input pin, falling edge trigger). Must be 0 for clock out mode. Timer 2 Capture/Reload bit If RCLK=1 or TCLK=1, CP/RL2# is ignored and timer is forced to auto-reload on timer 2 overflow. Clear to auto-reload on timer 2 overflows or negative transitions on T2EX pin if EXEN2=1. Set to capture on negative transitions on T2EX pin if EXEN2=1. 7 TF2 6 EXF2 5 RCLK 4 TCLK 3 EXEN2 2 TR2 1 C/T2# 0 CP/RL2# Reset Value = 0000 0000b Bit addressable 17 4233G-8051-03/03 Table 6. T2MOD Register T2MOD - Timer 2 Mode Control Register (C9h) 7 Bit Number 7 6 Bit Mnemonic 5 4 3 2 1 T2OE 0 DCEN Description Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Timer 2 Output Enable bit Clear to program P1.0/T2 as clock input or I/O port. Set to program P1.0/T2 as clock output. Down Counter Enable bit Clear to disable timer 2 as up/down counter. Set to enable timer 2 as up/down counter. 6 - 5 - 4 - 3 - 2 - 1 T2OE 0 DCEN Reset Value = XXXX XX00b Not bit addressable 18 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 T8xC5101/02 Serial I/O Port The serial I/O port in the T8xC5101/02 family is compatible with the serial I/O port in the 80C52. It provides both synchronous and asynchronous communication modes. It operates as an Universal Asynchronous Receiver and Transmitter (UART) in three fullduplex modes (Modes 1, 2 and 3). Asynchronous transmission and reception can occur simultaneously and at different baud rates. Serial I/O port includes the following enhancements: * * Framing Error Detection Framing error detection Automatic address recognition Framing bit error detection is provided for the three asynchronous modes (modes 1, 2 and 3). To enable the framing bit error detection feature, set SMOD0 bit in PCON register (See Figure 7). Figure 7. Framing Error Block Diagram SM0/FE SM1 SM2 REN TB8 RB8 TI RI SCON (98h) Set FE bit if stop bit is 0 (framing error) (SMOD0 = 1) SM0 to UART mode control (SMOD = 0) SMOD1SMOD0 POF GF1 GF0 PD IDL PCON (87h) To UART framing error control When this feature is enabled, the receiver checks each incoming data frame for a valid stop bit. An invalid stop bit may result from noise on the serial lines or from simultaneous transmission by two CPUs. If a valid stop bit is not found, the Framing Error bit (FE) in SCON register (See ) bit is set. Software may examine FE bit after each reception to check for data errors. Once set, only software or a reset can clear FE bit. Subsequently received frames with valid stop bits cannot clear FE bit. When FE feature is enabled, RI rises on stop bit instead of the last data bit (See Figure 8. and Figure 9.). Figure 8. UART Timings in Mode 1 RXD Start bit RI SMOD0=X FE SMOD0=1 D0 D1 D2 D3 D4 D5 D6 D7 Stop bit Data byte 19 4233G-8051-03/03 Figure 9. UART Timings in Modes 2 and 3 RXD Start bit RI SMOD0=0 RI SMOD0=1 FE SMOD0=1 D0 D1 D2 D3 D4 D5 D6 D7 D8 Ninth Stop bit bit Data byte Automatic Address Recognition The automatic address recognition feature is enabled when the multiprocessor communication feature is enabled (SM2 bit in SCON register is set). Implemented in hardware, automatic address recognition enhances the multiprocessor communication feature by allowing the serial port to examine the address of each incoming command frame. Only when the serial port recognizes its own address, the receiver sets RI bit in SCON register to generate an interrupt. This ensures that the CPU is not interrupted by command frames addressed to other devices. If desired, you may enable the automatic address recognition feature in mode 1. In this configuration, the stop bit takes the place of the ninth data bit. Bit RI is set only when the received command frame address matches the device's address and is terminated by a valid stop bit. To support automatic address recognition, a device is identified by a given address and a broadcast address. Note: The multiprocessor communication and automatic address recognition features cannot be enabled in mode 0 (i.e. setting SM2 bit in SCON register in mode 0 has no effect). Given Address Each device has an individual address that is specified in SADDR register; the SADEN register is a mask byte that contains don't-care bits (defined by zeros) to form the device's given address. The don't-care bits provide the flexibility to address one or more slaves at a time. The following example illustrates how a given address is formed. To address a device by its individual address, the SADEN mask byte must be 1111 1111b. For example: SADDR0101 0110b SADEN1111 1100b Given0101 01XXb The following is an example of how to use given addresses to address different slaves: Slave A:SADDR1111 0001b SADEN1111 1010b Given1111 0X0Xb Slave B:SADDR1111 0011b SADEN1111 1001b Given1111 0XX1b Slave C:SADDR1111 0010b SADEN1111 1101b Given1111 00X1b 20 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 The SADEN byte is selected so that each slave may be addressed separately. For slave A, bit 0 (the LSB) is a don't-care bit; for slaves B and C, bit 0 is a 1. To communicate with slave A only, the master must send an address where bit 0 is clear (e.g. 1111 0000b). For slave A, bit 1 is a 1; for slaves B and C, bit 1 is a don't care bit. To communicate with slaves B and C, but not slave A, the master must send an address with bits 0 and 1 both set (e.g. 1111 0011b). To communicate with slaves A, B and C, the master must send an address with bit 0 set, bit 1 clear, and bit 2 clear (e.g. 1111 0001b). Broadcast Address A broadcast address is formed from the logical OR of the SADDR and SADEN registers with zeros defined as don't-care bits, e.g.: SADDR 0101 0110b SADEN 1111 1100b Broadcast =SADDR OR SADEN1111 111Xb The use of don't-care bits provides flexibility in defining the broadcast address, however in most applications, a broadcast address is FFh. The following is an example of using broadcast addresses: Slave A:SADDR1111 0001b SADEN1111 1010b Broadcast1111 1X11b, Slave B:SADDR1111 0011b SADEN1111 1001b Broadcast1111 1X11B, Slave C:SADDR=1111 0010b SADEN1111 1101b Broadcast1111 1111b For slaves A and B, bit 2 is a don't care bit; for slave C, bit 2 is set. To communicate with all of the slaves, the master must send an address FFh. To communicate with slaves A and B, but not slave C, the master can send and address FBh. Reset Addresses On reset, the SADDR and SADEN registers are initialized to 00h, i.e. the given and broadcast addresses are XXXX XXXXb (all don't-care bits). This ensures that the serial port will reply to any address, and so, that it is backwards compatible with the 80C51 microcontrollers that do not support automatic address recognition. 21 4233G-8051-03/03 Table 7. SADEN Register SADEN - Slave Address Mask Register (B9h) 7 6 5 4 3 2 1 0 Reset Value = 0000 0000b Not bit addressable Table 8. SAADR Register SADDR - Slave Address Register (A9h) 7 6 5 4 3 2 1 0 Reset Value = 0000 0000b Not bit addressable 22 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Table 9. SCON Register SCON - Serial Control Register (98h) 7 FE/SM0 Bit Number Bit 6 SM1 Mnemonic 5 SM2 Description Framing Error bit (SMOD0=1) Clear to reset the error state, not cleared by a valid stop bit. Set by hardware when an invalid stop bit is detected. SMOD0 must be set to enable access to the FE bit Serial port Mode bit 0 Refer to SM1 for serial port mode selection. SMOD0 must be cleared to enable access to the SM0 bit Serial port Mode bit 1 SM0 SM1 Mode Description 0 0 0 Shift Register 0 1 1 8-bit UART 1 0 2 9-bit UART 1 1 3 9-bit UART 4 REN 3 TB8 2 RB8 1 TI 0 RI 7 FE SM0 6 SM1 Baud Rate FXTAL/12 (/6 in X2 mode) Variable FXTAL/64 or FXTAL/32 (/32, /16in X2 mode) Variable 5 SM2 Serial port Mode 2 bit/Multiprocessor Communication Enable bit Clear to disable multiprocessor communication feature. Set to enable multiprocessor communication feature in mode 2 and 3, and eventually mode 1. This bit should be cleared in mode 0. Reception Enable bit Clear to disable serial reception. Set to enable serial reception. Transmitter Bit 8/Ninth bit to transmit in modes 2 and 3. 4 REN 3 TB8 Clear to transmit a logic 0 in the 9th bit. Set to transmit a logic 1 in the 9th bit. Receiver Bit 8/Ninth bit received in modes 2 and 3 Cleared by hardware if 9th bit received is a logic 0. Set by hardware if 9th bit received is a logic 1. In mode 1, if SM2 = 0, RB8 is the received stop bit. In mode 0 RB8 is not used. Transmit Interrupt flag Clear to acknowledge interrupt. Set by hardware at the end of the 8th bit time in mode 0 or at the beginning of the stop bit in the other modes. Receive Interrupt flag Clear to acknowledge interrupt. Set by hardware at the end of the 8th bit time in mode 0, see Figure 8. and Figure 9. in the other modes. 2 RB8 1 TI 0 RI Reset Value = 0000 0000b Bit addressable 23 4233G-8051-03/03 Table 10. PCON Register PCON - Power Control Register (87h) 7 SMOD1 Bit Number 7 6 SMOD0 Bit Mnemonic SMOD1 5 4 POF 3 GF1 2 GF0 1 PD 0 IDL Description Serial port Mode bit 1 Set to select double baud rate in mode 1, 2 or 3. Serial port Mode bit 0 Clear to select SM0 bit in SCON register. Set to to select FE bit in SCON register. Reserved The value read from this bit is indeterminate. Do not set this bit. Power-Off Flag Clear to recognize next reset type. Set by hardware when VCC rises from 0 to its nominal voltage. Can also be set by software. General purpose Flag Cleared by user for general purpose usage. Set by user for general purpose usage. General purpose Flag Cleared by user for general purpose usage. Set by user for general purpose usage. Power-Down mode bit Cleared by hardware when reset occurs. Set to enter power-down mode. Idle mode bit Clear by hardware when interrupt or reset occurs. Set to enter idle mode. 6 SMOD0 5 - 4 POF 3 GF1 2 GF0 1 PD 0 IDL Reset Value = 00X1 0000b Not bit addressable Power-off flag reset value will be 1 only after a power on (cold reset). A warm reset doesn't affect the value of this bit. 24 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Interrupt System The T8xC5101/02 family has a total of 6 interrupt vectors: two external interrupts (INT0 and INT1), three timer interrupts (timers 0, 1 and 2) and the serial port interrupt. These interrupts are shown in Figure 10. The addresses of the interrupt vectors are the same as in the standard C52. Figure 10. Interrupt Control System IPH, IP 3 INT0 IE0 0 3 TF0 0 3 INT1 IE1 0 3 TF1 0 RI TI 3 0 3 0 Interrupt polling sequence, decreasing from high to low priority High priority interrupt TF2 EXF2 Individual Enable Global Disable Low priority interrupt Each of the interrupt sources can be individually enabled or disabled by setting or clearing a bit in the Interrupt Enable register (See Table 12). This register also contains a global disable bit, which must be cleared to disable all interrupts at once. Each interrupt source can also be individually programmed to one out of four priority levels by setting or clearing a bit in the Interrupt Priority register (See Table 13) and in the Interrupt Priority High register (See Table 14). shows the bit values and priority levels associated with each combination. Table 11. Priority Level Bit Values IPH.x 0 0 1 1 IP.x 0 1 0 1 Interrupt Level Priority 0 (Lowest) 1 2 3 (Highest) 25 4233G-8051-03/03 A low-priority interrupt can be interrupted by a high priority interrupt, but not by another low-priority interrupt. A high-priority interrupt can't be interrupted by any other interrupt source. If two interrupt requests of different priority levels are received simultaneously, the request of higher priority level is serviced. If interrupt requests of the same priority level are received simultaneously, an internal polling sequence determines which request is serviced. Thus within each priority level there is a second priority structure determined by the polling sequence. Table 12. IE Register IE - Interrupt Enable Register (A8h) 7 EA Bit Number 6 Bit Mnemonic 5 ET2 4 ES 3 ET1 2 EX1 1 ET0 0 EX0 Description Enable All interrupt bit Clear to disable all interrupts. Set to enable all interrupts. If EA=1, each interrupt source is individually enabled or disabled by setting or clearing its own interrupt enable bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Timer 2 overflow interrupt Enable bit Clear to disable timer 2 overflow interrupt. Set to enable timer 2 overflow interrupt. Serial port Enable bit Clear to disable serial port interrupt. Set to enable serial port interrupt. Timer 1 overflow interrupt Enable bit Clear to disable timer 1 overflow interrupt. Set to enable timer 1 overflow interrupt. External interrupt 1 Enable bit Clear to disable external interrupt 1. Set to enable external interrupt 1. Timer 0 overflow interrupt Enable bit Clear to disable timer 0 overflow interrupt. Set to enable timer 0 overflow interrupt. External interrupt 0 Enable bit Clear to disable external interrupt 0. Set to enable external interrupt 0. 7 EA 6 - 5 ET2 4 ES 3 ET1 2 EX1 1 ET0 0 EX0 Reset Value = 0X00 0000b Bit addressable 26 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Table 13. IP Register IP - Interrupt Priority Register (B8h) 7 Bit Number 7 6 Bit Mnemonic 5 PT2 4 PS 3 PT1 2 PX1 1 PT0 0 PX0 Description Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Timer 2 overflow interrupt Priority bit Refer to PT2H for priority level. Serial port Priority bit Refer to PSH for priority level. Timer 1 overflow interrupt Priority bit Refer to PT1H for priority level. External interrupt 1 Priority bit Refer to PX1H for priority level. Timer 0 overflow interrupt Priority bit Refer to PT0H for priority level. External interrupt 0 Priority bit Refer to PX0H for priority level. 6 - 5 PT2 4 PS 3 PT1 2 PX1 1 PT0 0 PX0 Reset Value = XX00 0000b Bit addressable 27 4233G-8051-03/03 Table 14. IPH Register IPH - Interrupt Priority High Register (B7h) 7 Bit Number 7 6 Bit Mnemonic 5 PT2H 4 PSH 3 PT1H 2 PX1H 1 PT0H 0 PX0H Description Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Timer 2 overflow interrupt Priority High bit PT2H PT2 Priority Level 0 0 Lowest 0 1 1 0 1 1 Highest Serial port Priority High bit PSH PS Priority Level 0 0 Lowest 0 1 1 0 1 1 Highest Timer 1 overflow interrupt Priority High bit PT1 Priority Level PT1H 0 0 Lowest 0 1 1 0 1 1 Highest External interrupt 1 Priority High bit PX1 Priority Level PX1H 0 0 Lowest 0 1 1 0 1 1 Highest Timer 0 overflow interrupt Priority High bit PT0H PT0 Priority Level 0 0 Lowest 0 1 1 0 1 1 Highest External interrupt 0 Priority High bit PX0 Priority Level PX0H 0 0 Lowest 0 1 1 0 1 1 Highest 6 - 5 PT2H 4 PSH 3 PT1H 2 PX1H 1 PT0H 0 PX0H Reset Value = XX00 0000b Not bit addressable 28 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Idle Mode An instruction that sets PCON.0 causes that to be the last instruction executed before going into the Idle mode. In the Idle mode, the internal clock signal is gated off to the CPU, but not to the interrupt, Timer, and Serial Port functions. The CPU status is preserved in its entirely: the Stack Pointer, Program Counter, Program Status Word, Accumulator and all other registers maintain their data during Idle. The port pins hold the logical states they had at the time Idle was activated. There are two ways to terminate the Idle. Activation of any enabled interrupt will cause PCON.0 to be cleared by hardware, terminating the Idle mode. The interrupt will be serviced, and following RETI the next instruction to be executed will be the one following the instruction that put the device into idle. The flag bits GF0 and GF1 can be used to give an indication if an interrupt occured during normal operation or during an Idle. For example, an instruction that activates Idle can also set one or both flag bits. When Idle is terminated by an interrupt, the interrupt service routine can examine the flag bits. The other way of terminating the Idle mode is with a hardware reset. Since the clock oscillator is still running, the hardware reset needs to be held active for only two machine cycles (24 oscillator periods) to complete the reset. Power-Down Mode To save maximum power, a power-down mode can be invoked by software (Refer to Table 10., PCON register). In power-down mode, the oscillator is stopped and the instruction that invoked powerdown mode is the last instruction executed. The internal RAM and SFRs retain their value until the power-down mode is terminated. VCC can be lowered to save further power. Either a hardware reset or an external interrupt can cause an exit from powerdown. To properly terminate power-down, the reset or external interrupt should not be executed before VCC is restored to its normal operating level and must be held active long enough for the oscillator to restart and stabilize. Only external interrupts INT0 and INT1 are useful to exit from power-down. For that, interrupt must be enabled and configured as level or edge sensitive interrupt input. Holding the pin low restarts the oscillator but bringing the pin high completes the exit as detailed in Figure 11. When both interrupts are enabled, the oscillator restarts as soon as one of the two inputs is held low and power down exit will be completed when the first input will be released. In this case the higher priority interrupt service routine is executed. Once the interrupt is serviced, the next instruction to be executed after RETI will be the one following the instruction that put T8xC5101/02 into power-down mode. Figure 11. Power-Down Exit Waveform INT0 INT1 XTAL1 Active phase Power-down phase Oscillator restart phase Active phase Exit from power-down by reset redefines all the SFRs, exit from power-down by external interrupt does no affect the SFRs. 29 4233G-8051-03/03 Exit from power-down by either reset or external interrupt does not affect the internal RAM content. Note: If idle mode is activated with power-down mode (IDL and PD bits set), the exit sequence is unchanged, when execution is vectored to interrupt, PD and IDL bits are cleared and idle mode is not entered. Table 15. State of Ports During Idle and Power-down Modes Mode Idle Power Down Program Memory Internal Internal PORT1 Port Data Port Data PORT3 Port Data Port Data PORT4 Port Data Port Data 30 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Reduced EMI Mode As there is no Port 0 nor Port 2 outputted from this device, there is no need to output ALE. EMI are then reduced intrinsically. The bit which controls ALE disabling in Rx devices is A0 (bit 0) in register AUXR. As explained earlier for bit EXTRAM, writing any value to AO will have no effect on the device behavior. Table 16. AUXR Register AUXR - Auxiliary Register (8Eh) 7 6 Bit Mnemonic 5 4 3 2 1 EXTRAM 0 AO Bit Number 7 Description Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. Reserved The value read from this bit is indeterminate. Do not set this bit. EXTRAM bit Writing to this bit will have no effect. The value read from this bit is indeterminate. ALE Output bit Writing to this bit will have no effect. The value read from this bit is indeterminate. 6 - 5 - 4 - 3 - 2 - 1 EXTRAM 0 AO Reset Value = XXXX XX00b Not bit addressable 31 4233G-8051-03/03 T83C5101/02 ROM ROM Structure The T83C5101/02 ROM memory is divided in three different arrays: * the code array - - * * T83C5101: 16 KB T83C5102: 8 KB the encryption array: 64 bytes the signature array: 4 bytes ROM Lock System Encryption Array The program Lock system, when programmed, protects the on-chip program against software piracy. Within the ROM array are 64 bytes of encryption array. Every time a byte is addressed during program verify, 6 address lines are used to select a byte of the encryption array. This byte is then exclusive-NOR'ed (XNOR) with the code byte, creating an encrypted verify byte. The algorithm, with the encryption array in the unprogrammed state, will return the code in its original, unmodified form. When using the encryption array, one important factor needs to be considered. If a byte has the value FFh, verifying the byte will produce the encryption byte value. If a large block (>64 bytes) of code is left unprogrammed, a verification routine will display the content of the encryption array. For this reason all the unused code bytes should be programmed with random values. Program Lock Bits The lock bits when programmed according to Table 17. will provide different level of protection for the on-chip code and data. Table 17. Program Lock Bits Program Lock Bits Security level 1 LB1 U LB2 U LB3 U Protection Description No program lock features enabled. Code verify will still be encrypted by the encryption array if programmed. Not applicable as usually this protection deals with executing MOVC from external memory (impossible) and sampling EA pin (doesn't exist any more) Verify disable. 3 U P U This security level is available because ROM integrity will be verified thanks to another method. 2 P U U U: unprogrammed P: programmed Signature Bytes The T8xC5101/02 family contains 4 factory programmed signatures bytes. To read these bytes, perform the process described in sections Section "Definition of Terms" and Section "Signature Bytes". Refer to Section "Verifying Algorithm", page 36 Verify Algorithm 32 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 T87C5101 EPROM EPROM Structure The T87C5101 EPROM is divided into two different arrays: * * * the code array: 16 KB the encryption array: 64 bytes the signature array: 4 bytes. In addition a third non programmable array is implemented: EPROM Lock System Encryption Array The program Lock system, when programmed, protects the on-chip program against software piracy. Within the EPROM array are 64 bytes of encryption array that are initially unprogrammed (all FF's). Every time a byte is addressed during program verify, 6 address lines are used to select a byte of the encryption array. This byte is then exclusiveNOR'ed (XNOR) with the code byte, creating an encrypted verify byte. The algorithm, with the encryption array in the unprogrammed state, will return the code in its original, unmodified form. When using the encryption array, one important factor needs to be considered. If a byte has the value FFh, verifying the byte will produce the encryption byte value. If a large block (>64 bytes) of code is left unprogrammed, a verification routine will display the content of the encryption array. For this reason all the unused code bytes should be programmed with random values. Program Lock Bits The three lock bits, when programmed according to Table 18, will provide different level of protection for the on-chip code and data. Table 18. Program Lock Bits Program Lock Bits Security level 1 2 3 4 LB1 U P U U LB2 U U P U LB3 U U U P Protection Description No program lock features enabled. Code verify will still be encrypted by the encryption array if programmed. Further programming of the program memory is disabled. Same as security level 2 + verify disabled. Not applicable as usually this protection deals with external execution, which is impossible with this device. U: unprogrammed, P: programmed WARNING: Security level 2 and higher should only be programmed after EPROM verification. Signature Bytes The T8xC5101/02 family contains 4 factory programmed signatures bytes. To read these bytes, perform the process described in section and . 33 4233G-8051-03/03 EPROM Programming Set-up Modes In order to program and verify the EPROM or to read the signature bytes, the T87C5101 is placed in specific test modes (See Figure 12.). Control and program signals must be held at the levels indicated in Table 19. Definition of Terms Address and Control Lines: RST, TEST, Port 3 Data Lines: Program Signals: VPP, PROG Table 19. EPROM Set-Up Modes Mode Program Code data Verify Code data Program Encryption Array Address 0-3Fh Read Signature Bytes Program Lock bit 1 RST 1 1 1 1 1 TEST 0/1 0/1 0/1 0 0/1 1 1 PROG VPP 0/ 12.75V 0/1 0/ 12.75V 0 0/ 12.75V 0/ 12.75V NA 1 NA 0 P3.7 1 1 1 0 1 P3.6 1 1 0 0 1 P3.3 1 0 1 0 1 P3.2 1 0 1 0 1 P3.1 0 0 0 0 1 Port 1 Program Lock bit 2 Program Lock bit 3 Read lock bits 1 NA 1 0/1 NA 0 0 NA 1 0 NA 0 1 NA 0 1 NA 0 1 NA 0 NA: not applicable Figure 12. Programming and Verifying Modes Configuration TCODE = Test code, ADH = address high, ADL = address low 5V 5V '1' '0'/'1'/VPP '0'/'1' RST VCC data P1 '1' '0'/'1' '1' '0'/'1' TCODE / ADH/ADL 4 to 12 MHz RST VCC data P1 VPP PROG TEST P3 XTAL1 VPP PROG TEST P3 XTAL1 TCODE / ADH/ADL 4 to 12 MHz Programming Configuration Verifying Configuration 34 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 EPROM Programming and Verification Characteristics TA = 21C to 27C; VSS = 0V; VCC = 5V 10% while programming. VCC = operating range while verifying. Table 20. EPROM Programming Parameters Symbol VPP IPP 1/TCLCL Parameter Programming Supply Voltage Programming Supply Current Oscillator Frequency 4 Min 12.5 Max 13 75 12 Units V mA MHz Programming Algorithm * * * * * OR * step 1: VPP and TEST low, present T code for programming on P3 and raise VPP to 12.75V step 2: present Address High on P3 and pulse TEST high step 3: present address Low on P3 and data on P1 step 4: pulse PROG low step 5: back to step 3 if the next byte to program is in the same 256 byte page step 5: back to step 2 if the next byte to program is in a different page Figure 13. Programming Signals Waveform tCVPX tPHCX tPHTX VPP=12.75V VPP tCVTX tTHTX TEST tGHCX tDVGX tCVGX PROG P3 TCode prog tTLCX tGHDX tGLGX ADH#1 tPHDZ ADL #1 ADL #2 ADH#2 ADL#3 P1 Data #1 Data #2 Data#3 Table 21. Programming Algorithm Parameters 12 MHz Symbol tOSC tCVPX Parameter Oscillator period Code input Valid to VPP rising edge setup time Formula 36 tOSC 3 Min Max 83.3 Unit ns s 35 4233G-8051-03/03 Table 21. Programming Algorithm Parameters (Continued) 12 MHz Symbol tPHCX tPHTX tTHTX tCVTX tTLCX tPHDZ tGLGX tCVGX tDVGX tGHCX tGHDX Parameter Code input valid from VPP High hold time Test input valid from VPP High hold time Test High pulse width Address high Valid to Test falling edge setup time Address input Valid from Test falling edge hold time Data output Hi-Z from VPP high delay Prog Low pulse width Address valid to Prog falling edge setup time Data input Valid to Prog falling edge setup time Address valid from Prog rising edge hold time Data input valid from Prog rising edge hold time 36 tOSC 36 tOSC 1 tOSC 1 tOSC 90 3 3 83.3 83.3 Formula 1 tOSC 1 tOSC 36 tOSC 36 tOSC 1 tOSC Min 83.3 83.3 3 3 83.3 0 110 s s s ns ns Max Unit ns ns s s ns Verifying Algorithm * * * * OR * step 1: VPP and TEST low, present T code for verification on P3 and Raise VPP to Vcc step 2: present address High and pulse TEST high step 3: present address Low on P3 and read data on P1 step 4: back to step 3 if the next byte is in the same 256 byte page step 4: back to step 2 if the next byte to program is in a different page Figure 14. Verifying Signals Waveform tCVPX tPHCX tPHTX VPP high is 5V VPP tCVTX tTHTX TEST PROG P3 TCode ADH#1* ADL #1 tCVDV P1 Note: Data #1 ADL #2 tCXDX Data #2 Data#3 ADH#2* ADL#3 tTLCX * ADH is egal to 0 when addressing signature bytes 36 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Table 22. Verify Algorithm Parameters 12 MHz Symbol Parameter tOSC tCVPX tPHCX tPHTX tTHTX tCVTX tTLCX tCVDV tCXDX Oscillator period Code input Valid to VPP rising edge setup time Code input valid from VPP High hold time Test input valid from VPP High hold time Test High pulse width Address high Valid to Test falling edge setup time Address input Valid from Test falling edge hold time Address Valid to Data output Valid delay Data valid from Address Invalid hold time 36 tOSC 1 tOSC 1 tOSC 36 tOSC 36 tOSC 1 tOSC 36 tOSC 0 3 83.3 83.3 3 3 83.3 3 Formula Min Max 83.3 Unit ns s ns ns s s ns s Programming/Verify Algorithm * * * * * * * * OR * step 1: VPP and TEST low, present T code for programming on P3 and raise VPP to 12.75V step 2: present Address High on P3 and pulse TEST high step 3: present address Low on P3 and data on P1 step 4: pulse PROG low step 5: present T code for verifying on P3 and lower VPP to 0V step 6: read previous data step 7: present T code for programming on P3 and raise VPP to 12.75V step 8: goto step 3 if the next byte to program is in the same 256 byte page step 8: goto step 2 if the next byte to program is in a different page 37 4233G-8051-03/03 Figure 15. Programming/Verifying Signals Waveform VPP=12.75V tPHTX tPHCX tGHPX tCVPX tPPGX VPP tCVTX tTHTX tTLCX TEST tDVGX tCVGX tGHDX tGHCX ROG P3 TCode Prog ADH#1 ADL#1 tPLCX tPHDZ P1 Data#1 (in) tPLDX Data#1 (out) tTXDX Data#2 (in) tTVDV TCode Ver TCode Prog ADL#2 tGLGX Note: after programming, addresses high and low are already latched in the device, and when switching to verify, the device outputs directly the last written data. Table 23. Programming/Verifying Signnal's Wavaform Parameters 12 MHz Symbol tOSC tCVPX tPHCX tPHTX tTHTX tCVTX tTLCX tPHDZ tGLGX tCVGX tDVGX tGHCX tGHDX tGHPX Parameter Oscillator period Code input Valid to VPP rising edge setup time Code input valid from VPP High hold time Test input valid from VPP High hold time Test High pulse width Address high Valid to Test falling edge setup time Address input Valid from Test falling edge hold time Data output Hi-Z from VPP high delay Prog Low pulse width Address valid to Prog falling edge setup time Data input Valid to Prog falling edge setup time Address valid from Prog rising edge hold time Data input valid from Prog High hold time 36 tOSC 36 tOSC 1 tOSC 1 tOSC 36 tOSC 90 3 3 83.3 83.3 3 Formula 36 tOSC 1 tOSC 1 tOSC 36 tOSC 36 tOSC 1 tOSC 3 83.3 83.3 3 3 83.3 0 110 s s s ns ns s Min Max 83.3 Unit ns s ns ns s s ns VPP on VPP pin from Prog High hold time 38 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Table 23. Programming/Verifying Signnal's Wavaform Parameters (Continued) 12 MHz Symbol tTXDX tTVDV tPLCX tPPGX tPLDX Parameter Data output valid from T code invalid hold time Data output valid from T code valid delay Address valid from VPP falling edge hold time 36 tOSC 36 tOSC 36 tOSC 3 3 0 Formula Min 0 3 s s s s Max Unit VPP on VPP pin to Prog falling edge setup time Data output from VPP Low delay Lock Bits Programming and Verification Programming: * * Verification: * * step 1: VPP and TEST low, present T code for Lock bits programming on P3 and raise VPP to 12.75V step 2: pulse PROG low step 1: VPP and TEST low, present T code for Lock bits verification step 2: read data Figure 16. Lock Bits Programming Signals Waveform and Lock Bits Verifying Signals Waveform tCVPX tPHCX tPPGX VPP TEST tGLGX PROG P3 T code tPLCV tPHDZ P1 tPLDX data out tPLDV tTVDV T code tTXDX VPP=12.75V tGHPX Table 24. Lock Bits Programming Signals Waveform and Lock Bits Verifying Signals Waveform Parameters 12 MHz Symbol tOSC Parameter Oscillator period Formula Min Max 83.3 Unit ns 39 4233G-8051-03/03 Table 24. Lock Bits Programming Signals Waveform and Lock Bits Verifying Signals Waveform Parameters (Continued) 12 MHz Symbol tCVPX tPHCX tPPGX tGLGX tGHPX tPLDV tPLDX tTVDV tTXDX tPHDZ tPLCV Parameter Code input valid to VPP rising edge setup time Code input valid from VPP high hold time Formula 36 tOSC 1 tOSC 36 tOSC Min 3 83.3 3 90 36 tOSC 36 tOSC 0 36 tOSC 0 0 36 tOSC 3 s 3 s 3 3 110 Max Unit s ns s s s s VPP on VPP pin to PROG Low setup time Prog Low pulse width VPP on VPP pin from PROG High hold time Data Output Valid from VPP Low delay Data output from VPP Low delay Data output valid from T code valid delay Data output valid from T code invalid hold time Data output Hi-Z from VPP high delay VPP low to T code valid setup time * * * * * * * VPP pin in driven: to 0V when P3 contains the test code to 5V when P3 contains high order or low order addresses to VPP during programming cycled Test pin is driven: to 5V when P3 contains high order address to 0V in the other cases EPROM Erasure (Windowed Packages Only) Erasure Characteristics Erasing the EPROM erases the code array, the encryption array and the lock bits returning the parts to full functionality. Erasure leaves all the EPROM cells in a 1's state (FF). The recommended erasure procedure is exposure to ultraviolet light (at 2537 A) to an integrated dose at least 15 W-sec/cm2. Exposing the EPROM to an ultraviolet lamp of 12,000 W/cm2 rating for 30 minutes, at a distance of about 25 mm, should be sufficient. An exposure of 1 hour is recommended with most of standard erasers. Erasure of the EPROM begins to occur when the chip is exposed to light with wavelength shorter than approximately 4,000 A. Since sunlight and fluorescent lighting have wavelengths in this range, exposure to these light sources over an extended time (about 1 week in sunlight, or 3 years in room-level fluorescent lighting) could cause inadvertent erasure. If an application subjects the device to this type of exposure, it is suggested that an opaque label be placed over the window. 40 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Signature Bytes Signature Bytes Content The T8xC5101/02 has four signature bytes in location 30h, 31h, 60h and 61h. To read these bytes follow the procedure for EPROM verify but activate the control lines provided in Table 19. for Read Signature Bytes. Table 25. shows the content of the signature byte for the T8xC5101/02. Table 25. Signature Bytes Content Location 30h 31h 60h 60h 61h Contents 58h 57h 3Bh BBh EFh Comment Manufacturer Code: Atmel Family Code: C51 X2 Product name: T83C5101/02 8K or 16K ROM version Product name: T87C5101 16K OTP version Product revision number: T8xC5101/02 Rev.0 41 4233G-8051-03/03 Electrical Characteristics Table 26. Absolute Maximum Ratings C = commercial......................................................0C to 70C I = industrial ........................................................-40C to 85C Storage Temperature .................................... -65C to + 150C Voltage on VCC to VSS ........................................-0.5 V to + 7 V Voltage on VPP to VSS ......................................-0.5 V to + 13 V Voltage on Any Pin to VSS ........................-0.5 V to VCC + 0.5 V Power Dissipation ........................................................... 1 W(2) *NOTICE: Stresses at or above those listed under " Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability. Power Dissipation value is based on the maximum allowable die temperature and the thermal resistance of the package. Power Consumption Measurement Since the introduction of the first C51 devices, every manufacturer made operating Icc measurements under reset, which made sense for the designs were the CPU was running under reset. In Atmel new devices, the CPU is no more active during reset, so the power consumption is very low but is not really representative of what will happen in the customer system. That's why, while keeping measurements under Reset, Atmel presents a new way to measure the operating Icc: Using an internal test ROM, the following code is executed: Label: SJMP Label (80 FE) Ports 1, 3, 4 are disconnected, RST = Vss, XTAL2 is not connected and XTAL1 is driven by the clock. This is much more representative of the real operating Icc. 42 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 DC Parameters for Standard Voltage TA = 0C to +70C; VSS = 0 V; VCC = 5 V 10%; F = 0 to 40 MHz. TA = -40C to +85C; VSS = 0 V; VCC = 5 V 10%; F = 0 to 40 MHz. Table 27. DC Parameters in Standard Voltage Symbol VIL VIH VIH1 Parameter Input Low Voltage Input High Voltage except XTAL1, RST Input High Voltage, XTAL1, RST Min -0.5 0.2 VCC + 0.9 0.7 VCC Typ Max 0.2 VCC - 0.1 VCC + 0.5 VCC + 0.5 0.3 VOL Output Low Voltage, ports 1, 3, 4.2-4.5 (6) 0.45 1.0 Unit V V V V V V V VOL1 Output Low Voltage, port 4.0-4.1 (6) 0.76(5) 0.5 1.0 VCC - 0.3 VOH Output High Voltage, ports 1, 3, 4.2-4.5 (6) VCC - 0.7 VCC - 1.5 RRST IIL ILI ITL RST Pulldown Resistor Logical 0 Input Current ports 1, 3 and 4 Input Leakage Current Logical 1 to 0 Transition Current, ports 1, 3 50 90 (5) 200 -50 TBD 10 -650 TBD 10 to be confirmed 20 (5) V V V V V k A A A Vin = 0.45 V, port 1 & 3 Vin = 0.45 V, port 4 0.45 V < Vin < VCC Vin = 2.0 V, port 1 & 3 Vin = 2.0 V, port 4 Fc = 1 MHz TA = 25C 2.0 V < VCC < 5.5 V(3) IOL = 100 A IOL = 1.6 mA IOL = 3.5 mA IOL = 10.0 mA IOL = 6.0 mA IOL = 12.0 mA IOH = -10 A IOH = -30 A IOH = -60 A VCC = 5 V 10% Test Conditions CIO IPD ICC under RESET Capacitance of I/O Buffer pF A Power Down Current 50 1 + 0.4 Freq (MHz) @12MHz 5.8 @16MHz 7.4 3 + 0.6 Freq (MHz) @12MHz 10.2 @16MHz 12.6 0.25+0.3 Freq (MHz) @12MHz 3.9 @16MHz 5.1 Power Supply Current Maximum values, X1 mode: (7) to be confirmed mA VCC = 5.5 V(1) ICC operating Power Supply Current Maximum values, X1 mode: (7) to be confirmed mA VCC = 5.5 V(8) ICC idle Power Supply Current Maximum values, X1 mode: (7) to be confirmed mA VCC = 5.5 V(2) 43 4233G-8051-03/03 DC Parameters for Low Voltage TA = 0C to +70C; VSS = 0 V; VCC = 2.7 V to 5.5 V; F = 0 to 30 MHz. TA = -40C to +85C; VSS = 0 V; VCC = 2.7 V to 5.5 V; F = 0 to 30 MHz. Table 28. DC Parameters for Low Voltage Symbol VIL VIH VIH1 VOL Parameter Input Low Voltage Input High Voltage except XTAL1, RST Input High Voltage, XTAL1, RST Output Low Voltage, ports 1, 3, 4.2-4.5 (6) Min -0.5 0.2 VCC + 0.9 0.7 VCC Typ Max 0.2 VCC - 0.1 VCC + 0.5 VCC + 0.5 0.45 Unit V V V V V Test Conditions IOL = 0.8 mA IOL = 10.0 mA IOL = 4.8 mA IOH = -10 A Vin = 0.45 V, port 1 & 3 Vin = 0.45 V, port 4 0.45 V < Vin < VCC Vin = 2.0 V, port 1 & 3 Vin = 2.0 V, port 4 0.83(5) VOL1 Output Low Voltage, port 4.0-4.1 (6) 0.5 0.9 VCC -50 TBD 10 -650 TBD 50 90 (5) V V A A A k pF VOH IIL ILI ITL RRST CIO Output High Voltage, ports 1, 3, 4.2-4.5 (6) Logical 0 Input Current ports 1, 2 and 3 Input Leakage Current Logical 1 to 0 Transition Current, ports 1, 3 RST Pulldown Resistor Capacitance of I/O Buffer 200 10 Fc = 1 MHz TA = 25C IPD Power Down Current to be confirmed 20 (5) 10 (5) 50 30 A VCC = 2.0 V to 5.5 V(3) VCC = 2.0 V to 3.3 V(3) ICC under RESET Power Supply Current Maximum values, X1 mode: (7) to be confirmed 1 + 0.2 Freq (MHz) @12MHz 3.4 @16MHz 4.2 1 + 0.3 Freq (MHz) @12MHz 4.6 @16MHz 5.8 0.15 Freq (MHz) + 0.2 @12MHz 2 @16MHz 2.6 mA VCC = 3.3 V(1) ICC operating Power Supply Current Maximum values, X1 mode: (7) to be confirmed mA VCC = 3.3 V(8) ICC idle Power Supply Current Maximum values, X1 mode: (7) to be confirmed mA VCC = 3.3 V(2) Notes: 1. ICC under reset is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 21.), VIL = VSS + 0.5 V, VIH = VCC - 0.5V; XTAL2 N.C.; VPP = RST = VCC. ICC would be slightly higher if a crystal oscillator used. 2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC 0.5 V; XTAL2 N.C; VPP = RST = VSS (see Figure 19.). 3. Power Down ICC is measured with all output pins disconnected; VPP = VSS; XTAL2 NC.; RST = VSS (see Figure 20). 4. Not Applicable 5. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and 5V. 44 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 6. Under steady state (non-transient) conditions, IOL must be externally limited as follows: Maximum IOL per port pin: 10 mA Maximum IOL per 6 and 8-bit port: Port 4.0 + 4.1: 20 mA Port 4.2 to 4.5: 8 mA Ports 1 and 3: 15 mA Maximum total IOL for all output pins: 58 mA If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions. 7. For other values, please contact your sales office. 8. Operating ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 21.), VIL = VSS + 0.5 V, VIH = VCC - 0.5V; XTAL2 N.C.; VPP= VCC; RST = VSS. The internal ROM runs the code 80 FE (label: SJMP label). ICC would be slightly higher if a crystal oscillator is used. Measurements are made with OTP products when possible, which is the worst case. Figure 17. ICC Test Condition, under reset VCC ICC VCC VCC RST (NC) CLOCK SIGNAL XTAL2 XTAL1 VSS All other pins are disconnected. VPP Figure 18. Operating ICC Test Condition VCC ICC VCC Reset = Vss after a high pulse during at least 24 clock cycles RST (NC) CLOCK SIGNAL XTAL2 XTAL1 VSS All other pins are disconnected. VPP 45 4233G-8051-03/03 Figure 19. ICC Test Condition, Idle Mode VCC ICC VCC Reset = Vss after a high pulse during at least 24 clock cycles RST (NC) CLOCK SIGNAL XTAL2 XTAL1 VSS VPP All other pins are disconnected. Figure 20. ICC Test Condition, Power-Down Mode VCC ICC VCC Reset = Vss after a high pulse during at least 24 clock cycles RST (NC) XTAL2 XTAL1 VSS All other pins are disconnected. VPP Figure 21. Clock Signal Waveform for ICC Tests in Active and Idle Modes VCC-0.5V 0.45V TCLCH TCHCL TCLCH = TCHCL = 5ns. 0.7VCC 0.2VCC-0.1 46 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 AC Parameters Explanation of the AC Symbols Each timing symbol has 5 characters. The first character is always a "T" (stands for Time). The other characters, depending on their positions, stand for the name of a signal or the logical status of that signal. The following is a list of all the characters and what they stand for. Example:TXHDV = Time from clock rising edge to input data valid. TA = 0 to +70C (commercial temperature range); V SS = 0 V; V CC = 5 V 10%; -V ranges. TA = 0 to +70C (commercial temperature range); VSS = 0 V; 2.7 V < VCC < 5.5 V; -L range. TA = -40C to +85C (industrial temperature range); VSS = 0 V; 2.7 V < VCC < 5.5 V; -L range. Table 29. gives the maximum applicable load capacitance for Port 1, 3 and 4. Timings will be guaranteed if these capacitances are respected. Higher capacitance values can be used, but timings will then be degraded. Table 29. Load Capacitance versus speed range, in pF -V Port 1, 3 & 4 50 -L 80 Table 31 gives the description of each AC symbols. Table 31 gives for each range the AC parameter. Table 32 gives the frequency derating formula of the AC parameter. To calculate each AC symbols, take the x value corresponding to the speed grade you need (-V or -L) and replace this value in the formula. Values of the frequency must be limited to the corresponding speed grade: Table 30. Max frequency for derating formula regarding the speed grade -V X1 mode Freq (MHz) T (ns) 40 25 -V X2 mode 33 30 -L X1 mode 40 25 -L X2 mode 20 50 Example: TXHDV in X2 mode for a -V part at 20 MHz (T = 1/20E6 = 50 ns): x= 133 (Table 32.) T= 50ns TXHDV= 5T - x = 5 x 50 - 133 = 117ns 47 4233G-8051-03/03 Serial Port Timing - Shift Register Mode Symbol TXLXL TQVHX TXHQX TXHDX TXHDV Parameter Serial port clock cycle time Output data set-up to clock rising edge Output data hold after clock rising edge Input data hold after clock rising edge Clock rising edge to input data valid Table 31. AC Parameters for a Fix Clock -V X2 mode 33 MHz Speed Symbol TXLXL TQVHX TXHQX TXHDX TXHDV 66 MHz equiv. Min 180 100 10 0 17 Max Min 300 200 30 0 117 Max -V standard mode 40 MHz -L X2 mode 20 MHz 40 MHz equiv. Min 300 200 30 0 117 Max Min 300 200 30 0 117 Max ns ns ns ns ns -L standard mode 40 MHz Units Table 32. AC Parameters for a Variable Clock: derating formula Symbol TXLXL TQVHX TXHQX TXHDX TXHDV Type Min Min Min Min Max Standard Clock 12 T 10 T - x 2T-x x 10 T - x X2 Clock 6T 5T-x T-x x 5 T- x 50 20 0 133 50 20 0 133 -V -L Units ns ns ns ns ns 48 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Shift Register Timing Waveforms Figure 22. Shift Register Timing Waveforms INSTRUCTION ALE TXLXL CLOCK TQVXH OUTPUT DATA WRITE to SBUF INPUT DATA CLEAR RI 0 TXHDV VALID VALID TXHQX 1 2 TXHDX VALID VALID VALID VALID VALID 3 4 5 6 7 SET TI VALID SET RI 0 1 2 3 4 5 6 7 8 External Clock Drive Characteristics (XTAL1) Symbol TCLCL TCHCX TCLCX TCLCH TCHCL TCHCX/TCLCX Parameter Oscillator Period High Time Low Time Rise Time Fall Time Cyclic ratio in X2 mode 40 Min 25 5 5 5 5 60 Max Units ns ns ns ns ns % External Clock Drive Waveforms Figure 23. External Clock Drive Waveforms VCC-0.5 V 0.45 V 0.7VCC 0.2VCC-0.1 V TCHCL TCLCX TCHCX TCLCH TCLCL AC Testing Input/Output Waveforms Figure 24. AC Testing Input/Output Waveforms VCC-0.5 V INPUT/OUTPUT 0.45 V 0.2VCC+0.9 0.2VCC-0.1 AC inputs during testing are driven at VCC - 0.5 for a logic "1" and 0.45V for a logic "0". Timing measurement are made at VIH min for a logic "1" and VIL max for a logic "0". 49 4233G-8051-03/03 Float Waveforms Figure 25. Float Waveforms FLOAT VOH-0.1 V VLOAD VOL+0.1 V VLOAD+0.1 V VLOAD-0.1 V For timing purposes as port pin is no longer floating when a 100 mV change from load voltage occurs and begins to float when a 100 mV change from the loaded VOH/VOL level occurs. IOL/IOH 20mA. Clock Waveforms Valid in normal clock mode. In X2 mode XTAL2 signal must be changed to XTAL2 divided by two. Figure 26. Clock Waveforms INTERNAL CLOCK XTAL2 PORT OPERATION OLD DATA NEW DATA STATE4 P1P2 STATE5 P1P2 STATE6 P1P2 STATE1 P1P2 STATE2 P1P2 STATE3 P1P2 STATE4 P1P2 STATE5 P1P2 MOV DEST PORT (P1, P3, P4) (INCLUDES INT0, INT1, TO, T1) P1, P3, P4 PINS SAMPLED P1, P3, P4 PINS SAMPLED SERIAL PORT SHIFT CLOCK TXD (MODE 0) RXD SAMPLED RXD SAM This diagram indicates when signals are clocked internally. The time it takes the signals to propagate to the pins, however, ranges from 25 to 125 ns. This propagation delay is dependent on variables such as temperature and pin loading. Propagation also varies from output to output and component. Typically though (TA=25C fully loaded) RD and WR propagation delays are approximately 50ns. The other signals are typically 85 ns. Propagation delays are incorporated in the AC specifications. 50 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Ordering Information Table 33. Maximum Clock Frequency Code Standard Mode, oscillator frequency Standard Mode, internal frequency X2 Mode, oscillator frequency X2 Mode, internal equivalent frequency -V 40 40 33 66 -L 40 40 20 40 Unit MHz MHz Table 34. Possible Order Entries Part Number T83C5101xxx-3ZSCL T83C5101xxx-3ZSCV T83C5101xxx-3ZSIL T83C5101xxx-TDSCL T83C5101xxx-TDSCV T83C5101xxx-TDSIL T83C5101xxx-TDRCL T83C5101xxx-TDRCV T83C5101xxx-TDRIL T83C5101xxx-TISCL T83C5101xxx-TISCV T83C5101xxx-TISIL T83C5101xxx-TIRCL T83C5101xxx-TIRCV T83C5101xxx-TIRIL T83C5101xxx-ICUCL T83C5101xxx-ICUCV T83C5101xxx-ICUIL T83C5101xxx-ICFCL Memory Size 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM 16K ROM Supply Voltage 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V Temperature Range Commercial Commercial Industrial Commercial Commercial Industrial Commercial Commercial Industrial Commercial Commercial Industrial Commercial Commercial Industrial Commercial Commercial Industrial Commercial Speed (MHz) 40 66 40 40 66 40 40 66 40 40 66 40 40 66 40 40 66 40 40 Package DIL24 DIL24 DIL24 S024 S024 S024 S024 S024 S024 S028 S028 S028 S028 S028 S028 SSOP24 SSOP24 SSOP24 SSOP24 Packing Stick Stick Stick Stick Stick Stick Tape & Reel Tape & Reel Tape & Reel Stick Stick Stick Tape & Reel Tape & Reel Tape & Reel Stick & Dry Pack Stick & Dry Pack Stick & Dry Pack Tape & Reel & Dry Pack Tape & Reel & Dry Pack Tape & Reel & Dry Pack T83C5101xxx-ICFCV 16K ROM 5V Commercial 66 SSOP24 T83C5101xxx-ICFIL 16K ROM 2.7 - 5.5V Industrial 40 SSOP24 T83C5102xxx-3ZSCL T83C5102xxx-3ZSCV 8K ROM 8K ROM 2.7 - 5.5V 5V Commercial Commercial 40 66 DIL24 DIL24 Stick Stick 51 4233G-8051-03/03 Preliminary/Confidential Table 34. Possible Order Entries (Continued) Part Number T83C5102xxx-3ZSIL T83C5102xxx-TDSCL T83C5102xxx-TDSCV T83C5102xxx-TDSIL T83C5102xxx-TDRCL T83C5102xxx-TDRCV T83C5102xxx-TDRIL T83C5102xxx-TISCL T83C5102xxx-TISCV T83C5102xxx-TISIL T83C5102xxx-TIRCL T83C5102xxx-TIRCV T83C5102xxx-TIRIL T83C5102xxx-ICUCL T83C5102xxx-ICUCV T83C5102xxx-ICUIL T83C5102xxx-ICFCL Memory Size 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM 8K ROM Supply Voltage 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V Temperature Range Industrial Commercial Commercial Industrial Commercial Commercial Industrial Commercial Commercial Industrial Commercial Commercial Industrial Commercial Commercial Industrial Commercial Speed (MHz) 40 40 66 40 40 66 40 40 66 40 40 66 40 40 66 40 40 Package DIL24 S024 S024 S024 S024 S024 S024 S028 S028 S028 S028 S028 S028 SSOP24 SSOP24 SSOP24 SSOP24 Packing Stick Stick Stick Stick Tape & Reel Tape & Reel Tape & Reel Stick Stick Stick Tape & Reel Tape & Reel Tape & Reel Stick & Dry Pack Stick & Dry Pack Stick & Dry Pack Tape & Reel & Dry Pack Tape & Reel & Dry Pack Tape & Reel & Dry Pack T83C5102xxx-ICFCV 8K ROM 5V Commercial 66 SSOP24 T83C5102xxx-ICFIL 8K ROM 2.7 - 5.5V Industrial 40 SSOP24 T87C5101xxx-3ZSCL T87C5101xxx-3ZSCV T87C5101xxx-3ZSIL T87C5101xxx-TDSCL T87C5101xxx-TDSCV T87C5101xxx-TDSIL T87C5101-TDRCL T87C5101-TDRCV T87C5101-TDRIL T87C5101-TISCL T87C5101-TISCV T87C5101-TISIL 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V Commercial Commercial Industrial Commercial Commercial Industrial Commercial Commercial Industrial Commercial Commercial Industrial 40 66 40 40 66 40 40 66 40 40 66 40 DIL24 DIL24 DIL24 S024 S024 S024 S024 S024 S024 S028 S028 S028 Stick Stick Stick Stick Stick Stick Tape & Reel Tape & Reel Tape & Reel Stick Stick Stick 52 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 Table 34. Possible Order Entries (Continued) Part Number T87C5101-TIRCL T87C5101-TIRCV T87C5101-TIRIL T87C5101-ICUCL T87C5101-ICUCV T87C5101-ICUIL T87C5101-ICFCL Memory Size 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM 16K OTP ROM Supply Voltage 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V 5V 2.7 - 5.5V 2.7 - 5.5V Temperature Range Commercial Commercial Industrial Commercial Commercial Industrial Commercial Speed (MHz) 40 66 40 40 66 40 40 Package S028 S028 S028 SSOP24 SSOP24 SSOP24 SSOP24 Packing Tape & Reel Tape & Reel Tape & Reel Stick & Dry Pack Stick & Dry Pack Stick & Dry Pack Tape & Reel & Dry Pack Tape & Reel & Dry Pack Tape & Reel & Dry Pack T87C5101-ICFCV 16K OTP ROM 5V Commercial 66 SSOP24 T87C5101-ICFIL 16K OTP ROM 2.7 - 5.5V Industrial 40 SSOP24 Note: For SSOP24 and S028 Packages, check with Atmel for availability. 53 4233G-8051-03/03 Preliminary/Confidential Package Drawings DIL24 54 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 SO24 55 4233G-8051-03/03 Preliminary/Confidential SO28 56 T8xC5101/02 4233G-8051-03/03 T8xC5101/02 SSOP24 57 4233G-8051-03/03 Atmel Headquarters Corporate Headquarters 2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600 Atmel Operations Memory 2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 RF/Automotive Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Europe Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500 Microcontrollers 2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60 Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80 Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimhatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369 ASIC/ASSP/Smart Cards Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743 Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581 literature@atmel.com Web Site http://www.atmel.com (c) Atmel Corporation 2003. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. ATMEL (R) is a registered trademark of Atmel. Other terms and product names may be the trademarks of others. Printed on recycled paper. 4233G-8051-03/03 /xM |
Price & Availability of T83C5101 |