Part Number Hot Search : 
N971D A8423 MC10EL SR036 A2201 RD68F FDT459N MIC83301
Product Description
Full Text Search
 

To Download STB10NK60Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP10NK60Z/FP, STB10NK60Z/-1 STW10NK60Z
N-CHANNEL 600V-0.65-10A TO-220/FP/D2PAK/I2PAK/TO-247
Zener-Protected SuperMESHTMPower MOSFET
TYPE STP10NK60Z STP10NK60ZFP STB10NK60Z STB10NK60Z-1 STW10NK60Z
s s s s s s
VDSS 600 600 600 600 600 V V V V V
RDS(on) < 0.75 < 0.75 < 0.75 < 0.75 < 0.75
ID 10 10 10 10 10 A A A A A
Pw 115 W 35 W 115 W 115 W 156 W TO-220
3 1 2
TYPICAL RDS(on) = 0.65 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEATIBILITY
TO-220FP
3 1
D2PAK
12
3
2 1
3
I2PAK
TO-247
DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established stripbased PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s IDEAL FOR OFF-LINE POWER SUPPLIES, ADAPTORS AND PFC s LIGHTING ORDERING INFORMATION
SALES TYPE STP10NK60Z STP10NK60ZFP STB10NK60ZT4 STB10NK60Z STB10NK60Z-1 STW10NK60Z MARKING P10NK60Z P10NK60ZFP B10NK60Z B10NK60Z B10NK60Z W10NK60Z
INTERNAL SCHEMATIC DIAGRAM
PACKAGE TO-220 TO-220FP D2PAK D2PAK I2PAK TO-247
PACKAGING TUBE TUBE TAPE & REEL TUBE (ONLY UNDER REQUEST) TUBE TUBE
September 2002
1/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter TO-220/ D2PAK/I2PAK VDS VDGR VGS ID ID IDM (l) PTOT VESD(G-S) dv/dt (1) VISO Tj Tstg Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate source ESD (HBM-C=100pF, R=1.5K) Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Operating Junction Temperature Storage Temperature 10 5.7 36 115 0.92 4000 4.5 2500 -55 to 150 Value TO-220FP 600 600 30 10 (*) 5.7 (*) 36 (*) 35 0.28 10 5.7 36 156 1.25 TO-247 V V V A A A W W/C V V/ns V C Unit
(l) Pulse width limited by safe operating area (1) I SD 10A, di/dt 200A/s, VDD V (BR)DSS, Tj T JMAX.
(*) Limited only by maximum temperature allowed
THERMAL DATA
TO-220 I2PAK Rthj-case Rthj-pcb Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-pcb Max
(When mounted on minimum Footprint)
D2PAK
TO-220FP 3.6
TO-247 0.8
Unit C/W C/W
1.09 60 62.5 300
Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose
50
C/W C
AVALANCHE CHARACTERISTICS
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 9 300 Unit A mJ
GATE-SOURCE ZENER DIODE
Symbol BVGSO Parameter Gate-Source Breakdown Voltage Test Conditions Igs= 1mA (Open Drain) Min. 30 Typ. Max. Unit V
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
2/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) ON/OFF
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V VDS = VGS, ID = 100A VGS = 10V, ID = 4.5 A 3 3.75 0.65 Min. 600 1 50 10 4.5 0.75 Typ. Max. Unit V A A A V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Coss eq. (3) Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS = 15 V, ID = 4.5 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 7.8 1370 156 37 90 Max. Unit S pF pF pF pF
VGS = 0V, VDS = 0V to 480V
SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Test Conditions VDD = 300 V, ID = 4 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 480V, ID = 8 A, VGS = 10V Min. Typ. 20 20 50 10 25 70 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf tr(Voff) tf tc Parameter Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 300 V, ID = 4 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 480V, ID = 8 A, RG = 4.7, VGS = 10V (Inductive Load see, Figure 5) Min. Typ. 55 30 18 18 36 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 10 A, VGS = 0 ISD = 8 A, di/dt = 100A/s VDD = 40V, Tj = 150C (see test circuit, Figure 5) 570 4.3 15 Test Conditions Min. Typ. Max. 10 36 1.6 Unit A A V ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
3/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
Safe Operating Area For TO-220/D2PAK/I2PAK Thermal Impedance For TO-220/D2PAK/I2PAK
Safe Operating Area For TO-220FP
Thermal Impedance For TO-220FP
Safe Operating Area For TO-247
Thermal Impedance For TO-247
4/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
5/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
Normalized Gate Threshold Voltage vs Temp. Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized BVDSS vs Temperature
Maximum Avalanche Energy vs Temperature
6/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
7/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
D
F1
G1
E
Dia. L5 L7 L6 L4
P011C
L9
8/14
F2
F
G
H2
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.5 1.5 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
G
9/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
D2PAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 8 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
10/14
3
1
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
TO-262 (I2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D e E L L1 L2 4.4 2.49 0.7 1.14 0.45 1.23 8.95 2.4 10 13.1 3.48 1.27 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 2.7 10.4 13.6 3.78 1.4 MIN. 0.173 0.098 0.027 0.044 0.017 0.048 0.352 0.094 0.393 0.515 0.137 0.050 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.106 0.409 0.531 0.149 0.055
DIM.
A
C2
B2
B
E
L1 L2 D L
P011P5/E
e
A1
C
11/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 0.40 1 3 2 2 3 10.90 15.45 19.85 3.70 18.50 14.20 34.60 5.50 2 5 60 3.55 3.65 0.14 3 0.07 5 60 0.143 14.80 0.56 1.36 0.21 0.11 15.75 20.15 4.30 0.60 0.78 0.14 0.72 0.58 2.40 3.40 0.07 0.11 0.43 0.62 0.79 0.17 TYP MAX. 5.15 2.60 0.80 1.40 MIN. 0.19 0.08 0.015 0.04 0.11 0.07 0.09 0.13 inch TYP. MAX. 0.20 0.10 0.03 0.05
DIM. A D E F F1 F2 F3 F4 G H L L1 L2 L3 L4 L5 M V V2 Dia
12/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
D2PAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
13/14
STP10NK60Z-STP10NK60ZFP, STB10NK60Z, STB10NK60Z-1, STW10NK60Z
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of STB10NK60Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X