Part Number Hot Search : 
40MHZ SCL5458 0SMCJ85 1SMC130A HYA230 24HJ128 BD46242 BCR12
Product Description
Full Text Search
 

To Download SS-779E-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SERVO-TEK
(R)
SERVO-TEK PRODUCTS COMPANY, INC.
DC Tachometer Generators
www.servotek.com
RC-700
rev. 2
SERVO-TEK
(R)
1086 Goffle Road * Hawthorne, NJ 07506 * sales@servotek.com Phone (973) 427-3100 * Fax (973) 427-4249 * www.servotek.com
Technical Data
An Industry Standard for over fifty years.
A Servo-Tek DC tachometer generator provides a convenient and economical means of converting rotational speed into an isolated analog voltage signal suitable for remote indication and control. While this catalog contains information on our most popular models, we also manufacture countless special tach generators. Most of our DC tach generators are housed in aluminum casings protected in accordance with Mil-C-5541 or Mil-A-8625 or high performance plastics. Alnico permanent magnets are used. Armature shafts are stainless-steel, and rotate on fully shielded stainless-steel ball bearings. Commutators are manufactured from an alloy containing at least 90% silver. Armature laminations are wound with Isomid insulated wire, over Teflon slot insulation. The entire armature is then baked, resulting in a NEMA Class H insulation system. Linearity at any speed is better than 0.1% of the output at that RPM. All Servo-Tek tachometer generators operate in either rotational direction. That direction can be determined by output voltage polarity. Output (in either direction) is held to a tolerance of 0.25% of the average output.
Linearity
Bidirectional Operation
Construction
SB-740A-2
Optimum brush and commutator combination gives 0.1% stability. Highly stable output gives no evidence of long-term drift. Servo-Tek DC tachometer generators are factory tested with an AC potential of 1250 volts RMS applied for one second between (either) terminal and shaft. E-Series units are tested with 500 volts.
DA-7533A-2
Stability
Breakdown Voltage
The ripple RMS value will not exceed 3% of the DC value at any speed in excess of 40 RPM on standard units. On the low ripple units, the ripple RMS value will not exceed 1.5% of the DC value. A peak to peak ripple of 1.5% is available on some models.
Ripple
Most of our DC tachometer generators are designed for continuous operation in ambient temperatures ranging from -55C to +100C. Voltage output at 25C will not deviate by more than 0.01% per degree of change within the range of -20C to +75C. All units are temperature compensated, with the exception of D-Series and E-Series tach generators.
Temperature Range
SERVO-TEK
A-Series
(R)
1086 Goffle Road * Hawthorne, NJ 07506 * sales@servotek.com Phone (973) 427-3100 * Fax (973) 427-4249 * www.servotek.com
1 to 10 volts/1000 RPM
B-Series
11 to 24 volts/1000 RPM
SB-757B-1 and SU-7346B-1
SA-757A-2 and SA-740A-2
SN-763A-2
A-Series Tachometer Generators
Instrument Type: * 0.120 inch shaft diameter * Small in size * Ideally suited to instrumentation applications Industrial Type: * 0.187 inch shaft diameter * Special front-end bearings for radial loads * Ideal for pulley and belt drive applications
B-Series Tachometer Generators
As is the case with the A-Series DC tachometer generator, the B-Series also comes in instrument and industrial configurations. Depending on the unit, the output voltage ranges between 11 and 24 V/1000 RPM. Electrical characteristics, ripple, linearity and temperature effects are the same as the A-Series. Other shaft sizes and mounting configurations are available for most Servo-Tek generators.
Armature Resistance (dynamic) Armature Inductance (henrys) Shaft Size (in.)
A-Series and B-Series Specifications
Model Number Mounting Weight (Approx.) Inertia (Approx.) oz-in-sec2 V/1000 RPM RPM (max) Outline Dimensions Mounting Dimensions
SA-740A-7 SB-740A-7 SA-740A-2 SB-740A-2 SA-757A-2 SB-757A-2 SA-740B-1 SB-740B-1 SA-757B-1 SB-757B-1
Face Flange Face Flange Face Flange Face Flange Face Flange
3.0 oz 3.0 oz 3.0 oz 3.0 oz 3.0 oz 3.0 oz 4.0 oz 4.0 oz 4.0 oz 4.0 oz
1.32 x 10-4 1.32 x 10-4 1.32 x 10 1.32 x 10 2.27 x 10 2.27 x 10
-4
2.6v 2.6v 7.0v 7.0v 7.0v 7.0v 20.8v 20.8v
12,000 12,000 12,000 12,000 12,000 12,000 8,000 8,000 8,000 8,000
40 40 350 350 350 350 1000 1000 1000 1000
0.024h 0.024h 0.18h 0.18h 0.18h 0.18h 0.56h 0.56h 0.56h 0.56h
Fig. 10 Fig. 10 Fig. 10 Fig. 10 Fig. 11 Fig. 11 Fig. 10 Fig. 10 Fig. 11 Fig. 11
Fig. 1 Fig. 2 Fig. 1 Fig. 2 Fig. 1 Fig. 2 Fig. 1 Fig. 2 Fig. 1 Fig. 2
.120 .120 .120 .120 .187 .187 .120 .120 .187 .187
1.32 x 10-4
-4
1.32 x 10-4
-4
2.27 x 10-4 20.8v
-4
2.27 x 10-4 20.8v
Maximum Driving Torque for A-Series and B-Series is 0.25 oz-in Most units listed above are normally in stock
SERVO-TEK
D-Series
(R)
1086 Goffle Road * Hawthorne, NJ 07506 * sales@servotek.com Phone (973) 427-3100 * Fax (973) 427-4249 * www.servotek.com
25 to 50 volts/1000 RPM
E-Series (Subminiature)
.7 to 3 volts/1000 RPM
SU-780D-1
SS-779E-1
D-Series Tachometer Generators
With rugged construction and high output voltages, the D-Series tach generator is ideally suited to a variety of industrial applications. The flange mounting arrangement provides a convenient assembly method, and the sturdy .187 shaft diameter permits the heavier loading frequently encountered where pulleys or belt drives are employed. The output bearing is fitted with a seal to help prevent the contamination that can occur in industrial applications. With output up to 50V/1000 RPM, D-Series generators are ideal for applications where high output voltages are required. Typically, these are slow speed applications.
E-Series Tachometer Generators
The E-Series DC tachometer generator is the smallest tach generator among those offering similar technical characteristics. Many outstanding features make it particularly suitable for use in all types of servo systems. Although the diameter is only 0.760" the E-Series provides up to 3 V/1000 RPM output. Almost any Servo-Tek DC tachometer generator can be manufactured with special configurations, various electrical specs and shaft modifications such as flats, pinions, holes, etc. Consult sales department regarding your special requirements.
D-Series and E-Series Specifications
Model Number Mounting Weight (Approx.) Inertia (Approx.) oz-in-sec2 V/1000 RPM RPM (max) Armature Resistance (dynamic) Armature Inductance (henrys) Outline Dimensions Mounting Dimensions Shaft Size (in.)
SU-780D-1 SU-7114D-1 SU-780D-2 SS-779E-1
Flange Flange Flange
8.5 oz 8.5 oz 8.5 oz
4.54 x 10-4 4.54 x 10-4 4.54 x 10-4
45v 45v 33v 3v
5,000 5,000 5,000 12,000
1750 1750 950 180
1.00h 1.00h 0.54h 0.061h
Fig. 10 Fig. 10 Fig. 10 Fig. 12
Fig. 5 Fig. 5 Fig. 5 Fig. 6
.187 .187 .187 .120
Synchro 1.25 oz 0.25 x 10-4
Maximum Driving Torque for D-Series and E-Series is 0.25 oz-in Most units listed above are normally in stock
SERVO-TEK
(R)
1086 Goffle Road * Hawthorne, NJ 07506 * sales@servotek.com Phone (973) 427-3100 * Fax (973) 427-4249 * www.servotek.com
Low Ripple Units (F-Series, H-Series and J-Series)
1 to 30 volts/1000 RPM
CS-7514F-51C and SA-7356F-1
SB-7483H-1
F-Series (1-8 volts/1000 RPM)
Servo-Tek low ripple DC tachometer generators satisfy the need for a cost effective, very low ripple tachometer. In addition to being the first economical low ripple units of their type, the F-Series tachometers incorporate all the desirable features of the standard units such as temperature compensation, long brush life, excellent linearity, and small dimensions. The ripple voltage does not exceed 1.5% RMS and 3.5% peak to peak at any speed in excess of 40 RPM on any F-Series, H-Series or J-Series DC tachometer generator.
H-Series (5-16 volts/1000 RPM)
The H-Series DC tachometer generators are low ripple units possessing all the same traits as the F-Series, but with the B-length armature. This means a slightly higher output voltage.
J-Series (16-30 volts/1000 RPM)
The J-Series DC tachometer generators are low ripple units possessing all the same traits as the F-Series, but with the D-length armature. These generators are ideal for applications where high output voltages with low ripple signals are required. Other shaft sizes and mounting configurations are available.
F-Series, H-Series and J-Series Specifications
Model Number Mounting Weight (Approx.) Inertia (Approx.) oz-in-sec2 V/1000 RPM
-4
RPM (max)
Armature Resistance (dynamic)
Armature Inductance (henrys)
Outline Dimensions
Mounting Dimensions
Shaft Size (in.)
SA-7356F-1 SA-7388F-1 SB-7483H-1 SU-780J-1
Face Face Flange Flange
3.0 oz 3.0 oz 3.0 oz 4.0 oz 8.5 oz
1.14 x 10 1.32 x 10
7.0v 3% 7.0v 3% 3.0v 3% 30v 1%
12,000 12,000 12,000 8,000 5,000
500 500 130 800 1050
0.38h 0.38h 0.061h 0.72h 1.00h
Fig. 10 Fig. 10 Fig. 11 Fig. 11 Fig. 10
Fig. 1 Fig. 1 Fig. 3 Fig. 2 Fig. 5
.120 .187 .250 .187 .187
1.32 x 10-4
-4
CS-7514F-51C Flange
1.96 x 10-4 16.0v 3% 4.54 x 10-4
Maximum Driving Torque for F-Series, H-Series and J-Series is 0.25 oz-in at 25C Most units listed above are normally in stock
SERVO-TEK
(R)
1086 Goffle Road * Hawthorne, NJ 07506 * sales@servotek.com Phone (973) 427-3100 * Fax (973) 427-4249 * www.servotek.com
Sealed DC Tachometers
1 to 45 volts/1000 RPM
Servo-Tek's Ruggedized
PY Alternative (Up to 50 volts)
ST-7337A-2N and ST-7337B-1
ST-13212 and ST-12970
Sealed Tachometer Generators
Servo-Tek manufactures a complete line of sealed units which are resistant against the harmful effects of fluids. These units employ a one-piece housing, a special shaft seal, and a form-fitted rubber boot on the terminal end. Servo-Tek sealed units meet electrical specifications after storage at 49C with 95% relative humidity for 24 hours. These units are capable of enduring vibration with amplitudes up to 0.03" total excursion at frequencies from 4 Hz to 55 Hz in each of three mutually perpendicular axes with no evidence of physical damage. These units are available with a low ripple output up to 30V/1000 RPM.
Ruggedized Tachometer Generators
Servo-Tek ruggedized DC tachometer generators are designed with sturdy aluminum housings and strong mounting flanges. Other features offered include extra-heavy armature shafts and bearings. The mechanical flexibility of the ST-13212 allows for the internal tachometer to be repaired or replaced, without having to replace the expensive anodized casting. The ST-13212 supplies outputs from 2.6 to 50V/1000 RPM and runs at speeds up to 5000 RPM. The shaft size is 5/16" in diameter. The ST-12970 comes equipped with a rubber coupling. It allows the unit to be driven by a motor shaft with 0.167" wide slot. The ST-12970 is also available with outputs up to 24V/1000 RPM and can run at high speeds.
Armature Resistance (dynamic) Armature Inductance (henrys) Shaft Size (in.)
Sealed DC Tachometer Generator Specifications
Model Number Mounting Weight (Approx.) Inertia (Approx.) oz-in-sec2 V/1000 RPM RPM (max) Outline Dimensions Mounting Dimensions
ST-7336A-7 ST-7336A-2 ST-7336B-1 ST-7337A-2 ST-7337B-1 SU-7346D-1
Face Face Face Face Face Flange
3.0 oz 3.0 oz 4.0 oz 3.0 oz 4.0 oz 8.5 oz
1.32 x 10-4 1.32 x 10-4 2.27 x 10 2.27 x 10
-4
2.6v 7.0v 20.8v 7.0v 20.8v 45v
12,000 12,000 8,000 12,000 8,000 5,000
40 350 1000 350 1000 1750
0.024h 0.18h 0.56h 0.18h 0.56h 1.00h
Fig. 8 Fig. 8 Fig. 8 Fig. 8 Fig. 8 Fig. 8
Fig. 8 Fig. 8 Fig. 8 Fig. 8 Fig. 8 Fig. 5
.120 .120 .120 .187 .187 .187
1.32 x 10-4
-4
4.54 x 10-4
Maximum Driving Torque for a sealed DC tachometer generator is 0.7 oz-in Most units listed above are normally in stock
SERVO-TEK
ST-7565 Series
(R)
1086 Goffle Road * Hawthorne, NJ 07506 * sales@servotek.com Phone (973) 427-3100 * Fax (973) 427-4249 * www.servotek.com
Overhung Tachometer
1 to 24 volts/1000 RPM
Introducing Servo-Tek's new low-cost overhung tachometer. This bearingless tach-generator is small in size and has a black delrin housing and end plate. Because the Servo-Tek overhung unit is self-generating and provides an analog output, it makes for an excellent alternative to the encoder. No D-A conversion will be necessary! Mounts easily using a 10-32 threaded shaft. No coupling or mounting brackets will be required.
ST-7565A-2
Part Number: ST-7565A-2
Output Voltage: Internal Resistance: Ripple: Linearity: Bidirectional Output: Polarity: Temperature Coefficient: 7 VDC 5%, no load, per 1000 RPM at 25C 270 Ohms typical at 25C 5% RMS of DC output voltage at speeds over 40 RPM 0.1% max., 0 to 4000 RPM 0.5% of nominal output in both CW and CCW directions Red wire positive with CCW rotation viewing shaft end 0.05% per C of nominal output at 25C from -20C to 50C
Accessories
Rubber Couplings
ST-9502-1 fits .120 shafts and ST-9502-2 fits .187 shafts. The tapered tang is molded to fit a straight slot 0.167".005" wide and 3/16" deep.
Other Products
ST50 Optical Encoder
The ST50, a 2 inch hollow shaft encoder, accepts motor shafts from .236 to .625 inches OD. It combines 3 phase brushless commutation pulses, 2 data channels and reference index pulse in a single package.
ST-9502
ST50
Flexible Couplings
ST-9776
ST-9776 fits shaft diameters of up to .375 shafts. They may be ordered in any mixed or matched configuration. When ordering, please specify both hole sizes.
ST20 Optical Encoder
ST20
The ST20, a 2 inch shaft encoder, is a low cost, heavy duty solution to digital feedback. This unit is available in single or dual channel with nearly unlimited mounting patterns.
Request a Servo-Tek RC-800 catalog for our complete product line of encoders.
Mounting and Outline Dimensions
Figure 1 SA Face Mount Figure 2 SB Flange Mount Figure 3 SD Modified Synchro
Figure 4 SM Aircraft Mount
Figure 5 SU Large Flange Mount
Figure 6 SS Synchro Mount
Figure 7 Aircraft Configuration
Figure 8 Sealed Configuration
Figure 9 Flat Shaft Configuration
Model #
SM-762A SM-762B
"L"
2.520 2.957
Model
ST-7336A ST-7336B ST-7337A ST-7337B XX-7346D
"L"
1.867 2.304 1.875 2.312 3.633
"F"
OMIT OMIT 0.375 0.375 0.375
"P"
OMIT OMIT 0.062 0.062 0.062
"N"
OMIT OMIT 0.157 0.157 0.157
"S"
0.120 .001 0.120 .001 0.187 .001 0.187 .001 0.187 .001
Model
XX-7114B XX-7114D XX-7146A
"L"
2.193 3.253 1.701
"E"
0.562 0.562 0.562
"F" "N"
0.437 0.437 0.437 0.157 0.157 0.110
"S"
0.187 .001 0.187 .001 0.120 .001
Figure 10 Instrument/Industrial Configuration
Figure 11 Industrial Configuration
Figure 12 E-Series Tachometers
Model #
XX-740A XX-740B XX-780B XX-780D XX-797A XX-7103A XX-7107D XX-7123A XX-7123B XX-7356F XX-7360F
"L"
1.701 2.138 2.193 3.253 1.701 1.756 3.253 1.756 2.193 1.701 1.756
"F"
OMIT OMIT 0.375 0.375 0.187 0.375 OMIT OMIT OMIT OMIT 0.375
"P"
OMIT OMIT 0.062 0.062 0.187 0.062 OMIT OMIT OMIT OMIT 0.062
"N"
OMIT OMIT 0.157 0.157 0.110 0.157 OMIT OMIT OMIT OMIT 0.157
"S"
0.120 .001 0.120 .001 0.187 .001 0.187 .001 0.120 .001 0.187 .001 0.187 .001 0.187 .001 0.187 .001 0.120 .001 0.187 .001
Model #
XX-757A XX-757B XX-796B XX-7483H
"L"
2.240 2.677 2.677 2.677
"F"
0.375 0.375 OMIT 0.375
"P"
0.062 0.062 OMIT 0.062
"N"
0.157 0.157 OMIT 0.157
Model #
SS-779E SS-7251E
"T"
1.687 1.687
"L"
1.479 1.479
"E"
0.375 .015 0.562 .015
"S"
0.1200 .0005 0.1870 .0002
Servo-Tek Products Company * 1086 Goffle Road * Hawthorne, NJ 07506 Phone (973) 427-3100 * Fax (973) 427-4249 * www.servotek.com Specifications subject to change without notice Copyright (c) 2003 Servo-Tek Products Company


▲Up To Search▲   

 
Price & Availability of SS-779E-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X