Part Number Hot Search : 
UFT40150 VMTB60 01545 T8301 TD62781 P4SMA30 TD62781 21789F
Product Description
Full Text Search
 

To Download SPD-060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SUNPOWER TECHNOLOGY CORP. 16F-1, No.150, Jian Yi Rd., Chung Ho City, Taipei Hsien, Taiwan, R.O.C. TEL: 886-2-8226-3100 FAX: 886-2-8226-3111 http://www.sunpower.com.tw E-mail: sunpower@sunpower.com.tw
SPD-060 Series
60W, Single Output Adapter
Features:
Universal AC input 88 ~ 264VAC Low ripple noise Over load, over voltage & short circuit protection AC inlet IEC 320 C14 Single output models non min load requirement 100% 50 burn-in test UL, cUL, TUV, CB, CE standard 1 years warranty SPD-060-24 24V 0A 2.5A 240mV 78% 1.25A 3% 480mV 80% 120mV 78% SPD-060-48 48V SPD-060-D1 +12V 0.3A 4A -12V 0A 1A 84 x 154 x 52.5 mm 3.30 x 6.06 x 2.08 inch
Specification:
MODEL Voltage Min. Load Max. Load Regulation Ripple Noise(max) Efficiency (tpy) Max. Power Voltage Frequency Current Inrush Current Leakage Current Over Load Protection Over Voltage Protection Short Circuit Protection Rise time Hold up time Cooling Temperature Humidity
OUTPUT
INPUT
PROTECTION
OTHERS
Environment M.T.B.F. SAFETY EMC Packing
60W AC 88V --- 264V Universal full range 47 ----- 63 Hz 1.8A max at 100V AC input, full load condition <25A@115V / <50A@230V AC input, full load condition. Cold start at 25 ambient <1.5mA@264V AC input Shutdown; recovers automatically after fault condition has been removed. +12V: +13.4V ~ +16.4V; +24V: +27.6V ~ +33.6V; +48V: +55.2V ~ +67.4V Shutdown; recovers automatically after fault condition has been removed <100mS >20mS@230V Natural Cooling Operating: 0~55; derating: 40 ~55 : 2.5%/. Storage: -10~+75 Operating: 20% ~ 85%; Storage: 10% ~ 95% (non condensing) SPD-060 Series: 321K hours; SPD-060-D1: 200K hours Meet UL 60950, CSA C22.2 No.60950, TUV EN 60950, IEC 60950, EMKO-TSE (74-SEC)207/94 FCC CFR 47 PART 15 CLASS B, EN 50081-1, CNS 13438 CALSS B. EN 50082-1 (1997) 3 N.W.: Kg / 1pc; pcs / Cuft / 1CTN
EMI EMS
Dimension:
NOTE : 1. AC INLET : PER IEC 320 STANDARD. 2. ENCLOSURE COLOR : BLACK. 3.UNIT:mm
Copy Right Sunpower Technology Corp. 2002, All Right Reserved. Specifications subject to change without notice.
2003/2/26


▲Up To Search▲   

 
Price & Availability of SPD-060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X