Part Number Hot Search : 
MB89930A BO12864B XSMCGL TPS806 M15FD LSJ201 VMU1357 AX6746KA
Product Description
Full Text Search
 

To Download SMP1210S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS - SURFACE MOUNT SMP1210S
Shielded Power Inductors
PART NUMBER
L H 10% @1 kHz
DCR OHMS MAX
SATURATION CURRENT* DC mA
CURRENT RATING** DC mA
.118/.134 (2.98/3.40) .086/.102 (2.18/2.89) .066/.074 TYP. (1.68/1.88)
.055 ref. (1.40) .40/.61 (.016/.024) TERMINAL LENGTH, TYP.
SMP1210S-101K SMP1210S-121K SMP1210S-151K SMP1210S-181K SMP1210S-221K SMP1210S-271K SMP1210S-331K SMP1210S-391K SMP1210S-471K SMP1210S-561K SMP1210S-681K SMP1210S-821K SMP1210S-102K SMP1210S-122K SMP1210S-152K SMP1210S-182K SMP1210S-222K SMP1210S-272K SMP1210S-332K SMP1210S-392K SMP1210S-472K SMP1210S-562K SMP1210S-682K SMP1210S-822K SMP1210S-103K
1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100
.11 .13 .14 .20 .22 .24 .27 .30 .32 .34 .39 .44 .60 .75 .85 1.0 1.4 1.5 2.2 2.4 2.7 3.2 3.7 4.5 5.0
2060 1860 1690 1550 1430 1240 1160 1030 970 880 800 740 600 580 520 460 420 380 340 320 290 260 240 220 200
1384 1273 1227 1027 979 937 884 838 812 787 735 692 590 530 498 459 388 375 310 292 279 257 239 216 205
3.0/3.4 (.118/.134)
RECOMMENDED FOOT PRINT
.120 (3.05) .070 (1.78)
.130 (3.3)
in. (mm)
NOTES: * Epoxy encapsulated * Operating temperature -55C to +125C * Can be used for all types of power applications including filters for DC/DC converters and switching regulated power supplies * Coupling less than 4% with 1mm of spacing between components *Saturation current is the approximate value that will reduce the initial inductance by 5% **Rated current is based on a 40C temperature rise at an ambient temperature of 85C
TAPE AND REEL SPECS: Pcs./Reel maximum: Pitch between parts: Tape width: Reel diameter inches: 2000 8 mm 8 mm 7
One Magnetics Pkwy, Gowanda, NY 14070 * (t) 716-532-2234 * (f) 716-532-2702 * sales@gowanda.com
www.gowanda.com
www.DataSheet.in


▲Up To Search▲   

 
Price & Availability of SMP1210S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X