Part Number Hot Search : 
SC1602D UM9552 MPSU01A SC251 MPSU01A U05JH44 SC251 SC251
Product Description
Full Text Search
 

To Download PM52AUBW060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM52AUBW060
w
w
at .D w
Sh a
et e
4U
om .c
MITSUBISHI SEMICONDUCTOR MITSUBISHI SEMICONDUCTOR
PM52AUBW060 PM52AUBW060
FLAT-BASE TYPE FLAT-BASE TYPE INSULATED PACKAGE INSULATED PACKAGE
OUTLINE AND RATING
* A/F IPM Input Current Rating Ii: 100% load: 20A(rms)
125% load: 25A(rms), 1min.
* Variable DC Output Voltage Control Function * With control function of output voltage repression under light load * With Function of Soft Start * Protection Functions * Output Voltage repression under light load ----------- OV1 * Output Over Voltage protection -------------------------- OV2 (OV2 > OV1) * Under Voltage lockout protection ------------------------ UV * Over Temperature protection ----------------------------- OT * Short circuit current protection --------------------------- SC
APPLICATION AC100V/20A, 200V/20A input Power Factor Corrector, PAM contoroller for Air Conditioner and General purpose Condenser Input Type Invertor use.
Fig.1 PACKAGE OUTLINES
731 571 2.54 2.54 2.54 5.08 5.08 5.08
45.720.5 (9.64)
21 20 21 19
18
2-4.5
w
1
w
1
w
16 17 2
15
t a .D
9-2.54
6 14 12 10 8 6 13 11 9 7
S a
53
e h
0.6 2.5
U t4 e
.c
m o
16-0.6
2-R5
50.4
5-2
3 4 5 5
1. P2 2. L 3. N2 4. P1 5. N1 6. GND 7. FO 8. Vsig 9. CAOUT 10. Vctrl 11. NC
2.5
12. TEST 13. ON/OFF 14. VD 15. NC 16. NC 17. NC 18. NC 19. NC 20. NC 21. Vo
19.5
24
16
(12.18)
10.16
10.16
10.16
10.16
0.6
4.10.5
40.640.5 650.5
1.5
53
1.5
3.5
Label
w
w
w
.D
a
aS t
80.5
1
161
ee h
4U t
om .c
Dec. 2002
MITSUBISHI SEMICONDUCTOR
PM52AUBW060
FLAT-BASE TYPE INSULATED PACKAGE
Fig.2 PM52AUBW060 INTERNAL FUNCTIONS BLOCK
Noise Filter Vi R Ci Co' DB1 S L1 L Vo P2 + -
Load
Co
N1 Rv
Multiplx Output Voltage Negative Feedback IGBT OC Protection Output OV Protection Input Current Negative Feedback Drive Circuit Buffer for Vctrl
N2 Vctrl CAOUT Vsig TEST VD VD=15V + - 10F ON/OFF F0 GND
P1
Comparator
Oscillator OT
Control Power Supply UV Protection
Open collector
Control Circuit
FAULT OUT
A/F IPM
Note 1: When applying 200V class input voltage, please use in-rush current blocking circuits S and R in order to prevent the AF IPM from being Damaged by the capacitor (Co)'s charge current when the power supply is turned on. Note 2: For EMI suppression, please connect noise filter and Ci. Note 3: For A/F IPM action, diode bridge (DB1) and DC reactor (L1) are necessary. Note 4: Due to high-speed switching, a surge voltage can be easily generated between P2 and N2. Because rectangular wave current that is switched by A/F IPM flows between P2-Co-N2, the area between P2-Co-N2 should be kept as small as possible (with short wiring.) Please use a high frequency electrolytic capacitor for the Co and connect it to a capacitor (Co') that is capable of handling high frequency such a as polypropylene film capacitor. Note 5: Please make sure to short-circuit between VO and P2 terminals because the VO terminal is output DC voltage negative feedback. When the VO terminal is opened, A/F IPM can be damaged. Note 6: Recommended circuit constant: L = 1mH, Ci = 3.3F, Co' = 3.3F, Co = 1000F Note 7: Selection of Rv: 7-1) When applying 100V input voltage, please use Rv = 0. 7-2) When applying 200V class input voltage, please use 270k.
Dec. 2002
MITSUBISHI SEMICONDUCTOR
PM52AUBW060
FLAT-BASE TYPE INSULATED PACKAGE
MAXIMUM RATINGS (Tj = 25C, unless otherwise noted) MAIN CIRCUIT PART
Symbol Vi Vi(surge) VO(surge) VCES VRRM Ii Supply Voltage Supply Voltage (surge) Output Voltage (surge) Collector-Emitter Voltage Repetitive Peak Reverse Voltage Input Current (100% Load) Parameter Conditions Applied Between: L-N1, P1-N1 Applied Between: L-N1, P1-N1, Surge value, Non-operating Applied Between: P2-N2, Surge value, Non-operating -- -- TC +90C, Vi = 100~200V, VO = 300V TC +90C, Vi = 100~200V, VO = 300V 1 min Non-repetitive Value for 1msec of Surge Current Vi = 100V Vi = 200V (Note 1) Ratings 255 500 500 600 600 20 25 120 2.0 4.0 -20 ~ +125 Unit Vrms V V V V Arms Arms A 2s kW kW C
Ii(OVER LOAD) Input Current (125% Load) I2t -- -- Tj I2t for Fu sing Load Load Junction Temperature
CONTROL PART
Symbol VD Vsig VON/OFF Parameter Supply Voltage Control Voltage ON/OFF Signal Voltage Conditions Applied Between: VD-GND Applied Between: Vsig-GND Applied Between: ON/OFF-GND Ratings 20 0 ~ VD 0 ~ VD Unit V V V
TOTAL SYSTEM
Symbol VO TC Tstg Viso Output Voltage Module Case Operating Temperature Storage Temperature Isolation Voltage Parameter (Note 2) (Note 3) 60Hz, Sinusoidal Charged part to Base, AC 1 min. Conditions Ratings 370 -20 ~ +100 -40 ~ +125 2500 Unit V C Vrms
Note 1: The item defines the maximum junction temperature for the power elements (IGBT/Diode) of the A/F IPM to ensure safe operation. However, these power elements can endure junction temperature as high as 150C if it is a short time. A/F IPM can use virtual junction temperature to 150C if less than accumulation time 100hr. Note 2: Peak value of output voltage VO (it has instantaneous value) is less than rated value (370V), including in the case that output voltage is overshooting. Note 3: TC measurement point: 3mm deep at the center of the side of the base plate.
Fig.3 Case Temperature (Tc) Measurement Point
Tc
Dec. 2002
MITSUBISHI SEMICONDUCTOR
PM52AUBW060
FLAT-BASE TYPE INSULATED PACKAGE
ELECTRICAL CHARACTERISTICS (Tj = 25C, VD = 15V, L1 = 1mH, Co = 1mF unless otherwise noted) MAIN CIRCUIT PART
Symbol tc(on) tc(off) trr VCE(sat) VF ICES IRRM Irr Switching Time Collector-Emitter Saturation Voltage FWDi Forward Voltage Collector-Emitter Cutoff Current Repetitive Peak Reverse Current Reverse Recovery Current VCE = 300V, ICE = 30A, Tj = 125C ICE = 50A IF = 50A VCE = 600V VRRM = 600V VCE = 300V, ICE = 30A Parameter Test Conditions Min. -- -- -- -- -- -- -- -- Limits Typ. 0.07 0.25 0.07 1.8 2.0 -- -- 45 Max. -- -- -- 2.4 3.0 1.0 1.0 -- Unit
s V V mA mA A
CONTROL PART
Symbol VD ID ID Vth(ON) Vth(OFF) fSW UV UVr Ictrl OV1 OV1r OV2 SC OT OTr IFOH VFOL tFO Note 4: Note 5: Note 6: Note 7: Note 8: Parameter Supply Voltage Circuit Current (Active) Circuit Current (Non-active) Input On Threshold Voltage Input Off Threshold Voltage Switching Frequency Supply Circuit Under Voltage Protection Vctrl Current Output Voltage Protection Over Voltage Protection Short Circuit Current Trip Level Oner Temperature Protection Fault Output Current Fault Output Voltage Fault Output Pulse Width Trip Level (Note 4) Reset Level (Note 4) VO = 300V, VD = 15V, Vctrl = 1.04V Trip Level (Note 5) Reset Level (Note 5) Trip Level (Note 6) Trip Level (Note 7) Trip Level (Note 8) Reset Level (Note 8) VD = 15V, VFO = 15V (Non-Operating) VD = 15V, IFOL = 10mA (Operating) VD = 15V (Operating) Test Conditions Applied between: VD-GND Min. 13.5 -- -- -- 1.9 18 11.5 12.0 -- VO+10 OV1-9 400 -- 100 -- -- -- 1.0 Limits Typ. 15 25 13 2.8 2.4 20 12.0 12.5 -0.31 VO+20 OV1-7 415 150 110 90 -- -- 1.8 Max. 16.5 30 -- 3.3 -- 22 12.5 13.0 -- VO+30 OV1-5 430 -- 120 -- 20 1.0 -- Unit V mA mA V V kHz V V mA V V V A C C A V ms
Fault output is given when the internal UV protection (Auto-reset) Fault output is not given when the internal OV1 protection (Auto-reset) Fault output is given when the internal OV2 protection (Reset when ON/OFF (Terminal-11) is Low) Fault output is given when the internal SC protection (Reset when ON/OFF (Terminal-11) is Low) Fault output is given when the internal OT protection (Auto-reset)
Dec. 2002
MITSUBISHI SEMICONDUCTOR
PM52AUBW060
FLAT-BASE TYPE INSULATED PACKAGE
TOTAL SYSTEM
Symbol VO VO VO -- Parameter Output Voltage Adjust (1) Output Voltage Adjust (2) Output Voltage Adjust (3) Output Voltage Stability (1-1) (vs Input Voltage) Output Voltage Stability (1-2) -- (vs Input Voltage) Output Voltage Stability (2) (vs Load) Output Voltage Stability (3-1) (vs Ambient Temp.) Output Voltage Stability (3-2) (vs Ambient Temp.) Rise Time Over Shoot Voltage Power Factor Test Conditions Vi = 100V, LR = 400, Vsig = 1.38V Vi = 100V, LR = 400, Vsig = 2.08V Vi = 100V, LR = 400, Vsig = 3.26V VO = 300V, LR = 400
VO (Vi = 90V) - VO (Vi = 100V) VO (Vi = 100V) x100 (%)
Limits Min. 351 291 191 -1 Typ. 360 300 200 -- Max. 369 309 209 +1
Unit V V V %
VO = 300V, LR = 400
VO (Vi = 110V) - VO (Vi = 100V) VO (Vi = 100V) x100 (%)
-1
--
+1
%
Vi = 100V, VO = 300V
VO (Load = 400) - VO (Load = 48) VO (Load = 400) x100 (%)
--
0
--
+6
%
Vi = 100V, VO = 300V, LR = 400
VO (Ta = -20C) - VO (Ta = +25C) VO (Ta = +25C) x100 (%)
--
-3
--
0
%
Vi = 100V, VO = 300V, LR = 400
VO (Ta = +100C) - VO (Ta = +25C) VO (Ta = +25C) x100 (%)
-- -- -- cos
0 -- -- 0.99
-- -- -- 0.995
+3 100 30 1.0
% ms V --
Vi = 100V, VO = 300V, LR = 48 Vi = 100V, VO = 300V, LR = 400, L1 = 1mH Vi = 100V, VO = 300V, LR = 48
THERMAL RESISTANCE
Symbol Rth(j-c)Q Rth(j-c)Di Rth(c-f) Parameter Junction to case Thermal Resistance Contact Thermal Resistance IGBT FWDi Case to fin, (per 1 module) Thermal grease applied Test Conditions Limits Min. -- -- -- Typ. -- -- -- Max. 0.94 1.15 0.09 Unit
C/W
MECHANICAL RATINGS AND CHARACTERISTICS
Symbol -- -- Parameter Mounting torque Weight Test Conditions Mounting part screw: M3.5 -- Min. 0.78 -- Limits Typ. 0.98 50 Max. 1.18 -- Unit N*m g
RECOMMENDED CONDITIONS FOR USE
Symbol Vi VD Ii VO -- L Ci Co Co' Supply Voltage Supply Voltage Input Current Output Voltage Load Reactor Input Capacitor Output Capacitor Outrut Capacitor Parameter Test Conditions Applied Between: P1-N1 Applied Between: VD-GND Min. 90 13.5 -- 170 100 -- -- 1000 -- Limits Typ. -- 15 -- 300 -- 1 3.3 -- 3.3 Max. 255 16.5 20 350 2000 -- -- -- -- Unit Vrms V Arms V W mH F F F
Vi = 100V, VO = 300V
Dec. 2002
MITSUBISHI SEMICONDUCTOR
PM52AUBW060
FLAT-BASE TYPE INSULATED PACKAGE
Fig.4 CIRCUIT OF TERMINAL Vctrl
P2 Vo
VD PWM
Vctrl
A/F IPM
Recommended Value
10F VAOUT Vsig - +
GND
Fig.5-1 AC INPUT VOLTAGE AND CONTROL SIGNAL TIMING CHART
Power-OFF
Power-ON
AC Input Voltage Vi
0V
Control Supply Voltage VD
0V ON
ON/OFF
OFF
4.5V
Control Voltage Vsig
0V
Please apply the POWER-ON/OFF signals as described in the above timing chart. And please apply to adjust the PAM control signal (Vsig) after turning on the ON/OFF switch.
Fig.5-2 AC INPUT VOLTAGE AND CONTROL SIGNAL TIMING CHART (After Vsig set up, ON/OFF signal OFF (c) ON)
Power-ON AC Input Voltage Vi
0V
Control Supply Voltage VD
0V ON
ON/OFF
OFF
4.5V
Control Voltage Vsig
0V
Dec. 2002
MITSUBISHI SEMICONDUCTOR
PM52AUBW060
FLAT-BASE TYPE INSULATED PACKAGE
Fig.5-3 AC INPUT VOLTAGE AND CONTROL SIGNAL TIMING CHART (After Vi cut-off, ON/OFF signal ON (c) OFF)
Power-OFF AC Input Voltage Vi
0V
Control Supply Voltage VD
0V ON
ON/OFF
OFF 4.5V
Control Voltage Vsig
0V
In condition to use A/F IPM by external circuit connection of Fig.2, A/F IPM is not damaged in the sequence of Fig.5-3 as well. A/F IPM is not damaged in the sequence of Fig.5-2 and Fig.5-3, but give it when unavoidable. Please normally supply/cut-off the input power supply and input signals by the sequence of Fig.5-1.
Fig.6 AC INPUT WAVEFORMS WITHOUT A/F IPM
Fig.7 AC INPUT WAVEFORM WITH A/F IPM
I
V
Dec. 2002


▲Up To Search▲   

 
Price & Availability of PM52AUBW060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X