Part Number Hot Search : 
STRPBF MJE13007 78712 1SS83 SRT400 TC7SZ00F 12864F D70F3
Product Description
Full Text Search
 

To Download P22-3C81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FERROXCUBE
DATA SHEET
P22/13/I P cores and accessories
Supersedes data of September 2004 2008 Sep 01
Ferroxcube
P cores and accessories
CORE SETS Effective core parameters SYMBOL (I/A) Ve Ie Ae Amin m PARAMETER core factor (C1) effective volume effective length effective area minimum area mass of set VALUE 0.450 2460 33.3 73.4 58.1 13 UNIT mm-1 mm3 mm mm2 mm2 g
9.4 3.8 0 0.3 0.6
handbook, halfpage
P22/13/I
15 0.4
18.2 22 0.3
0 0.8
0.6 0.13 9.2 13.4 +0.4/-0 0.2
MGB576
Dimensions in mm.
Fig.1 P22/13/I core set.
Core sets for general purpose transformers and power applications Clamping force for AL measurements, 40 10 N. GRADE 3C81 AL (nH) 250 3% 315 3% 400 3% 630 3% 1000 5% 5330 25% 3C91 3F3 5330 25% 250 3% 315 3% 400 3% 630 3% 1000 5% 4070 25% e 90 114 144 227 361 1920 1920 90 114 144 227 361 1470 AIR GAP (m) 420 320 250 145 85 0 0 420 320 250 145 85 0 TYPE NUMBER P22/13/I-3C81-A250 P22/13/I-3C81-A315 P22/13/I-3C81-A400 P22/13/I-3C81-A630 P22/13/I-3C81-A1000 P22/13/I-3C81 P22/13/I-3C91 P22/13/I-3F3-A250 P22/13/I-3F3-A315 P22/13/I-3F3-A400 P22/13/I-3F3-A630 P22/13/I-3F3-A1000 P22/13/I-3F3
2008 Sep 01
990
Ferroxcube
P cores and accessories
Properties of core sets under power conditions B (mT) at GRADE H = 250 A/m; f = 25 kHz; T = 100 C 320 315 315 f = 25 kHz; B = 200 mT; T = 100 C 0.57 - - CORE LOSS (W) at f = 100 kHz; B = 100 mT; T = 100 C - 0.13(1) 0.27 f = 100 kHz; B = 200 mT; T = 100 C - 0.92 (1) -
P22/13/I
f = 400 kHz; B = 50 mT; T = 100 C - - 0.47
3C81 3C91 3F3 Note
1. Measured at 60 C.
BOBBINS AND ACCESSORIES Coil formers, winding data and mounting parts are equal to those of "P22/13", but "area product" is different. Winding data and area product (for P22/13/I) for CP-P22/13 coil former NUMBER OF SECTIONS 1 2 3 MINIMUM WINDING AREA (mm2) 26.2 2 x 12.2 3 x 7.6 NOMINAL WINDING WIDTH (mm) 7.5 2 x 3.45 3 x 2.1 AVERAGE LENGTH OF TURN (mm) 44.5 44.5 44.5 AREA PRODUCT Ae x Aw (mm4) 1920 2 x 895 3 x 558
TYPE NUMBER
CP-P22/13-1S CP-P22/13-2S CP-P22/13-3S
Winding data and area product (for P22/13/I) for 6-pins P22/13 coil former for PCB mounting NUMBER OF SECTIONS 1 1 2 2 3 3 Note 1. In accordance with "UL 94-HB" . MINIMUM WINDING AREA (mm2) 25.2 25.2 2 x 11.7 2 x 11.7 3 x 7.03 3 x 7.03 NOMINAL WINDING WIDTH (mm) 7.8 7.8 2 x 3.6 2 x 3.6 3 x 2.2 3 x 2.2 AVERAGE LENGTH OF TURN (mm) 44.5 44.5 44.5 44.5 44.5 44.5 MINIMUM LENGTH OF PINS (mm) 4.4 6.8 4.4 6.8 4.4 6.8 AREA PRODUCT Ae x Aw (mm4) 1850 1850 2 x 859 2 x 859 3 x 516 3 x 516
TYPE NUMBER
CPV-P22/13-1S-6PD CPV-P22/13-1S-6PDL CPV-P22/13-2S-6PD CPV-P22/13-2S-6PDL CPV-P22/13-3S-6PD(1) CPV-P22/13-3S-6PDL (1)
2008 Sep 01
991
Ferroxcube
P cores and accessories
DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development DEFINITIONS
P22/13/I
This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability.
2008 Sep 01
992


▲Up To Search▲   

 
Price & Availability of P22-3C81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X