Part Number Hot Search : 
X4645 T6C96A IRF660 PUA31 06030 T6C96A P589H BR604
Product Description
Full Text Search
 

To Download MS2207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS2207
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
Features
* * * * * * * 1090 MHz 50 VOLTS 15:1 VSWR CAPABILITY INPUT / OUTPUT MATCHING POUT = 400 WATTS GP = 8.0 dB MINIMUM COMMON BASE CONFIGURATION
DESCRIPTION:
The MS2207 is a high power NPN bipolar transistor specifically designed for TCAS and Mode-S driver applications. This device is designed for operation under moderate pulse width and duty cycle pulse conditions and is capable of withstanding 15:1 output VSWR at rated conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25 C)
Symbol
PDISS IC VCC TJ T STG
Parameter
Power Dissipation Device Current Collector Supply Voltage Junction Temperature Storage Temperature
Value
880 24 55 200 -65 to +200
Unit
W A V C C
Thermal Data
RTH(J-C) Junction-case Thermal Resistance 0.17 C/W
MSC0991.PDF 01-19-99
MS2207
ELECTRICAL SPECIFICATIONS (Tcase = 25 C) 25
Symbol
BVCBO BVEBO BVCER Ices HFE IC = 50 mA IE = 15 mA IC = 50 mA VBE = 50 V VCE = 5 V
STATIC
Test Conditions Min.
IE = 0 mA IC = 0 mA RBE = 10 VCE = 0 V IC = 5 A 65 3.5 65 --10
Value Typ.
-----------
Max.
------30 200
Unit
V V V mA ---
DYNAMIC
Symbol POUT C GP
Condition s f = 1090 MHz f = 1090 MHz f = 1090 MHz Pulse Width = 32S
Test Conditions Min.
PIN = 63W PIN = 63W PIN = 63W VCC = 50V VCC = 50V VCC = 50V 400 45 8.0
Value Typ.
-------
Max.
-------
Unit
W % dB
Duty Cycle = 2%
IMPEDANCE DATA
FREQ 1025 MHz 1090 MHz 1150 MHz PIN = 63 W VCC = 50 V ZIN() ) 2.4 + j 3.2 3.8 + j 2.5 2.3 + j 1.3 ZCL() ) 1.4 - j 2.2 1.6 - j 1.6 1.2 - j 1.1
MSC0991.PDF 01-19-99
MS2207
PACKAGE MECHANICAL DATA
MSC0991.PDF 01-19-99


▲Up To Search▲   

 
Price & Availability of MS2207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X