Part Number Hot Search : 
TC40174 FN1016 015EZ0 250MA 1V0DS00 TA449W FFM15W T9340
Product Description
Full Text Search
 

To Download MP608G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MP6G SERIES
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -150 amperes peak Low forward voltage drop Small size; simple installation Sliver plated copper leads Mounting position: Any
.042(1.07) DIA. .038(0.97) .750 (19.0) MIN .276(7.0) .236(6.0)
REVERSE VOLTAGE FORWARD CURRENT MP6
- 50 to 1000Volts - 6.0 Amperes
METAL HEAT SINK
.620(15.7) .580(14.7)
HOLE FOR NO.6 SCREW
.445(11.3) .405(10.3)
.620(15.7) .580(14.7)
.445(11.3) .405(10.3)
Polarity shown on side of case, Positive lead by beveled corner.
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current at Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 3.0A Peak Maximum Reverse Current at Rated TA=25 DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range Notes:1.Unit mounted on metal chassis 2. Unit mounted on P.C. board TA=100 Tc=100 (Note1) TA=50 (Note2)
SYMBOL MP6005G MP601G MP602G MP604G MP606G MP608G MP610G VRRM VRMS I(AV) 50 30 100 70 200 140 400 280 6.0 3.0 150 600 420 800 560 1000 700
UNIT V V A
IFSM
A
VF IR TJ TSTG
1.1 10.0 1.0 -55 to +150 -55 to +150
V uA mA
~ 373 ~
RATING AND CHARACTERTIC CURVES MP6G SERIES
FIG.2-TYPICAL REVERSE CHARACTERISTICS FIG.1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRNT AMPERES 10 INSTANTANEOUS REVERSE CUNRRENT, MICROAMPERES 10
8
TJ=25
1.0
6
4 2
0.1
0 0 50 100 150 AMBIENT TEMPERATURE,
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG.3-MAXIMUM FORWARD SUNRGE CURRENT 150 PEAK FORWARD SURGE CURRENT AMPERES 100
INSTANTANEOUS REVERSE CUNRRENT, AMPERES
10
TJ=25
1.0
0 1 10 NUMBER OF CYCLETS AT 60Hz 100
TJ=25
0.1
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 374 ~


▲Up To Search▲   

 
Price & Availability of MP608G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X