Part Number Hot Search : 
BFT29X 74AC04 U1001 CO55CC BFT29X TDA7439 B3020 38M00
Product Description
Full Text Search
 

To Download MJE13003B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
High Voltage Fast-switching NPN Power Transistor
P b Lead(Pb)-Free
3. BASE COLLECTOR 2.
MJE13003B
DESCRIPTION:
The device is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and medium voltage capability. It uses a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. The MJE13003B is designed for use in compact uorescent lamp application.
1. EMITTER 2. COLLECTOR 3. BASE 1. EMITTER
TO-92
FEATURE:
* Medium Voltage Capability * Low Spread Of Dynamic Parameters * Minimum Lot-to-lot Spread For Reliable Operation * Very High Switching Speed
APPLICATIONS:
* Electronic Ballasts For Fluorescent Lighting
ABSOLUTE MAXIMUM RATINGS
P a r am e t e r Collector-Emitter Voltage (V BE = 0 ) Collector-Emitter Voltage (I B = 0 ) Emitter-Base Voltage (I C = 0 ) C ol l e c t o r C u r r en t Collector Peak Current (t p < 5 m s ) Ba s e C u rr e n t Base Peak Current (t p < 5 m s ) Total Dissipation at T amb = 25 o C Thermal Resistance Junction-ambient O p e ra t i n g J u n c t i on T e m p er a t u re St o r a ge T e m p er a t u re Symbol V CES V CEO V EBO IC I CM IB I BM P tot
R JA
Value 700 400 9 1 2 0.5 1 1 120 150 - 65 t o 1 5 0
U ni t V V V A A A A W
o
C/W
o o
Tj T stg
C C
WEITRON
hpp://www.weitron.com.tw
1/4
16-May-08
MJE13003B
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Parameter Collector Cut-off Current (V BE = -1.5V) Emitter Cut-off Current (I C = 0) Collector-Emitter Sustaining Voltage (I B = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain INDUCTIVE LOAD Fall Time V CE = 700 V V CE = 700 V V EB = 9 V I C = 1 mA L = 25mH I C = 0.25 A I C = 0.5 A I C = 0.75 A I C = 0.25 A I C = 0.5 A I C = 0.4 A I C = 0.8 A I B = 0.05 A I B = 0.125 A I B = 0.25 A I B = 0.05 A I B = 0.125 A V CE = 5 V V CE = 5 V T j = 125 o Symbol I CEV I EBO V CEO(sus) Min. Typ. Max. 1 5 1 Unit mA mA mA V
400 0.2 0.3 0.4 0.5 1 1.5 1 1.2 10 5 0.3 30 20
V CE(sat)
V V V V V
V BE(sat) h FE tf
I C = 0.25 A V clamp = 300 V I B1 = -I B2 = 50 mA L = 3 mH
s
Pulsed: Pulse duration = 300s, duty cycle = 1.5 %
Ratings and Characteristic Curves
Fig.1 Safe Operating Area
Fig.2 Derating Curve
WEITRON
hpp://www.weitron.com.tw
2/4
16-May-08
MJE13003B
Fig.3 D Current G C ain VCE=3V
Fig.4 DC Current Gain VCE=5V
Fig.5 C ollector Emitter Saturation Voltage
Fig.6 Base Emitter Saturation Voltage
Fig.7 Switching Time Inductive Load
WEITRON
hpp://www.weitron.com.tw
3/4
16-May-08
MJE13003B
TO-92 Outline Dimensions
E
unit:mm
TO-92
H
C
J K
G
Dim A B C D E G H J K L
Min Max 3.70 3.30 1.40 1.10 0.55 0.38 0.51 0.36 4.70 4.40 3.43 4.70 4.30 1.270TYP 2.44 2.64 14.10 14.50
B
L
WEITRON
http://www.weitron.com.tw
D
A
4/4
16-May-08


▲Up To Search▲   

 
Price & Availability of MJE13003B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X