|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com K1610T Series 5V Temperature Compensated Crystal Oscillators Applications: Clocking "Sync" to NTSC Video Standards; Reference Signal; Signal Tracking 10ppm Stability -40C to 85C Op. Temperature TTL/CMOS Output Non Hermetic Package E L E C T R I C A L S P E C I F I C AT I O N S Model Frequency Range (MHz) Input Current (mA) Frequency Control Function Manual Adjusted (ppm) Frequency Stability (ppm) Overall 25oC Calibration Over Operating Temperature Aging 1st Year Temperature Range (oC) Operating Storage Supply Voltage (V) Symmetry TTL/CMOS "0" Level (VOL) "1" Level (VOH) Rise & Fall Times (ns) Start Up Time (ms) -40oC to +85oC -40oC to +85oC +5.0V 5% 40/60 0.5 max. 3.5 min. 10 max. <10 10ppm (Inclusive of Calibration, Temperature, Voltage, Load and 10yrs. Aging) 1ppm 3ppm 1ppm K1610T 1 to 30 < 20 (For Custom Deviation Range, Vc Range, etc. - Consult Factory) 5 min. PA R T N U M B E R I N G G U I D E K1610T - Specify Frequency 2553 N. Edgington Street, Franklin Park, IL 60131 Phone: 847.451.1000 Fax: 847.451.7585 800-888-1499 or www.champtech.com 1 K1610T Series 5V Temperature Compensated Crystal Oscillators PIN 1 7 8 14 FUNCTION N/C Gnd/ & Case Gnd Output + VCC TEST CIRCUIT DIAGRAM MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS TEST METHODS Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test REFERENCE PROCEDURES MIL-STD-833, Mtd 1010, Cond. B MIL-STD-883, Mtd 2002, Cond. B MIL-STD 883, Mtd 2007, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. B MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1 DESCRIPTION -55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 1500 g's 20-2000 Hz; 0.06 inch; 15g's; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He MIL-STD-202, Mtd 210A, Cond. C 260C; 10 seconds: 1 inch/sec. MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents 125C, powered, 1000 hours minimum Phone: 847.451.1000 Fax: 847.451.7585 2553 N. Edgington Street, Franklin Park, IL 60131 800-888-1499 or www.champtech.com 2 |
Price & Availability of K1610T |