Part Number Hot Search : 
471MC 2SB17101 79L12 471MC RF160 TS120STR 1N4057 471MC
Product Description
Full Text Search
 

To Download IXGA15N120C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGBT
Lightspeed Series
IXGA 15N120C IXGP 15N120C
VCES IC25 VCE(sat)
tfi(typ)
=1200 V = 30 A = 3.8 V = 115 ns
Symbol
www..com V
CES
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 M Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 10 Clamped inductive load TC = 25C
Maximum Ratings 1200 1200 20 30 30 15 60 ICM = 40 @ 0.8 VCES 150 -55 ... +150 150 -55 ... +150 300 W C C C C Features V V V V A A A A
G E C (TAB)
G CE
VCGR VGES VGEM IC25 IC90 ICM SSOA (RBSOA) PC TJ TJM Tstg
TO-220AB (IXGP)
TO-263 AA (IXGA)
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s Md Weight Mounting torque with screw M3 Mounting torque with screw M3.5 TO-220 TO-263
0.45/4 Nm/lb.in. 0.55/5 Nm/lb.in. 4 2 g g
* International
standard packages
* * MOS Gate turn-on
- drive simplicity Applications
JEDEC TO-220AB and TO-263AA Low switching losses
Symbol Test Conditions (TJ = 25C, unless otherwise specified) BVCES VGE(th) ICES IC = 250 A, VGE = 0 V IC = 250 A, VCE = VGE VCE = VCES VGE = 0 V IGES VCE(sat) VCE = 0 V, VGE = 20 V IC = ICE90, VGE = 15
Min. 1200 2.5 TJ = 25C TJ = 125C
Characteristic Values Typ. Max. V 5.0 100 3.5 100 3.8 V A mA nA V V
* * * * *
AC motor speed control DC servo and robot drives DC choppers Uninterruptible power supplies (UPS) Switch-mode and resonant-mode power supplies
Advantages
* * *
Easy to mount with one screw Reduces assembly time and cost High power density
TJ = 125C
(c) 2003 IXYS All rights reserved
3.0
DS98632A(01/03)
IXGA 15N120C IXGP 15N120C
Symbol Test Conditions (TJ = 25C, unless otherwise specified) gfs Cies Coes Cres Qg Qge
www..com
Characteristic Values Min. Typ. Max. 12 15 1720 S pF pF pF nC nC nC ns ns 200 190 1.6 ns ns mJ ns ns mJ ns ns mJ 0.83 K/W K/W
TO-220 AB Dimensions
IC = IC90; VCE = 10 V, Pulse test, t 300 s, duty cycle 2 % VCE = 25 V, VGE = 0 V, f = 1 MHz
95 35 69
IC = IC90, VGE = 15 V, VCE = 0.5 VCES Inductive load, TJ = 25C IC = IC90, VGE = 15 V VCE = 960 V, RG = Roff = 10 Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC90, VGE = 15 V VCE = 960 V, RG = Roff = 10 Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG TO-220
13 26 25 15 150 115 1.05 25 18 0.60 220 250 2.1
Qgc
td(on) tri td(off) tfi Eoff td(on) tri Eon td(off) tfi Eoff RthJC RthCK
Pins: 1 - Gate 3 - Emitter
2 - Collector 4 - Collector Bottom Side
0.5
TO-263 AA Outline
1. 2. 3. 4.
Gate Collector Emitter Collector Bottom Side
Dim.
Min. Recommended Footprint (Dimensions in inches and mm)
Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 7.11 9.65 6.86 2.54 14.61 2.29 1.02 1.27 0 0.46 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.13 10.29 8.13 BSC 15.88 2.79 1.40 1.78 0.38 0.74
Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .280 .380 .270 .100 .575 .090 .040 .050 0 .018 .190 .110 .039 .055 .029 .055 .380 .320 .405 .320 BSC .625 .110 .055 .070 .015 .029
A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1


▲Up To Search▲   

 
Price & Availability of IXGA15N120C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X